Part Number Hot Search : 
0J226 SPB02N60 TBU608G LC822152 EPR1511S 1609040 2SC52 MBJ5333
Product Description
Full Text Search
 

To Download 0459703183 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0459703183 status: active overview: searay description: 1.27mm (.050") x 1.27mm (.050") pitch searay* plug, 240 circuits, 2.00mm (.078") unmated height, 8 rows documents: 3d model product specification ps-45970-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-45970-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 45970 application board-to-board overview searay product name searay* physical breakaway no circuits (loaded) 240 circuits (maximum) 240 circuits detail 240 color - resin black durability (mating cycles max) 100 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part none lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic number of rows 8 orientation vertical pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to mating part yes polarized to pcb yes series image - reference only eu rohs china rohs not rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 45970 series mates with 45971 searay* receptacle
robotic placement pick and place cap shrouded no stackable no surface mount compatible (smc) yes temperature range - operating -55c to +125c termination interface: style surface mount electrical current - maximum per contact 2.7a voltage - maximum 240v ac solder process data duration at max. process temperature (seconds) 3 lead-free process capability reflow capable (smt only) max. cycles at max. process temperature 1 process temperature max. c 230 replacement rohs compliant part number 0459703181 material info reference - drawing numbers application specification as-45970-001, as-45970-002, as-45970-990 packaging specification pk-45970-001 product specification ps-45970-001, ps-45970-002 sales drawing sd-45970-001 test summary ts-45970-001 *searay is a trademark of samtec, inc. this document was generated on 05/25/2010 please check www.molex.com for latest part information











▲Up To Search▲   

 
Price & Availability of 0459703183

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X