Part Number Hot Search : 
CDRH4D 2SC4758 SI4112G 176HDS0 CSP1027 M29F002 2SC4758 UPA826TC
Product Description
Full Text Search
 

To Download YL001U2A2A1N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c&k yl series 4 & 6 tumbler camlocks mC9 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com m switchlock features/benefits ? cost-effective security t ypical applications ? office furniture ? copy machines specifications indexing: 90o 2 positions note: for the latest information regarding rohs compliance, please go to: www.ittcannon.com/rohs. note: specifications and materials listed above are for camlocks with standard options. for information on specific and custom camlocks, consult customer service center. build-a-switch t o or der , simply select desir ed option fr om each category and place in the appropriate box. available options are shown and described on pages mC0 and m?C. for additional options not shown in catalog, consult customer service center. switch function yl001u sp, 90oindex, keypull pos. 1 & 2 keying 2 t wo nickel pla ted brass keys (4 tumbler) or two chrome plated keys (6 tumbler) lock finish 2 stainless steel facing mounting/lock style n with nut cam a1 1" long lock type a 4 tumbler single bitted lock v 6 tumbler tubular lock materials lock: zinc alloy with stainless steel facing. (4 tumbler single bitted locks and 6 tumbler tubular lock). keys: two nickel plated brass keys with code number. (4 tumbler).t wo die cast chrome plated zinc alloy keys, std. (6 tumbler). cam: steel, nickel or bright zinc plated. mounting nut: zinc alloy or steel, nickel or bright zinc plated. mounting clip: steel, nickel or bright zinc plated.
m switchlock mC0 dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com keying lock type a126 .798 (20,26) 1.635 (41,52) (4 tumbler) .775 (19,68) nickel plated brass key key part number: 115140126 1.289 (32,74) .902 (22,91) .871 (22,12) code number on opposite side of key. chrome pla ted zinc alloy key k ey p a rt num ber : 3 63c1aaaa 3/4-24 uns thd. mtg. nut included 3/4-24 uns thd. mtg. nut included 3/4-24 uns thd. mtg. nut included par t nu mber sho wn: yl00132a2a1n 3/4-24 uns thd. mtg. nut included key code marked this side. logo on opposite side. par t number sho wn: yl00132v2a1n = detent position ( 90 o ) = key pull possible in these positions. = stop po sitions legend v 6 tumbler tubular lock a 4 tumbler single bitted lock note: all orders keyed alike, standard. for more than one key code, master keying r eplacement keys, or other special featur es, consult customer service center . key head shape subject to change. no yes 2 nickel plated brass keys (4 tumbler) or two die-cast chrome pla ted zinc alloy keys (6 tumbler). 2 code no. on lock code no. on key key options option code 4 tumbler 6 tumbler 90o positions 1 & 2 yl001u indexing lock configuration key pull positions model no. pos. 1 pos. 2 c&k yl series 4 & 6 tumbler camlocks lock function
dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com m switchlock m-51 c&k yl series 4 & 6 tumbler camlocks lock finish cam mounting/lock style available hardware .125 thk. (3,18) ? 1.010?? ? (25, 6 5) .8 7 5 (22,23) 3 /4C 2 4 uns nu t par t num ber: 1 75050 700 panel mounting .760 dia. (19,30 ) .640 (16,26) n with nut 2 stainless steel facing a1 1" .195 (4,95) max. with nut n p anel thickness mounting style option code available with v lock type only . note: other cam lengths and styles available, consult customer service center. key code: a126 4 tumbler part no. (one key) 115140126 material: brass finish: nickel plate key code: aaaa part no. (one key) 363c1aaaa material: zinc alloy finish: chr ome plate


▲Up To Search▲   

 
Price & Availability of YL001U2A2A1N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X