Part Number Hot Search : 
73F05 BC556 STU405D OM6019SA TDA8174W APT20M SH8J65TB 63X11
Product Description
Full Text Search
 

To Download SP-100-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification sp-100-3.3 sp-100-5 sp-100-7.5 sp-100-12 sp-100-13.5 sp- 100-15 sp-100-24 sp-100-27 sp-100-48 model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise, hold time voltage range frequency range power factor efficiency (typ.) input inrush current (max.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing over load over voltage remote control(option) function ac current 3.3v 5v 7.5v 12v 13.5v 15v 24v 27v 48v 20a 20a 13.5a 8.5a 7.5a 6.7a 4.2a 3.8a 2.1a 0 ~ 20a 0 ~ 20a 0 ~ 13.5a 0 ~ 8.5a 0 ~ 7.5a 0 ~ 6.7a 0 ~ 4.2a 0 ~ 3.8a 0 ~ 2.1a 66w 100w 101.25w 102w 101.25w 100.5w 100.8w 102.6w 100.8w 100mvp-p 100mvp-p 100mvp-p 100mvp-p 100mvp-p 100mvp-p 150 mvp-p 150mvp-p 250mvp-p 2.0% 2.0% 2.0% 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 1.0% 1.0% 1.0% 600ms, 30ms, 20ms at full load 85 ~ 264vac 120 ~ 370vdc 47~63hz pf>0.93/230vac pf>0.98/115vac at full load 70% 76% 78% 80% 80% 82% 84% 83% 82% 1.7a/115vac 0.8a/230vac cold start 40a/230vac <2ma / 240vac 105 ~ 150% rated output power 3.63 ~ 4.46v 5.5 ~ 6.75v 8.25 ~ 10.13v 13.2 ~ 16.2v 14.85 ~ 18.23v 16.5 ~ 20.25v 26.4 ~ 32.4v 29.7 ~ 36.45v 52.8 ~ 64.8v protection type : constant current limiting, recovers automatical ly after fault condition is removed protection type : shut down o/p voltage, re-power on to recover cn1:4 ~ 10vdc power on, <0 ~ 0.8vdc power off ul1950, tuv en60950 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11; env50204, en55024, li ght industry level, criteria a -10 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -20 ~ +85 , 10 ~ 95% rh 0.05%/ (0 ~ 50 10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes 211.3k hrs min. mil-hdbk-217f (25 ) 179*99*45mm (l*w*h) 0.6kg; 20pcs/12kg/1.17cuft 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 100w single output with pfc function s p - 1 0 0 s e r i e s universal ac input / full range built-in active pfc function, pf>0.93 protections:short circuit/over load/over voltage built-in constant current limiting circuit remote on-off control(optional) led indicator for power on 100% full load burn-in test fixed switching frequency at pfc:67khz pwm:134khz 3 years warranty features : ripple & noise (max.) note.2 voltage tolerance note.3 withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc environment safety & emc (note 4) protection emi conduction & radiation 3.14 ~ 3.63v 4.75 ~ 5.5v 7.13 ~ 8.25v 11.4 ~ 13.2v 12.8 ~ 14.9v 22.8 ~ 26.4v 25.7 ~ 2 9.7v 45.6 ~ 52.8v 14.3 ~ 16.5v
mechanical specification derating curve output derating vs input voltage case no. 915a unit:mm ambient temperature ( ) input voltage (vac) 60hz 85 100 115 135 155 230 264 load (%) load (%) ta=25 terminal pin number assignment : pin no. pin no. 1 4,5 2 3 6,7 assignment assignment ac/l ac/n fg dc output -v dc output +v 10 10 20 20 40 45 50 55 55 60 60 70 (horizontal) (vertical) 20 40 60 80 100 -10 -10 0 0 remote on/off(cn1):jst s2b-xh or equivalent(optional) pin no. 1 2 assignment mating housing jst xhp or equivalent terminal jst sxh-001t-p0.6 or equivalent rc+ rc- 90 100 80 70 60 50 40 sp-100-12~48 sp-100-3.3~7.5 (with 18cfm fan) sp-100-3.3 sp-100-5 sp-100-7.5 117 123 65 38 51 179 142 25 25 20 25 8 9.5 r.c. +v adj. 60 5-m3 l=3mm 4 1 2 3 5 6 7 2-m4 l=5mm 25 led cn1 1 2 49.5 10 99 119 12.5 3-m4 l=6mm 45 25 15 16 79 3 .5 100w single output with pfc function s p - 1 0 0 s e r i e s


▲Up To Search▲   

 
Price & Availability of SP-100-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X