Part Number Hot Search : 
PST3148 5KE100A 26F004 WP7113 ISL28474 PTB200 H5TQ1 ML4335
Product Description
Full Text Search
 

To Download PDU-G106B-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features description applications ? 320nm uvb response ? visible & nir blind ? photovoltaic operation ? high shunt resistance symbol parameter min max units v br reverse voltage 5 v t stg storage temperature -40 +90 c t o operating temperature -30 +85 c t s soldering temperature* +260 c symbol characteristic test conditions min typ max units i sc short circuit current uvi = 1 1 na i d dark current v r = 1v 50 100 a r sh shunt resistance v r = 10 mv 0.45 1 g w c j junction capacitance v r = 0v, f = 1 mhz 24 pf l range spectral application range spot scan 200 320 nm r responsivity l = 350nm v, v r = 0 v 0.10 a/w v br breakdown voltage i = 1 a 10 v t r response time** rl = 1k ? , v r = 1v 10 15 ns spectral response 0.0000 0.0001 0.0010 0.0100 0.1000 1.0000 230 240 250 260 270 280 290 300 310 320 330 340 350 360 370 380 390 400 wavelength (nm) responsivity (a/w) uv enhanced gan detectors PDU-G106B-SM the PDU-G106B-SM is a gan uv photodiode with a spectral range from 200nm to 320nm and is ideal for uvb sensing applications available in an smd package. ? uvb power meters ? sun dosimeters ? uv epoxy curing ? u v in st r u m e n tat i o n * 1/16 inch from case for 3 seconds max. electro - optical characteristics rating (ta) = 2 3 c unless otherwise noted **response time of 10% to 90% is specified at 660nm wavelength light. information in this technical datasheet is believed to be correct and reliable. however, no responsibility is assumed for possi ble inaccuracies or omission. specifications are subject to change without notice. advanced photonix inc. 1240 avenida acaso, camar illo ca 93012 ? phone (805) 987-0146 ? fax (805) 484-9935 ? www.advancedphotonix.com rev 3/30/06 absolute maximum rating (ta) = 2 3 c unless otherwise noted .0126 [0.320] .0134 [0.340] .016 [0.40] sq [3.20] .138 .110 [2.80] .032 [0.80] 45 [2.40] .020 [0.50] .095 [2.43] .034 [0.85] .058 [1.48] .075 [1.90] .083 [2.10] .032 [0.80] ?.039 [?1.00] ?.095 .126 [3.50] .091 [2.30] .067 [1.70] .051 [1.30] .169 [4.30] suggested pad layout quartz window cathode anode chip package dimensions inch [mm] smd package


▲Up To Search▲   

 
Price & Availability of PDU-G106B-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X