Part Number Hot Search : 
FR350 HD6417 HD6417 G4PSH71K BCM43 LM3842A HD6417 JANTX
Product Description
Full Text Search
 

To Download MPSA56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  utc mpsa06/56 amplifier transistor utc unisonic technologies co., ltd. 1 qw-r201-035,a npn mpsa06 pnp MPSA56 features *collector-emitter voltage: v ceo =80v *collector dissipation: p d =625mw to-92 1 1: emitter 2: base 3: collector absolute maximum ratings (t a =25 c, unless otherwise specified) parameter symbol rating unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 80 v emitter-base voltage v ebo 4 v collector current - continuous ic 500 ma total device dissipation, @t a =25 c derate above 25 c p d 625 5 mw mw/ c total device dissipation, @t c =25 c derate above 25 c p d 1500 12 mw mw/ c junction temperature t j -55 ~ +150 c storage temperature t stg -55 ~ +150 c thermal characteristics parameter symbol max unit thermal resistance, junction to ambient r ja (note) 200 c/w thermal resistance, junction to case r jc 83.3 c/w note: r ja is measured with the device soldered into a typical printed circuit board. electrical characteristics (ta=25 c, unless otherwise specified) parameter symbol test conditions min typ max unit off characteristics collector-emitter breakdown voltage (note 1) v (br)ceo i c =1.0ma, i b =0 80 v emitter-base breakdown voltage v (br)ebo i e =100 a, ic=0 4 v collector cutoff current i ces v ce =60v, i b =0 0.1 a collector cutoff current i cbo v cb =80v, i e =0 0.1 a
utc mpsa06/56 amplifier transistor utc unisonic technologies co., ltd. 2 qw-r201-035,a parameter symbol test conditions min typ max unit on characteristics dc current gain h fe i c =10ma, v ce =1v i c =100ma, v ce =1v 100 100 collector-emitter saturation voltage v ce(sat) i c =100ma, i b =10ma 0.25 v base-emitter on voltage v be(on) i c =100ma, v ce =1v 1.2 v small-signal characteristics current gain bandwidth product (note 2) f t mpsa06: i c =10ma, v ce =2v, f=100mhz MPSA56: i c =100ma, v ce =1v, f=100mhz 100 50 mhz mhz note 1: pulse test: pw<=300 s, duty cycle<=2% note 2: f t is defined as the frequency at which ihfei extrapolates to unity. switching time test circuits figure 1 (note: total shunt capacitance of test jig and connectors for pnp test circuits, reverse all voltage polarities.) mpsa06 MPSA56 current-gain bandwidth product figure 2 figure 3
utc mpsa06/56 amplifier transistor utc unisonic technologies co., ltd. 3 qw-r201-035,a mpsa06 MPSA56 capacitance figure 4 figure 5 switching time figure 6 figure 7 active-region saf e operating area figure 8 figure 9
utc mpsa06/56 amplifier transistor utc unisonic technologies co., ltd. 4 qw-r201-035,a mpsa06 MPSA56 dc current gain figure 10 figure 11 ?on? voltages figure 12 figure 13 collector saturation region figure 14 figure 15
utc mpsa06/56 amplifier transistor utc unisonic technologies co., ltd. 5 qw-r201-035,a mpsa06 MPSA56 base-emitter temperature coefficient figure 16 figure 17 thermal response figure 18 utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of MPSA56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X