Part Number Hot Search : 
SMA91 MIC2930 74HC163 S1ANM 00DT1 68710 PQ15RF21 68710
Product Description
Full Text Search
 

To Download MCT2EX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isocom components ltd unit 25b, park view road west, park v iew industrial estate, brenda road hartlepool, cleveland, ts25 1yd tel: (01429) 863609 fax :(01429) 863581 12/2/03 db92279m-aas/a2 option g 7.62 0.26 0.5 dimensions in mm sur face mount option sm 10.16 7.0 6.0 1.2 7.62 3.0 13 max 3.35 4.0 3.0 2.54 0.26 7.62 6.62 0.5 mct2x, MCT2EX mct2, mct2e 1 3 4 6 2 5 absolute maximum r atings (25c unless otherwise specified) storage temperature -55c to + 150c operating temperature -55c to + 100c lead soldering temperature (1/16 inch (1.6mm) from case for 10 secs) 260c input diode forward current 60ma reverse v oltage 6v power dissipation 105mw output transistor collector-emitter v oltage bv ceo 30v collector-base v oltage bv cbo 70v emitter-collector v oltage bv eco 6v power dissipation 160mw power dissi pa tion total power dissipation 200mw (derate linearly 2.67mw/ c above 25c) appro vals ll ul recognised, file no. e91231 'x' specific ation appro vals l vde 0884 in 3 available lead form : - - std - g form - smd approved to cecc 00802 ll certified to en60950 by the following test bodies :- nemko - certificate no. p01102465 fimko - certificate no. fi18162 semko - reference no. 0202041/01-25 demko - certificate no. 311161-01 ll bsi approved - cetificate no. 8001 description the mct2 series of optically coupled isolators consist of infrared light emitting diode and npn silicon photo transistor in a standard 6 pin dual in line plastic package. fe atures l options :- 10mm lead spread - add g after part no. surface mount - add sm after part no. tape&reel - add smt&r after part no. l high isolation v oltage (5.3kv rms ,7.5kv pk ) l all electrical parameters 100% tested l custom electrical selections available applic ations l dc motor controllers l industrial systems controllers l measuring instruments l signal transmission between systems of different potentials and impedances 10.46 9.86 0.6 0.1 1.25 0.75 optical ly coupled isol ator phototransistor output
db92279m-aas/a2 parameter min typ max units test condition input forward voltage (v f ) 1.2 1.5 v i f = 10ma reverse current (i r ) 10 m a v r = 6v output collector-emitter breakdown (bv ceo ) 30 v i c = 1ma ( note 2 ) collector-base breakdown (bv cbo ) 70 v i c = 100 m a emitter-collector breakdown (bv eco ) 6 v i e = 100 m a collector-emitter dark current (i ceo ) 50 na v ce = 10v collector-base dark current (i cbo ) 20 na v ce = 10v coupled current transfer ratio (ctr) mct2 20 % 10ma i f , 10v v ce mct2e 50 % 10ma i f , 10v v ce collector-emitter saturation voltagev ce(sat) 0.4 v 16ma i f , 2ma i c input to output isolation voltage v iso 5300 v rms see note 1 7500 v pk see note 1 input-output isolation resistance r iso 5x10 10 w v io = 500v (note 1) turn-on time ton 3 m s v cc = 10v , fig 1 turn-off time toff 3 m s i c = 2ma, r l = 100 w note 1 measured with input leads shorted together and output leads shorted together. note 2 special selections are available on request. please consult the factory. 12/2/03 electrical characteristics ( t a = 25c unless otherwise noted ) output output r l = 100 w input 10% 90% 90% 10% t on t r fig 1 v cc t off t f
db92279m-aas/a2 12/2/03 50 ambient temperature t a ( c ) 150 0 200 ambient temperature t a ( c ) collector power dissipation p c (mw) 60 30 20 10 40 50 -30 0 25 50 75 100 125 collector power dissipation vs. ambient temperature forward current vs. ambient temperature 100 forward current i f (ma) 70 80 -30 0 25 50 75 100 125 0 0.5 1.0 1.5 i f = 10ma v ce = 10v relative current transfer ratio vs. ambient temperature relative current transfer ratio ambient temperature t a ( c ) -30 0 25 50 75 100 1 2 5 10 20 50 0 0.4 0.6 0.8 1.0 1.2 0.2 1.4 v ce = 10v t a = 25c relative current transfer ratio relative current transfer ratio vs. forward current forward current i f (ma) 1 2 5 10 20 50 0 1.2 1.6 2.0 2.4 2.8 v ce = 0.4v t a = 25c relative current transfer ratio relative current transfer ratio vs. forward current forward current i f (ma) 0.8 0.4 -30 0 25 50 75 100 collector-emitter saturation voltage v ce(sat) (v) collector-emitter saturation voltage vs. ambient temperature 0 0.04 0.08 0.12 0.16 0.20 0.24 0.28 i f = 16ma i c = 2ma ambient temperature t a ( c )


▲Up To Search▲   

 
Price & Availability of MCT2EX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X