Part Number Hot Search : 
B2409 QT60320 KBU600 2750060 TFI02 SCD14L C4521 Z25LA821
Product Description
Full Text Search
 

To Download MBRB10H100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ?plastic package has underwriters laboratory flammability classification 94v-0 ?dual rectifier construction, positive center tap ?metal silicon junction, majority carrier conduction ?low power loss, high efficiency ?guardring for overvoltage protection ?for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications rev. voltage 90 to 100v forward current 10a 0.08 (2.032) 0.24 (6.096) 0.42 (10.66) 0.63 (17.02) 0.12 (3.05) 0.33 (8.38) mounting pad layout to-263ab dimensions in inches and (millimeters) mechanical data case: jedec to-220ab, ito-220ab & to-263ab molded plastic body terminals: plated leads, solderable per mil-std-750, method 2026 high temperature soldering guaranteed: 250 c/10 seconds, 0.25" (6.35mm) from case polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08oz., 2.24g 0.380 (9.65) 0.411 (10.45) 0.320 (8.13) 0.360 (9.14) 0.591 (15.00) 0.624 (15.85) 1 2 0.245 (6.22) min k k 0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40) 0.014 (0.36) 0.021 (0.53) 0.110 (2.79) 0.140 (3.56) 0.090 (2.29) 0.110 (2.79) 0.047 (1.19) 0.055 (1.40) pin 1 pin 2 k - heatsink 0-0.01 (0-0.254) 0.027 (0.686) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) 1 3 pin 2 0.060 (1.52) 0.405 (10.27) 0.383 (9.72) 0.191 (4.85) 0.171 (4.35) 0.600 (15.5) 0.580 (14.5) 0.560 (14.22) 0.530 (13.46) 0.037 (0.94) 0.027 (0.69) 0.140 (3.56) 0.130 (3.30) 0.350 (8.89) 0.330 (8.38) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.131 (3.39) 0.122 (3.08) 0.110 (2.80) 0.100 (2.54) 0.022 (0.55) 0.014 (0.36) dia. dia. 0.676 (17.2) 0.646 (16.4) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) pin 2 pin 1 pin 3 ito-220ab (mbrf10h90ct, mbrf10h100ct) to-220ab (mbr10h90ct, mbr10h100ct) to-263ab (mbrb10h90ct, MBRB10H100CT) 123 pin 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) case 1.148 (29.16) 1.118 (28.40) pin 2 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.160 (4.06) 0.140 (3.56) 0.410 (10.41) 0.390 (9.91) 0.635 (16.13) 0.625 (15.87) 0.415 (10.54) max. 0.370 (9.40) 0.360 (9.14) pin 1 pin 3 0.028 (0.70) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) mbr10h100ct, mbrf10h100ct & MBRB10H100CT series vishay semiconductor new product dual high-voltage schottky rectifiers document number 88668 www.vishay.com 24-apr-03 1
maximum ratings (t c = 25 c unless otherwise noted) parameter symbol mbr10h90ct mbr10h100ct unit maximum repetitive peak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current total device 10 at t c = 105 c per leg i f(av) 5 a peak forward surge current 8.3ms single half sine-wave superimposed i fsm 150 a on rated load (jedec method) per leg peak repetitive reverse current per leg at t p = 2 s, 1kh z i rrm 0.5 a voltage rate of change (rated v r ) dv/dt 10,000 v/ s operating junction and storage temperature range t j , t stg 65 to +175 c rms isolation voltage (mbrf type only) from terminals 4500 (1) to heatsink with t = 1 second, rh 30% v isol 3500 (2) v 1500 (3) electrical characteristics (t c = 25 c unless otherwise noted) parameter symbol value unit maximum instantaneous at i f = 5.0a, t j = 25 c 0.76 forward voltage per leg (4) at i f = 5.0a, t j = 125 c v f 0.61 v at i f = 10a, t j = 25 c 0.85 at i f = 10a, t j = 125 c 0.71 maximum reverse current per leg t j = 25 c 3.5 a at working peak reverse voltage (note 4) t j = 100 c i r 4.5 ma thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol mbr mbrf mbrb unit typical thermal resistance per leg r jc 2.2 4.2 2.2 o c/w notes: (1) clip mounting (on case), where lead does not overlap heatsink with 0.110 offset (2) clip mounting (on case), where leads do overlap heatsink (3) screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19 ) (4) pulse test: 300 s pulse width, 1% duty cycle ordering information product case package code package option mbr10h90ct, mbr10100ct to-220ab 45 anti-static tube, 50/tube, 2k/carton mbrf10h90ct, mbrf10100ct ito-220ab 45 anti-static tube, 50/tube, 2k/carton 31 13 reel, 800/reel, 4.8k/carton mbrb10h90ct, mbrb10100ct to-263ab 45 anti-static tube, 50/tube, 2k/carton 81 anti-static 13 reel, 800/reel, 4.8k/carton mbr10h100ct, mbrf10h100ct & MBRB10H100CT series vishay semiconductors formerly general semiconductor www.vishay.com document number 88668 2 24-apr-03
ratings and characteristic curves (t a = 25 c unless otherwise noted) 1 0.1 10 100 1000 10000 0.01 0.01 110 10 100 0.1 0.1 1 i r -- instantaneous reverse current ( a) junction capacitance (pf) 1 10 100 100 1000 0.1 10 fig. 5 ?typical junction capacitance per leg reverse voltage (v) 20 0 100 40 60 80 fig. 4 ?typical reverse characteristics per leg fig. 6 ?typical transient thermal impedance per leg t -- pulse duration (sec.) percent of rated peak reverse voltage (%) transient thermal impedance ( c/w) t j = 150 c 100 c 125 c 25 c 0 1.0 2.0 3.0 4.0 5.0 6.0 0 25 50 75 100 125 150 175 fig. 1 ?forward derating curve per leg average forward current (a) case temperature ( c) 0.1 0.3 1.1 0.5 100 10 0.1 0.01 1.0 0.7 0.9 fig. 3 ?typical instantaneous forward characteristics per leg t j = 175 c i f -- instantaneous forward current (a) t j = 25 c t j = 40 c t j = 150 c t j = 125 c 1 10 100 25 50 75 100 125 150 175 number of cycles at 60 h z peak forward surge current (a) fig. 2 ?maximum non-repetitive peak forward surge current per leg t j = 100 c t j = t j max. 8.3ms single half sine-wave (jedec method) mbr10h100ct, mbrf10h100ct & MBRB10H100CT series vishay semiconductors formerly general semiconductor document number 88668 www.vishay.com 24-apr-03 3


▲Up To Search▲   

 
Price & Availability of MBRB10H100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X