Part Number Hot Search : 
30A02CH C161S ATMEGA8 3600B BGU8004 MUN2233 B3913 ZBNG4001
Product Description
Full Text Search
 

To Download MB5010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m b 5005 thru m b 5010 50 amp single phase bridge rectifier 50 to 1000 volts m b -50 features mounting hole for #8 screw plastic case with metal bottom any mounting position surge rating of 400 amps dimensions inches mm dim min max min max note a --- 1.140 --- 29.00 b --- .452 --- 11.50 c .425 .480 10.80 12.20 d .693 .732 17.54 18.6 e .637 .677 16.20 17.20 g .188 --- 4.77 --- ? h .633 .673 16.10 17.10 j .543 .582 13.80 14.80 maximum ratings operating temperature: -50 c to +150 c storage temperature: -50 c to +150 c m cc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage m b 5005 m b 5005 50v 35v 50v m b 501 m b 501 100v 70v 100v m b 502 m b 502 200v 140v 200v m b 504 m b 504 400v 280v 400v m b 506 m b 506 600v 420v 600v m b 508 m b 508 800v 560v 800v m b 5010 m b 5010 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 50.0a t j = 55 c peak forward surge current i fsm 400a 8.3ms, half sine maximum forward voltage drop per element v f 1.2v i fm = 2 5 a per element; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 m a 0.5ma t j = 25 c t j = 100 c *pulse test: pulse width 300 m sec, duty cycle 1% b c e ac + - a ac g h a d j www. mccsemi .com         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc
m b 5005 thru m b 5010 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 150 175 0 0 10 20 30 single phase, half wave 60hz resistive or inductive load amps c 75 40 50 60 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2 typical reverse characteristics volts .4 .6 2 1 m amps 20 120 40 60 80 100 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 t j =25 c 1 100 4 0 100 200 300 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 00 400 500 600 www. mccsemi .com mcc


▲Up To Search▲   

 
Price & Availability of MB5010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X