Part Number Hot Search : 
FARM2C22 PYQ2898 71M65 STK4234 L6416 STK4234 12MTB100 01900
Product Description
Full Text Search
 

To Download LT1167ACN8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 lt1167 single resistor gain programmable, precision instrumentation amplifier gain nonlinearity the lt ? 1167 is a low power, precision instrumentation amplifier that requires only one external resistor to set gains of 1 to 10,000. the low voltage noise of 7.5nv/ ? hz (at 1khz) is not compromised by low power dissipation (0.9ma typical for 2.3v to 15v supplies). the high accuracy of 10ppm maximum nonlinearity and 0.08% max gain error (g = 10) is not degraded even for load resistors as low as 2k (previous monolithic instrumentation amps used 10k for their nonlinearity specifications). the lt1167 is laser trimmed for very low input offset voltage (40 m v max), drift (0.3 m v/ c), high cmrr (90db, g = 1) and psrr (105db, g = 1). low input bias currents of 350pa max are achieved with the use of superbeta processing. the output can handle capacitive loads up to 1000pf in any gain configuration while the inputs are esd protected up to 13kv (human body). the lt1167 with two external 5k resistors passes the iec 1000-4-2 level 4 specification. the lt1167, offered in 8-pin pdip and so packages, requires significantly less pc board area than discrete multi op amp and resistor designs. these advantages make the lt1167 the most cost effective solution for precision instrumentation amplifier applications. n single gain set resistor: g = 1 to 10,000 n gain error: g = 10, 0.08% max n gain nonlinearity: g = 10, 10ppm max n input offset voltage: g = 10, 60 m v max n input offset voltage drift: 0.3 m v/ c max n input bias current: 350pa max n psrr at g = 1: 105db min n cmrr at g = 1: 90db min n supply current: 1.3ma max n wide supply range: 2.3v to 18v n 1khz voltage noise: 7.5nv/ ? hz n 0.1hz to 10hz noise: 0.28 m v p-p n available in 8-pin pdip and so packages n meets iec 1000-4-2 level 4 esd tests with two external 5k resistors features descriptio n u , ltc and lt are registered trademarks of linear technology corporation. n bridge amplifiers n strain gauge amplifiers n thermocouple amplifiers n differential to single-ended converters n medical instrumentation applicatio n s u + + + 2 1 1 1 1 2 r5 392k r4 50k r3 50k r8 100k r6 1k lt1634ccz-1.25 8 4 1/2 lt1490 3 r set 0.2% accuracy at 25 c 1.2% accuracy at 0 c to 60 c v s = 8v to 30v 5k 5k 5k 5k v s 5 4 3 2 + 7 1/2 lt1490 5 6 2 8 lucas nova senor npc-1220-015-a-3l 7 v s 6 1167 ta01 5 to 4-digit dvm 4 r2 12 lt1167 g = 60 r1 825 3 6 r7 50k volts 2.800 3.000 3.200 inches hg 28.00 30.00 32.00 typical applicatio n u single supply barometer g = 1000 r l = 1k v out = 10v 1167 ta02 output voltage (2v/div) nonlinearity (100ppm/div)
2 lt1167 absolute m axi m u m ratings w ww u order part number package/order i n for m atio n w u u s8 part marking LT1167ACN8 lt1167acs8 lt1167ain8 lt1167ais8 lt1167cn8 lt1167cs8 lt1167in8 lt1167is8 1167a 1167ai consult factory for military grade parts. 1 2 3 4 8 7 6 5 top view r g in +in ? s r g +v s output ref n8 package 8-lead pdip s8 package 8-lead plastic so + t jmax = 150 c, q ja = 130 c/ w (n8) t jmax = 150 c, q ja = 190 c/ w (s8) 1167 1167i electrical characteristics v s = 15v, v cm = 0v, t a = 25 c, r l = 2k, unless otherwise noted. lt1167ac/lt1167ai lt1167c/lt1167i symbol parameter conditions (note 7) min typ max min typ max units g gain range g = 1 + (49.4k/r g ) 1 10k 1 10k gain error g = 1 0.008 0.02 0.015 0.03 % g = 10 (note 2) 0.010 0.08 0.020 0.10 % g = 100 (note 2) 0.025 0.08 0.030 0.10 % g = 1000 (note 2) 0.040 0.10 0.040 0.10 % gain nonlinearity (note 5) v o = 10v, g = 1 1 6 1.5 10 ppm v o = 10v, g = 10 and 100 2 10 3 15 ppm v o = 10v, g = 1000 15 40 20 60 ppm v o = 10v, g = 1, r l = 600 5 12 6 15 ppm v o = 10v, g = 10 and 100, 6 15 7 20 ppm r l = 600 v o = 10v, g = 1000, 20 65 25 80 ppm r l = 600 v ost total input referred offset voltage v ost = v osi + v oso /g v osi input offset voltage g = 1000, v s = 5v to 15v 15 40 20 60 m v v oso output offset voltage g = 1, v s = 5v to 15v 40 200 50 300 m v i os input offset current 90 320 100 450 pa i b input bias current 50 350 80 500 pa e n input noise voltage, rti 0.1hz to 10hz, g = 1 2.00 2.00 m v p-p 0.1hz to 10hz, g = 10 0.50 0.50 m v p-p 0.1hz to 10hz, g = 100 and 1000 0.28 0.28 m v p-p total rti noise = ? e ni 2 + (e no /g) 2 e ni input noise voltage density, rti f o = 1khz 7.5 12 7.5 12 nv/ ? hz e no output noise voltage density, rti f o = 1khz (note 3) 67 90 67 90 nv/ ? hz (note 1) supply voltage ...................................................... 20v differential input voltage (within the supply voltage) ..................................................... 40v input voltage (equal to supply voltage) ................ 20v input current (note 3) ........................................ 20ma output short-circuit duration .......................... indefinite operating temperature range ................ C 40 c to 85 c specified temperature range lt1167ac/lt1167c (note 4) .................. 0 c to 70 c lt1167ai/lt1167i ............................. C 40 c to 85 c storage temperature range ................. C 65 c to 150 c lead temperature (soldering, 10 sec).................. 300 c
3 lt1167 lt1167ac/lt1167ai lt1167c/lt1167i symbol parameter conditions (note 7) min typ max min typ max units i n input noise current f o = 0.1hz to 10hz 10 10 pa p-p input noise current density f o = 10hz 124 124 fa/ ? hz r in input resistance v in = 10v 200 1000 200 1000 g w c in(diff) differential input capacitance f o = 100khz 1.6 1.6 pf c in(cm) common mode input f o = 100khz 1.6 1.6 pf capacitance v cm input voltage range g = 1, other input grounded v s = 2.3v to 5v C v s + 1.9 + v s C 1.2 C v s + 1.9 + v s C 1.2 v v s = 5v to 18v C v s + 1.9 + v s C 1.4 C v s + 1.9 + v s C 1.4 v cmrr common mode 1k source imbalance, rejection ratio v cm = 0v to 10v g = 1 90 95 85 95 db g = 10 106 115 100 115 db g = 100 120 125 110 125 db g = 1000 126 140 120 140 db psrr power supply v s = 2.3 to 18v rejection ratio g = 1 105 120 100 120 db g = 10 125 135 120 135 db g = 100 131 140 126 140 db g = 1000 135 150 130 150 db i s supply current v s = 2.3v to 18v 0.9 1.3 0.9 1.3 ma v out output voltage swing r l = 10k v s = 2.3v to 5v C v s + 1.1 + v s C 1.2 C v s + 1.1 + v s C 1.2 v v s = 5v to 18v C v s + 1.2 + v s C 1.3 C v s + 1.2 + v s C 1.3 v i out output current 20 27 20 27 ma bw bandwidth g = 1 1000 1000 khz g = 10 800 800 khz g = 100 120 120 khz g = 1000 12 12 khz sr slew rate g = 1, v out = 10v 0.75 1.2 0.75 1.2 v/ m s settling time to 0.01% 10v step g = 1 to 100 14 14 m s g = 1000 130 130 m s r refin reference input resistance 20 20 k w i refin reference input current v ref = 0v 50 50 m a v ref reference voltage range C v s + 1.6 + v s C 1.6 C v s + 1.6 + v s C 1.6 v a vref reference gain to output 1 0.0001 1 0.0001 electrical characteristics v s = 15v, v cm = 0v, t a = 25 c, r l = 2k, unless otherwise noted.
4 lt1167 electrical characteristics v s = 15v, v cm = 0v, 0 c t a 70 c, r l = 2k, unless otherwise noted. lt1167ac lt1167c symbol parameter conditions (note 7) min typ max min typ max units gain error g = 1 l 0.01 0.03 0.012 0.04 % g = 10 (note 2) l 0.08 0.30 0.100 0.33 % g = 100 (note 2) l 0.09 0.30 0.120 0.33 % g = 1000 (note 2) l 0.14 0.33 0.140 0.35 % gain nonlinearity v out = 10v, g = 1 l 1.5 10 2 15 ppm v out = 10v, g = 10 and 100 l 3 15 4 20 ppm v out = 10v, g = 1000 l 20 60 25 80 ppm g/t gain vs temperature g < 1000 (note 2) l 20 50 20 50 ppm/ c v ost total input referred v ost = v osi + v oso /g offset voltage v osi input offset voltage v s = 5v to 15v l 18 60 23 80 m v v osih input offset voltage hysteresis (notes 3, 6) 3.0 3.0 m v v oso output offset voltage v s = 5v to 15v l 60 380 70 500 m v v osoh output offset voltage hysteresis (notes 3, 6) 30 30 m v v osi /t input offset drift (rti) (note 3) l 0.05 0.3 0.06 0.4 m v/ c v oso /t output offset drift (note 3) l 0.7 3 0.8 4 m v/ c i os input offset current l 100 400 120 550 pa i os /t input offset current drift l 0.3 0.4 pa/ c i b input bias current l 75 450 105 600 pa i b /t input bias current drift l 0.4 0.4 pa/ c v cm input voltage range g = 1, other input grounded v s = 2.3v to 5v l Cv s + 2.1 + v s C 1.3 C v s + 2.1 + v s C 1.3 v v s = 5v to 18v l Cv s + 2.1 + v s C 1.4 C v s + 2.1 + v s C 1.4 v cmrr common mode 1k source imbalance, rejection ratio v cm = 0v to 10v g = 1 l 88 92 83 92 db g = 10 l 100 110 97 110 db g = 100 l 115 120 113 120 db g = 1000 l 117 135 114 135 db psrr power supply rejection ratio v s = 2.3v to 18v g = 1 l 103 115 98 115 db g = 10 l 123 130 118 130 db g = 100 l 127 135 124 135 db g = 1000 l 129 145 126 145 db i s supply current v s = 2.3v to 18v l 1.0 1.5 1.0 1.5 ma v out output voltage swing r l = 10k v s = 2.3v to 5v l Cv s + 1.4 + v s C 1.3 C v s + 1.4 + v s C1.3 v v s = 5v to 18v l Cv s + 1.6 + v s C 1.5 C v s + 1.6 + v s C 1.5 v i out output current l 16 21 16 21 ma sr slew rate g = 1, v out = 10v l 0.65 1.1 0.65 1.1 v/ m s v ref ref voltage range (note 3) l Cv s + 1.6 + v s C 1.6 C v s + 1.6 + v s C 1.6 v
5 lt1167 electrical characteristics v s = 15v, v cm = 0v, C 40 c t a 85 c, r l = 2k, unless otherwise noted. (note 4) lt1167ai lt1167i symbol parameter conditions (note 7) min typ max min typ max units gain error g = 1 l 0.014 0.04 0.015 0.05 % g = 10 (note 2) l 0.130 0.40 0.140 0.42 % g = 100 (note 2) l 0.140 0.40 0.150 0.42 % g = 1000 (note 2) l 0.160 0.40 0.180 0.45 % g n gain nonlinearity (notes 2, 4) v o = 10v, g = 1 l 2 15 3 20 ppm v o = 10v, g = 10 and 100 l 5 20 6 30 ppm v o = 10v, g = 1000 l 26 70 30 100 ppm g/t gain vs temperature g < 1000 (note 2) l 20 50 20 50 ppm/ c v ost total input referred v ost = v osi + v oso /g offset voltage v osi input offset voltage l 20 75 25 100 m v v osih input offset voltage hysteresis (notes 3, 6) 3.0 3.0 m v v oso output offset voltage l 180 500 200 600 m v v osoh output offset voltage hysteresis (notes 3, 6) 30 30 m v v osi /t input offset drift (rti) (note 3) l 0.05 0.3 0.06 0.4 m v/ c v oso /t output offset drift (note 3) l 0.8 5 1 6 m v/ c i os input offset current l 110 550 120 700 pa i os /t input offset current drift l 0.3 0.3 pa/ c i b input bias current l 180 600 220 800 pa i b /t input bias current drift l 0.5 0.6 pa/ c v cm input voltage range v s = 2.3v to 5v l Cv s + 2.1 + v s C 1.3 C v s + 2.1 +v s C 1.3 v v s = 5v to 18v l Cv s + 2.1 + v s C 1.4 C v s + 2.1 + v s C 1.4 v cmrr common mode rejection ratio 1k source imbalance, v cm = 0v to 10v g = 1 l 86 90 81 90 db g = 10 l 98 105 95 105 db g = 100 l 114 118 112 118 db g = 1000 l 116 133 112 133 db psrr power supply rejection ratio v s = 2.3v to 18v g = 1 l 100 112 95 112 db g = 10 l 120 125 115 125 db g = 100 l 125 132 120 132 db g = 1000 l 128 140 125 140 db i s supply current l 1.1 1.6 1.1 1.6 ma v out output voltage swing v s = 2.3v to 5v l Cv s + 1.4 + v s C 1.3 C v s + 1.4 + v s C 1.3 v v s = 5v to 18v l Cv s + 1.6 + v s C 1.5 C v s + 1.6 + v s C 1.5 v i out output current l 15 20 15 20 ma sr slew rate g = 1, v out = 10v l 0.55 0.95 0.55 0.95 v/ m s v ref ref voltage range (note 3) l Cv s + 1.6 + v s C 1.6 C v s + 1.6 + v s C 1.6 v the l denotes specifications that apply over the full specified temperature range. note 1: absolute maximum ratings are those values beyond which the life of a device may be imparied. note 2: does not include the effect of the external gain resistor r g . note 3: this parameter is not 100% tested. note 4: the lt1167ac/lt1167c are designed, characterized and expected to meet the industrial temperature limits, but are not tested at C 40 c and 85 c. i-grade parts are guaranteed. note 5: this parameter is measured in a high speed automatic tester that does not measure the thermal effects with longer time constants. the magnitude of these thermal effects are dependent on the package used, heat sinking and air flow conditions. note 6: hysteresis in offset voltage is created by package stress that differs depending on whether the ic was previously at a higher or lower temperature. offset voltage hysteresis is always measured at 25 c, but the ic is cycled to 85 c i-grade (or 70 c c-grade) or C 40 c i-grade (0 c c-grade) before successive measurement. 60% of the parts will pass the typical limit on the data sheet. note 7: typical parameters are defined as the 60% of the yield parameter distribution.
6 lt1167 typical perfor a ce characteristics uw gain nonlinearity, g = 1 gain nonlinearity, g = 100 gain nonlinearity, g = 10 nonlinearity (1ppm/div) output voltage (2v/div) g = 1 r l = 2k v out = 10v 1167 g01 nonlinearity (10ppm/div) output voltage (2v/div) g = 10 r l = 2k v out = 10v 1167 g02 nonlinearity (10ppm/div) output voltage (2v/div) g = 100 r l = 2k v out = 10v 1167 g03 gain nonlinearity, g = 1000 nonlinearity (100ppm/div) output voltage (2v/div) g = 1000 r l = 2k v out = 10v 1167 g04 gain error vs temperature temperature ( c) ?0 gain error (%) 0.20 0.10 0.05 0 50 0.20 1167 g06 0.15 0 ?5 75 g = 1 25 100 0.05 0.10 0.15 v s = 15v v out = 10v r l = 2k *does not include temperature effects of r g g = 10* g = 1000* g = 100* gain nonlinearity vs temperature temperature ( c) ?0 nonlinearity (ppm) 70 25 1167 g05 40 20 ?5 0 50 10 0 80 60 50 30 75 100 150 g = 1000 g = 100 g = 1, 10 v s = 15v v out = 10v to 10v r l = 2k distribution of input offset voltage, t a = C 40 c distribution of input offset voltage, t a = 25 c distribution of input offset voltage, t a = 85 c input offset voltage ( m v) ?0 percent of units (%) 20 30 1167 g40 10 0 ?0 40 ?0 20 40 60 0 40 15 25 5 35 v s = 15v g = 1000 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts input offset voltage ( m v) 60 40 20 0 20 40 60 percent of units (%) 20 25 30 1167 g41 15 10 0 5 v s = 15v g = 1000 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts input offset voltage ( m v) ?0 percent of units (%) 20 30 1167 g42 10 0 ?0 40 ?0 20 40 60 0 40 15 25 5 35 v s = 15v g = 1000 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts
7 lt1167 typical perfor a ce characteristics uw distribution of output offset voltage, t a = 85 c warm-up drift distribution of output offset voltage drift output offset voltage ( m v) 200 150 100 50 0 50 100 150 200 percent of units (%) 20 30 1167 g44 10 0 15 25 5 v s = 15v g = 1 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts distribution of output offset voltage, t a = 25 c distribution of output offset voltage, t a = C 40 c output offset voltage ( m v) 400 300 200 100 0 100 200 300 400 percent of units (%) 20 30 1167 g43 10 0 40 15 25 5 35 v s = 15v g = 1 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts output offset voltage ( m v) 400 300 200 100 0 100 200 300 400 percent of units (%) 20 30 1167 g45 10 0 40 15 25 5 35 v s = 15v g = 1 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts time after power on (minutes) 0 10 12 s8 n8 14 34 1167 g09 8 6 12 5 4 2 0 change in offset voltage ( m v) v s = 15v t a = 25 c g = 1 output offset voltage ( m v) 0 percent of units (%) 5 10 15 20 40 012345 ? ? ? ? ? 1167 g47 30 35 25 v s = 15v t a = 40 c to 85 c g = 1 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts input offset voltage ( m v) 0.4 0 percent of units (%) 5 10 15 20 30 0.3 0.2 0.1 0 1167 g46 0.1 0.2 0.3 25 v s = 15v t a = 40 c to 85 c g = 1000 137 n8 (2 lots) 165 s8 (3 lots) 302 total parts distribution of input offset voltage drift input bias current (pa) 100 percent of units (%) 30 40 50 60 1167 g10 20 10 0 ?0 ?0 20 100 v s = 15v t a = 25 c 270 s8 122 n8 392 total parts input bias current input offset current (pa) 100 percent of units (%) 30 40 50 60 1167 g11 20 10 0 ?0 ?0 20 100 v s = 15v t a = 25 c 270 s8 122 n8 392 total parts input offset current input bias and offset current vs temperature temperature ( c) ?0 ?5 500 input bias and offset current (pa) 400 200 100 0 500 200 0 50 75 1167 g12 300 300 400 100 ?5 25 100 i os 125 v s = 15v v cm = 0v i b
8 lt1167 typical perfor a ce characteristics uw supply current vs supply voltage supply voltage ( v) 0 supply current (ma) 1.00 1.25 85 c 25 c ?0 c 20 1167 g18 0.75 0.50 5 10 15 1.50 common mode input voltage (v) ?5 input bias current (pa) 100 300 500 9 1167 g13 ?00 300 0 200 400 200 400 500 ? ? 3 ?2 12 ? 0 6 15 ?0 c 85 c 0 c 70 c 25 c input bias current vs common mode input voltage frequency (hz) 0.1 negative power supply rejection ratio (db) 60 80 100 100 10k 1167 g15 40 20 0 110 1k 120 140 160 100k g = 1000 g = 100 g = 10 g = 1 v + = 15v t a = 25 c negative power supply rejection ratio vs frequency frequency (hz) 0.1 common mode rejection ratio (db) 60 80 100 100 10k 1167 g14 40 20 0 110 1k 120 140 160 100k g = 1000 g = 100 g = 10 g = 1 v s = 15v t a = 25 c 1k source imbalance common mode rejection ratio vs frequency frequency (hz) 0.1 positive power supply rejection ratio (db) 60 80 100 100 10k 1167 g16 40 20 0 110 1k 120 140 160 100k g = 1000 g = 10 g = 1 v = 15v t a = 25 c g = 100 positive power supply rejection ratio vs frequency gain vs frequency frequency (khz) 0 gain (db) 10 30 50 60 0.01 1 10 1000 1167 g17 ?0 0.1 100 40 20 ?0 g = 1000 g = 100 g = 10 g = 1 v s = 15v t a = 25 c frequency (hz) 1 0 100 1000 10 100 1k 100k 10k 1167 g19 10 voltage noise density (nv ? hz) v s = 15v t a = 25 c 1/f corner = 10hz 1/f corner = 9hz 1/f corner = 7hz gain = 1 gain = 10 gain = 100, 1000 bw limit gain = 1000 voltage noise density vs frequency time (sec) 0 noise voltage (2 m v/div) 8 1167 g20 2 4 5 10 6 1 3 9 7 v s = 15v t a = 25 c 0.1hz to 10hz noise voltage, g = 1 0.1hz to 10hz noise voltage, rti g = 1000 time (sec) 0 noise voltage (0.2 m v/div) 8 1167 g21 2 4 5 10 6 1 3 9 7 v s = 15v t a = 25 c
9 lt1167 typical perfor a ce characteristics uw current noise density vs frequency frequency (hz) 1 10 current noise density (fa/ ? hz) 100 1000 10 100 1000 1167 g22 v s = 15v t a = 25 c r s time (sec) 0 current noise (5pa/div) 8 1167 g23 2 4 5 10 6 1 3 9 7 v s = 15v t a = 25 c 0.1hz to 10hz current noise time from output short to ground (minutes) 0 ?0 (sink) (source) output current (ma) ?0 ?0 ?0 0 50 20 1 2 1167 g24 ?0 30 40 10 3 t a = 40 c v s = 15v t a = 40 c t a = 25 c t a = 85 c t a = 85 c t a = 25 c short-circuit current vs time 5v/div 10 m s/div large-signal transient response 1167 g28 20mv/div 10 m s/div g = 1 v s = 15v r l = 2k c l = 60pf small-signal transient response 1167 g29 g = 1 v s = 15v r l = 2k c l = 60pf 5v/div 10 m s/div large-signal transient response 20mv/div 10 m s/div g = 10 v s = 15v r l = 2k c l = 60pf small-signal transient response 1167 g32 g = 10 v s = 15v r l = 2k c l = 60pf 1167 g31 overshoot vs capacitive load capacitive load (pf) 10 40 overshoot (%) 50 60 70 80 100 1000 10000 1167 g25 30 20 10 0 90 100 v s = 15v v out = 50mv r l = a v 3 100 a v = 10 a v = 1 output impedance vs frequency frequency (khz) 1 output impedance ( w ) 10 100 1000 10 100 1000 1167 g26 0.1 1 v s = 15v t a = 25 c g = 1 to 1000
10 lt1167 typical perfor a ce characteristics uw 5v/div 10 m s/div large-signal transient response 1167 g34 g = 100 v s = 15v r l = 2k c l = 60pf 20mv/div 10 m s/div g = 100 v s = 15v r l = 2k c l = 60pf small-signal transient response 1167 g35 50 m s/div small-signal transient response g = 1000 v s = 15v r l = 2k c l = 60pf 20mv/div 1167 g38 50 m s/div large-signal transient response g = 1000 v s = 15v r l = 2k c l = 60pf 5v/div 1167 g37 undistorted output swing vs frequency frequency (khz) 1 20 25 peak-to-peak output swing (v) 30 35 10 100 1000 1167 g27 15 10 5 0 g = 1 g = 10, 100, 1000 v s = 15v t a = 25 c settling time vs gain gain (db) 1 1 settling time ( m s) 10 100 1000 10 100 1000 1167 g30 v s = 15v t a = 25 c d v out = 10v 1mv = 0.01% settling time vs step size settling time ( m s) 2 output step (v) 2 6 10 10 1167 g33 ? ? 0 4 8 ? ? ?0 4 6 8 311 5 7 9 12 0v v out to 0.1% to 0.1% to 0.01% to 0.01% 0v v out v s = 15 g = 1 t a = 25 c c l = 30pf r l = 1k output voltage swing vs load current output current (ma) output voltage swing (v) (referred to supply voltage) +v s +v s ?0.5 +v s ?1.0 +v s ?1.5 +v s ?2.0 ? s + 2.0 ? s + 1.5 ? s + 1.0 ? s + 0.5 ? s 0.01 1 10 100 1167 g39 0.1 v s = 15v 85 c 25 c ?0 c source sink slew rate vs temperature temperature ( c) ?0 25 0.8 slew rate (v/ m s) 1.2 1.8 0 50 75 1167 g36 1.0 1.6 1.4 25 100 125 v s = 15v v out = 10v g = 1 + slew slew
11 lt1167 block diagra m w q1 r g 2 output 6 ref 1167 f01 5 7 + a1 + a3 vb r1 24.7k r3 400 w r4 400 w c1 1 r g 8 r7 10k r8 10k r5 10k r6 10k difference amplifier stage preamp stage +in ?n 3 + a2 vb r2 24.7k c2 v + v v v + v q2 v v + 4 v with programmed gain. therefore, the bandwidth does not drop proportional to gain. the input transistors q1 and q2 offer excellent matching, which is inherent in npn bipolar transistors, as well as picoampere input bias current due to superbeta process- ing. the collector currents in q1 and q2 are held constant due to the feedback through the q1-a1-r1 loop and q2-a2-r2 loop which in turn impresses the differential input voltage across the external gain set resistor r g . since the current that flows through r g also flows through r 1 and r2, the ratios provide a gained-up differential volt- age, g = (r1 + r2)/r g , to the unity-gain difference amplifier a3. the common mode voltage is removed by a3, result- ing in a single-ended output voltage referenced to the voltage on the ref pin. the resulting gain equation is: v out C v ref = g(v in + C v in C ) where: g = (49.4k w /r g ) + 1 solving for the gain set resistor gives: r g = 49.4k w /(g C 1) theory of operatio u the lt1167 is a modified version of the three op amp instrumentation amplifier. laser trimming and monolithic construction allow tight matching and tracking of circuit parameters over the specified temperature range. refer to the block diagram (figure 1) to understand the following circuit description. the collector currents in q1 and q2 are trimmed to minimize offset voltage drift, thus assuring a high level of performance. r1 and r2 are trimmed to an absolute value of 24.7k to assure that the gain can be set accurately (0.05% at g = 100) with only one external resistor r g . the value of r g in parallel with r1 (r2) determines the transconductance of the preamp stage. as r g is reduced for larger programmed gains, the transcon- ductance of the input preamp stage increases to that of the input transistors q1 and q2. this increases the open-loop gain when the programmed gain is increased, reducing the input referred gain related errors and noise. the input voltage noise at gains greater than 50 is determined only by q1 and q2. at lower gains the noise of the difference amplifier and preamp gain setting resistors increase the noise. the gain bandwidth product is determined by c1, c2 and the preamp transconductance which increases figure 1. block diagram
12 lt1167 input and output offset voltage the offset voltage of the lt1167 has two components: the output offset and the input offset. the total offset voltage referred to the input (rti) is found by dividing the output offset by the programmed gain (g) and adding it to the input offset. at high gains the input offset voltage domi- nates, whereas at low gains the output offset voltage dominates. the total offset voltage is: total input offset voltage (rti) = input offset + (output offset/g) total output offset voltage (rto) = (input offset ? g) + output offset reference terminal the reference terminal is one end of one of the four 10k resistors around the difference amplifier. the output volt- age of the lt1167 (pin 6) is referenced to the voltage on the reference terminal (pin 5). resistance in series with the ref pin must be minimized for best common mode rejection. for example, a 2 w resistance from the ref pin to ground will not only increase the gain error by 0.02% but will lower the cmrr to 80db. single supply operation for single supply operation, the ref pin can be at the same potential as the negative supply (pin 4) provided the output of the instrumentation amplifier remains inside the specified operating range and that one of the inputs is at least 2.5v above ground. the barometer application on the front page of this data sheet is an example that satisfies these conditions. the resistance r b from the bridge trans- ducer to ground sets the operating current for the bridge and also has the effect of raising the input common mode voltage. the output of the lt1167 is always inside the specified range since the barometric pressure rarely goes low enough to cause the output to rail (30.00 inches of hg corresponds to 3.000v). for applications that require the output to swing at or below the ref potential, the voltage on the ref pin can be level shifted. an op amp is used to buffer the voltage on the ref pin since a parasitic series resistance will degrade the cmrr. the application in the back of this data sheet, four digit pressure sensor, is an example. theory of operatio u output offset trimming the lt1167 is laser trimmed for low offset voltage so that no external offset trimming is required for most applica- tions. in the event that the offset needs to be adjusted, the circuit in figure 2 is an example of an optional offset adjust circuit. the op amp buffer provides a low impedance to the ref pin where resistance must be kept to minimum for best cmrr and lowest gain error. input bias current return path the low input bias current of the lt1167 (350pa) and the high input impedance (200g w ) allow the use of high impedance sources without introducing additional offset voltage errors, even when the full common mode range is required. however, a path must be provided for the input bias currents of both inputs when a purely differential signal is being amplified. without this path the inputs will float to either rail and exceed the input common mode range of the lt1167, resulting in a saturated input stage. figure 3 shows three examples of an input bias current path. the first example is of a purely differential signal source with a 10k w input current path to ground. since the impedance of the signal source is low, only one resistor is needed. two matching resistors are needed for higher impedance signal sources as shown in the second example. balancing the input impedance improves both common mode rejection and dc offset. the need for input resistors is eliminated if a center tap is present as shown in the third example. + 2 ?n output +in 1 8 10k 100 100 ?0mv 1167 f02 v v + 10mv 5 2 3 1 6 1/2 lt1112 10mv adjustment range r g 3 + lt1167 ref figure 2. optional trimming of output offset voltage
13 lt1167 theory of operatio u figure 3. providing an input common mode current path a 2n4393 drain/source to gate is a good low leakage diode for use with 1k resistors, see figure 4. the input resistors should be carbon and not metal film or carbon film. rfi reduction in many industrial and data acquisition applications, instrumentation amplifiers are used to accurately amplify small signals in the presence of large common mode voltages or high levels of noise. typically, the sources of these very small signals (on the order of microvolts or millivolts) are sensors that can be a significant distance from the signal conditioning circuit. although these sen- sors may be connected to signal conditioning circuitry, using shielded or unshielded twisted-pair cabling, the ca- bling may act as antennae, conveying very high frequency interference directly into the input stage of the lt1167. the amplitude and frequency of the interference can have an adverse effect on an instrumentation amplifiers input stage by causing an unwanted dc shift in the amplifiers input offset voltage. this well known effect is called rfi rectification and is produced when out-of-band interfer- ence is coupled (inductively, capacitively or via radiation) and rectified by the instrumentation amplifiers input tran- sistors. these transistors act as high frequency signal detectors, in the same way diodes were used as rf envelope detectors in early radio designs. regardless of the type of interference or the method by which it is coupled into the circuit, an out-of-band error signal ap- pears in series with the instrumentation amplifiers inputs. applicatio n s i n for m atio n wu u u the lt1167 is a low power precision instrumentation amplifier that requires only one external resistor to accu- rately set the gain anywhere from 1 to 1000. the output can handle capacitive loads up to 1000pf in any gain configuration and the inputs are protected against esd strikes up to 13kv (human body). input protection the lt1167 can safely handle up to 20ma of input current in an overload condition. adding an external 5k input resistor in series with each input allows dc input fault voltages up to 100v and improves the esd immu- nity to 8kv (contact) and 15kv (air discharge), which is the iec 1000-4-2 level 4 specification. if lower value input resistors are needed, a clamp diode from the positive supply to each input will maintain the iec 1000-4-2 specification to level 4 for both air and contact discharge. figure 4. input protection 10k r g r g r g 1167 f03 thermocouple 200k microphone, hydrophone, etc 200k center-tap provides bias current return + lt1167 + lt1167 + lt1167 v ee 1167 f04 v cc v cc v cc j2 2n4393 j1 2n4393 out optional for highest esd protection r g r in r in + lt1167 ref
14 lt1167 applicatio n s i n for m atio n wu u u signal to be processed, set the common mode time constant an order of magnitude (or more) larger than the differential mode time constant. to avoid any possibility of common mode to differential mode signal conversion, match the common mode time constants to 1% or better. if the sensor is an rtd or a resistive strain gauge, then the series resistors r s1, 2 can be omitted, if the sensor is in proximity to the instrumentation amplifier. roll your owndiscrete vs monolithic lt1167 error budget analysis the lt1167 offers performance superior to that of roll your own three op amp discrete designs. a typical appli- cation that amplifies and buffers a bridge transducers differential output is shown in figure 6. the amplifier, with its gain set to 100, amplifies a differential, full-scale output voltage of 20mv over the industrial range. to make the comparison challenging, the low cost version of the lt1167 will be compared to a discrete instrumentation amp made with the a grade of one of the best precision quad op amps, the lt1114a. the lt1167c outperforms the discrete amplifier that has lower v os , lower i b and comparable v os drift. the error budget comparison in table 1 shows how various errors are calculated and how each error affects the total error budget. the table shows the greatest differences between the discrete solution and the lt1167 are input offset voltage and cmrr. note that for the discrete solution, the noise voltage specification is multi- plied by ? 2 which is the rms sum of the uncorelated noise of the two input amplifiers. each of the amplifier errors is referenced to a full-scale bridge differential voltage of 20mv. the common mode range of the bridge is 5v. the lt1114 data sheet provides offset voltage, offset voltage drift and offset current specifications for the matched op amp pairs used in the error-budget table. even with an excellent matching op amp like the lt1114, the discrete solutions total error is significantly higher than the lt1167s total error. the lt1167 has additional advan- tages over the discrete design, including lower compo- nent cost and smaller size. to significantly reduce the effect of these out-of-band signals on the input offset voltage of instrumentation amplifiers, simple lowpass filters can be used at the inputs. this filter should be located very close to the input pins of the circuit. an effective filter configuration is illustrated in figure 5, where three capacitors have been added to the inputs of the lt1167. capacitors c xcm1 and c xcm2 form lowpass filters with the external series resis- tors r s1, 2 to any out-of-band signal appearing on each of the input traces. capacitor c xd forms a filter to reduce any unwanted signal that would appear across the input traces. an added benefit to using c xd is that the circuits ac common mode rejection is not degraded due to common mode capacitive imbalance. the differential mode and common mode time constants associated with the capaci- tors are: t dm(lpf) = (2)(r s )(c xd ) t cm(lpf) = (r s1, 2 )(c xcm1, 2 ) setting the time constants requires a knowledge of the frequency, or frequencies of the interference. once this frequency is known, the common mode time constants can be set followed by the differential mode time constant. to avoid any possibility of inadvertently affecting the v v + in + in 1167 f05 v out r g c xcm1 100pf c xcm2 100pf c xd 10pf r s1 1.6k r s2 1.6k external rfi filter + lt1167 figure 5. adding a simple rc filter at the inputs to an instrumentation amplifier is effective in reducing rectification of high frequency out-of-band signals
15 lt1167 applicatio n s i n for m atio n wu u u figure 6. roll your own vs lt1167 roll your own circuit error source lt1167c circuit calculation calculation lt1167c roll your own absolute accuracy at t a = 25 c input offset voltage, m v60 m v/20mv 100 m v/20mv 3000 5000 output offset voltage, m v (300 m v/100)/20mv [(60 m v)(2)/100]/20mv 150 60 input offset current, na [(450pa)(350/2) w ]/20mv [(450pa)(350 w )/2]/20mv 4 4 cmr, db 110db ? [ ( 3.16ppm)(5v)]/20mv [(0.02% match)(5v)]/20mv 790 500 total absolute error 3944 5564 drift to 85 c gain drift, ppm/ c (50ppm + 10ppm)(60 c) (100ppm/ c track)(60 c) 3600 6000 input offset voltage drift, m v/ c [(0.4 m v/ c)(60 c)]/20mv [(1.6 m v/ c)(60 c)]/20mv 1200 4800 output offset voltage drift, m v/ c[6 m v/ c)(60 c)]/100/20mv [(1.1 m v/ c)(2)(60 c)]/100/20mv 180 66 total drift error 4980 10866 resolution gain nonlinearity, ppm of full scale 15ppm 10ppm 15 10 typ 0.1hz to 10hz voltage noise, m v p-p 0.28 m v p-p /20mv (0.3 m v p-p )( ? 2)/20mv 14 21 total resolution error 29 31 grand total error 8953 16461 g = 100, v s = 15v all errors are min/max and referred to input. table 1. roll your own vs lt1167 error budget error, ppm of full scale current source figure 7 shows a simple, accurate, low power program- mable current source. the differential voltage across pins 2 and 3 is mirrored across r g . the voltage across r g is amplified and applied across r x , defining the output current. the 50 m a bias current flowing from pin 5 is buffered by the lt1464 jfet operational amplifier. this has the effect of improving the resolution of the current source to 3pa, which is the maximum i b of the lt1464a. replacing r g with a programmable resistor greatly increases the range of available output currents. + + + 350 350 350 350 10v 10k** precision bridge transducer lt1167 monolithic instrumentation amplifier g = 100, r g = 10ppm tc supply current = 1.3ma max ?oll your own?inst amp, g = 100 * 0.02 resistor match, 3ppm/ c tracking ** discrete 1% resistor, 100ppm/ c tc 100ppm tracking supply current = 1.35ma for 3 amplifiers 1167 f06 r g 499 1/4 lt1114a 1/4 lt1114a 1/4 lt1114a 10k** 100 ** 10k* 10k* 10k* 10k* + lt1167c ref
16 lt1167 applicatio n s i n for m atio n wu u u important, r6 and c2 make up a 0.3hz highpass filter. the ac signal at lt1112s pin 5 is amplified by a gain of 101 set by (r7/r8) +1. the parallel combination of c3 and r7 form a lowpass filter that decreases this gain at frequencies above 1khz. the ability to operate at 3v on 0.9ma of supply current makes the lt1167 ideal for battery-powered applications. total supply current for this application is 1.7ma. proper safeguards, such as isolation, must be added to this circuit to protect the patient from possible harm. low i b favors high impedance bridges, lowers dissipation the lt1167s low supply current, low supply voltage operation and low input bias currents optimize it for battery-powered applications. low overall power dissi- pation necessitates using higher impedance bridges. the single supply pressure monitor application (figure 9) shows the lt1167 connected to the differential output of a 3.5k bridge. the bridges impedance is almost an order of magnitude higher than that of the bridge used in the error-budget table. the picoampere input bias currents keep the error caused by offset current to a negligible level. the lt1112 level shifts the lt1167s reference pin and the adcs analog ground pins above ground. the lt1167s and lt1112s combined power dissipation is still less than the bridges. this circuits total supply current is just 2.8ma. + 3 +in r x v x i l ?n 8 1 1167 f07 ? s v s 5 2 3 4 7 6 1/2 lt1464 r g 2 1 load i l = = [(+in) ?(?n)]g r x v x r x g = + 1 49.4k r g + lt1167 ref figure 8. nerve impulse amplifier 2 2 ?n patient ground output 1v/mv +in 1 1 8 r6 1m r7 10k r8 100 1167 f08 a v = 101 pole at 1khz 5 5 4 ?v ?v 3v 3v 7 6 8 4 7 6 + 1/2 lt1112 1/2 lt1112 r4 30k r3 30k r1 12k c1 0.01 m f r g 6k 3 3 r2 1m c2 0.47 f 0.3hz highpass c3 15nf patient/circuit protection/isolation + lt1167 g = 10 + nerve impulse amplifier the lt1167s low current noise makes it ideal for high source impedance emg monitors. demonstrating the lt1167s ability to amplify low level signals, the circuit in figure 8 takes advantage of the amplifiers high gain and low noise operation. this circuit amplifies the low level nerve impulse signals received from a patient at pins 2 and 3. r g and the parallel combination of r3 and r4 set a gain of ten. the potential on lt1112s pin 1 creates a ground for the common mode signal. c1 was chosen to maintain the stability of the patient ground. the lt1167s high cmrr ensures that the desired differential signal is amplified and unwanted common mode signals are at- tenuated. since the dc portion of the signal is not figure 7. precision voltage-to-current converter
17 lt1167 applicatio n s i n for m atio n wu u u + 2 3 2 1 1 1 1/2 lt1112 3.5k 5v 3.5k 3.5k 3.5k 8 7 6 1167 f09 5 40k 20k 40k digital data output 4 g = 200 249 3 ref in agnd adc ltc 1286 bi technologies 67-8-3 r40kq (0.02% ratio match) + lt1167 figure 9. single supply pressure monitor ac coupled instrumentation amplifier 2 ?n output +in 1 8 r1 500k 1167 ta04 2 3 5 1 6 c1 0.3 f + 1/2 lt1112 r g 3 f 3db = 1 (2 )(r1)(c1) = 1.06hz + lt1167 ref typical applicatio n u
18 lt1167 package descriptio n u dimensions in inches (millimeters) unless otherwise noted. n8 package 8-lead pdip (narrow 0.300) (ltc dwg # 05-08-1510) n8 1197 0.100 0.010 (2.540 0.254) 0.065 (1.651) typ 0.045 ?0.065 (1.143 ?1.651) 0.130 0.005 (3.302 0.127) 0.020 (0.508) min 0.018 0.003 (0.457 0.076) 0.125 (3.175) min 12 3 4 87 6 5 0.255 0.015* (6.477 0.381) 0.400* (10.160) max 0.009 ?0.015 (0.229 ?0.381) 0.300 ?0.325 (7.620 ?8.255) 0.325 +0.035 0.015 +0.889 0.381 8.255 () *these dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.010 inch (0.254mm)
19 lt1167 package descriptio n u dimensions in inches (millimeters) unless otherwise noted. s8 package 8-lead plastic small outline (narrow 0.150) (ltc dwg # 05-08-1610) 1 2 3 4 0.150 ?0.157** (3.810 ?3.988) 8 7 6 5 0.189 ?0.197* (4.801 ?5.004) 0.228 ?0.244 (5.791 ?6.197) 0.016 ?0.050 0.406 ?1.270 0.010 ?0.020 (0.254 ?0.508) 45 0 ?8 typ 0.008 ?0.010 (0.203 ?0.254) so8 0996 0.053 ?0.069 (1.346 ?1.752) 0.014 ?0.019 (0.355 ?0.483) 0.004 ?0.010 (0.101 ?0.254) 0.050 (1.270) typ dimension does not include mold flash. mold flash shall not exceed 0.006" (0.152mm) per side dimension does not include interlead flash. interlead flash shall not exceed 0.010" (0.254mm) per side * ** information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
20 lt1167 part number description comments ltc1100 precision chopper-stabilized instrumentation amplifier best dc accuracy lt1101 precision, micropower, single supply instrumentation amplifier fixed gain of 10 or 100, i s < 105 m a lt1102 high speed, jfet instrumentation amplifier fixed gain of 10 or 100, 30v/ m s slew rate ltc ? 1418 14-bit, low power, 200ksps adc with serial and parallel i/o single supply 5v or 5v operation, 1.5lsb inl and 1lsb dnl max lt1460 precision series reference micropower; 2.5v, 5v, 10v versions; high precision lt1468 16-bit accurate op amp, low noise fast settling 16-bit accuracy at low and high frequencies, 90mhz gbw, 22v/ m s, 900ns settling ltc1562 active rc filter lowpass, bandpass, highpass responses; low noise, low distortion, four 2nd order filter sections ltc1605 16-bit, 100ksps, sampling adc single 5v supply, bipolar input range: 10v, power dissipation: 55mw typ 1167f lt/gp 1298 4k ? printed in usa ? linear technology corporation 1998 4-digit pressure sensor typical applicatio n u + + 2 1 1 1 1 2 r8 392k lt1634ccz-1.25 4 11 1/4 lt1114 + 1/4 lt1114 3 5k 5k 5k 5k 9v 9v 5 4 3 2 2 8 lucas nova senor npc-1220-015a-3l 7 6 1167 ta03 5 to 4-digit dvm 4 8 r5 100k r3 51k r4 100k r1 825 r2 12 c1 1 m f r9 1k r set r6 50k r7 180k 3 12 14 13 6 + 1/4 lt1114 10 9 + lt1167 g = 60 0.2% accuracy at room temp 1.2% accuracy at 0 c to 60 c volts 2.800 3.000 3.200 inches hg 28.00 30.00 32.00 related parts linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 l fax: (408) 434-0507 l www.linear-tech.com


▲Up To Search▲   

 
Price & Availability of LT1167ACN8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X