Part Number Hot Search : 
REF195 S8430 X40420 MMAD11 MAX21 MC68HC1 MA4E1338 24M05
Product Description
Full Text Search
 

To Download LPC2114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the LPC2114/2124 are based on a 16/32-bit arm7tdmi-s cpu with real-time emulation and embedded trace support, together with 128/256 kb of embedded high-speed ?ash memory. a 128-bit wide memory interface and a unique accelerator architecture enable 32-bit code execution at maximum clock rate. for critical code size applications, the alternative 16-bit thumb mode reduces code by more than 30 % with minimal performance penalty. with their compact 64-pin package, low power consumption, various 32-bit timers, 4-channel 10-bit adc, pwm channels and 46 fast gpio lines with up to nine external interrupt pins these microcontrollers are particularly suitable for industrial control, medical systems, access control and point-of-sale. with a wide range of serial communications interfaces, they are also very well suited for communication gateways, protocol converters and embedded soft modems as well as many other general-purpose applications. remark: throughout the data sheet, the term LPC2114/2124 will apply to devices with and without the /00 or /01 suf?xes. the /00 or the /01 suf?x will be used to differentiate from other devices only when necessary. 2. features 2.1 key features brought by LPC2114/2124/01 devices n fast gpio ports enable port pin toggling up to 3.5 times faster than the original device. they also allow for a port pin to be read at any time regardless of its function. n dedicated result registers for adc(s) reduce interrupt overhead. the adc pads are 5 v tolerant when con?gured for digital i/o function(s). n uart0/1 include fractional baud rate generator, auto-bauding capabilities and handshake ?ow-control fully implemented in hardware. n buffered ssp serial controller supporting spi, 4-wire ssi, and microwire formats. n spi programmable data length and master mode enhancement. n diversi?ed code read protection (crp) enables different security levels to be implemented. this feature is available in LPC2114/2124/00 devices as well. n general purpose timers can operate as external event counters. 2.2 key features common for all devices n 16/32-bit arm7tdmi-s microcontroller in a tiny lqfp64 package. n 16 kb on-chip static ram. LPC2114/2124 single-chip 16/32-bit microcontrollers; 128/256 kb isp/iap ?ash with 10-bit adc rev. 06 10 december 2007 product data sheet
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 2 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers n 128/256 kb on-chip ?ash program memory. 128-bit wide interface/accelerator enables high speed 60 mhz operation. n in-system programming (isp) and in-application programming (iap) via on-chip bootloader software. flash programming takes 1 ms per 512 b line. single sector or full chip erase takes 400 ms. n embeddedice-rt interface enables breakpoints and watch points. interrupt service routines can continue to execute whilst the foreground task is debugged with the on-chip realmonitor software. n embedded trace macrocell (etm) enables non-intrusive high speed real-time tracing of instruction execution. n four-channel 10-bit adc with conversion time as low as 2.44 m s. n two 32-bit timers (with four capture and four compare channels), pwm unit (six outputs), real-time clock (rtc) and watchdog. n multiple serial interfaces including two uarts (16c550), fast i 2 c-bus (400 kbit/s) and two spis. n 60 mhz maximum cpu clock available from programmable on-chip phase-locked loop with settling time of 100 m s. n vectored interrupt controller with con?gurable priorities and vector addresses. n up to forty-six 5 v tolerant general purpose i/o pins. up to nine edge or level sensitive external interrupt pins available. n on-chip crystal oscillator with an operating range of 1 mhz to 30 mhz. n two low power modes, idle and power-down. n processor wake-up from power-down mode via external interrupt. n individual enable/disable of peripheral functions for power optimization. n dual power supply: u cpu operating voltage range of 1.65 v to 1.95 v (1.8 v 0.15 v). u i/o power supply range of 3.0 v to 3.6 v (3.3 v 10 %) with 5 v tolerant i/o pads. 16/32-bit arm7tdmi-s processor. 3. ordering information table 1. ordering information type number package name description version LPC2114fbd64 lqfp64 plastic low pro?le quad ?at package; 64 leads; body 10 10 1.4 mm sot314-2 LPC2114fbd64/00 lqfp64 plastic low pro?le quad ?at package; 64 leads; body 10 10 1.4 mm sot314-2 LPC2114fbd64/01 lqfp64 plastic low pro?le quad ?at package; 64 leads; body 10 10 1.4 mm sot314-2 lpc2124fbd64 lqfp64 plastic low pro?le quad ?at package; 64 leads; body 10 10 1.4 mm sot314-2 lpc2124fbd64/00 lqfp64 plastic low pro?le quad ?at package; 64 leads; body 10 10 1.4 mm sot314-2 lpc2124fbd64/01 lqfp64 plastic low pro?le quad ?at package; 64 leads; body 10 10 1.4 mm sot314-2
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 3 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 3.1 ordering options table 2. ordering options type number flash memory ram fast gpio/ssp/ enhanced uart, adc, timer temperature range LPC2114fbd64 128 kb 16 kb no - 40 c to +85 c LPC2114fbd64/00 128 kb 16 kb no - 40 c to +85 c LPC2114fbd64/01 128 kb 16 kb yes - 40 c to +85 c lpc2124fbd64 256 kb 16 kb no - 40 c to +85 c lpc2124fbd64/00 256 kb 16 kb no - 40 c to +85 c lpc2124fbd64/01 256 kb 16 kb yes - 40 c to +85 c
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 4 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 4. block diagram (1) shared with gpio. (2) when test/debug interface is used, gpio/other functions sharing these pins are not available. (3) ssp interface and high-speed gpio are available on LPC2114/01 and lpc2124/01 only. fig 1. block diagram scl (1) p0[30:27], p0[25:0] trst (2) tms (2) tck (2) tdi (2) tdo (2) xtal2 xtal1 eint[3:0] (1) ain[3:0] (1) pwm[6:1] (1) ahb bridge pll pwm0 arm7tdmi-s LPC2114 lpc2124 p0[30:27], p0[25:0] reset p1[31:16] 4 cap0 (1) 4 cap1 (1) 4 mat0 (1) 4 mat1 (1) p1[31:16] sda (1) dsr1 (1) , cts1 (1) , rts1 (1) , dtr1 (1) , dcd1 (1) , ri1 (1) rtck (2) high-speed gpio (3) 46 pins total arm7 local bus internal sram controller memory accelerator 16 kb sram 128/256 kb flash external interrupts capture/ compare timer 0/timer 1 a/d converter general purpose i/o real-time clock test/debug interface emulation trace module amba advanced high-performance bus (ahb) system clock system functions vectored interrupt controller ahb decoder i 2 c-bus serial interface ahb to apb bridge apb divider spi0 serial interface uart0/uart1 watchdog timer system control 002aad175 sck0 (1) mosi0 (1) miso0 (1) ssel0 (1) spi1/ssp (3) serial interface sck1 (1) mosi1 (1) miso1 (1) ssel1 (1) rxd[1:0] (1) txd[1:0] (1)
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 5 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 5. pinning information 5.1 pinning (1) pin con?guration is identical for devices with and without the /00 and /01 suf?xes. fig 2. pin con?guration LPC2114 lpc2124 (1) p0[21]/pwm5/cap1[3] p1[20]/tracesync p0[22]/cap0[0]/mat0[0] p0[17]/cap1[2]/sck1/mat1[2] p0[23] p0[16]/eint0/mat0[2]/cap0[2] p1[19]/tracepkt3 p0[15]/ri1/eint2 p0[24] p1[21]/pipestat0 v ss v dd(3v3) v dda(3v3) v ss p1[18]/tracepkt2 p0[14]/dcd1/eint1 p0[25] p1[22]/pipestat1 n.c. p0[13]/dtr1/mat1[1] p0[27]/ain0/cap0[1]/mat0[1] p0[12]/dsr1/mat1[0] p1[17]/tracepkt1 p0[11]/cts1/cap1[1] p0[28]/ain1/cap0[2]/mat0[2] p1[23]/pipestat2 p0[29]/ain2/cap0[3]/mat0[3] p0[10]/rts1/cap1[0] p0[30]/ain3/eint3/cap0[0] p0[9]/rxd1/pwm6/eint3 p1[16]/tracepkt0 p0[8]/txd1/pwm4 v dd(1v8) p1[27]/tdo v ss v dda(1v8) p0[0]/txd0/pwm1 xtal1 p1[31]/trst xtal2 p0[1]/rxd0/pwm3/eint0 p1[28]/tdi p0[2]/scl/cap0[0] v ssa v dd(3v3) v ssa(pll) p1[26]/rtck reset v ss p1[29]/tck p0[3]/sda/mat0[0]/eint1 p0[20]/mat1[3]/ssel1/eint3 p0[4]/sck0/cap0[1] p0[19]/mat1[2]/mosi1/cap1[2] p1[25]/extin0 p0[18]/cap1[3]/miso1/mat1[3] p0[5]/miso0/mat0[1] p1[30]/tms p0[6]/mosi0/cap0[2] v dd(3v3) p0[7]/ssel0/pwm2/eint2 v ss p1[24]/traceclk v dd(1v8) 002aad176 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 6 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 5.2 pin description table 3. pin description symbol pin type description p0[0] to p0[31] i/o port 0 is a 32-bit bidirectional i/o port with individual direction controls for each bit. the operation of port 0 pins depends upon the pin function selected via the pin connect block. pins 26 and 31 of port 0 are not available. p0[0]/txd0/ pwm1 19 o txd0 transmitter output for uart0. o pwm1 pulse width modulator output 1. p0[1]/rxd0/ pwm3/eint0 21 i rxd0 receiver input for uart0. o pwm3 pulse width modulator output 3. i eint0 external interrupt 0 input p0[2]/scl/ cap0[0] 22 i/o scl i 2 c-bus clock input/output. open-drain output (for i 2 c-bus compliance). i cap0[0] capture input for timer 0, channel 0. p0[3]/sda/ mat0[0]/eint1 26 i/o sda i 2 c-bus data input/output. open-drain output (for i 2 c-bus compliance). o mat0[0] match output for timer 0, channel 0. i eint1 external interrupt 1 input. p0[4]/sck0/ cap0[1] 27 i/o sck0 serial clock for spi0. spi clock output from master or input to slave. i cap0[1] capture input for timer 0, channel 1. p0[5]/miso0/ mat0[1] 29 i/o miso0 master in slave out for spi0. data input to spi master or data output from spi slave. o mat0[1] match output for timer 0, channel 1. p0[6]/mosi0/ cap0[2] 30 i/o mosi0 master out slave in for spi0. data output from spi master or data input to spi slave. i cap0[2] capture input for timer 0, channel 2. p0[7]/ssel0/ pwm2/eint2 31 i ssel0 slave select for spi0. selects the spi interface as a slave. o pwm2 pulse width modulator output 2. i eint2 external interrupt 2 input. p0[8]/txd1/ pwm4 33 o txd1 transmitter output for uart1. o pwm4 pulse width modulator output 4. p0[9]/rxd1/ pwm6/eint3 34 i rxd1 receiver input for uart1. o pwm6 pulse width modulator output 6. i eint3 external interrupt 3 input. p0[10]/rts1/ cap1[0] 35 o rts1 request to send output for uart1. i cap1[0] capture input for timer 1, channel 0. p0[11]/cts1/ cap1[1] 37 i cts1 clear to send input for uart1. i cap1[1] capture input for timer 1, channel 1. p0[12]/dsr1/ mat1[0] 38 i dsr1 data set ready input for uart1. o mat1[0] match output for timer 1, channel 0. p0[13]/dtr1/ mat1[1] 39 o dtr1 data terminal ready output for uart1. o mat1[1] match output for timer 1, channel 1. p0[14]/dcd1/ eint1 41 i dcd1 data carrier detect input for uart1. i eint1 external interrupt 1 input. note: low on this pin while reset is low forces on-chip bootloader to take control of the part after reset.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 7 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers p0[15]/ri1/eint2 45 i ri1 ring indicator input for uart1. i eint2 external interrupt 2 input. p0[16]/eint0/ mat0[2]/cap0[2] 46 i eint0 external interrupt 0 input. o mat0[2] match output for timer 0, channel 2. i cap0[2] capture input for timer 0, channel 2. p0[17]/cap1[2]/ sck1/mat1[2] 47 i cap1[2] capture input for timer 1, channel 2. i/o sck1 serial clock for spi1/ssp [1] . spi clock output from master or input to slave. o mat1[2] match output for timer 1, channel 2. p0[18]/cap1[3]/ miso1/mat1[3] 53 i cap1[3] capture input for timer 1, channel 3. i/o miso1 master in slave out for spi1/ssp [1] . data input to spi master or data output from spi slave. o mat1[3] match output for timer 1, channel 3. p0[19]/mat1[2]/ mosi1/cap1[2] 54 o mat1[2] match output for timer 1, channel 2. i/o mosi1 master out slave in for spi1/ssp [1] . data output from spi master or data input to spi slave. i cap1[2] capture input for timer 1, channel 2. p0[20]/mat1[3]/ ssel1/eint3 55 o mat1[3] match output for timer 1, channel 3. i ssel1 slave select for spi1/ssp [1] . selects the spi interface as a slave. i eint3 external interrupt 3 input. p0[21]/pwm5/ cap1[3] 1o pwm5 pulse width modulator output 5. i cap1[3] capture input for timer 1, channel 3. p0[22]/cap0[0]/ mat0[0] 2i cap0[0] capture input for timer 0, channel 0. o mat0[0] match output for timer 0, channel 0. p0[23] 3 i/o general purpose bidirectional digital port only p0[24] 5 i/o general purpose bidirectional digital port only p0[25] 9 i/o general purpose bidirectional digital port only p0[27]/ain0/ cap0[1]/mat0[1] 11 i ain0 adc, input 0. this analog input is always connected to its pin. i cap0[1] capture input for timer 0, channel 1. o mat0[1] match output for timer 0, channel 1. p0[28]/ain1/ cap0[2]/mat0[2] 13 i ain1 adc, input 1. this analog input is always connected to its pin. i cap0[2] capture input for timer 0, channel 2. o mat0[2] match output for timer 0, channel 2. p0[29]/ain2/ cap0[3]/mat0[3] 14 i ain2 adc, input 2. this analog input is always connected to its pin. i cap0[3] capture input for timer 0, channel 3. o mat0[3] match output for timer 0, channel 3. p0[30]/ain3/ eint3/cap0[0] 15 i ain3 adc, input 3. this analog input is always connected to its pin. i eint3 external interrupt 3 input. i cap0[0] capture input for timer 0, channel 0. p1[0] to p1[31] i/o port 1 is a 32-bit bidirectional i/o port with individual direction controls for each bit. the operation of port 1 pins depends upon the pin function selected via the pin connect block. pins 0 through 15 of port 1 are not available. table 3. pin description continued symbol pin type description
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 8 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers p1[16]/ tracepkt0 16 o trace packet, bit 0. standard i/o port with internal pull-up. p1[17]/ tracepkt1 12 o trace packet, bit 1. standard i/o port with internal pull-up. p1[18]/ tracepkt2 8 o trace packet, bit 2. standard i/o port with internal pull-up. p1[19]/ tracepkt3 4 o trace packet, bit 3. standard i/o port with internal pull-up. p1[20]/ tracesync 48 o trace synchronization. standard i/o port with internal pull-up. note: low on this pin while reset is low, enables pins p1[25:16] to operate as trace port after reset. p1[21]/ pipestat0 44 o pipeline status, bit 0. standard i/o port with internal pull-up. p1[22]/ pipestat1 40 o pipeline status, bit 1. standard i/o port with internal pull-up. p1[23]/ pipestat2 36 o pipeline status, bit 2. standard i/o port with internal pull-up. p1[24]/ traceclk 32 o trace clock. standard i/o port with internal pull-up. p1[25]/extin0 28 i external trigger input. standard i/o with internal pull-up. p1[26]/rtck 24 i/o returned test clock output. extra signal added to the jtag port. assists debugger synchronization when processor frequency varies. bidirectional pin with internal pull-up. note: low on this pin while reset is low, enables pins p1[31:26] to operate as debug port after reset. p1[27]/tdo 64 o test data out for jtag interface. p1[28]/tdi 60 i test data in for jtag interface. p1[29]/tck 56 i test clock for jtag interface. this clock must be slower than 1 6 of the cpu clock (cclk) for the jtag interface to operate. p1[30]/tms 52 i test mode select for jtag interface. p1[31]/ trst 20 i test reset for jtag interface. n.c. 10 pin not connected. reset 57 i external reset input; a low on this pin resets the device, causing i/o ports and peripherals to take on their default states, and processor execution to begin at address 0. ttl with hysteresis, 5 v tolerant. xtal1 62 i input to the oscillator circuit and internal clock generator circuits. xtal2 61 o output from the oscillator ampli?er. v ss 6, 18, 25, 42, 50 i ground: 0 v reference. v ssa 59 i analog ground; 0 v reference. this should nominally be the same voltage as v ss , but should be isolated to minimize noise and error. v ssa(pll) 58 i pll analog ground; 0 v reference. this should nominally be the same voltage as v ss , but should be isolated to minimize noise and error. v dd(1v8) 17, 49 i 1.8 v core power supply; this is the power supply voltage for internal circuitry. table 3. pin description continued symbol pin type description
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 9 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers [1] ssp interface available on LPC2114/01 and lpc2124/01 only. v dda(1v8) 63 i analog 1.8 v core power supply; this is the power supply voltage for internal circuitry. this should be nominally the same voltage as v dd(1v8) but should be isolated to minimize noise and error. v dd(3v3) 23, 43, 51 i 3.3 v pad power supply; this is the power supply voltage for the i/o ports v dda(3v3) 7 i analog 3.3 v pad power supply; this should be nominally the same voltage as v dd(3v3) but should be isolated to minimize noise and error table 3. pin description continued symbol pin type description
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 10 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 6. functional description details of the LPC2114/2124 systems and peripheral functions are described in the following sections. 6.1 architectural overview the arm7tdmi-s is a general purpose 32-bit microprocessor, which offers high performance and very low power consumption. the arm architecture is based on reduced instruction set computer (risc) principles, and the instruction set and related decode mechanism are much simpler than those of microprogrammed complex instruction set computers. this simplicity results in a high instruction throughput and impressive real-time interrupt response from a small and cost-effective processor core. pipeline techniques are employed so that all parts of the processing and memory systems can operate continuously. typically, while one instruction is being executed, its successor is being decoded, and a third instruction is being fetched from memory. the arm7tdmi-s processor also employs a unique architectural strategy known as thumb, which makes it ideally suited to high-volume applications with memory restrictions, or applications where code density is an issue. the key idea behind thumb is that of a super-reduced instruction set. essentially, the arm7tdmi-s processor has two instruction sets: ? the standard 32-bit arm set. ? a 16-bit thumb set. the thumb sets 16-bit instruction length allows it to approach twice the density of standard arm code while retaining most of the arms performance advantage over a traditional 16-bit processor using 16-bit registers. this is possible because thumb code operates on the same 32-bit register set as arm code. thumb code is able to provide up to 65 % of the code size of arm, and 160 % of the performance of an equivalent arm processor connected to a 16-bit memory system. 6.2 on-chip ?ash program memory the LPC2114/2124 incorporate a 128 kb and 256 kb ?ash memory system respectively. this memory may be used for both code and data storage. programming of the ?ash memory may be accomplished in several ways. it may be programmed in system via the serial port. the application program may also erase and/or program the ?ash while the application is running, allowing a great degree of ?exibility for data storage ?eld ?rmware upgrades, etc. when on-chip bootloader is used, 120 kb and 248 kb of ?ash memory is available for user code. the LPC2114/2124 ?ash memory provides a minimum of 100000 erase/write cycles and 20 years of data retention. on-chip bootloader (as of revision 1.60) provides code read protection (crp) for the LPC2114/2124 on-chip ?ash memory. when the crp is enabled, the jtag debug port and isp commands accessing either the on-chip ram or ?ash memory are disabled.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 11 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers however, the isp ?ash erase command can be executed at any time (no matter whether the crp is on or off). removal of crp is achieved by erasure of full on-chip user ?ash. with the crp off, full access to the chip via the jtag and/or isp is restored. 6.3 on-chip static ram on-chip static ram may be used for code and/or data storage. the sram may be accessed as 8 bit, 16 bit, and 32 bit. the LPC2114/2124 provide 16 kb of static ram. 6.4 memory map the LPC2114/2124 memory maps incorporate several distinct regions, as shown in figure 3 . in addition, the cpu interrupt vectors may be re-mapped to allow them to reside in either ?ash memory (the default) or on-chip static ram. this is described in section 6.17 system control .
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 12 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 6.5 interrupt controller the vectored interrupt controller (vic) accepts all of the interrupt request inputs and categorizes them as fast interrupt request (fiq), vectored interrupt request (irq), and non-vectored irq as de?ned by programmable settings. the programmable assignment scheme means that priorities of interrupts from the various peripherals can be dynamically assigned and adjusted. fast interrupt request (fiq) has the highest priority. if more than one request is assigned to fiq, the vic combines the requests to produce the fiq signal to the arm processor. the fastest possible fiq latency is achieved when only one request is classi?ed as fiq, because then the fiq service routine can simply start dealing with that device. but if more than one request is assigned to the fiq class, the fiq service routine can read a word from the vic that identi?es which fiq source(s) is (are) requesting an interrupt. fig 3. LPC2114/2124 memory map ahb peripherals apb peripherals reserved address space boot block (re-mapped from on-chip flash memory) reserved address space 16 kb on-chip static ram reserved address space 256 kb on-chip flash memory (lpc2124) 0xffff ffff 0xf000 0000 0xefff ffff 0xe000 0000 0xc000 0000 0xdfff ffff 0x8000 0000 0x7fff ffff 0x7fff e000 0x7fff dfff 0x4000 4000 0x4000 3fff 0x4000 0000 0x3fff ffff 0x0004 0000 0x0003 ffff 0x0002 0000 4.0 gb 3.75 gb 3.5 gb 3.0 gb 2.0 gb 1.0 gb 128 kb on-chip flash memory (LPC2114) 0x0001 ffff 0x0000 0000 0.0 gb 002aad177
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 13 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers vectored irqs have the middle priority. sixteen of the interrupt requests can be assigned to this category. any of the interrupt requests can be assigned to any of the 16 vectored irq slots, among which slot 0 has the highest priority and slot 15 has the lowest. non-vectored irqs have the lowest priority. the vic combines the requests from all the vectored and non-vectored irqs to produce the irq signal to the arm processor. the irq service routine can start by reading a register from the vic and jumping there. if any of the vectored irqs are requesting, the vic provides the address of the highest-priority requesting irqs service routine, otherwise it provides the address of a default routine that is shared by all the non-vectored irqs. the default routine can read another vic register to see what irqs are active. 6.5.1 interrupt sources t ab le 4 lists the interrupt sources for each peripheral function. each peripheral device has one interrupt line connected to the vectored interrupt controller, but may have several internal interrupt ?ags. individual interrupt ?ags may also represent more than one interrupt source. table 4. interrupt sources block flag(s) vic channel # wdt watchdog interrupt (wdint) 0 - reserved for software interrupts only 1 arm core embeddedice, dbgcommrx 2 arm core embeddedice, dbgcommtx 3 timer 0 match 0 - 3 (mr0, mr1, mr2, mr3) capture 0 - 3 (cr0, cr1, cr2, cr3) 4 timer 1 match 0 - 3 (mr0, mr1, mr2, mr3) capture 0 - 3 (cr0, cr1, cr2, cr3) 5 uart0 rx line status (rls) transmit holding register empty (thre) rx data available (rda) character time-out indicator (cti) 6 uart1 rx line status (rls) transmit holding register empty (thre) rx data available (rda) character time-out indicator (cti) modem status interrupt (msi) 7 pwm0 match 0 - 6 (mr0, mr1, mr2, mr3, mr4, mr5, mr6) 8 i 2 c-bus si (state change) 9 spi0 spif, modf 10 spi1 and ssp [1] spif, modf and txris, rxris, rtris, rorris 11 pll pll lock (plock) 12 rtc rtccif (counter increment), rtcalf (alarm) 13
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 14 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers [1] ssp interface available on LPC2114/01 and lpc2124/01 only. 6.6 pin connect block the pin connect block allows selected pins of the microcontroller to have more than one function. con?guration registers control the multiplexers to allow connection between the pin and the on chip peripherals. peripherals should be connected to the appropriate pins prior to being activated, and prior to any related interrupt(s) being enabled. activity of any enabled peripheral function that is not mapped to a related pin should be considered unde?ned. 6.7 general purpose parallel i/o (gpio) and fast i/o device pins that are not connected to a speci?c peripheral function are controlled by the parallel i/o registers. pins may be dynamically con?gured as inputs or outputs. separate registers allow setting or clearing any number of outputs simultaneously. the value of the output register may be read back, as well as the current state of the port pins. 6.7.1 features ? bit-level set and clear registers allow a single instruction set or clear of any number of bits in one port. ? direction control of individual bits. ? separate control of output set and clear. ? all i/o default to inputs after reset. 6.7.2 features added with the fast gpio set of registers available on LPC2114/2124/01 only ? fast gpio registers are relocated to the arm local bus for the fastest possible i/o timing, enabling port pin toggling up to 3.5 times faster than earlier lpc2000 devices. ? mask registers allow treating sets of port bits as a group, leaving other bits unchanged. ? all fast gpio registers are byte addressable. ? entire port value can be written in one instruction. ? ports are accessible via either the legacy group of registers (gpios) or the group of registers providing accelerated port access (fast gpios). 6.8 10-bit adc the LPC2114/2124 each contain a single 10-bit successive approximation analog to digital converter with four multiplexed channels. system control external interrupt 0 (eint0) 14 external interrupt 1 (eint1) 15 external interrupt 2 (eint2) 16 external interrupt 3 (eint3) 17 adc adc 18 table 4. interrupt sources continued block flag(s) vic channel #
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 15 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 6.8.1 features ? measurement range of 0 v to 3 v. ? capable of performing more than 400000 10-bit samples per second. ? burst conversion mode for single or multiple inputs. ? optional conversion on transition on input pin or timer match signal. ? every analog input has a dedicated result register to reduce interrupt overhead. ? every analog input can generate an interrupt once the conversion is completed. 6.8.2 adc features available in LPC2114/2124/01 only ? every analog input has a dedicated result register to reduce interrupt overhead. ? every analog input can generate an interrupt once the conversion is completed. ? the adc pads are 5 v tolerant when con?gured for digital i/o function(s). 6.9 uarts the LPC2114/2124 each contain two uarts. in addition to standard transmit and receive data lines, the uart1 also provides a full modem control handshake interface. 6.9.1 features ? 16 b receive and transmit fifos. ? register locations conform to 16c550 industry standard. ? receiver fifo trigger points at 1 b, 4 b, 8 b, and 14 b ? built-in fractional baud rate generator covering wide range of baud rates without a need for external crystals of particular values. ? transmission fifo control enables implementation of software (xon/xoff) ?ow control on both uarts. ? uart1 is equipped with standard modem interface signals. this module also provides full support for hardware ?ow control (auto-cts/rts). 6.9.2 uart features available in LPC2114/2124/01 only compared to previous lpc2000 microcontrollers, uarts in LPC2114/2124/01 introduce a fractional baud rate generator for both uarts, enabling these microcontrollers to achieve standard baud rates such as 115200 bd with any crystal frequency above 2 mhz. in addition, auto-cts/rts ?ow-control functions are fully implemented in hardware. ? fractional baud rate generator enables standard baud rates such as 115200 bd to be achieved with any crystal frequency above 2 mhz. ? auto-bauding. ? auto-cts/rts ?ow-control fully implemented in hardware. 6.10 i 2 c-bus serial i/o controller the i 2 c-bus is a bidirectional bus for inter-ic control using only two wires: a serial clock line (scl), and a serial data line (sda). each device is recognized by a unique address and can operate as either a receiver-only device (e.g. an lcd driver or a transmitter with
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 16 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers the capability to both receive and send information (such as memory). transmitters and/or receivers can operate in either master or slave mode, depending on whether the chip has to initiate a data transfer or is only addressed. the i 2 c-bus is a multi-master bus; it can be controlled by more than one bus master connected to it. the i 2 c-bus implemented in LPC2114/2124 supports a bit rate up to 400 kbit/s (fast i 2 c-bus). 6.10.1 features ? standard i 2 c-bus compliant interface. ? easy to con?gure as master, slave, or master/slave. ? programmable clocks allow versatile rate control. ? bidirectional data transfer between masters and slaves. ? multi-master bus (no central master). ? arbitration between simultaneously transmitting masters without corruption of serial data on the bus. ? serial clock synchronization allows devices with different bit rates to communicate via one serial bus. ? serial clock synchronization can be used as a handshake mechanism to suspend and resume serial transfer. ? the i 2 c-bus may be used for test and diagnostic purposes. 6.11 spi serial i/o controller the LPC2114/2124 each contain two spis. the spi is a full duplex serial interface, designed to be able to handle multiple masters and slaves connected to a given bus. only a single master and a single slave can communicate on the interface during a given data transfer. during a data transfer the master always sends a byte of data to the slave, and the slave always sends a byte of data to the master. 6.11.1 features ? compliant with serial peripheral interface (spi) speci?cation. ? synchronous, serial, full duplex communication. ? combined spi master and slave. ? maximum data bit rate of 1 8 of the input clock rate. 6.11.2 features available in LPC2114/2124/01 only ? eight to 16 bits per frame. ? when the spi interface is used in master mode, the sseln pin is not needed (can be used for a different function).
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 17 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 6.12 ssp controller (LPC2114/2124/01 only) remark: this peripheral is available in LPC2114/2124/01 only. the ssp is a controller capable of operation on a spi, 4-wire ssi, or microwire bus. it can interact with multiple masters and slaves on the bus. only a single master and a single slave can communicate on the bus during a given data transfer. data transfers are in principle full duplex, with frames of four to 16 bits of data ?owing from the master to the slave and from the slave to the master. while the ssp and spi1 peripherals share the same physical pins, it is not possible to have both of these two peripherals active at the same time. the application can switch on the ?y from spi1 to ssp and back. 6.12.1 features ? compatible with motorolas spi, texas instruments 4-wire ssi, and national semiconductors microwire buses. ? synchronous serial communication. ? master or slave operation. ? 8-frame fifos for both transmit and receive. ? four to 16 bits per frame. 6.13 general purpose timers the timer is designed to count cycles of the peripheral clock (pclk) and optionally generate interrupts or perform other actions at speci?ed timer values, based on four match registers. it also includes four capture inputs to trap the timer value when an input signal transitions, optionally generating an interrupt. multiple pins can be selected to perform a single capture or match function, providing an application with or and and, as well as broadcast functions among them. 6.13.1 features ? a 32-bit timer/counter with a programmable 32-bit prescaler. ? four 32-bit capture channels per timer that can take a snapshot of the timer value when an input signal transitions. a capture event may also optionally generate an interrupt. ? four 32-bit match registers that allow: C continuous operation with optional interrupt generation on match. C stop timer on match with optional interrupt generation. C reset timer on match with optional interrupt generation. ? four external outputs per timer corresponding to match registers, with the following capabilities: C set low on match. C set high on match. C toggle on match. C do nothing on match.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 18 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 6.13.2 features available in LPC2114/2124/01 only ? timer can count cycles of either the peripheral clock (pclk) or an externally supplied clock. ? when counting cycles of an externally supplied clock only one of timers capture inputs can be selected as the timers clock. the rate of such a clock is limited to pclk / 4. duration of high/low levels on the selected cap input can not be shorter than 1 / (2pclk). 6.14 watchdog timer the purpose of the watchdog is to reset the microcontroller within a reasonable amount of time if it enters an erroneous state. when enabled, the watchdog will generate a system reset if the user program fails to feed (or reload) the watchdog within a predetermined amount of time. 6.14.1 features ? internally resets chip if not periodically reloaded. ? debug mode. ? enabled by software but requires a hardware reset or a watchdog reset/interrupt to be disabled. ? incorrect/incomplete feed sequence causes reset/interrupt if enabled. ? flag to indicate watchdog reset. ? programmable 32-bit timer with internal pre-scaler. ? selectable time period from (t cy(pclk) 256 4) to (t cy(pclk) 2 32 4) in multiples of t cy(pclk) 4. 6.15 real-time clock the rtc is designed to provide a set of counters to measure time when normal or idle operating mode is selected. the rtc has been designed to use little power, making it suitable for battery powered systems where the cpu is not running continuously (idle mode). 6.15.1 features ? measures the passage of time to maintain a calendar and clock. ? ultra low power design to support battery powered systems. ? provides seconds, minutes, hours, day of month, month, year, day of week, and day of year. ? programmable reference clock divider allows adjustment of the rtc to match various crystal frequencies.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 19 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 6.16 pulse width modulator the pwm is based on the standard timer block and inherits all of its features, although only the pwm function is pinned out on the LPC2114/2124. the timer is designed to count cycles of the peripheral clock (pclk) and optionally generate interrupts or perform other actions when speci?ed timer values occur, based on seven match registers. the pwm function is also based on match register events. the ability to separately control rising and falling edge locations allows the pwm to be used for more applications. for instance, multi-phase motor control typically requires three non-overlapping pwm outputs with individual control of all three pulse widths and positions. two match registers can be used to provide a single edge controlled pwm output. one match register (mr0) controls the pwm cycle rate, by resetting the count upon match. the other match register controls the pwm edge position. additional single edge controlled pwm outputs require only one match register each, since the repetition rate is the same for all pwm outputs. multiple single edge controlled pwm outputs will all have a rising edge at the beginning of each pwm cycle, when an mr0 match occurs. three match registers can be used to provide a pwm output with both edges controlled. again, the mr0 match register controls the pwm cycle rate. the other match registers control the two pwm edge positions. additional double edge controlled pwm outputs require only two match registers each, since the repetition rate is the same for all pwm outputs. with double edge controlled pwm outputs, speci?c match registers control the rising and falling edge of the output. this allows both positive going pwm pulses (when the rising edge occurs prior to the falling edge), and negative going pwm pulses (when the falling edge occurs prior to the rising edge). 6.16.1 features ? seven match registers allow up to six single edge controlled or three double edge controlled pwm outputs, or a mix of both types. ? the match registers also allow: C continuous operation with optional interrupt generation on match. C stop timer on match with optional interrupt generation. C reset timer on match with optional interrupt generation. ? supports single edge controlled and/or double edge controlled pwm outputs. single edge controlled pwm outputs all go high at the beginning of each cycle unless the output is a constant low. double edge controlled pwm outputs can have either edge occur at any position within a cycle. this allows for both positive going and negative going pulses. ? pulse period and width can be any number of timer counts. this allows complete ?exibility in the trade-off between resolution and repetition rate. all pwm outputs will occur at the same repetition rate. ? double edge controlled pwm outputs can be programmed to be either positive going or negative going pulses.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 20 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers ? match register updates are synchronized with pulse outputs to prevent generation of erroneous pulses. software must release new match values before they can become effective. ? may be used as a standard timer if the pwm mode is not enabled. ? a 32-bit timer/counter with a programmable 32-bit prescaler. 6.17 system control 6.17.1 crystal oscillator the oscillator supports crystals in the range of 1 mhz to 30 mhz. the oscillator output frequency is called f osc and the arm processor clock frequency is referred to as cclk for purposes of rate equations, etc. f osc and cclk are the same value unless the pll is running and connected. refer to section 6.17.2 pll for additional information. 6.17.2 pll the pll accepts an input clock frequency in the range of 10 mhz to 25 mhz. the input frequency is multiplied up into the range of 10 mhz to 60 mhz with a current controlled oscillator (cco). the multiplier can be an integer value from 1 to 32 (in practice, the multiplier value cannot be higher than 6 on this family of microcontrollers due to the upper frequency limit of the cpu). the cco operates in the range of 156 mhz to 320 mhz, so there is an additional divider in the loop to keep the cco within its frequency range while the pll is providing the desired output frequency. the output divider may be set to divide by 2, 4, 8, or 16 to produce the output clock. since the minimum output divider value is 2, it is insured that the pll output has a 50 % duty cycle. the pll is turned off and bypassed following a chip reset and may be enabled by software. the program must con?gure and activate the pll, wait for the pll to lock, then connect to the pll as a clock source. the pll settling time is 100 m s. 6.17.3 reset and wake-up timer reset has two sources on the LPC2114/2124: the reset pin and watchdog reset. the reset pin is a schmitt trigger input pin with an additional glitch ?lter. assertion of chip reset by any source starts the wake-up timer (see wake-up timer description below), causing the internal chip reset to remain asserted until the external reset is de-asserted, the oscillator is running, a ?xed number of clocks have passed, and the on-chip ?ash controller has completed its initialization. when the internal reset is removed, the processor begins executing at address 0, which is the reset vector. at that point, all of the processor and peripheral registers have been initialized to predetermined values. the wake-up timer ensures that the oscillator and other analog functions required for chip operation are fully functional before the processor is allowed to execute instructions. this is important at power on, all types of reset, and whenever any of the aforementioned functions are turned off for any reason. since the oscillator and other functions are turned off during power-down mode, any wake-up of the processor from power-down mode makes use of the wake-up timer.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 21 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers the wake-up timer monitors the crystal oscillator as the means of checking whether it is safe to begin code execution. when power is applied to the chip, or some event caused the chip to exit power-down mode, some time is required for the oscillator to produce a signal of suf?cient amplitude to drive the clock logic. the amount of time depends on many factors, including the rate of v dd ramp (in the case of power on), the type of crystal and its electrical characteristics (if a quartz crystal is used), as well as any other external circuitry (e.g. capacitors), and the characteristics of the oscillator itself under the existing ambient conditions. 6.17.4 code security (code read protection - crp) this feature of the LPC2114/2124/01 allows the user to enable different levels of security in the system so that access to the on-chip ?ash and use of the jtag and isp can be restricted. when needed, crp is invoked by programming a speci?c pattern into a dedicated ?ash location. iap commands are not affected by the crp. there are three levels of the code read protection. crp1 disables access to chip via the jtag and allows partial ?ash update (excluding ?ash sector 0) using a limited set of the isp commands. this mode is useful when crp is required and ?ash ?eld updates are needed but all sectors can not be erased. crp2 disables access to chip via the jtag and only allows full ?ash erase and update using a reduced set of the isp commands. running an application with level crp3 selected fully disables any access to chip via the jtag pins and the isp. this mode effectively disables isp override using p0[14] pin, too. it is up to the users application to provide (if needed) ?ash update mechanism using iap calls or call reinvoke isp command to enable ?ash update via uart0. remark: devices without the suf?x /00 or /01 have only a security level equivalent to crp2 available. 6.17.5 external interrupt inputs the LPC2114/2124 include up to nine edge or level sensitive external interrupt inputs as selectable pin functions. when the pins are combined, external events can be processed as four independent interrupt signals. the external interrupt inputs can optionally be used to wake up the processor from power-down mode. 6.17.6 memory mapping control the memory mapping control alters the mapping of the interrupt vectors that appear beginning at address 0x0000 0000. vectors may be mapped to the bottom of the on-chip ?ash memory, or to the on-chip static ram. this allows code running in different memory spaces to have control of the interrupts. caution if level three code read protection (crp3) is selected, no future factory testing can be performed on the device.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 22 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 6.17.7 power control the LPC2114/2124 support two reduced power modes: idle mode and power-down mode. in idle mode, execution of instructions is suspended until either a reset or interrupt occurs. peripheral functions continue operation during idle mode and may generate interrupts to cause the processor to resume execution. idle mode eliminates power used by the processor itself, memory systems and related controllers, and internal buses. in power-down mode, the oscillator is shut down and the chip receives no internal clocks. the processor state and registers, peripheral registers, and internal sram values are preserved throughout power-down mode and the logic levels of chip output pins remain static. the power-down mode can be terminated and normal operation resumed by either a reset or certain speci?c interrupts that are able to function without clocks. since all dynamic operation of the chip is suspended, power-down mode reduces chip power consumption to nearly zero. a power control for peripherals feature allows individual peripherals to be turned off if they are not needed in the application, resulting in additional power savings. 6.17.8 apb bus the apb divider determines the relationship between the processor clock (cclk) and the clock used by peripheral devices (pclk). the apb divider serves two purposes. the ?rst is to provide peripherals with the desired pclk via apb bus so that they can operate at the speed chosen for the arm processor. in order to achieve this, the apb bus may be slowed down to 1 2 to 1 4 of the processor clock rate. because the apb bus must work properly at power-up (and its timing cannot be altered if it does not work since the apb divider control registers reside on the apb bus), the default condition at reset is for the apb bus to run at 1 4 of the processor clock rate. the second purpose of the apb divider is to allow power savings when an application does not require any peripherals to run at the full processor rate. because the apb divider is connected to the pll output, the pll remains active (if it was running) during idle mode. 6.18 emulation and debugging the LPC2114/2124 support emulation and debugging via a jtag serial port. a trace port allows tracing program execution. debugging and trace functions are multiplexed only with gpios on port 1. this means that all communication, timer and interface peripherals residing on port 0 are available during the development and debugging phase as they are when the application is run in the embedded system itself. 6.18.1 embeddedice standard arm embeddedice logic provides on-chip debug support. the debugging of the target system requires a host computer running the debugger software and an embeddedice protocol convertor. embeddedice protocol convertor converts the remote debug protocol commands to the jtag data needed to access the arm core. the arm core has a debug communication channel function built-in. the debug communication channel allows a program running on the target to communicate with the host debugger or another separate host without stopping the program ?ow or even entering the debug state. the debug communication channel is accessed as a co-processor 14 by the program running on the arm7tdmi-s core. the debug
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 23 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers communication channel allows the jtag port to be used for sending and receiving data without affecting the normal program ?ow. the debug communication channel data and control registers are mapped in to addresses in the embeddedice logic. the jtag clock (tck) must be slower than 1 6 of the cpu clock (cclk) for the jtag interface to operate. 6.18.2 embedded trace since the LPC2114/2124 have signi?cant amounts of on-chip memory, it is not possible to determine how the processor core is operating simply by observing the external pins. the etm provides real-time trace capability for deeply embedded processor cores. it outputs information about processor execution to the trace port. the etm is connected directly to the arm core and not to the main amba system bus. it compresses the trace information and exports it through a narrow trace port. an external trace port analyzer must capture the trace information under software debugger control. instruction trace (or pc trace) shows the ?ow of execution of the processor and provides a list of all the instructions that were executed. instruction trace is signi?cantly compressed by only broadcasting branch addresses as well as a set of status signals that indicate the pipeline status on a cycle by cycle basis. trace information generation can be controlled by selecting the trigger resource. trigger resources include address comparators, counters and sequencers. since trace information is compressed the software debugger requires a static image of the code being executed. self-modifying code can not be traced because of this restriction. 6.18.3 realmonitor realmonitor is a con?gurable software module, developed by arm inc., which enables real time debug. it is a lightweight debug monitor that runs in the background while users debug their foreground application. it communicates with the host using the dcc (debug communications channel), which is present in the embeddedice logic. the LPC2114/2124 contain a speci?c con?guration of realmonitor software programmed into the on-chip ?ash memory.
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 24 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 7. limiting values [1] the following applies to t ab le 5 : a) this product includes circuitry speci?cally designed for the protection of its internal devices from the damaging effects of excessive static charge. nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum. b) parameters are valid over operating temperature range unless otherwise speci?ed. all voltages are with respect to v ss unless otherwise noted. [2] internal rail. [3] external rail. [4] including voltage on outputs in 3-state mode. [5] only valid when the v dd(3v3) supply voltage is present. [6] not to exceed 4.6 v. [7] per supply pin. [8] the peak current is limited to 25 times the corresponding maximum current. [9] per ground pin. [10] dependent on package type. [11] human body model: equivalent to discharging a 100 pf capacitor through a 1.5 k w series resistor. [12] machine model: equivalent to discharging a 200 pf capacitor through a 0.75 m h coil and a 10 w series resistor. table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). [1] symbol parameter conditions min max unit v dd(1v8) supply voltage (1.8 v) [2] - 0.5 +2.5 v v dd(3v3) supply voltage (3.3 v) [3] - 0.5 +3.6 v v dda(3v3) analog supply voltage (3.3 v) - 0.5 +4.6 v v ia analog input voltage - 0.5 +5.1 v v i input voltage 5 v tolerant i/o pins [4] [5] - 0.5 +6.0 v other i/o pins [4] [6] - 0.5 v dd(3v3) + 0.5 v i dd supply current [7] [8] - 100 ma i ss ground current [8] [9] - 100 ma t j junction temperature - 150 c t stg storage temperature [10] - 65 +150 c p tot(pack) total power dissipation (per package) based on package heat transfer, not device power consumption - 1.5 w v esd electrostatic discharge voltage human body model [11] all pins - 2000 +2000 v machine model [12] all pins - 200 +200 v
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 25 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 8. static characteristics table 6. static characteristics t amb = - 40 c to +85 c for industrial applications, unless otherwise speci?ed. symbol parameter conditions min typ [1] max unit v dd(1v8) supply voltage (1.8 v) [2] 1.65 1.8 1.95 v v dd(3v3) supply voltage (3.3 v) [3] 3.0 3.3 3.6 v v dda(3v3) analog supply voltage (3.3 v) 2.5 3.3 3.6 v standard port pins, reset, rtck i il low-state input current v i = 0 v; no pull-up - - 3 m a i ih high-state input current v i =v dd(3v3) ; no pull-down - - 3 m a i oz off-state output current v o =0v; v o =v dd(3v3) ; no pull-up/down --3 m a i latch i/o latch-up current - (0.5v dd(3v3) ) < v i < (1.5v dd(3v3) ); t j < 125 c 100 - - ma v i input voltage [4] [5] [6] 0 - 5.5 v v o output voltage output active 0 - v dd(3v3) v v ih high-state input voltage 2.0 - - v v il low-state input voltage - - 0.8 v v hys hysteresis voltage - 0.4 - v v oh high-state output voltage i oh = - 4 ma [7] v dd(3v3) - 0.4 - - v v ol low-state output voltage i ol = 4 ma [7] - - 0.4 v i oh high-state output current v oh =v dd(3v3) - 0.4 v [7] - 4--ma i ol low-state output current v ol = 0.4 v [7] 4--ma i ohs high-state short-circuit output current v oh =0v [8] -- - 45 ma i ols low-state short-circuit output current v ol =v dd(3v3) [8] - - 50 ma i pd pull-down current v i =5v [9] 10 50 150 m a i pu pull-up current v i =0v [10] - 15 - 50 - 85 m a v dd(3v3) < v i < 5 v [9] 000 m a power consumption LPC2114, LPC2114/00, lpc2124, lpc2124/00 i dd(act) active mode supply current v dd(1v8) = 1.8 v; cclk = 60 mhz; t amb =25 c; code while(1){} executed from ?ash; all peripherals enabled via pconp [11] register but not con?gured to run -60-ma i dd(pd) power-down mode supply current v dd(1v8) = 1.8 v; t amb =25 c -10- m a v dd(1v8) = 1.8 v; t amb =85 c - 110 500 m a
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 26 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers [1] typical ratings are not guaranteed. the values listed are at room temperature (25 c), nominal supply voltages. [2] internal rail. [3] external rail. [4] including voltage on outputs in 3-state mode. [5] v dd(3v3) supply voltages must be present. [6] 3-state outputs go into 3-state mode when v dd(3v3) is grounded. [7] accounts for 100 mv voltage drop in all supply lines. [8] only allowed for a short time period. [9] minimum condition for v i = 4.5 v, maximum condition for v i = 5.5 v. [10] applies to p1[25:16]. [11] see the LPC2114/2124/2212/2214 user manual . [12] to v ss . power consumption LPC2114/01 and lpc2124/01 i dd(act) active mode supply current v dd(1v8) = 1.8 v; cclk = 60 mhz; t amb =25 c; code while(1){} executed from ?ash; all peripherals enabled via pconp [11] register but not con?gured to run -40-ma i dd(idle) idle mode supply current v dd(1v8) = 1.8 v; cclk = 60 mhz; t amb =25 c; executed from ?ash; all peripherals enabled via pconp [11] register but not con?gured to run - 6.5 - ma i dd(pd) power-down mode supply current v dd(1v8) = 1.8 v; t amb =25 c -10- m a v dd(1v8) = 1.8 v; t amb =85 c - - 180 m a i 2 c-bus pins v ih high-state input voltage 0.7v dd(3v3) --v v il low-state input voltage - - 0.3v dd(3v3) v v hys hysteresis voltage - 0.5v dd(3v3) -v v ol low-state output voltage i ols = 3 ma [7] - - 0.4 v i li input leakage current v i =v dd(3v3) [12] -24 m a v i =5v - 10 22 m a oscillator pins v i(xtal1) input voltage on pin xtal1 0 - 1.8 v v o(xtal2) output voltage on pin xtal2 0 - 1.8 v table 6. static characteristics continued t amb = - 40 c to +85 c for industrial applications, unless otherwise speci?ed. symbol parameter conditions min typ [1] max unit
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 27 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers [1] conditions: v ssa =0v, v dda = 3.3 v. [2] the adc is monotonic, there are no missing codes. [3] the differential linearity error (e d ) is the difference between the actual step width and the ideal step width. see figure 4 . [4] the integral non-linearity (e l(adj) ) is the peak difference between the center of the steps of the actual and the ideal transfer curve after appropriate adjustment of gain and offset errors. see figure 4 . [5] the offset error (e o ) is the absolute difference between the straight line which ?ts the actual curve and the straight line which ?ts the ideal curve. see figure 4 . [6] the gain error (e g ) is the relative difference in percent between the straight line ?tting the actual transfer curve after removing offset error, and the straight line which ?ts the ideal transfer curve. see figure 4 . [7] the absolute voltage error (e t ) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated adc and the ideal transfer curve. see figure 4 . table 7. adc static characteristics v dda = 2.5 v to 3.6 v unless otherwise speci?ed; t amb = - 40 c to +85 c unless otherwise speci?ed. adc frequency 4.5 mhz. symbol parameter conditions min typ max unit v ia analog input voltage 0 - v dda v c ia analog input capacitance --1pf e d differential linearity error [1] [2] [3] -- 1 lsb e l(adj) integral non-linearity [1] [4] -- 2 lsb e o offset error [1] [5] -- 3 lsb e g gain error [1] [6] -- 0.5 % e t absolute error [1] [7] -- 4 lsb
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 28 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers (1) example of an actual transfer curve. (2) the ideal transfer curve. (3) differential linearity error (e d ). (4) integral non-linearity (e l(adj) ). (5) center of a step of the actual transfer curve. fig 4. adc characteristics 002aaa668 1023 1022 1021 1020 1019 (2) (1) 1024 1018 1019 1020 1021 1022 1023 7 123456 7 6 5 4 3 2 1 0 1018 (5) (4) (3) 1 lsb (ideal) code out v dda - v ssa 1024 offset error e o gain error e g offset error e o v ia (lsb ideal ) 1 lsb =
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 29 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 8.1 power consumption measurements for LPC2114/01 and lpc2124/01 the power consumption measurements represent typical values for the given conditions. the peripherals were enabled through the pconp register, but for these measurements, the peripherals were not con?gured to run. peripherals were disabled through the pconp register. for a description of the pconp register refer to the LPC2114/2124/2212/2214 user manual . test conditions: active mode entered executing code from on-chip ?ash; pclk = cclk 4 ; t amb =25 c; core voltage 1.8 v. fig 5. typical LPC2114/01 and lpc2124/01 i dd(act) measured at different frequencies 002aad149 5 15 25 35 45 12 20 28 36 44 52 60 all peripherals enabled all peripherals disabled frequency (mhz) i dd(act) (ma) test conditions: active mode entered executing code from on-chip ?ash; pclk = cclk 4 ; temp = 25 c; core voltage 1.8 v; all peripherals disabled. fig 6. typical LPC2114/01 and lpc2124/01 i dd(act) measured at different voltages 002aad150 0 10 20 30 40 50 1.65 1.80 1.95 12 mhz 48 mhz 60 mhz voltage (v) i dd(act) (ma)
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 30 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers test conditions: active mode entered executing code from on-chip ?ash; pclk = cclk 4 ; t amb = 25 c; core voltage 1.8 v; all peripherals enabled. fig 7. typical LPC2114/01 and lpc2124/01 i dd(act) measured at different voltages 002aad151 0 10 20 30 40 50 1.65 1.80 1.95 12 mhz 48 mhz 60 mhz voltage (v) i dd(act) (ma) test conditions: idle mode entered executing code from on-chip ?ash; pclk = cclk 4 ; t amb = 25 c; core voltage 1.8 v. fig 8. typical LPC2114/01 and lpc2124/01 i dd(idle) measured at different frequencies 002aad152 0 2 4 6 8 10 12 20 28 36 44 52 60 all peripherals disabled all peripherals enabled frequency (mhz) i dd(idle) (ma)
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 31 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers test conditions: idle mode entered executing code from on-chip ?ash; pclk = cclk 4 ; t amb =25 c; core voltage 1.8 v; all peripherals enabled. fig 9. typical LPC2114/01 and lpc2124/01 i dd(idle) measured at different voltages 002aad154 0 2 4 6 8 10 1.65 1.80 1.95 12 mhz 48 mhz 60 mhz voltage (v) i dd(idle) (ma) test conditions: idle mode entered executing code from on-chip ?ash; pclk = cclk 4 ; temp = 25 c; core voltage 1.8 v; all peripherals disabled. fig 10. typical LPC2114/01 and lpc2124/01 i dd(idle) measured at different voltages 002aad153 0 2 4 6 8 10 1.65 1.80 1.95 12 mhz 48 mhz 60 mhz voltage (v) i dd(idle) (ma)
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 32 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers test conditions: active mode entered executing code from on-chip ?ash; pclk = cclk 4 ; core voltage 1.8 v; all peripherals disabled. fig 11. typical LPC2114/01 and lpc2124/01 i dd(act) measured at different temperatures 002aad155 -40 -15 10 35 60 85 12 mhz 48 mhz 60 mhz 5 15 25 35 45 temperature ( c) i dd(act) (ma) test conditions: idle mode entered executing code from on-chip ?ash; pclk = cclk 4 ; core voltage 1.8 v; all peripherals disabled. fig 12. typical LPC2114/01 and lpc2124/01 i dd(idle) measured at different temperatures 002aad156 -40 -15 10 35 60 85 12 mhz 48 mhz 60 mhz 0.0 1.0 2.0 3.0 4.0 5.0 6.0 temperature ( c) i dd(idle) (ma)
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 33 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers test conditions: power-down mode entered executing code from on-chip ?ash. fig 13. typical LPC2114/01 and lpc2124/01 core power-down current i dd(pd) measured at different temperatures 0 40 80 120 160 200 1.65 v 1.8 v 1.95 v 002aad157 -40 -15 10 35 60 85 temperature ( c) i dd(pd) ( m a) table 8. typical LPC2114/01 and lpc2124/01 peripheral power consumption in active mode core voltage 1.8 v; t amb =25 c; all measurements in m a; pclk = cclk 4 . peripheral cclk = 12 mhz cclk = 48 mhz cclk = 60 mhz timer0 43 141 184 timer1 46 150 180 uart0 98 320 398 uart1 103 351 421 pwm0 103 341 407 i 2 c-bus 9 37 53 spi0/1 6 27 29 rtc165578 adc 33 128 167
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 34 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 9. dynamic characteristics [1] parameters are valid over operating temperature range unless otherwise speci?ed. [2] bus capacitance c b in pf, from 10 pf to 400 pf. table 9. dynamic characteristics t amb = - 40 c to +85 c for industrial applications; v dd(1v8) , v dd(3v3) over speci?ed ranges. [1] symbol parameter conditions min typ max unit external clock f osc oscillator frequency supplied by an external oscillator (signal generator) 1 - 50 mhz external clock frequency supplied by an external crystal oscillator 1 - 30 mhz external clock frequency if on-chip pll is used 10 - 25 mhz external clock frequency if on-chip bootloader is used for initial code download 10 - 25 mhz t cy(clk) clock cycle time 20 - 1000 ns t chcx clock high time t cy(clk) 0.4 - - ns t clcx clock low time t cy(clk) 0.4 - - ns t clch clock rise time - - 5 ns t chcl clock fall time - - 5 ns port pins (except p0[2] and p0[3]) t r rise time - 10 - ns t f fall time - 10 - ns i 2 c-bus pins (p0[2] and p0[3]) t f fall time v ih to v il [2] 20 + 0.1 c b --ns
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 35 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 9.1 timing fig 14. external clock timing t chcl t clcx t chcx t cy(clk) t clch 002aaa907 0.2v dd + 0.9 v 0.2v dd - 0.1 v v dd - 0.5 v 0.45 v
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 36 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 10. package outline fig 15. package outline sot314-2 (lqfp64) unit a max. a 1 a 2 a 3 b p ce (1) eh e ll p z y w v q references outline version european projection issue date iec jedec jeita mm 1.6 0.20 0.05 1.45 1.35 0.25 0.27 0.17 0.18 0.12 10.1 9.9 0.5 12.15 11.85 1.45 1.05 7 0 o o 0.12 0.1 1 0.2 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. 0.75 0.45 sot314-2 ms-026 136e10 00-01-19 03-02-25 d (1) (1) (1) 10.1 9.9 h d 12.15 11.85 e z 1.45 1.05 d b p e q e a 1 a l p detail x l (a ) 3 b 16 c d h b p e h a 2 v m b d z d a z e e v m a x 1 64 49 48 33 32 17 y pin 1 index w m w m 0 2.5 5 mm scale lqfp64: plastic low profile quad flat package; 64 leads; body 10 x 10 x 1.4 mm sot314-2
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 37 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 11. abbreviations table 10. abbreviations acronym description adc analog-to-digital converter amba advanced microcontroller bus architecture apb advanced peripheral bus cpu central processing unit dac digital-to-analog converter dcc debug communications channel fifo first in, first out gpio general purpose input/output i/o input/output jtag joint test action group pll phase-locked loop pwm pulse width modulator ram random access memory spi serial peripheral interface sram static random access memory ssi synchronous serial interface ssp synchronous serial port ttl transistor-transistor logic uart universal asynchronous receiver/transmitter
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 38 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 12. revision history table 11. revision history document id release date data sheet status change notice supersedes LPC2114_2124_6 20071210 product data sheet - LPC2114_2124_5 modi?cations: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? type number LPC2114fbd64/01 has been added. ? type number lpc2124fbd64/01 has been added. ? details introduced with /01 devices on new peripherals/features (fast i/o ports, ssp, crp) and enhancements to existing ones (uart0/1, timers, adc, and spi) added. ? power consumption measurements for LPC2114/2124/01 devices added. LPC2114_2124_5 20060629 product data sheet - LPC2114_2124_4 LPC2114_2124_4 20060621 product data sheet - LPC2114_2124-03 LPC2114_2124-03 20041222 product data - LPC2114_2124-02 LPC2114_2124-02 20040202 preliminary data - LPC2114_2124-01 LPC2114_2124-01 20031118 preliminary data - -
LPC2114_2124_6 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 06 10 december 2007 39 of 40 nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers 13. legal information 13.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 13.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 13.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 13.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. i 2 c-bus logo is a trademark of nxp b.v. 14. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors LPC2114/2124 single-chip 16/32-bit microcontrollers ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 10 december 2007 document identifier: LPC2114_2124_6 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 15. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2.1 key features brought by LPC2114/2124/01 devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2.2 key features common for all devices . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 3.1 ordering options . . . . . . . . . . . . . . . . . . . . . . . . 3 4 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 4 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 5 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 6 6 functional description . . . . . . . . . . . . . . . . . . 10 6.1 architectural overview. . . . . . . . . . . . . . . . . . . 10 6.2 on-chip ?ash program memory . . . . . . . . . . . 10 6.3 on-chip static ram. . . . . . . . . . . . . . . . . . . . . 11 6.4 memory map. . . . . . . . . . . . . . . . . . . . . . . . . . 11 6.5 interrupt controller . . . . . . . . . . . . . . . . . . . . . 12 6.5.1 interrupt sources. . . . . . . . . . . . . . . . . . . . . . . 13 6.6 pin connect block . . . . . . . . . . . . . . . . . . . . . . 14 6.7 general purpose parallel i/o (gpio) and fast i/o . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6.7.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6.7.2 features added with the fast gpio set of registers available on LPC2114/2124/01 only 14 6.8 10-bit adc . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6.8.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6.8.2 adc features available in LPC2114/2124/01 only . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6.9 uarts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6.9.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6.9.2 uart features available in LPC2114/2124/01 only . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 6.10 i 2 c-bus serial i/o controller . . . . . . . . . . . . . . 15 6.10.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 6.11 spi serial i/o controller. . . . . . . . . . . . . . . . . . 16 6.11.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 6.11.2 features available in LPC2114/2124/01 only . 16 6.12 ssp controller (LPC2114/2124/01 only). . . . . 17 6.12.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 6.13 general purpose timers . . . . . . . . . . . . . . . . . 17 6.13.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 6.13.2 features available in LPC2114/2124/01 only . 18 6.14 watchdog timer. . . . . . . . . . . . . . . . . . . . . . . . 18 6.14.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 6.15 real-time clock . . . . . . . . . . . . . . . . . . . . . . . . 18 6.15.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 6.16 pulse width modulator . . . . . . . . . . . . . . . . . . 19 6.16.1 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 6.17 system control . . . . . . . . . . . . . . . . . . . . . . . . 20 6.17.1 crystal oscillator. . . . . . . . . . . . . . . . . . . . . . . 20 6.17.2 pll. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 6.17.3 reset and wake-up timer . . . . . . . . . . . . . . . . 20 6.17.4 code security (code read protection - crp) 21 6.17.5 external interrupt inputs . . . . . . . . . . . . . . . . . 21 6.17.6 memory mapping control . . . . . . . . . . . . . . . . 21 6.17.7 power control . . . . . . . . . . . . . . . . . . . . . . . . . 22 6.17.8 apb bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 6.18 emulation and debugging. . . . . . . . . . . . . . . . 22 6.18.1 embeddedice . . . . . . . . . . . . . . . . . . . . . . . . 22 6.18.2 embedded trace. . . . . . . . . . . . . . . . . . . . . . . 23 6.18.3 realmonitor . . . . . . . . . . . . . . . . . . . . . . . . . . 23 7 limiting values . . . . . . . . . . . . . . . . . . . . . . . . 24 8 static characteristics . . . . . . . . . . . . . . . . . . . 25 8.1 power consumption measurements for LPC2114/01 and lpc2124/01 . . . . . . . . . . . . 29 9 dynamic characteristics . . . . . . . . . . . . . . . . . 34 9.1 timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 10 package outline . . . . . . . . . . . . . . . . . . . . . . . . 36 11 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 37 12 revision history . . . . . . . . . . . . . . . . . . . . . . . 38 13 legal information . . . . . . . . . . . . . . . . . . . . . . 39 13.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 39 13.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . 39 13.3 disclaimers. . . . . . . . . . . . . . . . . . . . . . . . . . . 39 13.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . 39 14 contact information . . . . . . . . . . . . . . . . . . . . 39 15 contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40


▲Up To Search▲   

 
Price & Availability of LPC2114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X