Part Number Hot Search : 
PM6685 ON0893 EMICO DS2152L SED1566 37039 37039 BD4736G
Product Description
Full Text Search
 

To Download IXTK120N20P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 200 v v dgr t j = 25 c to 175 c; r gs = 1 m ? 200 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c 120 a i d(rms) external lead current limit 75 a i dm t c = 25 c, pulse width limited by t jm 300 a i ar t c = 25 c60a e ar t c = 25 c60mj e as t c = 25 c 2.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 175 c, r g = 4 ? p d t c = 25 c 714 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c m d mounting torque 1 .13/10 nm/lb.in. weight to-3p 5.5 g to-264 10 g g = gate d = drain s = source tab = drain ds99207(09/04) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 200 v v gs(th) v ds = v gs , i d = 250 a 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 175 c 500 a r ds(on) v gs = 10 v, i d = 0.5 i d25 22 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm power mosfet advanced technical information n-channel enhancement mode features z international standard packages z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density polarht tm dmos transistors utilize proprietary designs and process. us patent is pending. to-264(sp) (ixtk) g d s (tab) to-3p (ixtq) g d s d (tab) v dss = 200 v i d25 = 120 a r ds(on) 22 m ? ? ? ? ? ixtq 120n20p ixtk 120n20p
ixys reserves the right to change limits, test conditions, and dimensions. ixtk 120n20p ixtq 120n20p symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 40 63 s c iss 6000 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1300 pf c rss 265 pf t d(on) 30 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 35 ns t d(off) r g = 3.3 ? (external) 100 ns t f 31 ns q g(on) 152 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 40 nc q gd 75 nc r thjc 0.21 k/w r thck to-3p 0.21 k/w r thck to-264 0.15 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 120 a i sm repetitive 300 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a 180 ns -di/dt = 100 a/ s q rm v r = 100 v 3.0 c 1 2 3 to-3p outline ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 to-264 outline millimeter inches min. max. min. max. a 4.82 5.13 .190 .202 a1 2.54 2.89 .100 .114 a2 2.00 2.10 .079 .083 b 1.12 1.42 .044 .056 b1 2.39 2.69 .094 .106 b2 2.90 3.09 .114 .122 c 0.53 0.83 .021 .033 d 25.91 26.16 1.020 1.030 e 19.81 19.96 .780 .786 e 5.46 bsc .215 bsc j 0.00 0.25 .000 .010 k 0.00 0.25 .000 .010 l 20.32 20.83 .800 .820 l1 2.29 2.59 .090 .102 p 3.17 3.66 .125 .144 q 6.07 6.27 .239 .247 q1 8.38 8.69 .330 .342 r 3.81 4.32 .150 .170 r1 1.78 2.29 .070 .090 s 6.04 6.30 .238 .248 dim.
? 2004 ixys all rights reserved ixtk 120n20p ixtq 120n20p fig. 2. extended output characteristics @ 25 o c 0 30 60 90 120 150 180 210 240 270 0246810121416 v d s - volts i d - amperes v gs = 10v 7v 6v 8v 9v fig. 3. output characteristics @ 150 o c 0 20 40 60 80 100 120 0123456 v d s - volts i d - amperes v gs = 10v 9v 8v 5v 6v 7v fig. 1. output characteristics @ 25 o c 0 20 40 60 80 100 120 0 0.5 1 1.5 2 2.5 v d s - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction temperature 0.5 1 1.5 2 2.5 3 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r d s ( o n ) - normalize d i d = 120a i d = 60a v gs = 10v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. drain current 0.5 1 1.5 2 2.5 3 3.5 4 0 30 60 90 120 150 180 210 240 270 300 i d - amperes r d s ( o n ) - normalize d t j = 25 o c v gs = 10v t j = 175 o c v gs = 15v
ixys reserves the right to change limits, test conditions, and dimensions. ixtk 120n20p ixtq 120n20p fig. 11. capacitance 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 q g - nanocoulombs v g s - volts v ds = 100v i d = 60a i g = 10ma fig. 7. input admittance 0 30 60 90 120 150 180 44.5 55.5 66.5 77.5 88.5 v g s - volts i d - amperes t j = 150 o c 25 o c -40 o c fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 0 30 60 90 120 150 180 210 i d - amperes g f s - siemens t j = -40 o c 25 o c 150 o c fig. 9. source current vs. source-to-drain voltage 0 50 100 150 200 250 300 350 0.4 0.6 0.8 1 1.2 1.4 1.6 v s d - volts i s - amperes t j = 150 o c t j = 25 o c fig. 12. forw ard-bias safe operating area 10 100 1000 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 175 o c t c = 25 o c r ds(on) limit 10ms 25 s
? 2004 ixys all rights reserved ixtk 120n20p ixtq 120n20p fig. 13. m axim um trans ie nt the rm al re s is tance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - oc / w


▲Up To Search▲   

 
Price & Availability of IXTK120N20P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X