Part Number Hot Search : 
MSW10N80 DDC1043 3L5122 CPH3104 CY7C131 AS82527 A6810ELW 32768
Product Description
Full Text Search
 

To Download C0402XXXXXX-XXXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 operating temperature range: -55? to +125? temperature coefficient: 0 ?0ppm/c temperature voltage coefficient: 0 ?0ppm/c dissipation factor: 0.1% max. insulation resistance: >1000 ohms f or 100 g ohms, whichever is less at 25?, vdcw. (the ir at 125? is 10% of the value at 25?) ageing: none withstanding voltage: >2.5 times vdcw test parameters: 1mhz 100khz at 1.0 0.2 vrms 100 pf, 25? 1khz 100hz at 1.0 0.2 vrms > 100 pf, 25? capacitance tolerance: b,c,d,f,g,j,k operating temperature range: -55? to +125? temperature coefficient: 0 ?5% ? ? max. temperature voltage coefficient: x7r not applicable dissipation factor: for 50 volts and 100 volts: 2.5% max.; for 25 volts: 3.0% max.; for 16 volts: 3.5% max.; for 10 volts: 5.0% max.; for 6.3 volts: 10% max. for values > 10? and voltages 10v, the d.f. is 10% max. insulation resistance: >1000 ohms f or 100 g ohms, whichever is less at 25?, vdcw. (the ir at 125? is 10% of the value at 25?) ageing: 2.5% per decade hour, typical withstanding voltage: >2.5 times vdcw test parameters: * 1khz 100hz at 1.0 0.2 vrms > 100 pf, 25? capacitance tolerance: j,k,m operating temperature range: +10? to +85? temperature coefficient: +22% - 56% ? ? max. dissipation factor: 4.0% max. insulation resistance: >100 ohms f or 10 g ohms, whichever is less at 25?, vdcw. ageing: 5% per decade hour, typical withstanding voltage: >2.5 times vdcw test parameters: 1khz 100hz at 0.5 0.1 vrms, 25? capacitance tolerance: m,z,p operating temperature range: -30? to +85? temperature coefficient: +22% - 82% ? ? max. dissipation factor: for 25 volts and 50 volts: 5% max.; for 16 volts: 7% max.; for 10 volts: 9% max.; for 6.3 volts: 11% max. for higher cap values > 10?, the d.f. is 20% max. insulation resistance: >100 ohms f or 10 g ohms, whichever is less at 25?, vdcw. ageing: 7% per decade hour, typical withstanding voltage: >2.5 times vdcw test parameters: * 1khz 100hz at 1.0 0.2 vrms, 25? capacitance tolerance: m,z x7r: specifications: z5u: specifications: y5v: specifications: -55 c -15% -10% -5% 0% 5% 10% 15% -25 c0 c25 c50 c75 c 100 c 125 c typical capacitance change vs. temperature -55 c -15% -10% -5% 0% 5% 10% 15% -25 c0 c25 c50 c75 c 100 c 125 c typical capacitance change vs. temperature -55 c -80% -60% -40% -20% 0% 20% -25 c0 c25 c typical capacitance change vs. temperature 50 c75 c 100 c 125 c -55 c -100% -60% -80% -40% -20% 0% 40% 20% -25 c0 c25 c typical capacitance change vs. temperature 50 c75 c 100 c 125 c np0/c0g: specifications: operating temperature range: -55? to +85? temperature coefficient: 0 ?5% ? ? max. temperature voltage coefficient: x5r not applicable dissipation factor: for 50 volts and 100 volts: 2.5% max.; for 25 volts: 3.0% max.; for 16 volts: 3.5% max.; for 10 volts: 5.0% max.; for 6.3 volts: 10% max. for values > 10? and voltages 10v, the d.f. is 10% max. insulation resistance: >1000 ohms f or 100 g ohms, whichever is less at 25?, vdcw. (10,000 ohms at 125?) ageing: 2.5% per decade hour, typical withstanding voltage: >2.5 times vdcw test parameters: * 1khz 100hz at 1.0 0.2 vrms > 100 pf, 25? capacitance tolerance: j,k,m x5r: specifications: -55 c -15% -10% -5% 0% 5% 10% 15% -25 c0 c25 c50 c75 c 100 c 125 c typical capacitance change vs. temperature multilayer chip capacitors have a low residual inductance, an excellent frequency r esponse and minimal stray capacitance since there are no leads. these characteristics enable design to be very close to the theoretical values of the capacitors. 6 ceramic chip capacitors * t est parameters for hi-caps: x7r, x5r and y5v 1khz 100hz at 1.0 0.2 vrms 10uf (10 v min.) 1khz 100hz at 0.5 0.1 vrms 10uf (6.3v max.) 120hz 24hz at 0.5 0.1 vrms > 10uf all components in this section are rohs compliant per the eu directives and definitions. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
size a b w f e po pz d t p 0.25 0.05 0.45 0.05 8.0 0.2 3.5 0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 1.15 max 2.0 0.05 01005 - 0.0 (0.010 .002) (0. 018 .002) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.039 .002) ( .064 + .004 ) (.045 max ) (.079 .002) - .000 0.37 0.05 0.67 0.05 8.0 0.2 3.5 0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 1.15 max 2.0 0.05 0201 - 0.0 (0.014 .002) (0. 026 .002) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.039 .002) ( .064 + .004 ) (.045 max ) (.079 .002) - .000 0.65 0.1 1.10 0.2 8.0 0.2 3.5 0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 1.15 max 2.0 0.05 0402 - 0.0 (.026 .004) (.043 .008) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.039 .002) ( .064 + .004 ) (.045 max ) (.079 .002) - .000 1.10 0.2 1.90 0.2 8.0 0.2 3.5 0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 1.15 max 4.0 0.1 0603 - 0.0 (.043 .008) (.075 .008) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.079 .002) ( .064 + .004 ) (.045 max ) (.157 .004) - .000 1.16 0.2 2.4 0.2 8.0 0.2 3.5 0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 1.15 max 4.0 0.1 0805 - 0.0 (.046 .008) (.095 .008) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.079 .002) ( .064 + .004 ) (.045 max ) (.157 .004) - .000 2.0 0.2 3.6 0.2 8.0 0.2 3.5 0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 1.15 max 4.0 0.1 1206 - 0.0 (.079 .008) (.142 .008) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.079 .002) ( .064 + .004 ) (.045 max ) (.157 .004) - .000 unit: mm (inch) paper tape carrier dimensions (8mm) w f p direction of feed top tape embossed paper center of cavity d t to pz e po 10 pitches cumulative tolerance 0.008 ( 0.2 ) a b t t ape b min c a (7") a (13") d min n min g t max 8mm 0.3 13 .05 178 2.0 330 2.0 20.2 50 10 1.5 14.9 (.012) (.512 .02) (7 .079) (13 .08) (.795) (1.97) (.394 .059) (.587) 12mm 0.3 13 .05 178 2.0 330 2.0 20.2 50 10 1.5 14.9 (.012) (.512 .02) (7 .079) (13 .08) (.795) (1.97) (.394 .059) (.587) reel dimensions unit: mm (inch) b d g t a full radius c n c0805 c0g 500 101 j n p * series temperature rated voltage capacitance tolerance code: termination marking** packaging optional identifier see chart characteristic 1st two digits (pico - farads) *b = 0.1 pf n = nickel barrier, 6 = eia ??code b = bulk are significant 1st two digits *c = 0.25 pf tinned termination ?eave blank if d = paper tape ( 10" reel ) followed by are significant, *d = 0.5 pf composition is no marking e = embossed tape ( 7" reel ) number of zeroes. followed by f = 1% 100% matte tin (sn) p = paper tape ( 7" reel ) 6r3 = 6.3 vdcw number of zeroes. g = 2% p = palladium silver r = paper tape ( 13" reel ) 100 = 10 vdcw 101 = 100 pf j = 5% g = gold over nickel u = embossed tape ( 13" reel ) 160 = 16 vdcw r denotes decimal k = 10% p: for palladium silver termination (pdag) 250 = 25 vdcw 6r8 = 6.8 pf m = 20% add p above. 500 = 50 vdcw n = 30% pb: for 90% tin (sn)/10% lead (pb) termination 101 = 100 vdcw z = +80 -20% add pb above. 201 = 200 vdcw p = +100 -0% standard termination finish for this product is 251 = 250 vdcw * for capacitance 100% matte tin (sn) values below 10 pf only. the following letters define thickness as signified below: code: b c d e f g h i j k l m n o p q r 6 9 dimension: .010 .015 .020 .026 .030 .035 .040 .045 .050 .055 .060 .065 .070 .075 .080 .085 .090 .023 .021 ? * optional identifier min./ max. thickness ? designates minimum thickness * designates maximum thickness how to order size 01005 0201* 0402* 0603 0805 1206 1210 1812 2221 t ape size 8mm 8mm 8mm 8mm 8mm 8mm 8mm 12mm 12mm min qty 20,000? 15,000 5000 3000 3000 2000 1000 1000 1000 per reel max qty 20,000? 15,000 10,000 4000 5000 5000 5000 3000 1000 per reel 7 in. reel quantities** ** quantity dependent on chip thickness * 0201 and 0402 pitch (?? is .079" .004" (2.0 0.1mm) ? smaller quantities may be available. please contact your sales person. t aping specifications size a b w f e po pz d to t p 1.48 0.2 2.3 0.2 8.0 0.2 3.5 .0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 2.5 max 0.6 max 4.0 0.1 0805 - 0.0 (.058 .008) (.091 .008) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.079 .002) ( .06 + .004 ) (.098 max )(.0 24 max )( .157 .004) - .000 2.0 0.2 3.6 0.2 8.0 0.2 3.5 .0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 2.5 max 0.6 max 4.0 0.1 1206 - 0.0 (.079 .008) (.142 .008) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.079 .002) ( .06 + .004 ) (.098 max )(.0 24 max )( .157 .004) - .000 2.9 0.2 3.6 0.2 8.0 0.2 3.5 .0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 2.5 max 0.6 max 4.0 0.1 1210 - 0.0 (.114 .008) (.142 .008) (.315 .008) (.138 .004) (.069 .004) (.157 .004) (.079 .002 ) ( .06 + .004 ) (.098 max )(.0 24 max )( .157 .004) - .000 3.6 0.2 4.9 0.2 12.0 0.3 5.6 .0.1 1.75 0.1 4.0 0.1 2.0 0.05 1.5 + 0.1 3.8 max 0.6 max 8.0 0.1 1812 - 0.0 (.142 .008) (.193 .008) (.472 .012) (.221 .004) (.069 .004) (.157 .004) (.079 .002) ( .06 + .004 ) (.150 max )(.0 24 max )( .315 .004) - .000 embossed carrier dimensions (8mm & 12mm) 7 ** 0201 and 0402 size capacitors cannot be marked please note: venkel offers engineering kits for this product. see page 121 for details. all tape and reel specifications must be adhered to per eia-481-1-a as noted and stated in the chip resistor section on page 65. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
8 ceramic chip capacitors (all measurements in inches) size 01005 ( 0.0008) 0201 ( 0.002) 0402 ( 0.004) 0504 ( 0.008) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) l .016 .024 .040 .050 .063 .080 .126 .126 .177 w .008 .012 .020 .040 .032 .050 .063 .098 .126 t (max) .008 .012 .025 .040 .033 .055 .070 .075 .085 min e/b .002 .002 .004 .005 .008 .020 .010 .020 .010 .020 .010 .024 .015 vdcw (max) 16v 25v 25v 50v 50v 100v 50v 100v 25v 50v 100v 50v 100v 50v 100v 50v 100v <-----------------------------------------------------------------------------------------------cap. code--------------------- --------------------------------------------------------------------------> 0r5 <-----------------------------------------------------------------------------------------------cap. value-------------------- --------------------------------------------------------------------------> 0.5pf 1r0 1.0pf 1r2 1.2 1r5 1.5 1r8 1.8 2r2 2.2 2r7 2.7 3r3 3.3 3r9 3.9 4r7 4.7 5r6 5.6 6r8 6.8 8r2 8.2 100 10pf 120 12 150 15 180 18 220 22 270 27 330 33 390 39 470 47 560 56 680 68 820 82 101 100pf 121 120 151 150 181 180 221 220 271 270 331 330 391 390 471 470 561 560 681 680 821 820 102 1000pf 122 1200 152 1500 182 1800 222 2200 272 2700 332 3300 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 va lues shown to the left are also available for 0201 size only 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 va lues shown to the left are available for 01005 size only np0/c0g dielectric t l w end band v alues that are typically available. a vailable in 25v only. 25v note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
9 ceramic chip capacitors np0/c0g dielectric * (all measurements in inches) size 0201 ( 0.002) 0402 ( 0.004) 0504 ( 0.008) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) 2220 / 2221 ( 0.016) l .024 .040 .050 .063 .080 .126 .126 .177 .225 / .225 w .012 .020 .040 .032 .050 .063 .098 .126 .200 / .210 t (max) .012 .025 .040 .033 .055 .070 .075 .085 .108 /.108 min e/b .002 .004 .005 .008 .020 .010 .020 .010 .020 .010 .024 .015 .025 .015 vdcw (max) 25v 25v 50v 50v 100v 50v 100v 25v 50v 100v 50v 100v 50v 100v 50v 100v 50v 100v <--------------------------------------------------------------------------------------------cap. code------------------------ --------------------------------------------------------------------> 392 <--------------------------------------------------------------------------------------------cap. value----------------------- --------------------------------------------------------------------> 3900 472 4700 562 5600 682 6800 822 8200 103 .01 f 123 .012 153 .015 183 .018 223 .022 273 .027 333 .033 393 .039 473 .047 563 .056 683 .068 823 .082 104 .100 f 25v 124 .120 154 .150 184 .180 224 .220 274 .270 334 .330 394 .390 474 .470 564 .560 684 .680 824 .820 105 1.00 f 125 1.20 155 1.50 185 1.80 225 2.20 335 3.30 395 3.90 475 4.70 685 6.80 106 10.0 f 156 15.0 f 226 22.0 f 476 47.0 f 107 100.0 f note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. a vailable in 25v only. 25v www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 10 (all measurements in inches) size 0201 ( 0.002) 0402 ( 0.004) 0504 ( 0.008) 0603 ( 0.006) 0805 ( 0.008) l .024 .040 .050 .063 .080 w .012 .020 .040 .032 .050 t (max) * .012 .025 .040 .033 .055 min e/b .002 .004 .005 .008 .020 .010 vdcw (max) 6.3v 10v 16v 16v 25v 50v 25v 50v 100v 6.3v 10v 16v 25v 50v 100v 10v 16v 25v 50v 100v <----------------------------------------------------------------------------------------------cap. code---------------------- ------------------------------------------------------------------------> 101 <----------------------------------------------------------------------------------------------cap. value--------------------- ------------------------------------------------------------------------> 100pf 121 120 151 150 181 180 221 220 271 270 331 330 391 390 471 470 561 560 681 680 821 820 102 1000pf 122 1200 152 1500 182 1800 222 2200 272 2700 332 3300 392 3900 472 4700 562 5600 682 6800 822 8200 103 .01 f 123 .012 153 .015 x5r 183 .018 223 .022 x5r 273 .027 333 .033 x5r x7r dielectric * for values above 1uf, thickness may be greater than specified above. t(max): 0603 ?0.048" 0805 ?0.075" note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. a vailable in x5r only. see x5r chart on page 12, for all values 1? and above x5r www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 11 x7r dielectric (all measurements in inches) size 0201 ( 0.002) 0402 ( 0.004) 0504 ( 0.008) 0603 ( 0.006) 0805 ( 0.008) l .024 .040 .050 .063 .080 w .012 .020 .040 .032 .050 t (max) * .012 .025 .040 .033 .055 min e/b .002 .004 .005 .008 .020 .010 vdcw (max) 6.3v 10v 16v 6.3v 10v 16v 25v 50v 100v 6.3v 10v 16v 25v 50v 100v 10v 16v 25v 50v 100v <----------------------------------------------------------------------------------------------cap. code---------------------- --------------------------------------------------------------------> 393 <----------------------------------------------------------------------------------------------cap. value--------------------- ---------------------------------------------------------------------> .039 x5r 473 .047 x5r 563 .056 683 .068 823 .082 104 .100 f x5r 124 .120 154 .150 184 .180 224 .220 x5r 274 .270 334 .330 x5r 394 .390 474 .470 x5r 564 .560 684 .680 x5r x5r 824 .820 105 1.00 f x5r 125 1.20 155 1.50 185 1.80 225 2.20 x5r 335 3.30 475 4.70 685 6.80 106 10.0 f 156 15.0 f 226 22.0 f 476 47.0 f 107 100.0 f * for values above 1uf, thickness may be greater than specified above. t(max): 0603 ?0.048" 0805 ?0.075" note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. a vailable in x5r only. see x5r chart on page 12, for all values 1? and above x5r www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 12 (all measurements in inches) size 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) 2220 / 2221 ( 0.016) l .126 .126 .177 .225 / .225 w .063 .098 .126 .200 / .210 t (max) * .070 .075 .085 .108 /.108 min e/b .020 .010 .020 .010 .024 .015 .025 .015 vdcw (max) 10v 16v 25v 50v 100v 10v 16v 25v 50v 100v 6.3v 10v 16v 25v 50v 100v 16v 25v 50v 100v <----------------------------------------------------------------------------------------------cap. code---------------------- ------------------------------------------------------------------------> 102 <----------------------------------------------------------------------------------------------cap. value--------------------- ------------------------------------------------------------------------> 1000pf 122 1200 152 1500 182 1800 222 2200 272 2700 332 3300 392 3900 472 4700 562 5600 682 6800 822 8200 103 .01 f 123 .012 153 .015 183 .018 223 .022 273 .027 333 .033 393 .039 473 .047 563 .056 683 .068 823 .082 104 .100 f 124 .120 154 .150 184 .180 224 .220 274 .270 334 .330 x7r dielectric * for values above 1uf, thickness may be greater than specified above. t(max): 1206 ?0.110" 1812 ?0.130" 1210 ?0.125" 2220 ?0.135" note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. a vailable in x5r only. see x5r chart on page 12, for all values 1? and above x5r www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 13 x7r dielectric (all measurements in inches) size 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) 2220 / 2221 ( 0.016) l .126 .126 .177 .225 / .225 w .063 .098 .126 .200 / .210 t (max) * .070 .075 .085 .108 /.108 min e/b .020 .010 .020 .010 .024 .015 .025 .015 vdcw (max) 10v 16v 25v 50v 100v 10v 16v 25v 50v 100v 6.3v 10v 16v 25v 50v 100v 16v 25v 50v 100v <-----------------------------------------------------cap. code--------------------------------------------------> 394 <-----------------------------------------------------cap. value--------------------------------------------------> .390 474 .470 564 .560 684 .680 824 .820 105 1.00 f 125 1.20 155 1.50 185 1.80 225 2.20 335 3.30 475 4.70 685 6.80 106 10.0 f x5r 156 15.0 f 226 22.0 f x5r x5r 476 47.0 f x5r x5r 107 100.0 f * for values above 1uf, thickness may be greater than specified above. t(max): 1206 ?0.110" 1812 ?0.130" 1210 ?0.125" 2220 ?0.135" note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. a vailable in x5r only. see x5r chart on page 12, for all values 1? and above x5r www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 14 (all measurements in inches) size 0402 ( 0.004) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) 2220 / 2221 ( 0.016) l .040 .063 .080 .126 .126 .177 .225 / .225 w .020 .032 .050 .063 .098 .126 .200 / .210 t (max) .025 .033 .055 .070 .075 .085 .108 /.108 min e/b .004 .008 .020 .010 .020 .010 .020 .010 .024 .015 .025 .015 vdcw (max) 6.3v 4v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 25v <------------cap. code-----------> 105 <------------cap. value-----------> 1.00 f 125 1.20 155 1.50 185 1.80 225 2.20 335 3.30 x5r dielectric (minimum 1?) * for values above 1uf, thickness may be greater than specified above. t(max): 1206 ?0.110" 1812 ?0.130" 1210 ?0.125" 2220 ?0.135" note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 15 x5r dielectric (minimum 1?) (all measurements in inches) size 0402 ( 0.004) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) 2220 / 2221 ( 0.016) l .040 .063 .080 .126 .126 .177 .225 / .225 w .020 .032 .050 .063 .098 .126 .200 / .210 t (max) .025 .033 .055 .070 .075 .085 .108 /.108 min e/b .004 .008 .020 .010 .020 .010 .020 .010 .024 .015 .025 .015 vdcw (max) 6.3v 4v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 16v 25v 6.3v 10v 25v <-----------------cap. code-----------------> 395 <-----------------cap. value-----------------> 3.90 475 4.70 685 6.80 106 10.0 f 156 15.0 f 226 22.0 f 476 47.0 f 107 100.0 f * for values above 1uf, thickness may be greater than specified above. t(max): 1206 ?0.110" 1812 ?0.130" 1210 ?0.125" 2220 ?0.135" note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 16 (all measurements in inches) size 0504 ( 0.008) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) 2220 / 2221 ( 0.016) l .050 .063 .080 .126 .126 .177 .225 / .225 w .040 .032 .050 .063 .098 .126 .200 / .210 t (max) .040 .033 .055 .070 .075 .085 .108 /.108 min e/b .005 .008 .020 .010 .020 .010 .020 .010 .024 .015 .025 .015 vdcw (max) 25v 50v 25v 50v 25v 50v 25v 50v 25v 50v 25v 50v 25v 50v <----------------------------------------------------------------------------------------------cap. code---------------------- ------------------------------------------------------------------------> 102 <----------------------------------------------------------------------------------------------cap. value--------------------- ------------------------------------------------------------------------> 1000pf 122 1200 152 1500 182 1800 222 2200 272 2700 332 3300 392 3900 472 4700 562 5600 682 6800 822 8200 103 .01 f 123 .012 153 .015 183 .018 223 .022 273 .027 333 .033 393 .039 473 .047 563 .056 683 .068 823 .082 104 .100 f 124 .120 154 .150 184 .180 224 .220 274 .270 334 .330 z5u dielectric note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 17 z5u dielectric (all measurements in inches) size 0504 ( 0.008) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) 2220 / 2221 ( 0.016) l .050 .063 .080 .126 .126 .177 .225 / .225 w .040 .032 .050 .063 .098 .126 .200 / .210 t (max) .040 .033 .055 .070 .075 .085 .108 /.108 min e/b .005 .008 .020 .010 .020 .010 .020 .010 .024 .015 .025 .015 vdcw (max) 25v 50v 25v 50v 25v 50v 25v 50v 25v 50v 25v 50v 25v 50v <-------------------------------------------------------cap. code-----------------------------------------------------> 394 <-------------------------------------------------------cap. value-----------------------------------------------------> .390 474 .470 564 .560 684 .680 824 .820 105 1.00 f 125 1.20 155 1.50 185 1.80 225 2.20 335 3.30 395 3.90 475 4.70 685 6.80 106 10.0 f 156 15.0 f 226 22.0 f 476 47.0 f 107 100.0 f note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 18 (all measurements in inches) size 0201 ( 0.002) 0402 ( 0.004) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) l .024 .040 .063 .080 .126 .126 .177 w .012 .020 .032 .050 .063 .098 .126 t (max) .012 .025 .033 .055 .070 .075 .085 min e/b .002 .004 .008 .020 .010 .020 .010 .020 .010 .024 .015 vdcw (max) 10v 6.3v 10v 16v 25v 50v 6.3v 10v 16v 25v 50v 6.3v 10v 16v 25v 50v 10v 16v 25v 50v 6.3v 10v 16v 25v 6.3v 10v 25v <----------------------------------------------------------------------------------------------cap. code--------------------- ------------------------------------------------------------------------> 102 <----------------------------------------------------------------------------------------------cap. value--------------------- ------------------------------------------------------------------------> 1000pf 122 1200 152 1500 182 1800 222 2200 272 2700 332 3300 392 3900 472 4700 562 5600 682 6800 822 8200 103 .01 f 123 .012 153 .015 183 .018 223 .022 273 .027 333 .033 393 .039 473 .047 563 .056 683 .068 823 .082 104 .100 f 124 .120 154 .150 184 .180 224 .220 274 .270 334 .330 y5v dielectric note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
ceramic chip capacitors 19 y5v dielectric (all measurements in inches) size 0201 ( 0.002) 0402 ( 0.004) 0603 ( 0.006) 0805 ( 0.008) 1206 ( 0.008) 1210 ( 0.008) 1812 ( 0.012) l .024 .040 .063 .080 .126 .126 .177 w .012 .020 .032 .050 .063 .098 .126 t (max) .012 .025 .033 .055 .070 .075 .085 min e/b .002 .004 .008 .020 .010 .020 .010 .020 .010 .024 .015 vdcw (max) 10v 6.3v 10v 16v 25v 50v 6.3v 10v 16v 25v 50v 6.3v 10v 16v 25v 50v 10v 16v 25v 50v 6.3v 10v 16v 25v 6.3v 10v 25v <------------------------------------------------------cap. code------------------------------------------------------> 394 <------------------------------------------------------cap. value------------------------------------------------------> .390 474 .470 564 .560 684 .680 824 .820 105 1.00 f 125 1.20 155 1.50 185 1.80 225 2.20 335 3.30 395 3.90 475 4.70 685 6.80 106 10.0 f 156 15.0 f 226 22.0 f 476 47.0 f 107 100.0 f note: due to demand and raw material fluctuations in the market, changes and availability of individual values may occur. minimum ord er quantities may apply. t l w end band v alues that are typically available. all components in this section are rohs compliant per the eu directives and definitions. www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com


▲Up To Search▲   

 
Price & Availability of C0402XXXXXX-XXXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X