Part Number Hot Search : 
BGA61408 BXXXXXX SZ4024 2N2222A SMBJ5 11HWA 184MH TSM2405S
Product Description
Full Text Search
 

To Download AP997GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet low gate charge bv dss 60v single drive requirement r ds(on) 18m surface mount package i d 60a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ e as single pulse avalanche energy 3 mj i ar a t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 1.4 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice 200803183 thermal data parameter storage temperature range total power dissipation 89 -55 to 150 operating junction temperature range -55 to 150 linear derating factor 0.7 avalanche current 3 continuous drain current, v gs @ 10v 38 pulsed drain current 1 230 gate-source voltage 25 continuous drain current, v gs @ 10v 60 parameter rating drain-source voltage 60 rohs-compliant product 1 ap9972gs/p 30 450 g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-263 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap9972gp) are available for low-profile applications. g d s to-263(s) g d s to-220(p)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v ?? v dss / ? t j breakdown voltage temperature coefficient reference to 25 : , i d =1ma - 0.06 - v/ : r ds(on) static drain-source on-resistance 2 v gs =10v, i d =35a - - 18 m  v gs =4.5v, i d =25a - - 22 m  v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =35a - 55 - s i dss drain-source leakage current v ds =60v, v gs =0v - - 10 ua drain-source leakage current (t j =150 o c) v ds =48v ,v gs =0v - - 25 ua i gss gate-source leakage v gs =25v - - 100 na q g total gate charge 2 i d =35a - 32 51 nc q gs gate-source charge v ds =48v - 8 - nc q gd gate-drain ("miller") charge v gs =4.5v - 20 - nc t d(on) turn-on delay time 2 v ds =30v - 11 - ns t r rise time i d =35a - 58 - ns t d(off) turn-off delay time r g =3.3 ? v gs =10v - 45 - ns t f fall time r d =0.86  -80- ns c iss input capacitance v gs =0v - 3170 5070 pf c oss output capacitance v ds =25v - 280 - pf c rss reverse transfer capacitance f=1.0mhz - 230 - pf r g gate resistance f=1.0mhz - 1.7 -  source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =35a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =35a, v gs =0 v , - 50 - ns q rr reverse recovery charge di/dt=100a/s - 48 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse width < 300us , duty cycle < 2%. 3.starting t j =25 o c , v dd =30v , l=1mh , r g =25  , i as =30a. this product is an electrostatic sensitive, please handle with caution. device or system are not authorized. this product has been qualified for consumer market. applications or uses as criterial component in life support 2 ap9972gs/p
ap9972gs/p fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 50 100 150 0 2 4 6 8 10 12 14 v ds , drain-to-source voltage (v) i d , drain current (a) t c = 150 o c 10v 7.0v 5.0v 4.5v v g =3.0v 14 16 18 20 246810 v gs , gate-to-source voltage (v) r ds(on) (m  ) i d =25a t c =25 o c 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =35a v g =10v 0 5 10 15 20 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.2 0.7 1.2 1.7 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v) 0 50 100 150 200 02468101214 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 7.0v 5.0v 4.5v v g =3.0v
fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. gate charge waveform 4 ap9972gs/p q v g 4.5v q gs q gd q g charge 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 204060 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =48v v ds =38v v ds =30v i d =35a 0 20 40 60 80 100 02468 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 sin g le pulse 1 10 100 1000 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc
package outline : to-220 millimeters min nom max a 4.25 4.48 4.70 b 0.65 0.80 0.90 b1 1.15 1.38 1.60 c 0.40 0.50 0.60 c1 1.00 1.20 1.40 e 9.70 10.00 10.40 e1 --- --- 11.50 e ---- 2.54 ---- l 12.70 13.60 14.50 l1 2.60 2.80 3.00 l2 1.00 1.40 1.80 l3 2.6 3.10 3.6 l4 14.70 15.50 16 l5 6.30 6.50 6.70 3.50 3.60 3.70 d 8.40 8.90 9.40 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-220 symbols advanced power electronics corp. e b b1 e d l3 l4 l1 l2 a c1 c l package code part number date code (ywwsss) y last digit of the year ww week sss se q uence 9972gp ywwsss logo l5 meet rohs requirement e1 5
package outline : to-263 millimeters min nom max a 4.25 4.75 5.20 a1 0.00 0.15 0.30 a2 2.20 2.45 2.70 b 0.70 0.90 1.10 b1 1.07 1.27 1.47 c 0.30 0.45 0.60 c1 1.15 1.30 1.45 d 8.30 8.90 9.40 e 9.70 10.10 10.50 e 2.04 2.54 3.04 l2 ----- 1.50 ----- l3 4.50 4.90 5.30 l4 ----- 1.50 ---- 1.all dimensions are in millimeters. 2.dimension does not include mold protrusions. part marking information & packing : to-263 symbols meet rohs requirement


▲Up To Search▲   

 
Price & Availability of AP997GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X