Part Number Hot Search : 
AT25512 74HC19 FR153 LM7410 SFH2500 IRF5305 C1569ACS PJ20168R
Product Description
Full Text Search
 

To Download 39-30-1160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0039301160 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit jr.? header, dual row, right angle, with snap-in plastic peg pcb lock, 16 circuits, pa polyamide nylon 6/6 94v-2, tin (sn) plating documents: 3d model product specification ps-5556-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb headers series 5569 application wire-to-board comments current = 13a max. per circuit when header is mated to a receptacle loaded with 45750 mini-fit plus hcs? crimp terminal crimpted to to 16 awg wire. . see molex product specification ps-5556-001 for additional current de-rating information. overview minifit_jr product name mini-fit jr.? physical breakaway no circuits (loaded) 16 circuits (maximum) 16 circuits detail 16 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 2 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.070 in pcb thickness recommended (mm) 1.78 mm packaging type bag pitch - mating interface (in) 0.165 in pitch - mating interface (mm) 4.20 mm pitch - term. interface (in) 0.165 in pitch - term. interface (mm) 4.20 mm plating min: mating (in) 200 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5569 series mates with 5557 mini-fit jr.? receptacle housing
plating min: mating (m) 5.00 plating min: termination (in) 200 plating min: termination (m) 5.00 polarized to mating part yes polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 13a voltage - maximum 600v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info old part number 5569-16a2 reference - drawing numbers packaging specification pk-5569-002, spk-5569-na2 product specification ps-5556-001 sales drawing sda-5569-na2*-* test summary ts-5556-002 this document was generated on 05/21/2010 please check www.molex.com for latest part information

revision: ecr/ecn information: sheet no. ec no: ucp2010-0398 l3 date: 2009/09/02 title: mini-fit jr. ? right angle header assemblies with mounting pegs - 2 - document number: drawn by: checked by: approved by: sda - 5569 - na2* - * jjaguilar jbell fsmith filename: spomaster.doc revision: 1 location: workmanager general docs class. date: 4 -15-2002 part number eng. number ckt. size plating (note 2) hsg mat'l part number eng. number ckt. size plating (note 2) hsg mat'l 39-30-1020 5569-02a2 2 39-30-0020 5569-02a2-210 2 39-30-1040 5569-04a2 4 39-30-0040 5569-04a2-210 4 39-30-1060 5569-06a2 6 39-30-0060 5569-06a2-210 6 39-30-1080 5569-08a2 8 39-30-0080 5569-08a2-210 8 39-30-1100 5569-10a2 10 39-30-0100 5569-10a2-210 10 39-30-1120 5569-12a2 12 39-30-0120 5569-12a2-210 12 39-30-1140 5569-14a2 14 39-30-0140 5569-14a2-210 14 39-30-1160 5569-16a2 16 39-30-0160 5569-16a2-210 16 39-30-1180 5569-18a2 18 39-30-0180 5569-18a2-210 18 39-30-1200 5569-20a2 20 39-30-0200 5569-20a2-210 20 39-30-1220 5569-22a2 22 39-30-0220 5569-22a2-210 22 39-30-1240 5569-24a2 24 39-30-0240 5569-24a2-210 24 39-30-1021 5569-02a2g 2 39-30-1022 5569-02a2g-210 2 39-30-1041 5569-04a2g 4 39-30-1042 5569-04a2g-210 4 39-30-1061 5569-06a2g 6 39-30-1062 5569-06a2g-210 6 39-30-1081 5569-08a2g 8 39-30-1082 5569-08a2g-210 8 39-30-1101 5569-10a2g 10 39-30-1102 5569-10a2g-210 10 39-30-1121 5569-12a2g 12 39-30-1122 5569-12a2g-210 12 39-30-1141 5569-14a2g 14 39-30-1142 5569-14a2g-210 14 39-30-1161 5569-16a2g 16 39-30-1162 5569-16a2g-210 16 39-30-1181 5569-18a2g 18 39-30-1182 5569-18a2g-210 18 39-30-1201 5569-20a2g 20 39-30-1202 5569-20a2g-210 20 39-30-1221 5569-22a2g 22 39-30-1222 5569-22a2g-210 22 39-30-1241 5569-24a2g 24 39-30-1242 5569-24a2g-210 24 39-30-0021 5569-02a2g2 2 39-30-0022 5569-02a2g2-210 2 39-30-0041 5569-04a2g2 4 39-30-0042 5569-04a2g2-210 4 39-30-0061 5569-06a2g2 6 39-30-0062 5569-06a2g2-210 6 39-30-0081 5569-08a2g2 8 39-30-0082 5569-08a2g2-210 8 39-30-0101 5569-10a2g2 10 39-30-0102 5569-10a2g2-210 10 39-30-0121 5569-12a2g2 12 39-30-0122 5569-12a2g2-210 12 39-30-0141 5569-14a2g2 14 39-30-0142 5569-14a2g2-210 14 39-30-0161 5569-16a2g2 16 39-30-0162 5569-16a2g2-210 16 39-30-0181 5569-18a2g2 18 39-30-0182 5569-18a2g2-210 18 39-30-0201 5569-20a2g2 20 39-30-0202 5569-20a2g2-210 20 39-30-0221 5569-22a2g2 22 39-30-0222 5569-22a2g2-210 22 39-30-0241 5569-24a2g2 24 39-30-0242 5569-24a2g2-210 24 not tooled 5569-02a2g3 2 not tooled 5569-02a2g3-210 2 15-27-1514 5569-04a2g3 4 not tooled 5569-04a2g3-210 4 15-27-1511 5569-06a2g3 6 not tooled 5569-06a2g3-210 6 15-27-1512 5569-08a2g3 8 not tooled 5569-08a2g3-210 8 15-27-1503 5569-10a2g3 10 15-27-1504 5569-10a2g3-210 10 not tooled 5569-12a2g3 12 not tooled 5569-12a2g3-210 12 not tooled 5569-14a2g3 14 not tooled 5569-14a2g3-210 14 15-27-1513 5569-16a2g3 16 not tooled 5569-16a2g3-210 16 not tooled 5569-18a2g3 18 not tooled 5569-18a2g3-210 18 not tooled 5569-20a2g3 20 not tooled 5569-20a2g3-210 20 not tooled 5569-22a2g3 22 not tooled 5569-22a2g3-210 22 not tooled 5569-24a2g3 24 not tooled 5569-24a2g3-210 24 94v-2 tin over copper see note 2 option "blank" 94v-0 30 " gold see note 2 option "g" 94v-2 30 " gold see note 2 option "g" 94v-0 bulk packaged per pk-5569-002 50 " gold see note 2 option "g3" 94v-2 50 " gold see note 2 option "g3" 94v-0 15 " gold see note 2 option "g2" 94v-2 15 " gold see note 2 option "g2" 94v-0 tin over copper see note 2 option "blank"
revision: ecr/ecn information: sheet no. ec no: ucp2010-0398 l3 date: 2009/09/02 title: mini-fit jr. ? right angle header assemblies with mounting pegs - 3 - document number: drawn by: checked by: approved by: sda - 5569 - na2* - * jjaguilar jbell fsmith filename: spomaster.doc revision: 1 location: workmanager general docs class. date: 4 -15-2002 part number eng. number ckt. size plating (note 2) hsg mat'l part number eng. number ckt. size plating (note 2) hsg mat'l 39-30-0023 5569-02a2gs 2 39-30-0024 5569-02a2gs-210 2 39-30-0043 5569-04a2gs 4 39-30-0044 5569-04a2gs-210 4 39-30-0063 5569-06a2gs 6 39-30-0064 5569-06a2gs-210 6 39-30-0083 5569-08a2gs 8 39-30-0084 5569-08a2gs-210 8 39-30-0103 5569-10a2gs 10 39-30-0104 5569-10a2gs-210 10 39-30-0123 5569-12a2gs 12 39-30-0124 5569-12a2gs-210 12 39-30-0143 5569-14a2gs 14 39-30-0144 5569-14a2gs-210 14 39-30-0163 5569-16a2gs 16 39-30-0164 5569-16a2gs-210 16 39-30-0183 5569-18a2gs 18 39-30-0184 5569-18a2gs-210 18 39-30-0203 5569-20a2gs 20 39-30-0204 5569-20a2gs-210 20 39-30-0223 5569-22a2gs 22 39-30-0224 5569-22a2gs-210 22 39-30-0243 5569-24a2gs 24 39-30-0244 5569-24a2gs-210 24 39-30-1023 5569-02a2gs2 2 39-30-1024 5569-02a2gs2-210 2 39-30-1043 5569-04a2gs2 4 39-30-1044 5569-04a2gs2-210 4 39-30-1063 5569-06a2gs2 6 39-30-1064 5569-06a2gs2-210 6 39-30-1083 5569-08a2gs2 8 39-30-1084 5569-08a2gs2-210 8 39-30-1103 5569-10a2gs2 10 39-30-1104 5569-10a2gs2-210 1 0 39-30-1123 5569-12a2gs2 12 39-30-1124 5569-12a2gs2-210 1 2 39-30-1143 5569-14a2gs2 14 39-30-1144 5569-14a2gs2-210 1 4 39-30-1163 5569-16a2gs2 16 39-30-1164 5569-16a2gs2-210 1 6 39-30-1183 5569-18a2gs2 18 39-30-1184 5569-18a2gs2-210 1 8 39-30-1203 5569-20a2gs2 20 39-30-1204 5569-20a2gs2-210 2 0 39-30-1223 5569-22a2gs2 22 39-30-1224 5569-22a2gs2-210 2 2 39-30-1243 5569-24a2gs2 24 39-30-1244 5569-24a2gs2-210 2 4 39-34-4026 5569-02a2gs3 2 39-34-4027 5569-02a2gs3-210 2 39-34-4046 5569-04a2gs3 4 39-34-4047 5569-04a2gs3-210 4 not tooled 5569-06a2gs3 6 not tooled 5569-06a2gs3-210 6 not tooled 5569-08a2gs3 8 not tooled 5569-08a2gs3-210 8 not tooled 5569-10a2gs3 10 not tooled 5569-10a2gs3-210 10 not tooled 5569-12a2gs3 12 not tooled 5569-12a2gs3-210 12 not tooled 5569-14a2gs3 14 not tooled 5569-14a2gs3-210 14 not tooled 5569-16a2gs3 16 not tooled 5569-16a2gs3-210 16 not tooled 5569-18a2gs3 18 not tooled 5569-18a2gs3-210 18 not tooled 5569-20a2gs3 20 not tooled 5569-20a2gs3-210 20 not tooled 5569-22a2gs3 22 not tooled 5569-22a2gs3-210 22 not tooled 5569-24a2gs3 24 not tooled 5569-24a2gs3-210 24 39-30-7025 5569-02a2s 2 39-30-7026 5569-02a2s-210 2 39-30-7045 5569-04a2s 4 39-30-7046 5569-04a2s-210 4 39-30-7065 5569-06a2s 6 39-30-7066 5569-06a2s-210 6 39-30-7085 5569-08a2s 8 39-30-7086 5569-08a2s-210 8 39-30-7105 5569-10a2s 10 39-30-7106 5569-10a2s-210 10 39-30-7125 5569-12a2s 12 39-30-7126 5569-12a2s-210 12 39-30-7145 5569-14a2s 14 39-30-7146 5569-14a2s-210 14 39-30-7165 5569-16a2s 16 39-30-7166 5569-16a2s-210 16 39-30-7185 5569-18a2s 18 39-30-7186 5569-18a2s-210 18 39-30-7205 5569-20a2s 20 39-30-7206 5569-20a2s-210 20 39-30-7225 5569-22a2s 22 39-30-7226 5569-22a2s-210 22 39-30-7245 5569-24a2s 24 39-30-7246 5569-24a2s-210 24 bulk packaged pk-5569-002 94v-0 tin over nickel see note 2 option "s" 94v-2 tin over nickel see note 2 option "s" 94v-0 50 " select gold see note 2 option "gs3" 94v-2 50 " select gold see note 2 option "gs3" 15 " select gold see note 2 option "gs2" 94v-2 15 " select gold see note 2 option "gs2" 94v-0 30 " select gold see note 2 option "gs" 94v-2 30 " select gold see note 2 option "gs" 94v-0
revision: ecr/ecn information: sheet no. ec no: ucp2010-0398 l3 date: 2009/09/02 title: mini-fit jr. ? right angle header assemblies with mounting pegs - 4 - document number: drawn by: checked by: approved by: sda - 5569 - na2* - * jjaguilar jbell fsmith filename: spomaster.doc revision: 1 location: workmanager general docs class. date: 4 -15-2002 part number eng. number ckt. size plating (note 2) hsg mat'l part number eng. number ckt. size plating (note 2) hsg mat'l 2 39-31-1021 5569-02a2-bl 2 4 39-31-1041 5569-04a2-bl 4 6 39-31-1061 5569-06a2-bl 6 8 39-31-1081 5569-08a2-bl 8 10 39-31-1101 5569-10a2-bl 10 12 39-31-1121 5569-12a2-bl 12 14 39-31-1141 5569-14a2-bl 14 16 39-31-1161 5569-16a2-bl 16 18 39-31-1181 5569-18a2-bl 18 20 39-31-1201 5569-20a2-bl 20 22 39-31-1221 5569-22a2-bl 22 24 39-31-1241 5569-24a2-bl 24 2 39-31-6029 5569-02a2g-bl 2 4 39-31-6049 5569-04a2g-bl 4 6 39-31-6069 5569-06a2g-bl 6 8 39-31-6089 5569-08a2g-bl 8 10 39-31-6109 5569-10a2g-bl 10 12 39-31-6129 5569-12a2g-bl 12 14 39-31-6149 5569-14a2g-bl 14 16 39-31-6169 5569-16a2g-bl 16 18 39-31-6189 5569-18a2g-bl 18 20 39-31-6209 5569-20a2g-bl 20 22 39-31-6229 5569-22a2g-bl 22 24 39-31-6249 5569-24a2g-bl 24 24 6 8 10 12 14 16 18 20 22 24 39-34-9021 5569-02a2s-400 2 39-34-9041 5569-04a2s-400 4 39-34-9061 5569-06a2s-400 6 39-34-9081 5569-08a2s-400 8 39-34-9101 5569-10a2s-400 10 39-34-9121 5569-12a2s-400 12 39-34-9141 5569-14a2s-400 14 39-34-9161 5569-16a2s-400 16 39-34-9181 5569-18a2s-400 18 39-34-9201 5569-20a2s-400 20 39-34-9221 5569-22a2s-400 22 39-34-9241 5569-24a2s-400 24 tin over copper see note 2 option "blank" black 94v-2 30 " gold see note 2 option "g" black 94v-2 bulk packaged per pk-5569-002 tin over nickel see note 2 option "s" black 94v-0
revision: ecr/ecn information: sheet no. ec no: ucp2010-0398 l3 date: 2009/09/02 title: mini-fit jr. ? right angle header assemblies with mounting pegs - 5 - document number: drawn by: checked by: approved by: sda - 5569 - na2* - * jjaguilar jbell fsmith filename: spomaster.doc revision: 1 location: workmanager general docs class. date: 4 -15-2002 part number eng. number ckt. size plating (note 2) hsg mat'l part number eng. number ckt. size plating (note 2) hsg mat'l 39-31-9029 5569-02a2s-bl 2 39-31-9049 5569-04a2s-bl 4 39-31-9069 5569-06a2s-bl 6 39-31-9089 5569-08a2s-bl 8 39-31-9109 5569-10a2s-bl 10 39-31-9129 5569-12a2s-bl 12 39-31-9149 5569-14a2s-bl 14 39-31-9169 5569-16a2s-bl 16 39-31-9189 5569-18a2s-bl 18 39-31-9209 5569-20a2s-bl 20 39-31-9229 5569-22a2s-bl 22 39-31-9249 5569-24a2s-bl 24 bulk packaged per pk-5569-002 tin over nickel see note 2 option "s" black 94v-2
revision: ecr/ecn information: sheet no. ec no: ucp2010-0398 l3 date: 2009/09/02 title: mini-fit jr. ? right angle header assemblies with mounting pegs - 6 - document number: drawn by: checked by: approved by: sda - 5569 - na2* - * jjaguilar jbell fsmith filename: spomaster.doc revision: 1 location: workmanager general docs class. date: 4 -15-2002 part number eng. number ckt. size plating (note 2) hsg mat'l part number eng. number ckt. size plating (note 2) hsg mat'l 26-01-3127 5569-02a2gs2-210-t 2 2 26-01-3128 5569-04a2gs2-210-t 4 4 not tooled 5569-06a2gs2-210-t 6 6 not tooled 5569-08a2gs2-210-t 8 8 not tooled 5569-10a2gs2-210-t 10 10 not tooled 5569-12a2gs2-210-t 12 12 not tooled 5569-14a2gs2-210-t 14 14 not tooled 5569-16a2gs2-210-t 16 16 not tooled 5569-18a2gs2-210-t 18 18 not tooled 5569-20a2gs2-210-t 20 20 not tooled 5569-22a2gs2-210-t 22 22 not tooled 5569-24a2gs2-210-t 24 24 26-01-3141 5569-02a2gs3-t 2 2 26-01-3142 5569-04a2gs3-t 4 4 26-01-3143 5569-06a2gs3-t 6 6 26-01-3144 5569-08a2gs3-t 8 8 not tooled 5569-10a2gs3-t 10 10 not tooled 5569-12a2gs3-t 12 12 not tooled 5569-14a2gs3-t 14 14 26-01-3148 5569-16a2gs3-t 16 16 not tooled 5569-18a2gs3-t 18 18 not tooled 5569-20a2gs3-t 20 20 not tooled 5569-22a2gs3-t 22 22 not tooled 5569-24a2gs3-t 24 24 2 2 4 4 6 6 8 8 10 10 12 12 14 14 16 16 18 18 20 20 22 22 24 24 2 2 4 4 6 6 8 8 10 10 12 12 14 14 16 16 18 18 20 20 22 22 24 24 tray packaged per pk-5569-003 15 " select gold see note 2 option "gs2" 94v-0 50 " select gold see note 2 option "gs3" 94v-2
revision: ecr/ecn information: sheet no. ec no: ucp2010-0398 l3 date: 2009/09/02 title: mini-fit jr. ? right angle header assemblies with mounting pegs - 7 - document number: drawn by: checked by: approved by: sda - 5569 - na2* - * jjaguilar jbell fsmith filename: spomaster.doc revision: 1 location: workmanager general docs class. date: 4 -15-2002 part number eng. number ckt. size plating (note 2) hsg mat'l part number eng. number ckt. size plating (note 2) hsg mat'l 50-36-1757 5569-02a2s-t 2 50-36-1758 5569-02a2s-210-t 2 50-36-1767 5569-04a2s-t 4 50-36-1768 5569-04a2s-210-t 4 50-36-1777 5569-06a2s-t 6 50-36-1778 5569-06a2s-210-t 6 50-36-1787 5569-08a2s-t 8 50-36-1788 5569-08a2s-210-t 8 50-36-1797 5569-10a2s-t 10 50-36-1798 5569-10a2s-210-t 1 0 50-36-1807 5569-12a2s-t 12 50-36-1808 5569-12a2s-210-t 1 2 50-36-1817 5569-14a2s-t 14 50-36-1818 5569-14a2s-210-t 1 4 50-36-1827 5569-16a2s-t 16 50-36-1828 5569-16a2s-210-t. 16 50-36-1837 5569-18a2s-t 18 50-36-1838 5569-18a2s-210-t 1 8 50-36-1847 5569-20a2s-t 20 50-36-1848 5569-20a2s-210-t 2 0 50-36-1857 5569-22a2s-t 22 50-36-1858 5569-22a2s-210-t 2 2 50-36-1867 5569-24a2s-t 24 50-36-1868 5569-24a2s-210-t 2 4 50-36-1755 5569-02a2gs-t 2 50-36-1756 5569-02a2gs-210-t 2 50-36-1765 5569-04a2gs-t 4 50-36-1766 5569-04a2gs-210-t 4 50-36-1775 5569-06a2gs-t 6 50-36-1776 5569-06a2gs-210-t 6 50-36-1785 5569-08a2gs-t 8 50-36-1786 5569-08a2gs-210-t 8 50-36-1795 5569-10a2gs-t 10 50-36-1796 5569-10a2gs-210- t 10 50-36-1805 5569-12a2gs-t 12 50-36-1806 5569-12a2gs-210- t 12 50-36-1815 5569-14a2gs-t 14 50-36-1816 5569-14a2gs-210- t 14 50-36-1825 5569-16a2gs-t 16 50-36-1826 5569-16a2gs-210- t 16 50-36-1835 5569-18a2gs-t 18 50-36-1836 5569-18a2gs-210- t 18 50-36-1845 5569-20a2gs-t 20 50-36-1846 5569-20a2gs-210- t 20 50-36-1855 5569-22a2gs-t 22 50-36-1856 5569-22a2gs-210- t 22 50-36-1865 5569-24a2gs-t 24 50-36-1866 5569-24a2gs-210- t 24 2 26-01-3101 5569-02a2gs-bl-t 2 4 not tooled 5569-04a2gs-bl-t 4 6 not tooled 5569-06a2gs-bl-t 6 8 not tooled 5569-08a2gs-bl-t 8 26-01-3094 5569-10ags3-210-t 10 not tooled 5569-10a2gs-bl-t 10 12 not tooled 5569-12a2gs-bl-t 12 14 not tooled 5569-14a2gs-bl-t 14 16 26-01-3108 5569-16a2gs-bl-t 16 18 not tooled 5569-18a2gs-bl-t 18 20 not tooled 5569-20a2gs-bl-t 20 22 not tooled 5569-22a2gs-bl-t 22 24 not tooled 5569-24a2gs-bl-t 24 26-01-3114 5569-02a2gs2-t 2 2 26-01-3115 5569-04a2gs2-t 4 4 26-01-3116 5569-06a2gs2-t 6 6 not tooled 5569-08a2gs2-t 8 8 not tooled 5569-10a2gs2-t 10 10 26-01-3119 5569-12a2gs2-t 12 12 not tooled 5569-14a2gs2-t 14 14 not tooled 5569-16a2gs2-t 16 16 not tooled 5569-18a2gs2-t 18 18 not tooled 5569-20a2gs2-t 20 20 not tooled 5569-22a2gs2-t 22 22 26-01-3126 5569-24a2gs2-t 24 24 tray packaged per pk-5569-003 15 " select gold see note 2 option "gs2" 94v-2 50 " select gold see note 2 option "gs3" 94v-0 30 " select gold see note 2 option "gs" black 94v-2 tin over nickel see note 2 option "s" 94v-2 tin over nickel see note 2 option "s" 94v-0 30 " select gold see note 2 option "gs" 94v-2 30 " select gold see note 2 option "gs" 94v-0


▲Up To Search▲   

 
Price & Availability of 39-30-1160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X