Part Number Hot Search : 
XC2288H JR220V HA1315 SR120 DG32240 MM3042U C1004 DTA12
Product Description
Full Text Search
 

To Download 2SB1530 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1530 d escription with to-220fa package high v c eo complement to type 2sd2337 applications for low frequency power amplifier color tv vertical deflection output applications pinning pin description 1 emitter 2 collector 3 base absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -200 v v ceo collector-emitter voltage open base -150 v v ebo emitter-base voltage open collector -6 v i c collector current (dc) -2 a i cm collector current-peak -5 a t c =25 20 p c collector power dissipation t a =25 1.5 w t j junction temperature 150  t stg storage temperature -45~150 
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1530 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma , r be = < -150 v v (br)ebo emitter-base breakdown voltage i e =-5ma , i c =0 -6 v v cesat collector-emitter saturation voltage i c =-500ma ;i b =-50ma -3.0 v v be base-emitter on voltage i c =-50ma ; v ce =-4v -1.0 v i cbo collector cut-off current v cb =-120v ;i e =0 -1 a h fe-1 dc current gain i c =-50ma ; v ce =-4v 60 200 h fe-2 dc current gain i c =-500ma ; v ce =-10v 60  h fe-1 classifications b c 60-120 100-200
savantic semiconductor product specification 3 silicon power transistors 2SB1530 package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1530

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X