Part Number Hot Search : 
C3334 GL3UR43 SBR5050 03MUV1 503PH AN6425K P10A9 M5267
Product Description
Full Text Search
 

To Download TS865C10R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  square wave, duty=1/2 tc=117c TS865C10R (100v/20a) features low ir low v f center tap connection applications high frequency operation dc-dc converters ac adapter maximum ratings and characteristics maximum ratings item repetitive peak surge reverse voltage repetitive peak reverse voltage isolating voltage average output current non-repetitive surge current non-repetitive reverse surge power dissipation operating junction temperature storage temperature symbol v rsm v rrm viso i o i fsm prm t j t stg conditions sine wave 10ms -40 to +150 unit v v v a a w c c electrical characteristics (at ta=25c unless otherwise specified ) item forward voltage ** reverse current ** thermal resistance symbol v f i r rth(j-c) conditions i f =10a v r =100v junction to case max. 0.86 175 1.75 unit v a c/w rating 100 100 1500 20 145 660 +150 low ir schottky barrier diode outline drawings, mm connection diagram mechanical characteristics mounting torque approximate mass recommended torque 0.3 to 0.5 2 n m g * out put current of center tap full wave connection package : t-pack epoxy resin ul : v-0 tw=500ns, duty=1/40 * 1 3 2 [200509] 0.5 0.3 0.3 0.2 0.2 +0.2 ?.1 4.5 1.32 2.7 5.08 1 .2 10 0.4 0.8 0.9 9.3 1.5 3.0 1. gate 2, 4. drain 3. source +0.5 +0.2 max tw=10s, tj=25c terminals-to-case, ac.1min. **rating per element http://www.fujielectric.co.jp/fdt/scd/
TS865C10R (20a) characteristics (100v / 20a ) 0.1 1 10 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 tj=150 o c tj=125 o c tj=100 o c tj=25 o c forward characteristic (typ.) if forward current (a) vf forward voltage (v) 0 102030405060708090100110120 10 -4 10 -3 10 -2 10 -1 10 0 10 1 reverse characteristic (typ.) tj= 25 o c tj=100 o c tj=125 o c tj=150 o c ir reverse current (ma) vr reverse voltage (v) 024681012 0 2 4 6 8 10 12 14 16 per 1element dc square wave =180 o sine wave =180 o square wave =120 o square wave =60 o forward power dissipation (max.) wf forward power dissipation (w) io average output current (a) 123456789012345 1 2345678901234 5 1 2345678901234 5 123456789012345 360 o io 0 20406080100120 0 2 4 6 8 reverse power dissipation (max.) =180 o dc pr reverse power dissipation (w) vr reverse voltage (v) 1234 1 23 4 1 23 4 1 23 4 1 23 4 1 23 4 1 23 4 1234 1234 1 23 4 1 23 4 1 23 4 1 23 4 1 23 4 1 23 4 1234 360 o vr 0 5 10 15 20 25 30 90 100 110 120 130 140 150 160 :conduction angle of forward current for each rectifier element io:output current of center-tap full wave connection square wave =120 o square wave =60 o square wave =180 o sine wave =180 o dc current derating (io-tc) (max.) tc case temperature ( o c) io average output current (a) vr=50v 123456789012345 1 2345678901234 5 1 2345678901234 5 123456789012345 360 o io 1 10 100 1000 10 100 1000 junction capacitance characteristic (max.) cj junction capacitance (pf) vr reverse voltage (v)
TS865C10R (20a) (100v / 20a ) http://www.fujielectric.co.jp/fdt/scd/ 1 10 100 10 100 1000 surge capability (max.) i fsm peak half - wave current (a) number of cycles at 50hz 1 10 100 1000 10 100 1000 surge current ratings (max.) ifsm peakhalf-wavecurrent (a) ttime (ms) sinewave 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 -2 10 -1 10 0 10 1 rth(j-c):1.75c/w transient thermal impedance (max.) transient thermal impedance (c/w) t time (sec)


▲Up To Search▲   

 
Price & Availability of TS865C10R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X