legend + 25 oc + 70 oc - - - - - - -10 oc typical intermodulation performance at 25 o c second order harmonic intercept point ....... +45 dbm (typ.) second order two tone intercept point ........ +39 dbm (typ.) third order two tone intercept point ............ +27 dbm (typ.) power vdc +15 +15 ma 25 27 max. rf amplifier model TM3005 available as: TM3005, 4 pin to-8 (t4) tn3005, 4 pin surface mount (sm3) bx3005, connectorized housing (h1) features ! ! ! ! ! low noise figure: <1.8 db typical ! ! ! ! ! medium output power: +13 dbm typical ! ! ! ! ! operating temp. - 10 oc to + 70 oc ! ! ! ! ! environmental screening available characteristic typical min/max ta= 25 oc ta = -10 oc to +70 oc frequency 100 - 450 mhz 100 - 450 mhz note: care should always be taken to effectively ground the case of each unit. noise figure (db) <1.8 2.0 max. vswr in <1.75:1 2.0:1 max. out <1.75:1 2.0:1 max. reverse isolation (db) -19 -18 max. power @ 1 db comp. (dbm) +13 +11.0 min. gain (db) 16 15.5 min. specifications typical performance data maximum ratings ambient operating temperature .............. -55oc to + 100 oc storage temperature ............................... -62oc to + 125 oc case temperature ................................................. + 125 oc dc voltage ......................................................... + 18 volts continuous rf input power ................................. + 13 dbm short term rf input power ...... 50 milliwatts (1 minute max.) maximum peak power .................... 0.5 watt (3 sec max.) 05/10/04 2.0 1.5 1.0 2.0 1.5 1.0 1 3 2 17 15 13 + 15 + 14 + 13 + 12 + 11 0 - 10 - 20 - 30 - 40 14 16 start 100 mhz stop 450 mhz start 100 mhz stop 450 mhz start 100 mhz stop 450 mhz start 100 mhz stop 450 mhz start 100 mhz stop 450 mh z start 100 mhz stop 450 mh z gain (db) reverse isolation (db) noise figure (db) 1 db comp. (dbm) input vswr output vswr spectrum microwave 2144 franklin drive n.e. palm bay, florida 32905 ph (888) 553-7531 fax (888) 553-7532 spectrum microwave (europe) 2707 black lake place philadelphia, pa. 19154 ph (215) 464-4000 fax (215) 464-4001 www.spectrummicrowave.com
|