Part Number Hot Search : 
26CX14 TS7800I 2SJ46407 GTL2022 SP8604 MC3150L C900506 LH160
Product Description
Full Text Search
 

To Download TC210-100L-RC10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? low magnetic radiation ? low core loss ? high current capacity up to 10a electrical inductance range: 10h to 1000h additional values available t olerance: 15% over entire range ( )tc210- 100l-rc ( )tc210-120l-rc ( )tc210-150l-rc ( )tc210-180l-rc ( )tc210-220l-rc ( )tc210 -270l-rc ( )tc210-330l-rc ( )tc210-390l-rc ( )tc210-470l-rc ( )tc210-560l-rc ( )tc210-680l-rc ( )tc210-101l-rc ( )tc210-121l-rc ( )tc210-151l-rc ( )tc210 -181l-rc ( )tc210-221l-rc ( )tc210-271l-rc ( )tc210-331l-rc ( )tc210-391l-rc ( )tc210-471l-rc ( )tc210-561 l-rc ( )tc210-681l-rc ( )tc210-821l-rc ( )tc210-102l-rc allied part number inductance (h) l(h) @ i rated idc (a) dim (nom) 10 12 15 18 22 27 33 39 47 56 68 100 121 150 180 220 270 330 390 470 560 680 820 1000 10.8 10.3 7.7 7.4 7.0 5.3 5.0 4.8 3.6 3.4 3.3 2.4 2.2 3.4 2.6 2.4 1.8 1.7 1.7 1.6 1.5 1.4 1.4 1.3 .77 .77 .76 .76 .76 .75 .75 .75 .75 .75 .75 .74 .74 .79 .77 .77 .76 .76 .76 .76 .79 .79 .79 .81 .053 .053 .042 .042 .042 .034 .034 .034 .027 .027 .027 .022 .022 .034 .027 .027 .022 .022 .022 .022 .022 .022 .022 .022 please sp ecif y v ertical o r hor izonta l mount b y plac ing a v o r h a t the beginning o f the part num be r, i.e . vtc210- 100l ( ve rt ic al mount). a ll spe cificat ions subject to change wit hout no tice. dcr () 6.3 7.4 10.2 11.9 14.2 19.1 22.8 26.4 34.7 40.6 48.3 75.2 88.5 84.3 113.1 134.4 181.6 216.3 250.1 293.8 341.5 403.2 472.8 559.2 .34 .34 .33 .33 .33 .32 .32 .32 .31 .31 .31 .31 .31 .35 .34 .34 .33 .33 .33 .35 .35 .35 .35 .37 .006 .007 .012 .013 .015 .026 .029 .032 .055 .060 .067 .130 .150 .062 .110 .120 .210 .230 .250 .280 .300 .330 .370 .400 tolerance (%) 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 toroidal chokes tc210 allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs vertical mount horizontal mount 0.45 (11.43) max a b c 0.86 (21.84) max dimensions: inches (mm) tin lead to coil 0.50 (12.70) ? available in horizontal or vertical configuration ? optional tape cover t est frequency: 1khz operating temp: -55oc ~ +105oc temp rise: ? t=30oc typical at rated idc part temperature should not exceed 125oc including temperature rise. test equipment (l): 100 lcr meter or equivalent dcr: chen hwa 502 physical packaging: bulk marking: none revised 6/25/10 @ 1khz max a dim (nom) b dim (nom) c ? cross to miller / bourns 2100


▲Up To Search▲   

 
Price & Availability of TC210-100L-RC10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X