Part Number Hot Search : 
GP1U523X 1N5188E3 5962F N4003 N4003 M27C802 NTE60 HA6050F
Product Description
Full Text Search
 

To Download NTE7129 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NTE7129 integrated circuit if signal processing (super pll ? ii vif + sif) circuit for tvs & vcrs description: the NTE7129 is an intercarrier ? type vif + sif integrated circuit in a 24 ? lead dip type package that supports excellent sound and image quality. the pin assignment of the NTE7129 is identical to that of the nte7130, allowing the nte7130 to be used for split systems while the NTE7129 is used for intercarrier systems. in addition, the NTE7129 suppresses nyaquist buzz interference by using a pll (phase ? lock loop) detection system with a buzz canceller in order to provide the best sound quality possible. features:  excellent buzz and buzz ? beat characteristics due to pll  built ? in apc time constant switch  duplicate time constant system suited for high ? speed agc  excellent dg and dp characteristics  rf agc adjustment is simple functions: vif block  vif amplifier  vco  apc filter  b/w nc  aft  if agc  pll detector  equalizer amplifier  lock detection  rf agc  apc detector  buzz canceller sif block  limiter amplifier  fm quadrature detector mute  audio mute (pin2)  is ? 15 switch (pin13)  av mute (pin4)
absolute maximum ratings: (t a = +25 c unless otherwise specified) maximum supply voltage, v cc max 13.8v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . allowable power dissipation (t a +50 c), p d max 1200mw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . circuit voltage, v 3 , v 13 v cc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . circuit voltage, v 14 v cc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . circuit current, i 1 ? 1ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . circuit current, i 17 ? 10ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . circuit current, i 21 ? 3ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . circuit current, i 10 3ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating temperature range (note 2), t opr ? 20 to +70 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ? 55 to +150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . note 1. the current that flows into the ic is positive (no signal); the current that flows out of the ic is negative. note 2. t opr = ? 20 to +75 c at v cc = 9v. recommended operating conditions: (t a = +25 c unless otherwise specified) parameter symbol test conditions min typ max unit recommended supply voltage v cc 9 or 12 v operating supply voltage range v cc op 8.2 ? 13.2 v note 3. always turn on the protective resistance when drawing a line directly out from the ic at usage. (pin2, pin11, pin12, etc.) note 4. a c apacitor with favorable humidity characteristics should be used for pin13. (ex. os capacitor) note 5. pin8 (n.c.) should always be open. electrical characteristics: (t a = +25 c, v cc = 12v unless otherwise specified) parameter symbol test conditions min typ max unit vif block circuit current i 9 v 13 = 5v, s1 = on 42 48 57 ma v cc = 9v 36 41 49 ma no ? signal video output voltage v 21 v 13 = 5v, s1 = on 6.6 7.0 7.4 v v cc = 9v 5.0 5.4 5.8 v maximum rf agc voltage v 10h v 13 = 7v, s1 = off 10.6 11.0 11.4 v v cc = 9v 7.6 8.0 8.4 v minimum rf agc voltage v 10l v 13 = 7v, s1 = on ? 0 0.5 v v cc = 9v ? 0 0.5 v no ? signal aft voltage v 14 v 13 = 5v, s1 = on 3.0 5.9 8.0 v v cc = 9v 2.6 4.5 6.0 v input sensitivity v i s1 = off 33 39 45 db/ v v cc = 9v 37 43 49 db/ v agc range gr s1 = on 60 66 ? db maximum allowable input v i max s1 = on 100 105 ? db/ v video output amplitude v o (video) s1 = on 1.95 2.25 2.55 v p ? p v cc = 9v 1.5 1.75 2.0 v p ? p output s/n s/n s1 = on 49 55 ? db
electrical characteristics (cont?d): (t a = +25 c, v cc = 12v unless otherwise specified) parameter symbol test conditions min typ max unit vif block (cont?d) sync signal tip voltage v 21 (tip) v i = 10mv, s1 = on 4.15 4.45 4.75 v v cc = 9v 3.25 3.55 3.85 v 920khz beat level i 920 p = 0, c = ? 4db, s = ? 14db, s1 = on 37 43 ? db frequency characteristics f c p = 0, s = ? 14db 6 8 ? mhz differential gain dg v i = 10mv, 87.5% mod, f 58 75mhz ? 3 6 % differential phase dp f p = 58.75mhz ? 2 5 deg maximum aft voltage v 14h 11.0 11.5 12.0 v v cc = 9v 8.0 8.5 9.0 v minimum aft voltage v 14l 0 0.4 1.0 v v cc = 9v ? 0.3 1.0 v white noise threshold voltage v wth 8.9 9.3 9.7 v v cc = 9v 6.8 7.2 7.6 v white noise clamp voltage v wcl 5.3 5.7 6.1 v v cc = 9v 4.0 4.4 4.8 v black noise threshold voltage v bth s1 = on 3.4 3.7 4.0 v v cc = 9v 2.5 2.8 3.1 v black noise clamp voltage v bcl s1 = on 5.3 5.7 6.1 v v cc = 9v 3.7 4.1 4.5 v aft detection sensitivity s f 50 70 100 mv/khz v cc = 9v 30 43 60 mv/khz vif input resistance r i (vif) f = 58.75mhz 0.8 1.3 1.75 k ? vif input capacitance c i (vif) f = 58.75mhz ? 3.0 6.0 pf apc pull ? in range f pu ? 2 s1 = on 0.6 1.6 ? mhz f pl ? 2 ? ? 1.6 ? 0.8 mhz vco maximum variable range ? f u v 18 = 3v, s1 = on 0.6 1.6 ? mhz ? f l ? ? 1.6 ? 0.8 mhz vco control sensitivity v 18 = 5v to 2.6v 1.5 3.1 6.2 khz/mv sif output signal voltage v o (sif) p/s = 20db 120 170 240 mv rms v cc = 9v 90 130 180 mv rms sif block (v 13 = 5v) sif limiting sensitivity v i (lim) ? 33 39 db/ v fm detection output voltage v o 400 600 790 mv rms v cc = 9v 400 600 790 mv rms amr amr 40 49 ? db total harmonic distortion thd ? 0.5 1.0 % sif s/n s/n (sif) 60 78 ? db
electrical characteristics (cont?d): (t a = +25 c, v cc = 12v unless otherwise specified) parameter symbol test conditions min typ max unit mute defeat aft defeat start voltage vd 11 0.5 2.3 ? v v cc = 9v 0.5 1.6 ? v av mute v 4th 0.5 1.9 ? v v cc = 9v 0.5 1.1 ? v fm mute v 2th 0.5 2.0 ? v v cc = 9v 0.5 1.9 ? v aft defeat voltage vd 14 5.4 6.0 6.6 v v cc = 9v 3.9 4.5 5.1 v .326 (8.28) pin connection diagram if agc 1 aft coil composite video output eq amp gnd vco tank vco tank apc filter eq amp in gnd sif input rf agc vr 1 2 3 4 fm detector output fm discriminator if agc 2 5 vif input 6 vif input 7 gnd 8 n.c. 24 23 22 21 20 19 18 17 9 16 10 rf agc output 11 aft coil 15 14 12 13 gnd video output aft output v cc 112 24 13 .862 (21.9) max .259 (6.57) .770 (19.5) .070 (1.78) .165 (4.2) .115 (2.9)


▲Up To Search▲   

 
Price & Availability of NTE7129

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X