Part Number Hot Search : 
ISL59830 BU4844G EVICE 30BQ040 LTC4253 TA143 EVICE L8730
Product Description
Full Text Search
 

To Download NRSH151M25V125X30F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  76 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 77 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic capacitors nrsh series rohs compliant includes all homogeneous materials *see part number system for details rated voltage range 6.3 ~ 50vdc capacitance range 27 ~ 8,200 f operating temperature range -40c ~ +105c capacitance tolerance 20% (m) maximum leakage current after 2 minutes 0.01cv or 3 a whichever is greater max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8 13 20 32 44 63 c < 1,000 f 0.22 0.19 0.16 0.14 0.12 0.10 c = 1,200 f 0.22 0.19 0.16 0.14 0.12 - c = 1,500 f 0.22 0.19 0.16 0.14 0.12 - c = 2,200 f 0.24 0.21 0.18 0.16 0.14 - c = 2,700 f 0.24 0.21 0.18 0.16 - - c = 3,300 f 0.26 0.23 0.20 0.18 - - c = 3,900 f 0.26 0.23 0.20 - - - c = 4,700 f 0.28 0.25 0.22 - - - c = 5,600 f 0.30 0.27 - - - - c = 6,800 f 0.32 0.29 - - - - c = 8,200 f 0.36 - - - - - low temperature stability impedance ratio @ 120hz z-25c/z+20c 2 2 2 2 2 2 z-40c/z+20c 3 3 3 3 3 3 load life test @ 105c duration d = 6.3: 6,000 hours, d = 8: 8,000 hours, d = 10 > : 10,000 hours ? capacitance within 25% of initial measured value ? tan less than 200% of specif ed value ? lc less than specif ed value high temperature, extended load life, radial leads, polarized features ? improved endurance at high temperature (up to 10,000hrs @ 105c) ? low impedance & high ripple current ratings ? new reduced sizes characteristics nrsh 561 m 35v 10x20 f . rohs compliant case siz e (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signif cant, third character is multiplier series part number system
7 8 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 7 9 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic capacitors nrsh series capacitance ( f) working voltage (vdc) 6.3 10 16 25 35 50 27 - - - - - 238 47 - - - - 345 - 56 - - - - - 385 68 - - - 345 - - 100 - - 345 - 540 724 120 - - - - - 950 150 - 345 - 540 - 979 180 - - - - - 1190 220 345 - 540 - 945 1370 270 - - - - 1250 1580 330 - 540 - 945 1330 1870 390 - - - 1250 1500 - 470 540 - 945 1330 1760 2050 560 - - - 1500 1960 2410 680 - 945 1250 1760 2250 2860 1330 820 945 - - 1960 - 2960 2730 1,000 1250 1500 2250 2480 3010 1330 1760 1,200 1250 - - - 2900 - 1330 1,500 1500 1500 1960 2480 3450 - 1760 3250 1,800 1760 1960 2250 2900 3570 - 2,200 1960 2250 2480 3450 3630 - 3250 2,700 2250 - 2900 3570 - - 3,300 - 2480 3450 3630 - - 3250 3,900 2480 2900 3570 - - - 4,700 2900 3450 3630 - - - 3250 5,600 3450 3570 - - - - 6,800 3250 3630 - - - - 3570 8,200 3630 - - - - - capacitance ( f) working voltage (vdc) 6.3 10 16 25 35 50 27 - - - - - 0.340 47 - - - - 0.220 - 56 - - - - - 0.140 68 - - - 0.220 - - 100 - - 0.220 - 0.094 0.074 120 - - - - - 0.061 150 - 0.220 - 0.094 - 0.061 180 - - - - - 0.046 220 0.220 - 0.094 - 0.056 0.042 270 - - - - 0.045 0.030 330 - 0.094 - 0.056 0.039 0.028 390 - - - 0.045 0.029 - 470 0.094 - 0.056 0.039 0.028 0.027 560 - - - 0.029 0.020 0.023 680 - 0.056 0.045 0.028 0.018 0.021 0.039 820 0.056 - - 0.020 - 0.019 0.023 1,000 0.045 0.029 0.018 0.017 0.021 0.039 0.028 1,200 0.045 - - - 0.015 - 0.039 1,500 0.029 0.029 0.020 0.017 0.013 - 0.028 0.015 1,800 0.028 0.020 0.018 0.015 0.012 - 2,200 0.020 0.018 0.017 0.013 0.013 - 0.015 2,700 0.018 - 0.015 0.012 - - 3,300 - 0.017 0.013 0.013 - - 0.015 3,900 0.017 0.015 0.012 - - - 4,700 0.015 0.013 0.013 - - - 0.015 5,600 0.013 0.012 - - - - 6,800 0.015 0.013 - - - - 0.012 8,200 0.013 - - - - - maximum impedance ( ? at 100khz & 20c) maximum ripple current (ma rms at 100khz & 105c) frequency (hz) 120 1k 10k < 100k 27 f 0.42 0.70 0.90 1.00 47 ~ 270 f 0.50 0.73 0.92 1.00 330 ~ 680 f 0.55 0.77 0.94 1.00 820 ~ 1800 f 0.60 0.80 0.96 1.00 2200 ~ 8200 f 0.70 0.85 0.98 1.00 ripple current frequency correction factors
7 8 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com 7 9 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic capacitors nrsh series capacitance ( f) code working voltage (vdc) 6.3 10 16 25 35 50 27 270 - - - - - 5 x11 47 470 - - - - 5 x 11 - 56 560 - - - - - 6.3 x 11 68 680 - - - 5 x 11 - - 100 101 - - 5 x 11 - 6.3 x 11 8 x 11.5 120 121 - - - - - 8 x 16 150 151 - 5 x 11 - 6.3 x 11 - 10 x 12.5 180 181 - - - - - 8 x 20 220 221 5 x 11 - 6.3 x 11 - 8 x 11.5 10 x 16 270 271 - - - - 8 x 16 10 x 20 330 331 - 6.3 x 11 - 8 x 11.5 10 x 12.5 10 x 23 390 391 - - - 8 x 16 8 x 20 - 470 471 6.3 x 11 - 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 560 561 - - - 8 x 20 10 x 20 12.5 x 25 680 681 - 8 x 11.5 8 x 16 10 x 16 10 x 23 12.5 x 30 10 x 12.5 820 821 8 x 11.5 - - 10 x 20 - 12.5 x 35 16 x 20 1,000 102 8 x 16 8 x 20 10 x 23 12.5 x 20 16 x 25 10 x 12.5 10 x 16 1,200 122 8 x 16 - - - 12.5 x 25 - 10 x 12.5 1,500 152 8 x 20 8 x 20 10 x 20 12.5 x 20 12.5 x 30 - 10 x 16 16 x 20 1,800 182 10 x 16 10 x 20 10 x 23 12.5 x 25 12.5 x 35 - 2,200 222 10 x 20 10 x 23 12.5 x 20 12.5 x 30 16 x 25 - 16 x 20 2,700 272 10 x 23 - 12.5 x 25 12.5 x 35 - - 3,300 332 - 12.5 x 20 12.5 x 30 16 x 25 - - 16 x 20 3,900 392 12.5 x 20 12.5 x 25 12.5 x 35 - - - 4,700 472 12.5 x 25 12.5 x 30 16 x 25 - - - 16 x 20 5,600 562 12.5 x 30 12.5 x 35 - - - - 6,800 682 16 x 20 16 x 25 - - - - 12.5 x 35 8,200 822 16 x 25 - - - - - standard product and case size table d x l (mm) lead spacing and diameter (mm) d ( . a i d e s a c ? ) 5 3 . 6 8 0 1 5 . 2 1 6 1 8 1 d ( . a i d s d a e l ? ) 5 . 0 5 . 0 6 . 0 6 . 0 6 . 0 8 . 0 8 . 0 ) f ( g n i c a p s d a e l 0 . 2 5 . 2 5 . 3 0 . 5 0 . 5 5 . 7 5 . 7 . m i d 5 . 0 5 . 0 5 . 0 5 . 0 5 . 0 5 . 0 5 . 0 = l < 16mm = 1.5mm, l > 20mm = 2.0mm d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking


▲Up To Search▲   

 
Price & Availability of NRSH151M25V125X30F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X