Part Number Hot Search : 
1N4750P 18501I GM7620 LM7M633 2N5599 LV51133T SW4N60 SW4N60
Product Description
Full Text Search
 

To Download MBR1545CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m b r 1 5 2 0 c t thru m b r 1 5 10 0 c t 1 5 am p s c h o tt ky b a rr i er rectifier 2 0 to 10 0 volts features m e a t l o f s i l i co n r e c t i f i e r , m a j o r i ty c on d u ct o n g ua rd r i ng f o r t r a n si e n t p r o te c t io n low forward voltage drop high current capability , h i g h e ff i c i e n cy l o w p o we r l o ss maximum ratings operating temperature: - 5 5 c to +1 5 0 c storage temperature: - 5 5 c to +1 75 c www. mccsemi .com  i n c h es m m        a . 56 0 .625 14.22 15.88 b . 3 8 0 . 42 0 9.65 10.67 c . 10 0 .135 2.54 3.43 d . 23 0 .270 5.84 6.86 e .380 .420 9.65 10.67 f ------ .250 ------ 6.35 g .500 .580 12.70 14.73 h .090 .110 2.29 2.79 i . 02 0 .045 0.51 1.14 j .012 .025 0.30 0.64 k .139 .161 3.53 4.09 l .140 .190 3.56 4.83 m .045 .055 1.14 1.40 n .080 .115 2.03 2.92  pin 1 pin 3 pin 2 case a b c k j i h g f e d n m l h to - 22 0a b pin 13 2 m cc catalog number maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage m b r 1 5 2 0 c t 20 v 14 v 2 0v m b r 1 5 3 0 c t 3 0v 21 v 3 0v m b r 1 5 3 5 c t 35 v 24 .5 v 35 v m b r 1 5 4 0 c t 4 0v 28 v 4 0 v m b r 1 54 5 c t 45 v 31 .5 v 45 v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 1 5 a t c = 1 2 5 c peak forward surge current i fsm 1 5 0 a 8.3ms, half sine maximum instantaneous forward voltage 1 5 2 0 c t - 45 ct 1 5 6 0 c t v f . 8 4 v . 90 v i fm = 1 5 a; maximum dc reverse current at rated dc blocking voltage *pulse test: pulse width 30 0 m sec, duty cycle 2 % 1 5 8 0 c t - 1 0 0 c t . 95 v i fm = 16 a 1.0 m a i r 0 . 1 m a t j = 25 c 15 m a t j = 1 25 c 50 m a 1 5 2 0 c t - 45 ct 1 5 2 0 c t - 45 ct 1 5 6 0 c t 10 0 m a 1 5 8 0 c t - 10 0c t 1 5 6 0 c t - 10 0c t t j = 25 c m b r 1 5 1 00 c t 100v 70v 100v m b r 1 58 0 c t 8 0v 56 v 8 0v m b r 1 56 0 c t 6 0v 42 v 6 0v         
 om p on ent s 21 20 1 i t a sc a s t ree t ch at s w or th               !  " #   $
%          !   " #    mcc
mb r 1 5 2 0 c t thru mb r 1 5 10 0 c t average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 1 2 5 1 5 0 0 0 5 7 9 single phase, half wave 60hz resistive or inductive load amps c 75 11 1 3 1 5 ww w . mccsemi .com mcc 1 100 4 0 2 5 5 0 7 5 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 1 00 1 25 1 5 0 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps . 3 . 4 . 5 . 6 . 7 .8 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 figure 2 typical reverse characteristics volts .4 .6 2 1 m amps 20 1 5 0 5 0 75 1 0 0 1 2 5 .001 .002 .00 4 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 1 7 5 t j =25 c 1580-15100ct 1520ct-1545ct 1560ct


▲Up To Search▲   

 
Price & Availability of MBR1545CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X