Part Number Hot Search : 
660CT DS1086 A56A1 ZT230E C1210K 93C66A BD46295G 74LCX00M
Product Description
Full Text Search
 

To Download MBR1545CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s 23013 rev. f-2 1 of 2 mbr1530ct - mbr1560ct mbr1530ct - mbr1560ct 15a schottky barrier rectifier features l m a n p d e k c b g 12 3 j hh pin1+ pin3+ pin2- case + to-220ab dim min max a 14.22 15.88 b 9.65 10.67 c 2.54 3.43 d 5.84 6.86 e  6.35 g 12.70 14.73 h 2.29 2.79 j 0.51 1.14 k 3.53  4.09  l 3.56 4.83 m 1.14 1.40 n 0.30 0.64 p 2.03 2.92 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  schottky barrier chip  guard ring die construction for transient protection  low power loss, high efficiency  high surge capability  high current capability and low forward voltage drop  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  plastic material: ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: as marked on body  marking: type number  weight: 2.24 grams (approx.)  mounting position: any single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol mbr 1530ct mbr 1535ct mbr 1540ct mbr 1545ct mbr 1550ct mbr 1560ct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 35 40 45 50 60 v rms reverse voltage v r(rms) 21 24.5 28 31.5 35 42 v average rectified output current @ t c = 125  c (note 1) i o 15 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a forward voltage drop @ i f = 7.5a, t c = 125  c @ i f = 7.5a, t c = 25  c v fm 0.57 0.70 0.65 0.75 v peak reverse current @ t c = 25  c at rated dc blocking voltage @ t c = 125  c i rm 0.1 15 1.0 50 ma typical junction capacitance (note 2) c j 300 pf typical thermal resistance junction to case (note 1) r  jc 1.7 c/w voltage rate of change (rated v r ) dv/dt 1000 10,000 v/  s operating and storage temperature range t j, t stg -65 to +150  c notes: 1. thermal resistance junction to case mounted on heatsink. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc.
d s 23013 rev. f-2 2 of 2 mbr1530ct - mbr1560ct 0.1 1.0 10 5 0 0.2 0.4 0.6 0.8 1.0 i , inst ant aneous fwd current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f mbr1530 - mbr1545 mbr1550 / mbr1560 t = 25 c j pulse width = 300 s 2% duty cycle 0 50 100 150 200 250 300 1 10 100 i , peak for w ard surge current (a) fsm number of cycles at 60hz fi g . 3 max non-repetitive sur g e current 100 1000 4 000 0.1 1.0 10 100 c , cap acit ance (pf) j v , reverse voltage (v) fi g .4 t y pical junction capacitance r t = 25 c j f = 1.0mhz 0.001 0.01 0.1 1.0 10 0 20 40 60 80 100 120 140 i , inst ant aneous reverse current (ma ) r percent of rated peak reverse voltage (%) fi g .5 t y pical reverse characteristics t = 125 c j t = 75 c j t = 25 c j t = 150 c j 0 4 8 0 50 100 150 i , a verage for w ard current (a) (a v) t , case temperature ( c) fi g . 1 forward current deratin g curve c 12 16 20


▲Up To Search▲   

 
Price & Availability of MBR1545CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X