|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : lp24-250 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 05.06.2008 indicates polarity 1 115/230v 4 2 primaries 3 5 8 6 7 b b 40.00 (1.575) pcb pattern size 6 l wh b a unit : mm (inch) gram 198.45 (1.500) 38.10 (1.894) 48.10 21.50 (0.846) (0.374) 9.50 40.50 (1.594) 50/60hz 3 4 2 1 7 8 6 5 6.00 (0.236) 1.00 (0.041) w l a h max. pc terminal plug-in mounting b b a. primary voltage ac 115/230 v 50/60 hz . b. no load primary current input ac 115v 60hz . less than 35ma . input ac 230v 50hz . less than 40ma . c. secondary volt age (5%) series ac 37.40v . parallel ac 18.70v . d. secondary load current series 250ma . parallel 500ma . e. full load primary current input ac 115v 60hz . less than 55ma . input ac 230v 50hz . less than 100ma . f. full load secondary voltage (5%) series 24.00v . pin 3-4 pin 1-2 g. dc resistance = 455 ohm . primary = 455 ohm . parallel 12.00v . pin 5-6 pin 7-8 h. insulation resistance i. withstand voltage (hi-pot) secondary = 11.50 ohm . = 11.50 ohm . dc 500v 100meg ohm of more . ac 1500v 60hz 1 minutes . less than 60 deg c . ui-29 x 10.30 m/m . j. temperature rise k. core size
|
Price & Availability of LP24-250F |