Part Number Hot Search : 
G15BN 21002 FL5150 1202D CA3161E XF0542P LL4448 TVR05330
Product Description
Full Text Search
 

To Download F64G-6AD-AD1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7/97 n/al. 8.240. 100.01 f64g automatic drain manual drain olympian plus general purpose filter 1/4 " , 3/8 ", 1/2 " , 3/4 " port sizes l olympian plus plug in design l high efficiency water and particle removal l quick release bayonet bowl l high visibility prismatic sight glass* l optional service indicator * uk and other patents pending technical data fluid: compressed air maximum pressure: guarded transparent bowl: 10 bar (150 psig) metal bowl: 17 bar (250 psig) operating temperature*: guarded transparent bowl: -20 to +50? (0 to +125?) metal bowl: -20 to +80? (0 to +175?) * air supply must be dry enough to avoid ice formation at temperatures below +2? (+35?). partical removal: 5 m, 25 m or 40 m. within iso 8573-1, class 3 and class 5 typical flow at 6,3 bar (90 psig) inlet pressure and 0,5 bar (7 psig) pressure drop: 5 m element: 55 dm 3 /s (116 scfm) 40 m element: 70 dm 3 /s (148 scfm) automatic drain connection: 1/8 " automatic drain operating conditions: minimum pressure: 0,7 bar (10 psig). drain opens when bowl pressure drops below 0,2 bar (3 psig). minimum air flow: 1 dm 3 /s (2 scfm) required to close drain. nominal bowl size: 0,2 litre (7 fluid ounce) our policy is one of continuous research and development. we reserve the right to amend, without notice, the specifications given in this document. iso symbols ordering information see ordering information on the following pages. materials: body: zinc yoke: zinc metal bowl: aluminium standard metal bowl prismatic liquid level indicator lens: grilamid optional metal bowl sight glass: pyrex optional transparent bowl: polycarbonate element: sintered plastic elastomers: synthetic rubber optional service life indicator: body: transparent nylon. internal parts: acetal spring: stainless steel elastomers: nitrile
n/al. 8.240. 100.02 7/97 typical performance characteristics f64g flow characteristics 0 20 40 60 80 100 dm 3 /s air flow 0 40 80 120 160 200 240 scfm 0,8 0,6 0,4 0,2 0 pressure drop bar g 1 8 6 4 2 0 psig port size: 1/2 " 40 m element inlet pressure - bar g (psig) 2,5 (36) 4,0 (58) 6,3 (91) 8,0 (116) 10,0 (150) ordering information. models listed include iso g threads, automatic drain, metal bowl, 40 m element. models do not include the service life indicator. ? typical flow with a 40 m element at 6,3 bar (90 psig) inlet pressure and a 0,5 bar (7 psig) pressure drop. for replacement filter (without yoke) substitute ??at the 5th and 6th digits eg: f64g- nn n-ad3. port size model flow ? dm 3 /s (scfm) weight kg (lb) g1/4 f64g-2gn-ad3 33 (70) 1,42 (3.13) g3/8 f64g-3gn-ad3 66 (140) 1,42 (3.13) g1/2 f64g-4gn-ad3 70 (148) 1,32 (2.91) g3/4 f64g-6gn-ad3 n.a. 1,72 (3.79) our policy is one of continuous research and development. we reserve the right to amend, without notice, the specifications given in this document. f 6 4 - g h h - h h h h port size substitute 1/4 " 2 3/8 " 3 1/2 " 4 3/4 " 6 threads substitute ptf a iso rc taper b iso g parallel g drain substitute manual m auto drain a element substitute 5 ? 1 25 ? 2 40 ? 3 service life indicator substitute with d without n alternative models bowl substitute metal with liquid level indicator d transparent with guard p closed bowl* e wall mounting bracket service indicator 74504-50 factory fit option only see alternative models table accessories * for vacuum use.
? minimum clearance required to remove bowl. * 157 mm (6.18 " ) for g3/4 models 7/97 n/al. 8.240. 100.03 f64g our policy is one of continuous research and development. we reserve the right to amend, without notice, the specifications given in this document. dimensions mm (inches) 105 (4.13)* 37 (1.46) 74 (2.91) 201 (7.91)? 217 (8.54)? 208 (8.19)? 224 (8.82)? 37 (1.46)? service kits item type part number service kit seal and gasket 4380-200 5 ? 4338-01 elements 25 ? 4338-99 40 ? 4338-02 service life indicator 5797-50 liquid level lens kit prismatic 4380-040 pyrex 4380-041 replacement drains automatic 3000-97 manual 684-84 service kit includes port seals, louvre o-ring, bowl o-ring and drain gasket. 143 (5.63) 114 (4.49) 8,2 (0.32) 85 (3.35) 11 (0.43) 14,5 (0.57) 93 (3.66) 30,5 (1.20) 48 (1.89) 110 (4.33) bracket mounting use 8 mm (5/16 " ) screws to mount bracket to wall. bracket kit reference item part number wall bracket 7 4504-50
n/sh. 8.240. 100.04 issue no.1 revision 0 7/97 warning these products are intended for use in industrial compressed air systems only. do not use these products where pressures and temperatures can exceed those listed under ?echnical data . before using these products with fluids other than those specified, for non-industrial applications, life-support systems, or other applications not within published specifications, consult norgren. through misuse, age, or malfunction, components used in fluid power systems can fail in various modes. the system designer is warned to consider the failure modes of all component parts used in fluid power systems and to provide adequate safeguards to prevent personal injury or damage to equipment in the event of such failure. system designers must provide a warning to end users in the system instructional manual if protection against a failure mode cannot be adequately provided. system designers and end users are cautioned to review specific warnings found in instruction sheets packed and shipped with these products. water vapor will pass through these units and will condense into liquid if air temperature drops in the downstream system. install an air dryer if water condensation could have a detrimental effect on the application. f64g our policy is one of continuous research and development. we reserve the right to amend, without notice, the specifications given in this document.


▲Up To Search▲   

 
Price & Availability of F64G-6AD-AD1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X