Part Number Hot Search : 
BV0004B SC101 78985 74LV1G AD8618AR ZXTP558L 9LV16 AT89LS51
Product Description
Full Text Search
 

To Download AT24C64CN-SH-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (features ? low-voltage and standard-voltage operation ? 1.8 (v cc = 1.8 to 5.5v) ? internally organized 4096 x 8, 8192 x 8 ? 2-wire serial interface ? schmitt trigger, filtered inputs for noise suppression ? bi-directional data transfer protocol ? 1 mhz (5.0v) and 400 khz (1.8v compatibility) ? write protect pin for hardware data protection ? 32-byte page write mode (partial page writes allowed) ? self-timed write cycle (5 ms max) ? high reliability ? endurance: 1 million write cycles ? data retention: 100 years ? lead-free/halogen-free devices ? 8-lead pdip, 8-lead jedec soic, 8-lead ultra lead frame land grid array (ula), 8-lead tssop, 8-lead ultra thin mini-map (mlp2x3), and 8-ball dbga2 packages. ? die sales: wafer form, waffle pack, and bumped wafers description the at24c32c/64c provides 32,768/65,536 bits of serial electrically erasable and programmable read only memory (eeprom) organized as 4096/8192 words of 8 bits each. the device?s cascadable feature allows up to 8 devices to share a common 2- wire bus. the device is optimized for use in many industrial and commercial applica- tions where low power and low voltage operation are essential. the at24c32c/64c is available in space saving 8-lead pdip, 8-lead jedec soic, 8-lead ultra lead frame land grid array (ula), 8-lead tssop, 8-lead ultra thin mini-map (mlp2x3) and, 8- ball dbga2 packages and is accessed via a 2-wire serial interface. in addition, the entire family is available in 1.8v (1.8 to 5.5v) version. 2-wire serial eeprom 32k (4096 x 8) 64k (8192 x 8) at24c32c at24c64c 5298a?seepr?1/08 not recommended for new design pin configurations pin name function a0 - a2 address inputs sda serial data scl serial clock input wp write protect 8-lead ultra thin mini-map (mlp 2x3) 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 1 2 3 4 bottom view 8-lead pdip 1 2 3 4 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 8-lead tssop 1 2 3 4 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 8-lead soic 1 2 3 4 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 8-ball dbga2 a0 a1 a2 gnd vcc wp scl sda 1 2 3 4 8 7 6 5 bottom view 8-lead ultra lead frame land grid array (ula) 8 7 6 5 a0 a1 a2 gnd vcc wp scl sda 1 2 3 4 bottom view
2 5298a?seepr?1/08 at24c32c/64c 1. block diagram absolute maximum ratings* operating temperature ..................................... -55 to +125 c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. storage temperature......................................... -65 to +150 c voltage on any pin with respect to ground ....................................... -1.0 to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma start stop logic vcc gnd wp scl sda a 2 a 1 a 0 serial control logic en h.v. pump/timing eeprom data recovery serial mux x dec d out /ack logic comp load inc data wo r d addr/counter y dec r/w d out d in load device address comparator
3 5298a?seepr?1/08 at24c32c/64c 2. pin description serial clock (scl): the scl input is used to positive edge clock data into each eeprom device and negative edge clock data out of each device. serial data (sda): the sda pin is bidirectional for serial data transfer. this pin is open-drain driven and may be wire-ored with any number of other open-drain or open collector devices. device/addresses (a2, a1, a0): the a2, a1 and a0 pins are device address inputs that are hard wired or left not connected for hardware compatibility with other at24cxx devices. when the pins are hardwired, as many as eight 32k/64k devices may be addressed on a single bus system (device addressing is discussed in detail under the device addressing section). if the pins are left floating, the a2, a1 and a0 pins will be internally pulled down to gnd if the capaci- tive coupling to the circuit board v cc plane is <3pf. if coupling is >3pf, atmel ? recommends connecting the address pins to gnd. write protect (wp): the write protect input, when connected to gnd, allows normal write operations. when wp is connected high to v cc , all write operations to the memory are inhibited. if the pin is left floating, the wp pin will be internally pulled down to gnd if the capacitive cou- pling to the circuit board v cc plane is <3pf. if coupling is >3pf, atmel recommends connecting the pin to gnd.
4 5298a?seepr?1/08 at24c32c/64c 3. memory organization at24c32c/64c, 32/64k serial eeprom: the 32k/64k is internally organized as 128/256 pages of 32 bytes each. random word addressing requires a 12/13 bit data word address. note: 1. this parameter is characterized and is not 100% tested. note: 1. v il min and v ih max are reference only and are not tested. pin capacitance (1) applicable over recommended operating range from t a =25 c, f = 1.0 mhz, v cc = +1.8v to 5.5v symbol test condition max units conditions c i/o input/output capacitance (sda) 8 pf v i/o =0v c in input capacitance (a 0 ,a 1 ,a 2 , scl) 6 pf v in =0v dc characteristics applicable over recommended operating range from: t ai = -40 to +85 c, v cc = +1.8 to +5.5v (unless otherwise noted) symbol parameter test condition min typ max units v cc1 supply voltage 1.8 5.5 v i cc1 supply current v cc = 5.0v read at 400 khz 0.4 1.0 ma i cc2 supply current v cc = 5.0v write at 400 khz 2.0 3.0 ma i sb1 standby current (1.8v option) v cc = 1.8v v in =v cc or v ss 1.0 a v cc = 5.5v 6.0 a i li input leakage current v cc = 5.0v v in =v cc or v ss 0.10 3.0 a i lo output leakage current v cc = 5.0v v out =v cc or v ss 0.05 3.0 a v il input low level (1) ? 0.6 v cc x 0.3 v v ih input high level (1) v cc x 0.7 v cc + 0.5 v v ol2 output low level v cc = 3.0v i ol = 2.1 ma 0.4 v v ol1 output low level v cc = 1.8v i ol = 0.15 ma 0.2 v
5 5298a?seepr?1/08 at24c32c/64c notes: 1. this parameter is ensured by characterization. 2. ac measurement conditions: r l (connects to v cc ): 1.3 k (2.5v, 5.0v), 10 k (1.8v) input pulse voltages: 0.3 v cc to 0.7 v cc input rise and fall times: 50 ns input and output timing reference voltages: 0.5 v cc ac characteristics applicable over recommended operating range from t ai = -40 cto+85 c, v cc = +1.8v to +5.5v, c l = 1 ttl gate and 100 pf (unless otherwise noted) symbol parameter 1.8-volt 5.0-volt min max min max units f scl clock frequency, scl 400 1000 khz t low clock pulse width low 1.3 0.4 s t high clock pulse width high 0.6 0.4 s t i noise suppression time (1) 100 50 ns t aa clock low to data out valid 0.05 0.9 0.05 0.55 s t buf time the bus must be free before a new transmission can start (1) 1.3 0.5 s t hd.sta start hold time 0.6 0.25 s t su.sta start set-up time 0.6 0.25 s t hd.dat data in hold time 0 0 s t su.dat data in set-up time 100 100 ns t r inputs rise time (1) 0.3 0.3 s t f inputs fall time (1) 300 100 ns t su.sto stop set-up time 0.6 0.25 s t dh data out hold time 50 50 ns t wr write cycle time 5 5 ms endurance (1) 25c, page mode, 3.3v 1,000,000 write cycles
6 5298a?seepr?1/08 at24c32c/64c 4. device operation clock and data transitions: the sda pin is normally pulled high with an external device. data on the sda pin may change only during scl low time periods (refer to data valid- ity timing diagram). data changes during scl high periods will indicate a start or stop condition as defined below. start condition: a high-to-low transition of sda with scl high is a start condition which must precede any other command (refer to start and stop definition timing diagram). stop condition: a low-to-high transition of sda with scl high is a stop condition. after a read sequence, the stop command will place the eeprom in a standby power mode (refer to start and stop definition timing diagram). acknowledge: all addresses and data words are serially transmitted to and from the eeprom in 8-bit words. the eeprom sends a zero during the ninth clock cycle to acknowl- edge that it has received each word. standby mode: the at24c32c/64c features a low power standby mode which is enabled: a) upon power-up and b) after the receipt of the stop bit and the completion of any internal operations. software reset: after an interruption in protocol, power loss or system reset, and 2-wire part can be protocol reset by following these steps: (a) create a start bit condition, (b) clock 9 cycles, (c) create another start bit followed by stop bit condition as shown below. the device is ready for next communication after above steps have been completed. figure 4-1. software reset start bit stop bit start bit dummy clock cycles scl sda 12 3 89
7 5298a?seepr?1/08 at24c32c/64c 5. bus timing scl: serial clock, sda: serial data i/o 6. write cycle timing scl: serial clock, sda: serial data i/o note: 1. the write cycle time t wr is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle. scl sda in sda out t f t high t low t low t r t aa t dh t buf t su.sto t su.dat t hd.dat t hd.sta t su.sta t wr (1) stop condition start condition wordn ack 8th bit scl sda
8 5298a?seepr?1/08 at24c32c/64c 7. data validity 8. start and stop definition 9. output acknowledge sda scl data stable data stable data change sda scl start stop scl data in data out start acknowledge 9 8 1
9 5298a?seepr?1/08 at24c32c/64c 10. device addressing the 32k/64k eeprom requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (see figure 12-1 on page 11). the device address word consists of a mandatory one, zero sequence for the first four most significant bits as shown. this is common to all 2-wire eeprom devices. the 32k/64k uses the three device address bits a2, a1, a0 to allow as many as eight devices on the same bus. these bits must compare to their corresponding hardwired input pins. the a2, a1, and a0 pins use an internal proprietary circuit that biases them to a logic low condition if the pins are allowed to float. the eighth bit of the device address is the read/write operation select bit. a read operation is ini- tiated if this bit is high and a write operation is initiated if this bit is low. upon a compare of the device address, the eeprom will output a zero. if a compare is not made, the device will return to standby state. data security: the at24c32c/64c has a hardware data protection scheme that allows the user to write protect the entire memory when the wp pin is at v cc . 11. write operations byte write: a write operation requires two 8-bit data word addresses following the device address word and acknowledgment. upon receipt of this address, the eeprom will again respond with a zero and then clock in the first 8-bit data word. following receipt of the 8-bit data word, the eeprom will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. at this time the eeprom enters an internally-timed write cycle, t wr , to the nonvolatile memory. all inputs are disabled during this write cycle and the eeprom will not respond until the write is complete (see figure 12-2 on page 11). page write: the 32k/64k eeprom is capable of 32-byte page writes. a page write is initiated the same way as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. instead, after the eeprom acknowledges receipt of the first data word, the microcontroller can transmit up to 31 more data words. the eeprom will respond with a zero after each data word received. the microcontroller must ter- minate the page write sequence with a stop condition (see figure 12-3 on page 11). the data word address lower 5 bits are internally incremented following the receipt of each data word. the higher data word address bits are not incremented, retaining the memory page row location. when the word address, internally generated, reaches the page boundary, the follow- ing byte is placed at the beginning of the same page. if more than 32 data words are transmitted to the eeprom, the data word address will ?roll over? and previous data will be overwritten. acknowledge polling: once the internally-timed write cycle has started and the eeprom inputs are disabled, acknowledge polling can be initiated. this involves sending a start condition followed by the device address word. the read/write bit is representative of the operation desired. only if the internal write cycle has completed will the eeprom respond with a zero, allowing the read or write sequence to continue.
10 5298a?seepr?1/08 at24c32c/64c 12. read operations read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. there are three read operations: current address read, random address read and sequential read. current address read: the internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. this address stays valid between operations as long as the chip power is maintained. the address ?roll over? during read is from the last byte of the last memory page, to the first byte of the first page. the address ?roll over? during write is from the last byte of the current page to the first byte of the same page. once the device address with the read/write select bit set to one is clocked in and acknowledged by the eeprom, the current address data word is serially clocked out. the microcontroller does not respond with an input zero but does generate a following stop condition (see figure 12-4 on page 12). random read: a random read requires a ?dummy? byte write sequence to load in the data word address. once the device address word and data word address are clocked in and acknowledged by the eeprom, the microcontroller must generate another start condition. the microcontroller now initiates a current address read by sending a device address with the read/write select bit high. the eeprom acknowledges the device address and serially clocks out the data word. the microcontroller does not respond with a zero but does generate a follow- ing stop condition (see figure 12-5 on page 12). sequential read: sequential reads are initiated by either a current address read or a ran- dom address read. after the microcontroller receives a data word, it responds with an acknowledge. as long as the eeprom receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. when the memory address limit is reached, the data word address will ?roll over? and the sequential read will continue. the sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (see figure 12-6 on page 12). figure 12-1. device address figure 12-2. byte write
11 5298a?seepr?1/08 at24c32c/64c figure 12-3. page write note: 1. * = don?t care bits 2. t = don?t care bit for at24c32c figure 12-4. current address read figure 12-5. random read note: 1. * = don?t care bits t
12 5298a?seepr?1/08 at24c32c/64c figure 12-6. sequential read
13 5298a?seepr?1/08 at24c32c/64c notes: 1. ?-b? denotes bulk. 2. ?-t? denotes tape and reel. soic = 4k per reel. tssop, ultra thin mini-map and dbga2 = 5k per reel. 3. available in waffle pack, tape and reel, and wafer form; order as sl788 for inkless wafer form. bumped die available upon request. please contact serial interface marketing. at24c32c ordering information ordering code voltage package operation range at24c32c-pu (bulk form only) at24c32cn-sh-b (1) (nipdau lead finish) at24c32cn-sh-t (2) (nipdau lead finish) at24c32c-th-b (1) (nipdau lead finish) at24c32c-th-t (2) (nipdau lead finish) at24c32cy6-yh-t (2) (nipdau lead finish) at24c32cd3-dh-t (2) (nipdau lead finish) at24c32cu2-uu-t (2) 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 8p3 8s1 8s1 8a2 8a2 8y6 8d3 8u2-1 lead-free/halogen-free industrial temperature (-40 cto85 c) at24c32c-w-11 (3) 1.8 die sale industrial temperature (-40 cto85 c) package type 8y6 8-lead, 2.00mm x 3.00mm body, 0.50mm pitch, ultra thin mini-map, dual no lead package (dfn), (mlp 2x3) 8p3 8-lead, 0.300? wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150? wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 4.4 mm body, plastic, thin shrink small outline package (tssop) 8u2-1 8-ball, die ball grid array package (dbga2) 8d3 8-lead, 1.80 mm x 2.20 mm body, ultra lead frame land grid array (ula) options -1.8 low voltage (1.8v to 5.5v)
14 5298a?seepr?1/08 at24c32c/64c notes: 1. ?-b? denotes bulk. 2. ?-t? denotes tape and reel. soic = 4k per reel. tssop, ultra thin mini-map and dbga2 = 5k per reel. 3. available in waffle pack, tape and reel, and wafer form; order as sl788 for inkless wafer form. bumped die available upon request. please contact serial interface marketing. at24c64c ordering information ordering code voltage package operation range at24c64c-pu (bulk form only) at24c64cn-sh-b (1) (nipdau lead finish) AT24C64CN-SH-T (2) (nipdau lead finish) at24c64c-th-b (1) (nipdau lead finish) at24c64c-th-t (2) (nipdau lead finish) at24c64cy6-yh-t (2) (nipdau lead finish) at24c64cd3-dh-t (2) (nipdau lead finish) at24c64cu2-uu-t (2) 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 8p3 8s1 8s1 8a2 8a2 8y6 8d3 8u2-1 lead-free/halogen-free industrial temperature (-40 cto85 c) at24c64c-w-11 (3) 1.8 die sale industrial temperature (-40 cto85 c) package type 8y6 8-lead, 2.00mm x 3.00mm body, 0.50mm pitch, ultra thin mini-map, dual no lead package (dfn), (mlp 2x3) 8p3 8-lead, 0.300? wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150? wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 4.4 mm body, plastic, thin shrink small outline package (tssop) 8u2-1 8-ball, die ball grid array package (dbga2) 8d3 8-lead, 1.80 mm x 2.20 mm body, ultra lead frame land grid array (ula) options -1.8 low voltage (1.8v to 5.5v)
15 5298a?seepr?1/08 at24c32c/64c 13. part marking scheme 13.1 8-pdip 13.2 8-soic top mark seal year y = seal year ww = seal week | seal week 6: 2006 0: 2010 02 = week 2 | | | 7: 2007 1: 2011 04 = week 4 |---|---|---|---|---|---|---|---| 8: 2008 2: 2012 :: : :::: : a t m l u y w w 9: 2009 3: 2013 :: : :::: :: |---|---|---|---|---|---|---|---| 50 = week 50 3 2 c 1 52 = week 52 |---|---|---|---|---|---|---|---| * lot number lot number to use all characters in marking |---|---|---|---|---|---|---|---| | bottom mark pin 1 indicator (dot) no bottom mark top mark seal year y = seal year ww = seal week | seal week 6: 2006 0: 2010 02 = week 2 | | | 7: 2007 1: 2011 04 = week 4 |---|---|---|---|---|---|---|---| 8: 2008 2: 2012 :: : :::: : atmlhyww 9: 2009 3: 2013 :: : :::: :: |---|---|---|---|---|---|---|---| 50 = week 50 32c 1 52 = week 52 |---|---|---|---|---|---|---|---| * lot number lot number to use all characters in marking |---|---|---|---|---|---|---|---| | bottom mark pin 1 indicator (dot) no bottom mark
16 5298a?seepr?1/08 at24c32c/64c 13.3 8-tssop 13.4 8-ultra thin mini map top mark pin 1 indicator (dot) y = seal year ww = seal week | 6: 2006 0: 2010 02 = week 2 |---|---|---|---| 7: 2007 1: 2011 04 = week 4 * h y w w 8: 2008 2: 2012 :: : :::: : |---|---|---|---|---| 9: 2009 3: 2013 :: : :::: :: 3 2 c 1 50 = week 50 |---|---|---|---|---| 52 = week 52 bottom mark |---|---|---|---|---|---|---| p h |---|---|---|---|---|---|---| a a a a a a a |---|---|---|---|---|---|---| <- pin 1 indicator top mark y = year of assembly |---|---|---| 32c xx = atmel lot number to coorespond with |---|---|---| nseb trace code log book. h1 (e.g. xx = aa, ab, ac,...ax, ay, az) |---|---|---| yxx |---|---|---| y = seal year * 6: 2006 0: 2010 | 7: 2007 1: 2011 pin 1 indicator (dot) 8: 2008 2: 2012 9: 2009 3: 2013
17 5298a?seepr?1/08 at24c32c/64c 13.5 8-ula top mark y = year of assembly |---|---|---| xx = atmel lot number to coorespond with 2bc nseb trace code log book. |---|---|---| (e.g. xx = aa, ab, ac,...ax, ay, az) yxx |---|---|---| * y = build year | 6: 2006 pin 1 indicator (dot) 7: 2007 8: 2008 etc...
18 5298a?seepr?1/08 at24c32c/64c 14. part marking scheme 14.1 8-pdip 14.2 8-soic top mark seal year y = seal year ww = seal week | seal week 6: 2006 0: 2010 02 = week 2 | | | 7: 2007 1: 2011 04 = week 4 |---|---|---|---|---|---|---|---| 8: 2008 2: 2012 :: : :::: : a t m l u y w w 9: 2009 3: 2013 :: : :::: :: |---|---|---|---|---|---|---|---| 50 = week 50 6 4 c 1 52 = week 52 |---|---|---|---|---|---|---|---| * lot number lot number to use all characters in marking |---|---|---|---|---|---|---|---| | bottom mark pin 1 indicator (dot) no bottom mark top mark seal year y = seal year ww = seal week | seal week 6: 2006 0: 2010 02 = week 2 | | | 7: 2007 1: 2011 04 = week 4 |---|---|---|---|---|---|---|---| 8: 2008 2: 2012 :: : :::: : atmlhyww 9: 2009 3: 2013 :: : :::: :: |---|---|---|---|---|---|---|---| 50 = week 50 64c 1 52 = week 52 |---|---|---|---|---|---|---|---| * lot number lot number to use all characters in marking |---|---|---|---|---|---|---|---| | bottom mark pin 1 indicator (dot) no bottom mark
19 5298a?seepr?1/08 at24c32c/64c 14.3 8-tssop 14.4 8-ultra thin mini map top mark pin 1 indicator (dot) y = seal year ww = seal week | 6: 2006 0: 2010 02 = week 2 |---|---|---|---| 7: 2007 1: 2011 04 = week 4 * h y w w 8: 2008 2: 2012 :: : :::: : |---|---|---|---|---| 9: 2009 3: 2013 :: : :::: :: 6 4 c 1 50 = week 50 |---|---|---|---|---| 52 = week 52 bottom mark |---|---|---|---|---|---|---| p h |---|---|---|---|---|---|---| a a a a a a a |---|---|---|---|---|---|---| <- pin 1 indicator top mark y = year of assembly |---|---|---| 64c xx = atmel lot number to coorespond with |---|---|---| nseb trace code log book. h1 (e.g. xx = aa, ab, ac,...ax, ay, az) |---|---|---| yxx |---|---|---| y = seal year * 6: 2006 0: 2010 | 7: 2007 1: 2011 pin 1 indicator (dot) 8: 2008 2: 2012 9: 2009 3: 2013
20 5298a?seepr?1/08 at24c32c/64c 14.5 8-ula top mark y = year of assembly |---|---|---| xx = atmel lot number to coorespond with 2cc nseb trace code log book. |---|---|---| (e.g. xx = aa, ab, ac,...ax, ay, az) yxx |---|---|---| * y = build year | 6: 2006 pin 1 indicator (dot) 7: 2007 8: 2008 etc...
21 5298a?seepr?1/08 at24c32c/64c 15. packaging information 8y6 - mlp 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8y6 , 8-lead 2.0 x 3.0 mm body, 0.50 mm pitch, utlra thin mini-map, dual no lead package (dfn) ,(mlp 2x3) d 8y6 10/16/07 notes: 1. this drawing is for general information only. refer to jedec drawing mo-229, for proper dimensions, tolerances, datums, etc. 2. dimension b applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the terminal tip. if the terminal has the optional radius on the other end of the terminal, the dimension should not be measured in that radius area. 3. soldering the large thermal pad is optional, but not recommended. no electrical connection is accomplish ed to the device through this pad, so if soldered it should be tied to ground common dimensions (unit of measure = mm) symbol min nom max note d 2.00 bsc e 3.00 bsc d2 1.40 1.50 1.60 e2 - - 1.40 a - - 0.60 a1 0.0 0.02 0.05 a2 - - 0.55 a3 0.20 ref l 0.20 0.30 0.40 e 0.50 bsc b 0.20 0.25 0.30 2 a2 a 2 b (8x) ( 8 x ) pin 1 id p i n 1 i d pin 1 p i n 1 index i n d e x area a r e a a1 a 1 a3 a 3 d e a l (8x) l ( 8 x ) e (6x) e ( 6 x ) 1.50 ref. 1 . 5 0 r e f . d2 d 2 e2 e 2
22 5298a?seepr?1/08 at24c32c/64c 8p3 ? pdip 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8p3 , 8-lead, 0.300" wide body, plastic dual in-line package (pdip) 01/09/02 8p3 b notes: 1. this drawing is for general information only; refer to jedec drawing ms-001, variation ba for additional information. 2. dimensions a and l are measured with the package seated in jedec seating plane gauge gs-3. 3. d, d1 and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.010 inch. 4. e and ea measured with the leads constrained to be perpendicular to datum. 5. pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 (0.25 mm). common dimensions (unit of measure = inches) symbol min nom max note d d1 e e1 e l b2 b a2 a 1 n ea c b3 4 plcs a 0.210 2 a2 0.115 0.130 0.195 b 0.014 0.018 0.022 5 b2 0.045 0.060 0.070 6 b3 0.030 0.039 0.045 6 c 0.008 0.010 0.014 d 0.355 0.365 0.400 3 d1 0.005 3 e 0.300 0.310 0.325 4 e1 0.240 0.250 0.280 3 e 0.100 bsc ea 0.300 bsc 4 l 0.115 0.130 0.150 2 top view side view end view
23 5298a?seepr?1/08 at24c32c/64c 8s1 ? jedec soic 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 title drawing no. r rev. note: 3/17/05 8s1 , 8-lead (0.150 wide body), plastic gull wing small outline (jedec soic) 8s1 c common dimensions (unit of measure = mm) symbol min nom max note a1 0.10 ? 0.25 these drawings are for general information only. refer to jedec drawing ms-012, variation aa for proper dimensions, tolerances, datums, etc. e e 1 1 n n top view c c e1 e1 end view a a b b l l a1 a1 e e d d side view
24 5298a?seepr?1/08 at24c32c/64c 8a2 ? tssop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 5/30/02 common dimensions (unit of measure = mm) symbol min nom max note d 2.90 3.00 3.10 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 a ? ? 1.20 a2 0.80 1.00 1.05 b 0.19 ? 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref 8a2 , 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) notes: 1. this drawing is for general information only. refer to jedec drawing mo-153, variation aa, for proper dimensions, tolerances, datums, etc. 2. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension e1 does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and ad acent lead is 0.07 mm. 5. dimension d and e1 to be determined at datum plane h. 8a2 b side view end view top view a2 a l l1 d 1 2 3 e1 n b pin 1 indicator this corner e e
25 5298a?seepr?1/08 at24c32c/64c 8u2-1 - dbga2 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 title drawing no. r rev. po8u2-1 a 6/17/03 common dimensions (unit of measure = mm) symbol min nom max note 8u2-1, 8-ball, 2.35 x 3.73 mm body, 0.75 mm pitch, small die ball grid array package (dbga2) a 0.81 0.91 1.00 a 1 0.15 0.20 0.25 a 2 0.40 0.45 0.50 b 0.25 0.30 0.35 d 2.35 bsc e 3.73 bsc e 0.75 bsc e1 0.74 ref d 0.75 bsc d1 0.80 ref 5. dimension 'b' is measured at the maximum solder ball diameter. this drawing is for general information only. d a side view top view 8 solder balls bottom view 1 a b c d 2 (e1) e a1 ball pad corner (d1) 5. b a1 a2 d a1 ball pad corner e
26 5298a?seepr?1/08 at24c32c/64c 8d3 - ula 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 title drawing no. r rev. 8d3 , 8-lead (1.80 x 2.20 mm body) ultra leadframe land grid array (ullga) d3 0 8d3 11/15/05 common dimensions (unit of measure = mm) symbol min nom max note a ? ? 0.40 a1 0.00 ? 0.05 d 1.70 1.80 1.90 e 2.10 2.20 2.30 b 0.15 0.20 0.25 e 0.40 typ e1 1.20 ref l 0.25 0.30 0.35 0.10 0.15 b 6 5 7 4 3 e d 8 1 2 pin #1 id top view l b a1 a e pin #1 id side view bottom view e1
27 5298a?seepr?1/08 at24c32c/64c revision history doc. rev. date comments 5298a 1/2008 at24c32c/64c product with date code 2008 work week 14 (814) or later supports 5vcc operation initial document release
5298a?seepr?1/08 headquarters international atmel corporation 2325 orchard parkway san jose, ca 95131 usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 atmel asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 atmel europe le krebs 8, rue jean-pierre timbaud bp 309 78054 saint-quentin-en- yvelines cedex france tel: (33) 1-30-60-70-00 fax: (33) 1-30-60-71-11 atmel japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 product contact web site www.atmel.com technical support s_eeprom@atmel.com sales contact www.atmel.com/contacts literature requests www.atmel.com/literature disclaimer: the information in this document is provided in connection with atmel products. no license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no liability whatsoever and disclaims any express, implied or statutory warranty relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, consequential, punitive, special or inciden- tal damages (including, without limitation, damages for loss of profits, business interruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to s pecifications and product descriptions at any time without notice. atmel does not make any commitment to update the information contained herein. unless specifica lly provided otherwise, atmel products are not suitable for, and shall not be used in, automotive applications. atmel?s products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life. ?2008 atmel corporation. all rights reserved. atmel ? , logo and combinations thereof, and others, are registered trademarks or trademarks of atmel corporation or its subsidiaries. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT24C64CN-SH-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X