this document was generated on 06/01/2010 please check www.molex.com for latest part information part number: 0039000153 status: active overview: minifit_jr description: 4.20mm (.165") pitch mini-fit? crimp terminal, female, phosphor bronze, gold (au), 18-24 awg, reel documents: test summary (pdf) product specification ps-5556-002 (pdf) drawing (pdf) product specification ps-5556-003 (pdf) product specification ps-5556-001 (pdf) rohs certificate of compliance (pdf) general product family crimp terminals series 5556 crimp quality equipment yes overview minifit_jr product name mini-fit? physical durability (mating cycles max) 30 gender female material - metal phosphor bronze material - plating mating gold material - plating termination tin packaging type reel plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 30 plating min: termination (m) 0.76 termination interface: style crimp or compression wire insulation diameter 1.30-3.10mm (.051-.122") wire size awg 18, 20, 22, 24 wire size mm2 n/a electrical current - maximum per contact 9a voltage - maximum 600v material info old part number 5556pbgs reference - drawing numbers packaging specification pk-5556-001 product specification ps-5556-001, ps-5556-002, ps-5556-003 sales drawing sd-5556-006 test summary ts-5556-002 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5556 series mates with 5558 male crimp terminals. mini-fit jr.? header, dual row, 5566 , 5569 use with 5557 mini-fit jr.? receptacle housing, 30067 tpa, 42474 bmi panel mount, 5559 mini-fit jr.? plug housing, dual row application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # fineadjust? applicator for mini-fit jr.?, mini-fit hcs? crimp terminals, 0639015600
18-24 awg and smaller insulation t2 terminator die 0639102600 fineadjust? applicator 0639002600 fineadjust? applicator, small insulation 0639002900 t2 terminator tooling die 0639102900 extraction tool 0011030044 hand crimp tool for mini-fit? jr. male and female crimp terminals, 16-24 awg 0638190900 japan description product # applicator for m211a bench press, 18-24 awg, for 5556 and 5558 crimp terminal 0570223000 side-feed applicator for full-auto machine 0570223200 this document was generated on 06/01/2010 please check www.molex.com for latest part information
|