Part Number Hot Search : 
AM2903 BRB10 AM2903 270251B TC7320 7106CPL 00623 TPCC8
Product Description
Full Text Search
 

To Download 2SD2499 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD2499 d escription with to-3p(h)is package high voltage;high speed low saturation voltage bult-in damper diode applications horizontal deflection output for color tv pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 5 v i c collector current 6 a i cm collector current-peak 12 a i b base current 3 a p c total power dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3p(h)is) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD2499 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ebo emitter-base breakdown voltage i c =400ma ;i b =0 5 v v cesat collector-emitter saturation voltage i c =4a; i b =0.8a 5 v v besat base-emitter saturation voltage i c =4a; i b =0.8a 1.05 1.3 v i cbo collector cut-off current v cb =1500v; i e =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 67 200 ma h fe-1 dc current gain i c =1a ; v ce =5v 8 25 h fe-2 dc current gain i c =4a ; v ce =5v 5 9 v f diode forward voltage i f =6a 1.6 2.0 v c ob collector output capacitance i e =0 ; v cb =10v,f=1mhz 95 pf f t transition frequency i c =0.1a ; v ce =10v 2 mhz switching times : t s storage time 7.5 11 s t f fall time i cp =4a;i b1 =0.8a f h =15.75khz 0.3 0.6 s
savantic semiconductor product specification 3 silicon npn power transistors 2SD2499 package outline fig.2 outline dimensions (unindicated tolerance:0.20 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SD2499


▲Up To Search▲   

 
Price & Availability of 2SD2499

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X