Part Number Hot Search : 
31005 4C15T PS25451 2SK184BL 1N4148WT 0DPBF PNA4608M 4C15T
Product Description
Full Text Search
 

To Download 2SC5239 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC5239 d escription with to-220c package high voltage,high speed switching applications for switching regulator and general purpose applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 900 v v ceo collector-emitter voltage open base 550 v v ebo emitter-base voltage open collector 7 v i c collector current 3 a i cm collector current-peak 6 a i b base current 1.5 a p c collector dissipation t c =25 50 w t j junction temperature 150  t stg storage temperature -55~150 
savantic semiconductor product specification 2 silicon npn power transistors 2SC5239 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;i b =0 550 v v cesat collector-emitter saturation voltage i c =1a ;i b =0.2a 0.5 v v besat base-emitter saturation voltage i c =1a ;i b =0.2a 1.2 v i cbo collector cut-off current v cb =800v ;i e =0 100 a i ebo emitter cut-off current v eb =7v; i c =0 100 a h fe dc current gain i c =1a ; v ce =4v 10 30 f t transition frequency i e =-0.25a ; v ce =12v 6 mhz c ob collector output capacitance f=1mhz ; v cb =10v 35 pf switching times t on turn-on time 0.7 s t s storage time 4.0 s t f fall time i c =1a; i b1 =0.15a ;i b2 =-0.45a v cc =250v; r l =250 b 0.5 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC5239 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC5239


▲Up To Search▲   

 
Price & Availability of 2SC5239

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X