Part Number Hot Search : 
MIC520 BR10150 32CTQ BR10150 MA736 2203161 ER107 BR10150
Product Description
Full Text Search
 

To Download 2SC3040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3040 d escription with to-3pn package high breakdown voltage (v c bo 500v) fast switching speed wide asosafe operating area applications 400v/8a switching regulator applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current 8 a i cm collector current-peak 16 a i b base current 3 a t a =25 2.5 p c collector power dissipation t c =25 80 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3040 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;r be = = 400 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 500 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =4a ;i b =0.8a 1.0 v v besat base-emitter saturation voltage i c =4a ;i b =0.8a 1.5 v i cbo collector cut-off current v cb =400v ;i e =0 10 a i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe-1 dc current gain i c =0.8a ; v ce =5v 15 50 h fe -2 dc current gain i c =4a ; v ce =5v 8 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 80 pf f t transition frequency i c =0.8a ; v ce =10v 20 mhz switching times t on turn-on time 1.0 s t s storage time 2.5 s t f fall time i c =5a i b1 =-i b2 =1a r l =40 d ,v cc =200v 1.0 s  h fe-1 classifications l m n 15-30 20-40 30-50
savantic semiconductor product specification 3 silicon npn power transistors 2SC3040 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC3040


▲Up To Search▲   

 
Price & Availability of 2SC3040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X