Part Number Hot Search : 
P1200A 11007 TDA7404 ALD2711A P4KE150A P6KE33C TK11A50D 1212Z21
Product Description
Full Text Search
 

To Download 2005-15T12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the 2000 series is a family of compact 20 w, high performance dc/dc converters. these converters are specifically designed to provide the flexibility, power density, and reliability required to fulfill local power needs in applications ranging from telecom switch systems to portable instrumentation. 24 models operate over 2:1 input ranges of 9 to 18, 18 to 36 or 36 to 72 vdc; providing single, dual or triple output combinations of 5, 6, 12, 15, 12, 15, 512 and 515 vdc. all models are packaged in compact, low profile 3.0 x 2.56 x 0.75 metal cases. d d e e s s c c r r i i p p t t i i o o n n s s 2000 series ? ? 6 6 s s i i d d e e d d c c o o n n t t i i n n u u o o u u s s s s h h i i e e l l d d i i n n g g ? ? s s y y n n c c h h r r o o n n i i z z a a t t i i o o n n a a n n d d o o u u t t p p u u t t t t r r i i m m ? ? w w i i d d e e 2 2 : : 1 1 i i n n p p u u t t v v o o l l t t a a g g e e r r a a n n g g e e ? ? e e f f f f i i c c i i e e n n c c y y t t o o 8 8 6 6 % % ? ? u u l l 1 1 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? c c s s a a 2 2 2 2 . . 9 9 - - 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? v v d d e e / / e e n n 6 6 0 0 9 9 5 5 0 0 a a p p p p r r o o v v e e d d ? ? > > 7 7 0 0 0 0 , , 0 0 0 0 0 0 h h o o u u r r s s m m t t b b f f f f e e a a t t u u r r e e s s i i n n p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s o o u u t t p p u u t t c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments input voltage range 12 vdc input models vdc 24 vdc input models vdc 48 vdc input models vdc remote on / off control supply on 5.5 vdc or open circuit supply off 0 vdc to 0.8 vdc logic referenced to negative input input filter pi filter unit/comments % 1 % 1 % 1 % 1 ; %; equal output loads mv; equal output loads full load % 2 % 2 % 2 % 2 % 3 % 3 ; equal loads % 3 % 3 ; equal loads % pk-pk of vout 100mv pk-pk % pk-pk of vout continuous, automatic recovery us to within 1% error band for 50% step load change % per o c min typ max 1.0 1.0 6.0 5.0 0.5 50 10% 0.5 0.4 0.2 1.0 0.5 0.5 0.5 5.0 1.0 1.0 100 0.02 single, dual, triple output dc/dc converter min 9 18 36 typ 12 24 48 max 18 36 72 g g e e n n e e r r a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments switching frequency khz isolation voltage vdc, 1 minute isolation resistance mohm, 500vdc mtbf (mil-hbk-217f) thousand hours, +25 o c, ground benign min 100 500 1000 700 typ max output voltage accuracy single & dual outputs triple outputs - primary - auxiliaries output voltage adjustment voltage balance: dual outputs triple outputs (auxiliaries) minimum load line regulation single outputs dual outputs triple outputs - primary - auxiliaries load regulation single outputs dual outputs triple outputs - primary - auxiliaries ripple/noise single & dual output triple output models primary auxiliaries short circuit protection transient recovery time temperature coefficient over voltage protection 1 = output voltage at nominal line & fl 2 = % output voltage measured from min. input line to maximum 3 = output voltage measured from fl to 10% load see model selection guide >> 1 www.make-ps.com e-mail:info@make-ps.com
e e n n v v i i r r o o n n m m e e n n t t a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n s s o o u u t t l l i i n n e e d d r r a a w w i i n n g g p p h h y y s s i i c c a a l l c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s unit/comments 2.56 x 3.0 x 0.75 inches (65.0 x 76.2 x 19.1 mm) coated metal with non- conductive base negative input positive input ul94v-0 227 grams case size case material shield connection 12v and 24v input models 48v input models flammability weight unit/comments o c; ambient o c % humidity; non- condensing free-air convection operating temp. range storage temp. range relative humidity cooling min -30 -40 typ max +75 +125 95 notes: 1. unless otherwise specified dimensions are in inches (mm). tolerances inches mm x.xx = 0.02 x.x = 0.5 x.xxx= 0.010 x.xx = 0.25 2. mounting inserts: 4-40 x .10 (2.5) deep 0.50 (12.7) 0.40 (10.2) 0.40 (10.2) 0.40 (10.2) 2.56 (65.0) 0.20 (5.1) 0.040.005 (1.01) dia. bottom 10 9 8 7 6 5 4 3 2 1 0.30 (7.6) 3.00 (76.2) side 0.70 (17.8) 0.40 (10.2) 1.00 (25.4) 0.75 (19.1) c c a a s s e e g g p p i i n n o o u u t t c c h h a a r r t t ; ; c c a a s s e e g g pin 1 2 3 4 5 6 7 8 9 10 single remote on/off + vin - vin sync +sense/trim(down)* output trim - sense/trim (up)* + vout* - vout* no pin dual remote on/off + vin - vin sync + vout common - vout output trim no pin no pin triple remote on/off + vin - vin sync + vout (aux) common(aux) - vout (aux) + vout (primary) - vout (primary) output trim (primary) * connections for single output models without sensing or external trimming: for proper operation, externally connect pin 5 (+sense) to pin 8 (+vout) and pin 7 (-sense) to pin 9 (-vout) 0.30 (7.6) 0.30 (7.6) 1.25 (31.75) 0.72 (18.3) 0.40 (10.2) 0.60 (15.2) see note 2 0.02 min. (0.5) all specifications are typical at nominal input, nominal load and 25 c unless otherwise specified. external, low esr, 10 microfarad (minimum) capacitor across output is recommended for operation. >> 2 0.25 (6.4) www.make-ps.com e-mail:info@make-ps.com
h h o o w w t t o o o o r r d d e e r r 20 xx d xx output voltage h h o o w w t t o o o o r r d d e e r r m m o o d d e e l l s s e e l l e e c c t t i i o o n n c c h h a a r r t t model nominal input voltage (vdc) input voltage range (vdc) input current (ma) no load input current (ma) full load output voltage (vdc) output current (ma) output over voltage (vdc) % efficiency @ full load output configuration (s=single, d=dual) wattage nominal input voltage 2005s12 2005s24 2005s48 2006s12 2006s24 2006s48 2012s12 2012s24 2012s48 2015s12 2015s24 2015s48 2012d12 2012d24 2012d48 2015d12 2015d24 2015d48 2005/12t12 2005/12t24 2005/12t48 2005/15t12 2005/15t24 2005/15t48 12 24 48 12 24 48 12 24 48 12 24 48 12 24 48 12 24 48 12 24 48 12 24 48 9 - 18 18 - 36 36 - 72 9 - 18 18 - 36 36 - 72 9 - 18 18 - 36 36 - 72 9 - 18 18 - 36 36 - 72 9 - 18 18 - 36 36 - 72 9 - 18 18 - 36 36 - 72 9 - 18 18 - 36 36 - 72 9 - 18 18 - 36 36 - 72 30 30 16 30 30 16 30 30 16 30 30 16 40 30 16 40 30 16 40 30 16 40 30 16 2200 1030 510 2160 1000 485 2140 1025 500 2160 1025 515 2140 1025 500 2140 1025 500 2220 1050 515 2220 1050 515 5 5 5 6 6 6 12 12 12 15 15 15 12 12 12 15 15 15 5/12 5/12 5/12 5/15 5/15 5/15 4000 4000 4000 3300 3300 3300 1650 1650 1650 1325 1325 1325 825 825 825 660 660 660 2000/415 2000/415 2000/415 2000/300 2000/300 2000/300 6.5 6.5 6.5 7.5 7.5 7.5 15.0 15.0 15.0 18.0 18.0 18.0 15.0 15.0 15.0 18.0 18.0 18.0 6.5/15 6.5/15 6.5/15 6.5/18 6.5/18 6.5/18 75 81 81 77 83 86 78 80 83 77 81 81 77 80 83 77 81 83 75 79 81 75 79 81 >> 3 h h o o w w t t o o o o r r d d e e r r 20 05 /xx t xx max. output voltage aux. output voltage wattage nominal input voltage output configuration (t = triple) www.make-ps.com e-mail:info@make-ps.com


▲Up To Search▲   

 
Price & Availability of 2005-15T12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X