|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
t f t color lcd module t f t color lcd module TM121SV-02L11 31cm /12.1" svga format for pos terminal,high brightness 6bits digital rgb i/f 800 x rgb x 600 dots specifications 31/12.1 (cm/inch) 800 x (rgb) x 600 w x (rgb) x h [dots] 0.3075 x 0.3075 w x h [mm] w x h [mm] 249 x 187.5 280 x 218 x 11.5 w x h x d [mm] g 690 transmissive type - 2 ccft - item typ. unit 300 : 1 340 3.3 50 - v w 7.3 (cd/m 2 ) ms item unit typ. display format pixel pitch bezel opening size outer dimensions weight panel mode backlight type logic voltage power consumption logic & backlight brightness contrast ratio response time operating temperature strage temperature outer dimensions +60 -20 +50 0 diagonal screen size active area center active area (24 6 x 184.5) bezel opening (24 9 x 187.5) 280 273 0.3 137.5 60 5 11.5 3.5 6 0.3 2.7 0.3 60 5 166 0.3 218 176 0.3 21.5 flcn1 flcn2 3 1 3 1 5 5
|
Price & Availability of TM121SV-02L11 |