Part Number Hot Search : 
XU308 MJD112T4 GS204U 6545AIBZ AN502 CM1431 S20K275 HN4065CG
Product Description
Full Text Search
 

To Download SST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1238 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. agastat catalog 1308242 issued 3-03 www.tycoelectronics.com technical support: refer to inside back cover. SST series industrial grade discrete plug-in time delay relay on-delay, off-delay, interval, one shot & repeat modes time delays to 120 min. fast setting with time calibrated knobs. superior transient protection. rugged construction with 8- or 11-pin plug. flame retardant housing. file e15631 file lr33434 timing modes on-delay, off-delay, interval, one shot (latching interval) or repeat cycle. timing specifications timing ranges: nine ranges spanning 0.1 sec. to 120 min. timing adjustment: knob adjust. accuracy: repeat accuracy: 1%. overall accuracy: 5%. reset time: 50 ms., max., (25 ms typ.) for on-delay and interval; 300 ms, max., for off-delay and one shot; 500 ms, max., for repeat type. relay operate time: 50 ms. relay release time: 30 ms. contact data @ 25 c arrangements: 2 form c (dpdt). rating: 10a @ 120/240vac, resistive; 1/3 hp @ 120/240vac, 50/60 hz. expected mechanical life: 10 million operations. expected electrical life: 500,000 operations, min., at rated resistive load. initial dielectric strength between contacts, line inputs and control circuits: 1,500v rms, minimum, at 60 hz. outline dimensions wiring diagrams (bottom views) mechanical data mounting/termination: on-delay, interval and repeat types have 8- pin octal plug that fits either 27e122 or 27e891 socket. off-delay and one shot types have 11-pin octal-type plug that fits 27e123 or 27e892. sockets must be orderd separately. weight: 4 oz. (112g) approximately. environmental data temperature range: storage: -23 c to +71 c. operating: -23 c to +54 c. input data @ 25 c voltage: see ordering information section for details. power requirement: 3w, max. transient protection: non-repetitive transients of the following magni- tudes will not cause spurious operation of affect function and accuracy. operating voltage <0.1 ms <1 ms 12 & 24 vac/vdc 860v 208v* 120 vac 2,580v 2,150v* * minimum source impedance of 100 ohm. users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. ordering information authorized distributors are likely to stock the following: none at present. 2.0 max. (50.8) square .812 max. (20.6) 4.60 max. (116.8) 3.20 max. (81.3) SST1 ?on delay types input time range part no. 120 0.1 - 10 sec. SST12aaa vac 0.6 - 60 sec. SST12aca 1.8 - 180 sec. SST12ada 3 - 300 sec. SST12aea 18 sec. - 30 min. SST12aga 36 sec. - 60 min. SST12aha 24 0.1 - 10 sec. SST12eaa vac 1.8 - 180 sec. SST12eda 3 - 300 sec. SST12eea 24 0.1 - 10 sec. SST12oaa vdc 1.8 - 180 sec. SST12oda 3 - 300 sec. SST12oea 12 0.1 - 10 sec. SST12qaa vdc 1.8 - 180 sec. SST12qda 3 - 300 sec. SST12qea SST2 ?off delay types input time range part no. 120 0.1 - 10 sec. SST22aaa vdc 1.8 - 180 sec. SST22ada 3 - 300 sec. SST22aea 18 sec. - 30 min. SST22aga 36 sec. - 60 min. SST22aha 24 0.1 - 10 sec. SST22eaa vdc 1.8 - 180 sec. SST22eda 24 0.1 - 10 sec. SST22oaa vdc 1.8 - 180 sec. SST22oda 12 0.1 - 10 sec. SST22qaa vdc 1.8 - 180 sec. SST22qda SST3 ?interval types input time range part no. 120 0.1 - 10 sec. SST32aaa vac 1.8 - 180 sec. SST32ada 3 - 300 sec. SST32aea 36 sec. - 60 min. SST32aha 24 0.1 - 10 sec. SST32eaa vac 1.8 - 180 sec. SST32eda 24 0.1 - 10 sec. SST32oaa vdc 1.8 - 180 sec. SST32oda 12 0.1 - 10 sec. SST32qaa vdc 1.8 - 180 sec. SST32qda SST4 ?one shot* types input time range part no. 120 0.1 - 10 sec. SST42aaa vdc 1.8 - 180 sec. SST42ada 3 - 300 sec. SST42aea 18 sec. - 30 min. SST42aga 36 sec. - 60 min. SST42aha 24 0.1 - 10 sec. SST42eaa vdc 1.8 - 180 sec. SST42eda 24 0.1 - 10 sec. SST42oaa vdc 1.8 - 180 sec. SST42oda 12 0.1 - 10 sec. SST42qaa vdc 1.8 - 180 sec. SST42qda * also known as latching interval SST7 ?repeat cycle types input time range part no. 120 0.1 - 10 sec. SST72aaa vdc 1.8 - 180 sec. SST72ada 3 - 300 sec. SST72aea 18 sec. - 30 min. SST72aga 36 sec. - 60 min. SST72aha 24 0.1 - 10 sec. SST72eaa vdc 1.8 - 180 sec. SST72eda 24 0.1 - 10 sec. SST72oaa vdc 1.8 - 180 sec. SST72oda 12 0.1 - 10 sec. SST72qaa vdc 1.8 - 180 sec. SST72qda


▲Up To Search▲   

 
Price & Availability of SST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X