Part Number Hot Search : 
S20H100C SMB12 HLB121 TF256 MMBZ525 XE2476 1SRWA NTE489
Product Description
Full Text Search
 

To Download S471K25Y5PN63J5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ceramic disc capacitors class 1 and 2, 1/2/3/6 kv general purpose document number 28515 for technica l questions, contact: cdc@vishay.com www.vishay.com revision: 26-oct-06 49 hv 1 kv - 6 kv vishay bccomponents features ? low losses ? high stability ? high capacitance in small size ? kinked (preferred) or straight leads ? lead (pb)-free available applications ? dc high voltage ? pulse high voltage ? smps ? hv power supply ? hf ballast design the capacitors consist of a ce ramic disc both sides of which are silver-plated. connection leads are made of tinned copper having a diameter of 0.6 mm or 0.8 mm up to 3 kv and 0.8 mm for 6 kv. the capacitors may be supplied with kinked or straight leads with a lead spacing of 5 mm (0.200"), 7.5 mm (0.300") or 10 mm (0.400") and a lead length from 4 to 30 mm. the standard tolerance on capacitance is 5 % or 10 % for class 1 capacitors and 10 % or 20 % for class 2 capacitors. encapsulation is made of gold-coloured epoxy-resin, flammable resistant in accordance with ?ul94v-0? . capacitance range: class 1, at 1 mhz, 1.2 v (rms); 10 to 220 pf 1 khz, 1 0.2 v (rms) for capacitance values higher than 1000 pf class 2, at 1 khz, 1 0.2 v (rms); 100 to 22 000 pf rated dc voltage: 1 kv; 2 kv; 3 kv; 6 kv dielectric strength: 200 % of rated voltage insulation resistance at 500 v (dc): 10 000 m tolerance on capacitance: 5 %; 10 %; 20 %; + 80 /- 20 % other tolerances available on request dissipation factor: class 1, c 30 pf; 20 x (10/c + 0.7) x 10 -4 max . class 1, c > 30 pf; 0.2 % class 2, 3.0 % operating temperature range: class 1 sl0; s3n - 55 to + 125 c class 2 x7r - 55 to + 125 c class 2 y5p; z5u; y5v - 30 to + 85 c class 2 x5f - 55 to + 85 c temperature coefficients: class 1 sl0; s3n class 2 x7r; y5p; z5u; y5v; x5f sectional specifications: class 1 iec 60 384-8, class 2 iec 60 384-9, eia 198 climatic category: class 1 sl0 55/125/21 class 2 x7r 55/125/21 class 2 y5p; z5u; y5v 30/85/21 class 2 x5f 55/85/21 marking straight and kinked leaded versions are gold coloured marking indicates capacitance value and tolerance in accordance with ?eia 198?, and voltage f d sh tangent line f d sh tangent line capacitors with 5 mm (0.20 inch), 7.5 mm (0.30 inch) and 10 mm (0.40 inch) lead spacing d f tangent line sh capacitors with 10 mm (0.40 inch) lead spacing rohs compliant e3
www.vishay.com for technical questions, contact: cdc@vishay.com document number 28515 50 revision 26-oct-06 hv 1 kv - 6 kv vishay bccomponents ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose ordering information, 1 kv (dc), straight c (pf) tol. (%) d max (mm) lead spacing f (mm) sh (2) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant kinked class 1 sl0 10 5 6.5 5.0 4.0 s100j25sl0n6.j5. 10 s100k25sl0n6.j5. 12 5 s120j25sl0n6.j5. 10 s120k25sl0n6.j5. 15 5 s150j25sl0n6.j5. 10 s150k25sl0n6.j5. 18 5 s180j25sl0n6.j5. 10 s180k25sl0n6.j5. 22 5 s220j25sl0n6.j5. 10 s220k25sl0n6.j5. 27 5 s270j25sl0n6.j5. 10 s270k25sl0n6.j5. 33 5 s330j25sl0n6.j5. 10 s330k25sl0n6.j5. 39 5 s390j25sl0n6.j5. 10 s390k25sl0n6.j5. 47 5 s470j25sl0n6.j5. 10 s470k25sl0n6.j5. 56 5 7.5 s560j29sl0n6.j5. 10 s560k29sl0n6.j5. 68 5 s680j29sl0n6.j5. 10 s680k29sl0n6.j5. 82 5 s820j29sl0n6.j5. 10 s820k29sl0n6.j5. 100 5 s101j29sl0n6.j5. 10 s101k29sl0n6.j5. 120 5 8.5 s121j33sl0n6.j5. 10 s121k33sl0n6.j5. 150 10.0 s151k33sl0n6.j5. 220 s221k39sl0n6.j5. class 2 x7r 100 10 6.5 5.0 4.0 s101k25x7rn6.j5. 150 s151k25x7rn6.j5. 220 s221k25x7rn6.j5. 330 s331k25x7rn6.j5. 470 7.5 s471k29x7rn6.j5. 680 s681k29x7rn6.j5. 1000 8.5 s102k33x7rn6.j5. 1500 10.0 s152k39x7rn6.j5. 2200 11.0 s222k43x7rn6.j5. 3300 12.0 7.5 s332k47x7rn6.j7. 4700 15.0 4.8 s472k59x7rn6.j7.
document number 28515 for technica l questions, contact: cdc@vishay.com www.vishay.com revision 26-oct-06 51 hv 1 kv - 6 kv ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose vishay bccomponents class 2 y5p 100 10 6.5 5.0 4.0 s101k25y5pn6.j5. 150 s151k25y5pn6.j5. 220 s221k25y5pn6.j5. 330 s331k25y5pn6.j5. 470 s471k25y5pn6.j5. 680 7.5 s681k29y5pn6.j5. 1000 s102k29y5pn6.j5. 1500 8.5 s152k33y5pn6.j5. 2200 10.0 s222k39y5pn6.j5. 3300 11.0 s332k43y5pn6.j5. 4700 13.5 7.5 4.8 s472k53y5pn63j7. 6800 15.0 s682k59y5pn63j7. 10 000 19.0 10.0 s103k75y5pn83j0. class 2 z5u 1000 20 6.5 5.0 4.0 s102m25z5un6.j5. 1500 s152m29z5un6.j5. 2200 s222m29z5un6.j5. 3300 8.5 s332m33z5un6.j5. 4700 10.0 s472m39z5un6.j5. 6800 11.0 s682m43z5un6.j5. 10 000 12.0 7.5 4.8 s103m47z5un63j7. 15 000 15.0 s153m59z5un63j7. 22 000 19.0 10.0 s223m75z5un83j0. class 2 y5v 1000 + 80/- 20 6.5 5.0 4.0 s102z25y5vn6.j5. 1500 s152z25y5vn6.j5. 2200 7.5 s222z29y5vn6.j5. 3300 s332z29y5vn6.j5. 4700 8.5 s472z33y5vn6.j5. 6800 10.0 s682z39y5vn6.j5. 10 000 11.0 s103z43y5vn6.j5. 15 000 13.5 7.5 4.8 s153z53y5vn6.j7. 22 000 15.0 s223z59y5vn6.j7. 33 000 19.0 10.0 s333z75y5vn8.j0. ordering information, 1 kv (dc), straight c (pf) tol. (%) d max (mm) lead spacing f (mm) sh (2) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant kinked
www.vishay.com for technical questions, contact: cdc@vishay.com document number 28515 52 revision 26-oct-06 hv 1 kv - 6 kv vishay bccomponents ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose notes 1. maximum thickness 4.5 mm. 2. sh = seated height. 3. lead style codes refer to inward kinked leads. other styles available on request. ordering information, 1 kv (dc), kinked c (pf) tol. (%) d max (mm) lead spacing f (mm) sh (2) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant kinked class 2 x5f 100 10 6.5 5.0 4.0 s101k25x5fn6.j5r 220 s221k25x5fn6.j5r 270 s271k25x5fn6.j5r 330 s331k25x5fn6.j5r 390 s391k25x5fn6.j5r 470 s471k25x5fn6.j5r 680 7.5 s681k29x5fn6.j5r 820 s821k29x5fn6.j5r 1000 s102k29x5fn6.j5r 2200 11.0 s222k43x5fn6.j5r 3300 13.5 7.5 4.8 s332k53x5fn6.j7r 4700 16.0 7.5 s472k63x5fn63j7r
document number 28515 for technica l questions, contact: cdc@vishay.com www.vishay.com revision 26-oct-06 53 hv 1 kv - 6 kv ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose vishay bccomponents ordering information, 2 kv (dc), kinked c (pf) tol. (%) d max (mm) lead spacing f (mm) sh (2) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant kinked class 1 sl0 10 5 6.5 5.0 4.0 s100j25sl0p6.k5. 10 s100k25sl0p6.k5. 12 5 s120j25sl0p6.k5. 10 s120k25sl0p6.k5. 15 5 s150j25sl0p6.k5. 10 s150k25sl0p6.k5. 18 5 s180j25sl0p6.k5. 10 s180k25sl0p6.k5. 22 5 s220j25sl0p6.k5. 10 s220k25sl0p6.k5. 27 5 s270j25sl0p6.k5. 10 s270k25sl0p6.k5. 33 5 7.5 s330j29sl0p6.k5. 10 s330k29sl0p6.k5. 39 5 s390j29sl0p6.k5. 10 s390k29sl0p6.k5. 47 5 s470j29sl0p6.k5. 10 s470k29sl0p6.k5. 56 5 s560j29sl0p6.k5. 10 s560k29sl0p6.k5. 68 5 8.5 s680j33sl0p6.k5. 10 s680k33sl0p6.k5. 82 5 s820j33sl0p6.k5. 10 s820k33sl0p6.k5. 100 5 10.0 s101j39sl0p6.k5. 10 s101k39sl0p6.k5. 120 5 s121j39sl0p6.k5. 10 s121k39sl0p6.k5. 150 10 11.0 s151k43sl0p6.k5. class 2 x7r 100 10 6.5 5.0 4.0 s101k25x7rp6.k5. 150 s151k25x7rp6.k5. 220 s221k25x7rp6.k5. 330 s331k25x7rp6.k5. 470 7.5 s471k29x7rp6.k5. 680 8.5 s681k33x7rp6.k5. 1000 10.0 s102k39x7rp6.k5. 1500 11.0 s152k43x7rp6.k5. 2200 13.5 7.5 4.8 s222k53x7rp6.k7. 3300 15.0 s332k59x7rp6.k7.
www.vishay.com for technical questions, contact: cdc@vishay.com document number 28515 54 revision 26-oct-06 hv 1 kv - 6 kv vishay bccomponents ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose notes 1. maximum thickness 5.0 mm. 2. sh = seated height. 3. lead style codes refer to outward kinked leads. other styles available on request. class 2 y5p 100 10 6.5 5.0 4.0 s101k25y5pp6.k5. 150 s151k25y5pp6.k5. 220 s221k25y5pp6.k5. 330 s331k25y5pp6.k5. 470 7.5 s471k29y5pp6.k5. 680 s681k29y5pp6.k5. 1000 8.5 s102k33y5pp6.k5. 1500 10.0 s152k39y5pp6.k5. 2200 11.0 s222k43y5pp6.k5. 3300 13.5 7.5 4.8 s332k53y5pp63k7. 4700 17.5 s472k69y5pp63k7. class 2 z5u 1000 20 7.5 5.0 4.0 s102m29z5up6.k5. 1500 s152m29z5up6.k5. 2200 8.5 s222m33z5up6.k5. 3300 11.0 s332m43z5up6.k5. 4700 12.0 7.5 4.8 s472m47z5up63k7. 6800 13.5 s682m53z5up63k7. 10 000 17.5 s103m69z5up63k7. class 2 y5v 1000 + 80/- 20 7.5 5.0 4.0 s102z29y5vp6.k5. 1500 s152z29y5vp6.k5. 2200 8.5 s222z33y5vp6.k5. 3300 10.5 s322z39y5vp6.k5. 4700 11.0 s472z43y5vp6.k5. 6800 12.0 7.5 4.8 s682z47y5vp6.k7. 10 000 15.0 s103z59y5vp6.k7. class 2 x5f 100 10 6.5 5.0 4.0 s101k25x5fp6.k5r 220 s221k25x5fp6.k5r 330 7.5 s331k29x5fp6.k5r 470 8.0 s471k31x5fp6.k5r 680 10.0 s681k39x5fp6.k5r 1000 11.0 s102k43x5fp6.k5r 2200 15.0 7.5 4.8 s222k59x5fp6.k7r 3300 16.5 7.5 s332k65x5fp63k7r ordering information, 2 kv (dc), kinked c (pf) tol. (%) d max (mm) lead spacing f (mm) sh (2) (mm) clear text code 13 th digit: t = reel; u = ammo; 3 = bulk 16 th digit: r = rohs compliant kinked
document number 28515 for technica l questions, contact: cdc@vishay.com www.vishay.com revision 26-oct-06 55 hv 1 kv - 6 kv ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose vishay bccomponents notes 1. maximum thickness 6.0 mm. 2. lead style codes refer to outward kinked leads. other styles available on request. 3. all packaged in bulk. ordering information, 3 kv (dc), kinked c (pf) tol. (%) d max (mm) lead spacing f (mm) seated height (mm) clear text code 16 th digit: r = rohs compliant kinked class 1 sl 10 10 8.5 7.5 4.0 s100k33sl0r63k7. 15 s150k33sl0r63k7. 22 s220k33sl0r63k7. 33 s330k33sl0r63k7. 47 s470k33sl0r63k7. 68 10.0 s680k39sl0r63k7. class 2 x7r 100 10 8.5 7.5 4.0 s101k33x7rr63k7. 150 s151k33x7rr63k7. 220 s221k33x7rr63k7. 330 s331k33x7rr63k7. 470 s471k33x7rr63k7. 680 10.0 s681k39x7rr63k7. 1000 11.0 s102k43x7rr63k7. 1500 13.5 4.8 s152k53x7rr63k7. 2200 17.5 s222k59x7rr83k7. class 2 y5p 100 10 8.5 7.5 4.0 s101k33y5pr63k7. 150 s151k33y5pr63k7. 220 s221k33y5pr63k7. 330 s331k33y5pr63k7. 470 s471k33y5pr63k7. 680 10.0 s681k39y5pr63k7. 1000 11.0 s102k43y5pr63k7. 1500 12.0 4.8 s152k47y5pr63k7. 2200 15.0 s222k59y5pr63k7. 3300 19.0 10.0 s332k75y5pr83k0. class 2 z5u 470 20 8.5 7.5 4.0 s471m33z5ur63k7. 680 s681m33z5ur63k7. 1000 s102m33z5ur63k7. 1500 10.0 s152m39z5ur63k7. 2200 11.0 s222m43z5ur63k7. 3300 13.5 4.8 s332m53z5ur63k7. 4700 17.5 s472m69z5ur83k7. class 2 y5v 1000 + 80/- 20 8.5 7.5 4.0 s102z33y5vr63k7. 1500 s152z33y5vr63k7. 2200 10.0 s222z39y5vr63k7. 3300 11.0 s322z43y5vr63k7. 4700 12.0 4.8 s472z47y5vr63k7. 6800 15.0 s682z59y5vr63k7.
www.vishay.com for technical questions, contact: cdc@vishay.com document number 28515 56 revision 26-oct-06 hv 1 kv - 6 kv vishay bccomponents ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose notes 1. maximum thickness 8.0 mm. 2. lead style codes refer to straight l eads. other styles available on request. 3. all packaged in bulk. note 1. the capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack. ordering information, 6 kv (dc), straight c (pf) tol. (%) d max (mm) lead spacing f (mm) seated height (mm) clear text code 16 th digit: r = rohs compliant straight class 1 sl 10 20 10.0 10 3.0 s100m39sl0u83l0. 15 s150m43sl0u83l0. 22 s220m43sl0u83l0. 33 13.5 s330m53sl0u83l0. class 1 s3n 47 20 11.0 10 3.0 s470m43s3nu83l0. 68 13.5 s680m53s3nu83l0. 100 15.0 s101m59s3nu83l0. 150 15.0 s151m59s3nu83l0. class 2 z5u 220 20 10.0 10 3.0 s221m39z5uu83l0. 330 11.0 s331m43z5uu83l0. 470 12.0 s471m47z5uu83l0. 680 13.5 s681m53z5uu83l0. 1000 15.0 s102m59z5uu83l0. 1500 17.5 s152m69z5uu83l0. 2200 19.0 s222m75z5uu83l0. packaging packaging type size code lead space (mm) voltage (vdc) spq box dimensions l w h (mm) bulk (long lead l 25.4 mm 20 to 47 all all 1000 245 x 120 x 65 1000 1000 53 to 75 500 84 to 96 250 tape and reel 47 6.4 < 500 2500 370 x 370 x 60 500 wv 2000 2000 3000 1000 7.5 all 1000 ammopack 47 6.4 < 500 2000 335 x 240 x 50 500 wv < 2000 2000 335 x 290 x 50 2000 and 3000 1500 7.5 all 1500 360 x 330 x 55
document number 28515 for technica l questions, contact: cdc@vishay.com www.vishay.com revision 26-oct-06 57 hv 1 kv - 6 kv ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose vishay bccomponents notes 1. cumulative pitch error: 1 mm/20 pitches. 2. obliquity maximum 3 . dimensions of tape symbol parameter dimensions (mm) nominal tolerance d body diameter 11.0 maximum - d lead diameter 0.6 0.05 p pitch between capacitors 12.7 1.0 p 0 feed-hole pitch 12.7 0.3; note 1 p plane deviation 1.0 maximum - p 1 feed-hole centre to lead centre 3.85 0.7; note 2 p 2 feed-hole centre to component centre 6.35 1.3; note 2 f lead spacing 5.0 + 0.6/- 0.4 h component alignment 0 1.0 w tape width 18.0 + 1.0/- 0.5 w 0 hold-down tape width 5.0 minimum - w 1 hole position 9.0 + 0.75/- 0.5 w 2 hold-down tape margin 3.0 maximum - h 0 height to seating plane 16.0 0.5 h 1 maximum component height 32.0 - e lead end protrusion 1.0 maximum - l maximum length of snipped lead 11.0 - d 0 feed-hole diameter 4.0 0.2 t total tape thickness 0.9 maximum ? t 1 maximum thickness of tape and wires 1.5 maximum ? p 2 p d p 1 ? d w 1 w 0 w 2 w h 0 h 1 d 0 p 0 direction of unreeling a t detail a h h p p t 1 f e l s s kinked capacitors on tape, lead spacing 5.0 mm (0.2 inch)
www.vishay.com for technical questions, contact: cdc@vishay.com document number 28515 58 revision 26-oct-06 hv 1 kv - 6 kv vishay bccomponents ceramic disc capacitors class 1 and 2, 1/2/3/ 6 kv general purpose reel and tape data in millimeters reel with capacitors on tape ammopack with capacitors on tape 290 335 50
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of S471K25Y5PN63J5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X