Part Number Hot Search : 
2SJ508 2C4261 IDT713 KSR2201 M67741H TSUNAMI QS3L384Q 2SA709
Product Description
Full Text Search
 

To Download PS7200H-1A-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the mark shows major revised points. the revised points can be easily searched by copying an "" in the pdf file and spec ifying it in the "find what:" field. solid state relay ocmos fet ps7200h-1a 4-pin sop, 2.2 ? low on-state resistance 1-ch optical coupled mos fet document no. pn10294ej02v0ds (2nd edition) date published august 2006 ns cp(k) ? nepoc series ? 1998, 2006 description the ps7200h-1a is a low on-state capacit ance solid state relay containing a gaas led on the light emitting side (input side) and mos fets on the output side. it is suitable for high-frequency si gnal control, due to its low c r, low on-state resist ance, and low off-state leakage current. features ? low c r (c r = 9.2 pf ? ? ) ? low on-state resistance (r on = 2.2 ? typ.) ? low output capacitance (c out = 4.2 pf typ.) ? low off-state leakage current (i loff = 0.03 na typ.) ? high-speed turn-on time (t on = 0.04 ms typ.) ? 1 channel type (1 a output) ? designed for ac/dc switching line changer ? small and thin package (4-pin sop, height = 2.1 mm) ? high isolation voltage (bv = 1 500 vr.m.s.) ? low offset voltage ? ordering number of taping product : ps7200h-1a-e3, e4: 900 pcs/reel : ps7200h-1a-f3, f4: 3 500 pcs/reel ? pb-free product applications ? measurement equipment
data sheet pn10294ej02v0ds 2 ps7200h-1a package dimensions (unit: mm) 43 12 top view 4.4 7.00.3 0.50.3 0.15 +0.10 ?0.05 2.54 4.00.5 0.05 +0.08 ?0.05 2.05 +0.08 ?0.05 0.40 +0.10 ?0.05 0.25 m 1. led anode 2. led cathode 3. mos fet 4. mos fet marking example (laser marking) no.1 pin mark assembly lot type number ps7200h-1a *1 bar : pb-free remark applicable type numbers are underlined below n601 week assembled year assembled (last 1 digit) rank code *1 200h n601
data sheet pn10294ej02v0ds 3 ps7200h-1a ordering information part number order number solder plating specification packing style ps7200h-1a PS7200H-1A-A pb-free magazine case 100 pcs ps7200h-1a-e3 ps7200h-1a-e3-a embossed tape 900 pcs/reel ps7200h-1a-e4 ps7200h-1a-e4-a ps7200h-1a-f3 ps7200h-1a-f3-a embossed tape 3 500 pcs/reel ps7200h-1a-f4 ps7200h-1a-f4-a absolute maximum ratings (t a = 25 c, unless otherwise specified) parameter symbol ratings unit diode forward current (dc) i f 50 ma reverse voltage v r 5.0 v power dissipation p d 50 mw peak forward current *1 i fp 1 a mos fet break down voltage v l 40 v continuous load current i l 160 ma pulse load current *2 (ac/dc connection) i lp 320 ma power dissipation p d 100 mw isolation voltage *3 bv 1 500 vr.m.s. total power dissipation p t 150 mw operating ambient temperature t a ? 40 to +85 c storage temperature t stg ? 40 to +100 c *1 pw = 100 s, duty cycle = 1% *2 pw = 100 ms, 1 shot *3 ac voltage for 1 minute at t a = 25 c, rh = 60% between input and output pins 1-2 shorted together , 3-4 shorted together.
data sheet pn10294ej02v0ds 4 ps7200h-1a recommended operating conditions (t a = 25 c) parameter symbol min. typ. max. unit led operating current i f 2 10 20 ma led off voltage v f 0 0.5 v electrical characteristics (t a = 25 c) parameter symbol conditions min. typ. max. unit diode forward voltage v f i f = 10 ma 1.2 1.4 v reverse current i r v r = 5 v 5.0 a mos fet off-state leakage current i loff v d = 40 v 0.03 10 na output capacitance c out v d = 0 v, f = 1 mhz 4.2 pf coupled led on-state current i fon i l = 160 ma 2.0 ma on-state resistance r on1 i f = 10 ma, i l = 50 ma 2.2 3.5 ? r on2 i f = 10 ma, i l = 160 ma, t 10 ms 2.2 3.5 turn-on time *1, 2 t on i f = 10 ma, v o = 5 v, r l = 500 ? , 0.04 0.5 ms turn-off time *1, 2 t off pw 10 ms 0.25 1.0 isolation resistance r i-o v i-o = 1.0 kv dc 10 9 ? isolation capacitance c i-o v = 0 v, f = 1 mhz 0.4 pf *1 test circuit for switching time pulse input input monitor monitor v o v l r l i f r in t on t off 10% 90% input 0 output v o = 5 v 50% *2 the turn-on time and turn-off time are specified as input-pulse width 10 ms. be aware that when the devic e operates with an input-pulse width less than 10 ms, the turn-on time and turn-off time will increase.
data sheet pn10294ej02v0ds 5 ps7200h-1a typical characteristics (t a = 25 c, unless otherwise specified) ambient temperature t a (?c) maximum forward current i f (ma) maximum forward current vs. ambient temperature 1 ma 5 ma 20 ma 30 ma i f = 50 ma 10 ma ?25 0 25 50 75 100 1.6 1.4 1.2 1.0 0.8 ambient temperature t a (?c) forward voltage v f (v) ambient temperature forward voltage vs. applied voltage v d (v) output capacitance c out (pf) output capacitance vs. applied voltage ambient temperature t a (?c) maximum load current i l (ma) maximum load current vs. ambient temperature ambient temperature t a (?c) off-state leakage current i loff (a) off-state leakage current vs. ambient temperature load current vs. load voltage load voltage v l (v) load current i l (ma) ?25 0 25 50 75 85 100 100 80 60 40 0 20 f = 1 mhz 10 20 30 40 60 50 10 8 6 4 0 2 300 200 100 0 250 150 50 ?25 0 25 50 75 100 85 i f = 10 ma ?1.0 ?0.5 0.5 1.0 0 200 100 ?100 ?200 020 40 60 80 100 10 ?7 10 ?8 10 ?9 10 ?10 10 ?11 10 ?12 10 ?13 v d = 40 v remark the graphs indicate nominal characteristics.
data sheet pn10294ej02v0ds 6 ps7200h-1a turn-off time vs. forward current forward current i f (ma) turn-off time t off (ms) turn-on time t on (ms) number (pcs) turn-on time distribution n = 50 pcs, i f = 10 ma, v o = 5 v, r l = 500 ? turn-on time vs. forward current forward current i f (ma) turn-on time t on (ms) turn-off time t off (ms) number (pcs) turn-off time distribution n = 50 pcs, i f = 10 ma, v o = 5 v, r l = 500 ? normalized to 1.0 at t a = 25?c, i f = 10 ma, i l = 50 ma ambient temperature t a (?c) normalized on-state resistance r on normalized on-state resistance vs. ambient temperature n = 50 pcs, i f = 10 ma, i l = 50 ma on-state resistance distribution number (pcs) on-state resistance r on ( ? ) 0.02 0.04 0.06 0.03 0.05 30 20 15 10 0 5 25 5 15 20 25 10 30 0.5 0.4 0.3 0.2 0.1 0 v o = 5 v, r l = 500 ? 5 15 20 30 25 10 1.0 0.8 0.6 0.4 0.2 0 v o = 5 v, r l = 500 ? ?25 0 25 50 75 100 3.0 2.5 2.0 1.0 0.0 0.5 1.5 2.0 2.2 2.4 2.1 2.3 60 40 30 20 0 10 50 0.2 0.4 30 20 15 10 0 5 25 0.1 0.3 0.5 remark the graphs indicate nominal characteristics.
data sheet pn10294ej02v0ds 7 ps7200h-1a normalized to 1.0 at t a = 25?c, i f = 10 ma, v o = 5 v, r l = 500 ? ambient temperature t a (?c) normalized turn-on time t on normalized turn-on time vs. ambient temperature normalized to 1.0 at t a = 25?c, i f = 10 ma, v o = 5 v, r l = 500 ? ambient temperature t a (?c) normalized turn-off time t off normalized turn-off time vs. ambient temperature ?25 0 25 50 75 100 3.0 2.5 2.0 1.0 0.0 0.5 1.5 ?25 0 25 50 75 100 3.0 2.5 2.0 1.0 0.0 0.5 1.5 remark the graphs indicate nominal characteristics.
data sheet pn10294ej02v0ds 8 ps7200h-1a taping specifications (unit: mm) ps7200h-1a-e3 ps7200h-1a-e4 tape direction outline and dimensions (tape) 1.550.1 2.00.05 4.00.1 1.750.1 4.60.1 2.9 max. 0.3 8.00.1 2.40.1 1.5 +0.1 ?0 7.40.1 5.50.05 12.00.2 outline and dimensions (reel) packing: 900 pcs/reel 2.00.5 r 1.0 13.00.2 21.00.8 2.0 0.5 11.9 to 15.4 outer edge of flange 17.51.0 13.51.0 180 +0 ?1.5 +1 ?0 60
data sheet pn10294ej02v0ds 9 ps7200h-1a ps7200h-1a-f3 ps7200h-1a-f4 tape direction outline and dimensions (tape) 1.550.1 2.00.05 4.00.1 1.750.1 4.60.1 2.9 max. 0.3 8.00.1 2.40.1 1.5 +0.1 ?0 7.40.1 5.50.05 12.00.2 outline and dimensions (reel) packing: 3 500 pcs/reel 2.00.5 r 1.0 13.00.2 21.00.8 3302.0 1001.0 2.0 0.5 11.9 to 15.4 outer edge of flange 17.51.0 13.51.0 13.00.2
data sheet pn10294ej02v0ds 10 ps7200h-1a recommended soldering conditions (1) infrared reflow soldering ? peak reflow temperature 260 c or below (package surface temperature) ? time of peak reflow temperature 10 seconds or less ? time of temperature higher than 220 c 60 seconds or less ? time to preheat temperature from 120 to 180 c 120 30 s ? number of reflows three ? flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) 220?c package surface temperature t (?c) time (s) (heating) to 10 s to 60 s 260?c max. recommended temperature profile of infrared reflow 12030 s (preheating) 180?c 120?c (2) wave soldering ? temperature 260 c or below (molten solder temperature) ? time 10 seconds or less ? preheating conditions 120 c or below (package surface temperature) ? number of times one ? flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (3) soldering by soldering iron ? peak temperature (l ead part temperature) 350 c or below ? time (each pins) 3 seconds or less ? flux rosin flux containing small amount of chlorine (the flux with a maximum chlorine content of 0.2 wt% is recommended.) (a) soldering of leads should be made at the poi nt 1.5 to 2.0 mm from the root of the lead. (b) please be sure that the temperatur e of the package woul d not be heated over 100 c. (4) cautions ? fluxes avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
data sheet pn10294ej02v0ds 11 ps7200h-1a usage cautions 1. protect against static electricity when handling. 2. avoid storage at a high te mperature and high humidity.
data sheet pn10294ej02v0ds 12 ps7200h-1a the information in this document is current as of august, 2006. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec electronics data sheets or data books, etc., for the most up-to-date specifications of nec electronics products. not all products and/or types are available in every country. please check with an nec electronics sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec electronics. nec electronics assumes no responsibility for any errors that may appear in this document. nec electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec electronics products listed in this document or any other liability arising from the use of such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec electronics or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. nec electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec electronics endeavors to enhance the quality, reliability and safety of nec electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. nec electronics products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to nec electronics products developed based on a customer- designated "quality assurance program" for a specific application. the recommended applications of an nec electronics product depend on its quality grade, as indicated below. customers must check the quality grade of each nec electronics product before using it in a particular application. the quality grade of nec electronics products is "standard" unless otherwise expressly specified in nec electronics data sheets or data books, etc. if customers wish to use nec electronics products in applications not intended by nec electronics, they must contact an nec electronics sales representative in advance to determine nec electronics' willingness to support a given application. (note) ? ? ? ? ? ? m8e 02. 11-1 (1) (2) "nec electronics" as used in this statement means nec electronics corporation and also includes its majority-owned subsidiaries. "nec electronics products" means any product developed or manufactured by or for nec electronics (as defined above). computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. "standard": "special": "specific":
0604 nec compound semiconductor devices hong kong limited e-mail: contact@ncsd-hk.necel.com hong kong head office tel: +852-3107-7303 fax: +852-3107-7309 taipei branch office tel: +886-2-8712-0478 fax: +886-2-2545-3859 korea branch office tel: +82-2-558-2120 fax: +82-2-558-5209 nec electronics (europe) gmbh http://www.eu.necel.com/ tel: +49-211-6503-0 fax: +49-211-6503-1327 california eastern laboratories, inc. http://www.cel.com/ tel: +1-408-988-3500 fax: +1-408-988-0279 compound semiconductor devices division nec electronics corporation url: http://www.ncsd.necel.com/ for further information, please contact ps7200h-1a caution gaas products this product uses gallium arsenide (gaas). gaas vapor and powder are hazardous to human health if inhaled or ingested, so please observe the following points. ? follow related laws and ordinances when disposi ng of the product. if there are no applicable laws and/or ordinances, dispose of the product as recommended below. 1. commission a disposal company able to (wit h a license to) collect, transport and dispose of materials that contain arsenic and other such industrial waste materials. 2. exclude the product from general industria l waste and household garbage, and ensure that the product is controlled (as industrial waste subjec t to special control) up until final disposal. ? do not burn, destroy, cut, crush, or chemically dissolve the product. ? do not lick the product or in any way allow it to enter the mouth.


▲Up To Search▲   

 
Price & Availability of PS7200H-1A-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X