Part Number Hot Search : 
72725K AN6870N 3408G PSOT12C PIC30F 1582M25 XN1112 1A66D
Product Description
Full Text Search
 

To Download PLA03101NA1D2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 1 www.thinking.com.tw 2006.07 ? features 1. rohs compliant 2. for lighting applications 3. for frequent switching 4. small size 5. low, medium and high resistance ratings 6. delay time are ratings 7. stable over a long life 8. operating temperature range 0 ~ +60c (v=vmax) -25 ~ +125c (v=0) ? recommended applications 1. electronic ballast for lamps, switching ? part no. code ? dimensions p l a 0 3 1 5 1 n p 8 d 2 b 0 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 (unit: mm) product code pl ptc thermistor for switching series a lead type dimensions 03 3mm 06 6mm resistance (r 25 ) 850 85 151 150 152 1.5k tolerance of r 25 m 20% h 25% n 30% t 40% p 50% s +35 ~ -15% q +35 ~ -20% y special curie temperature p6 60 p8 80 a0 100 a2 120 withstanding voltage(vac) c2 320v d2 420v e0 500v f0 600v g0 700v h0 800v internal control code packaging b(y) bulk a(x) ammo box pitch 12.7mm e(v) ammo box pitch 15mm r(w) taping & reel pitch 12.7mm f(u) taping & reel pitch 15mm note: the code in ( ) is for rohs control.
cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 2 www.thinking.com.tw 2006.07 ? characteristics curie temperature nominal zero-power resistance withstanding voltage maximum current dimensions part no. tc ( ) r 25 ( ) v w (v ac ) i max (ma) d(mm) t(mm) d0.02(mm) h max (mm) pla03101 **d2 100 420 pla03151 **d2 150 420 pla03221 **d2 220 420 pla03331 **e0 330 500 pla03471 **e0 470 500 pla03681 **e0 680 500 pla03102 **f0 1000 600 pla03152 **f0 1500 600 pla03222 **f0 2200 600 pla03332 **f0 3300 600 pla03472 **f0 4700 600 200 3.0~4.5 3.5~ 4.5 0.5 8.5 pla04680 **d2 68 420 pla04101 **d2 100 420 pla04151 **d2 150 420 pla04221 **e0 220 500 pla04331 **e0 330 500 pla04471 **f0 470 600 pla04681 **f0 680 600 pla04102 **f0 1000 600 pla04152 **f0 1500 600 pla04222 **f0 2200 600 pla04332 **f0 3300 600 300 4.0~5.5 3.5~ 4.5 0.6 9.5 pla05680 **d2 68 420 pla05101 **d2 100 420 pla05151 **d2 150 420 pla05221 **e0 220 500 pla05331 **e0 330 500 pla05471 **f0 470 600 pla05681 **f0 680 600 pla05102 **f0 1000 600 pla05152 **f0 1500 600 pla05222 **f0 2200 600 pla05332 **f0 3300 600 400 5.0~6.5 3.5~ 4.5 0.6 10.5 pla06680 **d5 68 450 pla06101 **e0 100 500 pla06151 **e0 150 500 pla06221 **f0 220 600 pla06331 **f0 330 600 pla06471 **f0 (50/60/70/ 80/90/100/ 110/120) 10 470 600 600 5.5~7.5 3.5~ 4.5 0.6 11.5
cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 3 www.thinking.com.tw 2006.07 note1: =tolerance of r 25 note2: **= code of tc : p5, p6, p7, p8, p9, a0, a1 or a2. ? r-t characteristic curve (representative) curie temperature nominal zero-power resistance withstanding voltage maximum current dimensions part no. tc ( ) r 25 ( ) v w (v ac ) i max (ma) d(mm) t(mm) d0.02(mm) h max (mm) pla06681 **f5 680 650 pla06102 **f5 1000 650 pla06152 **f5 1500 650 pla06222 **f5 2200 650 600 5.5~7.5 3.5~ 4.5 0.6 11.5 pla07680 **d5 68 450 pla07101 **e0 100 500 pla07151 **e0 150 500 pla07221 **f0 220 600 pla07331 **f0 330 600 pla07471 **f0 470 600 pla07681 **f5 680 650 pla07102 **f5 1000 650 pla07152 **f5 1500 650 pla07222 **f5 (50/60/70/ 80/90/100/ 110/120) 10 2200 650 800 6.5~8.5 3.5~ 4.5 0.6 12.5 1,000,000,000 100,000,000 10,000,000 1,000,000 100,000 10,000 1,000 100 10 1 resistance ( ) pla05680mp8d2~pla05681mp8f0 temperature ( ) 0 50 100 150 200 250
cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 4 www.thinking.com.tw 2006.07 ? soldering recommendation z wave flow soldering profile z recommended reworking conditions with soldering iron item conditions temperature of soldering iron-tip 360 (max.) soldering time 2 sec (max.) distance from coating 6 mm (min.) te m p erature 13020 260 ta m b cooling soldering preheat(air) time 1~3 /sec 200 /sec >60sec <10sec
cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 5 www.thinking.com.tw 2006.07 ? reliability test item standard test conditions / methods specifications tensile strength of terminals iec60068-2-21 fasten body and apply a force gradually to each lead for 101 sec. terminal diameter force (mm) t(n) 0.35 cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 6 www.thinking.com.tw 2006.07 ? packaging z taping specification lead space 7.5mm ( p0=12.7mm ) lead space 2.5mm & 5.0mm & 7.5mm ( p0=15mm ) lead space 2.5mm & 5.0mm ( p0=12.7mm )
cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 7 www.thinking.com.tw 2006.07 index parameter nominal dimensions tolerance p lead spacing 2.5 5 7.5 2.5 5 7.5 1 p0 sprocket hole pitch 12.7 12.7 12.7 15 15 15 0.3 p1 lead location 5.1 3.85 8.95 6. 25 5 3.75 1 12.7 (d Q 10) 15.0 (d Q 10) p2 component pitch 12.7 25.4 (d>10) 15 30.0 (d>10) 1 h0 height between component and tape centre 18 18 18 18 18 18 1 w carrier tape width 18 18 18 18 18 18 1 w0 adhesive tape width 12 12 12 12 12 12 1 w1 sprocket hole position 9 9 9 9 9 9 1 w2 adhesive tape position 3 3 3 3 3 3 1 p component alignment 1 1 1 1 1 1 max. 1 h component alignment 2 2 2 2 2 2 max. 2 a tip length 0.5 0.5 0.5 0.5 0. 5 0.5 max. 0.5 d0 sprocket hole diameter 4 4 4 4 4 4 0.2 t total tape thickness 0.6 0.6 0.6 0.6 0.6 0.6 0.2 (unit: mm)
cptc thermistor pl series for switching application thinking electronic industrial co., ltd. 8 www.thinking.com.tw 2006.07 ? quantity z bulk packing z reel packing 1500 pcs / reel z ammo packing 1000pcs / ammo box ? storage condition of products z storage conditions : 1. storage temperature : -10 ~+ 40 2. relative humidity : 75%rh Q 3. thermistor must be kept away from sunlight and stored in a non-corrosive atmosphere. z period of storage : 1 year disc size/mm quantity (bag/pcs) Q 10 200 10< <20 100 R 20 50 disc size 16 R 16 a 46 55 (unit: mm) (unit: mm) 1 85 5 505 3485


▲Up To Search▲   

 
Price & Availability of PLA03101NA1D2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X