Part Number Hot Search : 
ICTE15C SY9120 HT82V AD571J F72E1 MBR05 D74LVC 2SA1689
Product Description
Full Text Search
 

To Download MLL5931D-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass diode series reliability & qualification data this is the reliability and qualification data for the glass axial lead and surface mount zener, rectifier and schottky series. features mechanical jan/jantx/jantxv available for most hermetically sealed, double slug glass voltage range: 1.8 to 200 volts tin-lead plating .25 ? 1.0 watt power rating do-7, do-35, do-41, do-213aa, do-213ab low noise, low leakage and cathode indicated by band tight tolerance available metallurgical bond available maximum ratings operating temperatures: -65 c to 200 c storage temperature: -65 c to 200 c stress results moisture classification level 1 package - no drypack required hermetically sealed esd sensitivity non-sensitive ? no special handling required estimated fit 0.3 90% confidence, 70 c operating, 0.7 ev temperature cycle 0/39936@ 20 temp. cycles (-55 c to 175 c) steady state life 0/83704 @ 25 c ? tj 150 (1000) high temperature storage 0/675 @ 175 c (1000 hours) glass1101 john freeman director of engineering bill jones director of quality control and reliability assurance the following series are covered: 1n4370-4372, 1n746-1n759, 1n962-1n992, 1n4099- 1n4135, 1n4614-1n4627, 1n4678-1n4717, 1n4728-1n4764, 1n5221-1n5281, 1n5518- scottsdale division
1n5546, 1n5817, 1n5819, 1n5728-1n5757, 1n5913-1n5956, 1n5985-1n6031, 1n4001? 1n4006 and all mll, dl, ur and ?1 versions.


▲Up To Search▲   

 
Price & Availability of MLL5931D-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X