Part Number Hot Search : 
MAX4530 6M006 C5832 SMDA24C LZ24BP 03140 2SA30 MS05J
Product Description
Full Text Search
 

To Download MK03-1A66B-500W10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  214 meder electronic www.meder.com cylindrical reed sensors description mk03 sensors are magnetically operated reed proximity switches in a cylindrical case with an interconnect cable. the sensor should be mounted on a fxed surface with the actuating magnet on the moving surface. introduction or removal of the magnetic feld determines the closing and opening of the reed switch. applications ? position and limit switch pneumatic or hydraulic actuator position indication and end travel limit switch ? door and window contacts security system applications ? level sensor use with magnetic foats for water level detection in coffee makers, washing machines or dishwashers dimensions all dimensions in mm [inch] features high power switches available other cables, connectors and colors available various case sizes available five operate sensitivities available a choice of cable terminations and lengths are available high voltage versions upon request ? ? ? ? ? ? mk03 series
215 meder electronic www.meder.com mk03 series magnetic sensitivity termination part number example mk03 - 1a66 c - 500 w 1a is the contact form 66 is the switch model c is the magnetic sensitivity 500 is the cable length (mm) w is the termination order information for wire and termination details please consult factory. form c version requires 3 conductors. w the cable cut length includes: 5 mm of wire stripped and tinned sensitivity class pull in at range b 10 - 15 c 15 - 20 d 20 - 25 e 25 - 30 series contact form switch- model magnetic sensitivity cable length (mm) termina - tion mk03 - xx xx x - xxx x options 1 form a 66 b, c, d, e 500* w 1 form b 1 form c 90 * other cable length available. cylindrical reed sensors
216 meder electronic www.meder.com cylindrical reed sensors contact data mk03 series all data at 20 c switch model contact form switch 66 form a contact ratings conditions min. typ. max. units 6lfkl3ru frpeldlrr9r to exceed their individual max.s 10 w 6wfk9rowdh rhd 200 v 6wfkhw rhd 0.5 a carry current rhd 1.25 a 6wdwfrwdfw5hvvwdfh 9p 150 p dynamic contact resistance 0hdvh9p pvdwhforvh 200 p vodwr5hvvwdfhdfrvv contacts 100 volts applied 10 10 * %hdr9rowdhdfrvv contact 9rowdhdohrvhfp 225 * vdc operate time incl. bounce measured w/ 100 % overdrive 0.5 ms release time measured w/ no coil suppression 0.1 ms capacitance dw]frvvfrwdfw 0.2 pf contact operation ** must operate condition 6whdvwdwhho 10 60 at must release condition 6whdvwdwhho 4 54 at environmental data 6krfnldf 1/2 sinus wave duration 11 ms 50 g vibration resistance from 10 - 2000 hz 20 g ambient temperature 10c/ minute max. allowable -20 85 o c 6wrf7hphdwh 10c/ minute max. allowable -35 85 o c 6roh7hphdwh 5 sec. 260 o c please note: the indicated electrical data are maximum values and can vary downwards when using a more sensitive switch. vodwrhvvwdfhr 12 dehdrrowdhr9vddodeoh 7khvhdhvhhwrwkhfwprh5hh6wfkhvhvfehr5hh6wfkvhfwr rvowdfwrprhhwdovhth
217 meder electronic www.meder.com mk03 series contact data all data at 20 c switch model contact form switch 90 form b / c contact ratings conditions min. typ. max. units 6lfkl3ru frpeldlrr9r to exceed their individual max.s 20 w 6wfk9rowdh rhd 175 v 6wfkhw rhd 0.5 a carry current rhd 1.0 a 6wdwfrwdfw5hvvwdfh 9p 150 p dynamic contact resistance 0hdvh9p pvdwhforvh 250 p vodwr5hvvwdfhdfrvv contacts 100 volts applied 10 9 %hdr9rowdhdfrvv contact 9rowdhdohrvhfp 200 vdc operation time incl. bounce measured w/ 100 % overdrive 0.7 ms release time measured w/ no coil suppression 1.5 ms capacitance dw]frvvfrwdfw 1.0 pf contact operation ** must operate condition 6whdvwdwhho 15 40 at must release condition 6whdvwdwhho at environmental data 6krfnldf 1/2 sinus wave duration 11 ms 50 g vibration resistance from 10 - 2000 hz 20 g ambient temperature 10c/ minute max. allowable -20 85 o c 6wrf7hphdwh 10c/ minute max. allowable -35 85 o c 6roh7hphdwh 5 sec. 260 o c please note: the indicated electrical data are maximum values and can vary downwards when using a more sensitive switch. vodwrhvvwdfhr 12 dehdrrowdhr9vddodeoh 7khvhdhvhhwrwkhfwprh5hh6wfkhvhvfehr5hh6wfkvhfwr rvowdfwrprhhwdovhth cylindrical reed sensors


▲Up To Search▲   

 
Price & Availability of MK03-1A66B-500W10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X