Part Number Hot Search : 
CPC1335 SD6864 2PD602AR RDAQ20T 2PD602AR LF06P2 MIC280 C7SZ0
Product Description
Full Text Search
 

To Download MBR1505W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr mbr mbr mbr mbr mbr mbr 1505w 151w 152w 154w 156w 158w 1510w 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 50 100 200 400 600 800 1000 * diffused junction technical specification s of single-phase silicon bridge rectifier voltage range - 50 to 1000 volts current - 15 amperes maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. MBR1505W thru mbr1510w mbr-25w rectifier specialists r dc components co., ltd. features * surge overload ratings - 300 amperes * case: molded plastic with heatsink mechanical data * epoxy: ul 94v-0 rate flame retardant * lead: mil-std-202e, method 208 guaranteed * polarity: as marked * mounting position: any * weight: 25 grams approx. dimensions in inches and (millimeters) maximum recurrent peak reverse voltage maximum rms bridge input voltage maximum dc blocking voltage peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) symbol v rrm v dc i o i fsm v rms volts volts amps 15 300 units maximum average forward rectified output current at tc = 55 o c volts amps dc blocking voltage per element v f i r 1.1 500 mamps maximum dc reverse current at rated maximum forward voltage drop per element at 7.5a dc volts 10 operating and storage temperature range t j, t stg -55 to +150 0 c notes : 1. measured at 1 mh z and applied reverse voltage of 4.0 volts 2.thermal resistance from junction to case per leg. i2t rating for fusing (t<8.3ms) i2t 374 a2sec typical junction capacitance (note1) cj 300 pf typical thermal resistance (note 2) rqjc 2.5 0c/w @t a = 25 o c @t a = 100 o c * plastic case with heatsink for maximum heat dissipation * low forward voltage drop * high reliability * high current capability .042(1.1).038(1.0) .591 (15.0) .732(18.6).692(17.6) .468(11.9) .429(10.9) 1.142(29.0)1.102(28.0) typ. metal heat sink ac ac 1.142(29.0)1.102(28.0) .732(18.6).692(17.6) hole for no. 8 screw .310(7.9).290(7.4) .500 (12.7) max.
r dc components co., ltd. rating and characteristic curves (MBR1505W thru mbr1510w) single phase half wave 60hz inductive or resistive load case temperature, ( oc) 0 50 100 150 fig. 2 - typical forward current derating curve 25 20 15 10 5 average forward output current, (a) fig. 1 - maximum non-repetitive forward surge current peak forward surge current, (a) number of cycles at 60hz 1 2 5 10 20 50 100 0 500 200 400 100 8.3ms single half sine-wave (jedec mathod) 300 instantaneous forward voltage, (v) .6 .7 .8 .9 1.0 1.3 pulse width=300ms1% duty cycle fig. 3 - typical instantaneous forward characteristics 100 10 1 .1 1.2 1.1 instantaneous forward current, (a) tj=25oc percent of rated peak reverse voltage, (%) 0 20 40 60 80 100 120 140 fig. 4 - typical reverse characteristics 10 1.0 .1 .01 instantaneous reverse current, ( ma) tj=25oc


▲Up To Search▲   

 
Price & Availability of MBR1505W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X