Part Number Hot Search : 
74LVC74A QTAN0016 C1005CH1 LC7070NM 40128 FR5004 AEP25024 LC150A
Product Description
Full Text Search
 

To Download MB89803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds07-12549-1e fujitsu semiconductor data sheet 8-bit proprietary microcontroller cmos f 2 mc-8l mb89800 series MB89803/805/p808/pv800 n n n n description mb89800 series is a line of single-chip microcontrollers using the f 2 mc-8l* cpu core which can operate at low voltage but at high speed. in addition to an lcd controller/driver allowing 240-pixel display the microcontrollers contain a variety of peripheral functions such as timers, a uart, a serial interface, and an external interrupt. the configuration of the mb89800 series is therefore best suited to control of lcd display panels. *: f 2 mc stands for fujitsu flexible microcontroller. n n n n features ? minimum execution time: 0.4 m s/10 mhz (vcc = +5.0 v) ?f 2 mc-8l family cpu core multiplication and division instructions instruction set optimized for controllers 16-bit arithmetic operations test and branch instructions bit manipulation instructions, etc. (continued) n n n n packages 100 pin, plastic lqfp 100 pin, plastic qfp 100 pin, ceramic mqfp (fpt-100p-m05) (fpt-100p-m06) (mqp-100c-p01) {
mb89800 series 2 (continued) ? lcd controller/driver max 70 segments/4 commons divided resistor for lcd power supply ? three types of timers 8-bit pwm timer (also usable as a reload timer) 8-bit pulse width count timer (also usable as a reload timer) 20-bit time-base counter ? two serial interfaces 8-bit synchronous serial interface (switchable transfer direction allows communication with various equipment.) uart (5-, 7-, 8-bit transfer capable) ? external interrupt: 2 channels capable of wake-up from low-power consumption modes (with an edge detection function) ? low-power consumption modes stop mode (oscillation stops to minimize the current consumption.) sleep mode (the cpu stops to reduce the current consumption to approx. 1/3 of normal.)
mb89800 series 3 n n n n product lineup *1 : the function is selected by the mask option. *2 : varies with conditions such as the operating frequency. (see n electrical characteristics.) part number parameter MB89803 mb89805 mb89p808 mb89pv800 classification mass production product (mask rom products) one-time prom product piggyback/evaluation product for evaluation and development rom size 8 k 8 bits (internal mask rom) 16 k 8 bits (internal mask rom) 48 k 8 bits (internal prom, programming with general-purpose eprom programmer) 48 k 8 bits (external rom) ram size 256 8 bits 512 8 bits 2 k 8 bits cpu functions number of instructions : 136 instructions instruction bit length : 8 bits instruction length : 1 byte to 3 bytes data bit length : 1, 8, 16 bit length minimum execution time : 0.4 m s/10 mhz (v cc = 5.0 v) interrupt processing time : 3.6 m s/10 mhz (v cc = 5.0 v) ports i/o ports (n-ch open-drain) : 16 (all also serve as segment pins.)* 1 i/o ports (n-ch open-drain) : 6 i/o ports (cmos) : 6 (5 ports also serve as peripheral i/o.) input ports : 4 (1 port also serves as an external interrupt input.) total : 32 (max) pwm timer 8-bit reload timer operation (toggled output capable) 8-bit resolution pwm operation operating clock (pulse width count timer output, 0.4 m s, 6.4 m s, 25.6 m s/10 mhz) pulse width count timer 8-bit reload timer operation 8-bit pulse width count operation (continuous measurement capable, h width, l width, or single-cycle measurement capable) operating clock(0.4 m s, 1.6 m s, 12.8 m s/10 mhz) serial i/o 8 bits 8-bit length one clock selectable from four transfer clocks(0.8 m s, 3.2 m s, 12.8 m s/10 mhz) lsb first/msb first selectability uart 5-, 7-, 8- bit transfer capable, built-in baud-rate generator (max 156250/10 mhz) lcd controller/ driver common output: 4 segment output: 70 (max) operating mode: 1/2 bias 1/2 duty, 1/3 bias 1/3 duty, 1/3 bias 1/4 duty lcd display ram size: 70 4 bits dividing resistor for lcd driving: built-in(an external resistor selectable) external interrupt 2 channels (edge selectable) (1 channel also serves as a pulse width count timer input) standby mode sleep mode, stop mode process cmos operating voltage* 2 2.2 v to 6.0 v 2.7 to 6.0 v eprom for use mbm27c512-20tv (lcc package)
mb89800 series 4 n n n n package and corresponding products : available : not available note : for more information about each package, see n package dimensions. n n n n differences among products 1. memory size before evaluating using the piggyback product, it is necessary to confirm its differences from the product that will actually be used. take particular care on the following points: ? MB89803 register bank addresses upper than 0180h can not be used. ? the stack area, etc., is set at the upper limit of the ram. 2. current consumption ? in the case of the mb89pv800, add the current consumed by the eprom which is connected to the top socket. ? when operating at low speed, the current consumption in the one-time prom or eprom model is greater than on the mask rom models. however, the current consumption in sleep/stop modes is the same. (for more information, see n electrical characteristics.) 3. mask options functions that can be selected as options and how to designate these options vary by the product. before using options check n mask options. note that the options are fixed especially in mb89pv800 and mb89p808. package MB89803 mb89805 mb89p808 mb89pv800 fpt-100p-m05 fpt-100p-m06 mqp-100c-p01
mb89800 series 5 n n n n pin assignment 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 seg38 seg37 seg36 seg35 seg34 seg33 seg32 seg31 seg30 seg29 seg28 seg27 seg26 seg25 seg24 seg23 seg22 seg21 seg20 seg19 seg18 seg17 seg16 seg15 seg14 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 seg64/p12 seg65/p13 seg66/p14 seg67/p15 seg68/p16 seg69/p17 p20 p21 p22 p23 p24 p25 p30/int0 p31 p32 p33 p40 p41/pwm p42/pwc/int1 v ss x1 x0 rst mod1 mod0 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 seg39 seg40 seg41 seg42 seg43 seg44 seg45 seg46 seg47 seg48 seg49 seg50 seg51 seg52 seg53 seg54/p00 seg55/p01 seg56/p02 seg57/p03 seg58/p04 seg59/p05 seg60/p06 seg61/p07 seg62/p10 seg63/p11 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 seg13 seg12 seg11 seg10 seg9 seg8 seg7 seg6 seg5 seg4 seg3 seg2 seg1 seg0 com1 com2 com3 com0 v1 v2 v3 v cc p45/sck p44/so p43/si (fpt-100p-m05) (top view)
mb89800 series 6 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 seg41 seg40 seg39 seg38 seg37 seg36 seg35 seg34 seg33 seg32 seg31 seg30 seg29 seg28 seg27 seg26 seg25 seg24 seg23 seg22 seg21 seg20 seg19 seg18 seg17 seg16 seg15 seg14 seg13 seg12 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 seg62/p10 seg63/p11 seg64/p12 seg65/p13 seg66/p14 seg67/p15 seg68/p16 seg69/p17 p20 p21 p22 p23 p24 p25 p30/int0 p31 p32 p33 p40 p41/pwm p42/pwc/int1 v ss x1 x0 rst mod1 mod0 p43/si p44/so p45/sck 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 seg42 seg43 seg44 seg45 seg46 seg47 seg48 seg49 seg50 seg51 seg52 seg53 seg54/p00 seg55/p01 seg56/p02 seg57/p03 seg58/p04 seg59/p05 seg60/p06 seg61/p07 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 seg11 seg10 seg9 seg8 seg7 seg6 seg5 seg4 seg3 seg2 seg1 seg0 com3 com2 com1 com0 v1 v2 v3 v cc 121 122 123 124 125 126 127 128 129 113 112 111 110 109 108 107 106 105 120 119 118 117 116 115 114 130 131 132 101 102 103 104 (top view ) (mqp-100c-p01) (fpt-100p-m06) pin assignment on package top (mb89pv800 only) n.c. : internally connected. do not use. pin no. pin name pin no. pin name pin no. pin name pin no. pin name 101 n.c. 109 a2 117 n.c. 125 oe 102 v pp 110 a1 118 o4 126 n.c. 103 a12 111 a0 119 o5 127 a11 104 a7 112 n.c. 120 o6 128 a9 105 a6 113 o1 121 o7 129 a8 106 a5 114 o2 122 o8 130 a13 107 a4 115 o3 123 ce 131 a14 108 a3 116 v ss 124 a10 132 v cc each pin inside the dashed line is for the mb89pv800 only.
mb89800 series 7 n n n n pin description *1 : fpt-100p-m05 *2 : fpt-100p-m06/mqp-100c-p01 (continued) pin no. pin name circuit type function lqfp* 1 mqfp/ qfp* 2 54 57 x0 a clock crystal oscillator pins 55 58 x1 51 54 mod0 b operating mode selection pin. connect directly to v ss . 52 55 mod1 53 56 rst c this pin is an n-ch open-drain type with a pull-up resistor, and a hysteresis input type. l is output from this pin by an internal reset source (optional function). the internal circuit is initialized by the input of l. 85 to 78 88 to 81 p00/seg54 to p07/seg61 d general-purpose n-ch open-drain i/o ports. also serve as an lcd controller/driver segment output. the port and segment output are switched by mask option in 8-bit unit. 77 to 70 80 to 73 p10/seg62 to p17/seg69 d general-purpose n-ch open-drain i/o ports. also serve as an lcd controller/driver segment output. the port and segment output are switched by mask option in 4 to 1-bit unit. 69 to 64 72 to 67 p20 to p25 f general-purpose n-ch open-drain i/o ports. a pull-up resistor option is provided. 63 66 p30/int0 i general-purpose input port. the input is cmos input. also serves as an external interrupt input (int0), in this case, the input is hysteresis input. a pull-up resistor option is provided. 62 to 60 65 to 63 p31 to p33 h general-purpose input ports. these pins are a cmos input type. a pull-up resistor option is provided. 59 62 p40 e general-purpose i/o port. a pull-up resistor option is provided. 58 61 p41/pwm e general-purpose i/o port. a pull-up resistor option is provided. also serves as pwm timer toggle output (pwm). 57 60 p42/pwc/ int1 e general-purpose i/o port. a pull-up resistor option is provided. also serves as pulse width count timer input (pwc) and an exter- nal interrupt input (int1). the pwc and int1 input is hysteresis input. 50 53 p43/si e general-purpose i/o port. a pull-up resistor option is provided. also serves as serial i/o and a uart data input (si). the si input is hysteresis input. 49 52 p44/so e general-purpose i/o port. a pull-up resistor option is provided. also serves as a serial i/o and a uart data output (so).
mb89800 series 8 (continued) *1 : fpt-100p-m05 *2 : fpt-100p-m06/mqp-100c-p01 pin no. pin name circuit type function lqfp* 1 mqfp/ qfp* 2 48 51 p45/sck e general-purpose i/o port. a pull-up resistor option is provided. also serves as a serial i/o and a uart clock i/o (sck). the sck input is hysteresis input. 39 to 1, 100 to 86 42 to 1, 100 to 89 seg0 to seg53 g lcd controller/driver segment output pins 43 to 40 46 to 43 com0 to com3 g lcd controller/driver common output pins 46 to 44 49 to 47 v3 to v1 ? lcd driving power supply pins 47 50 v cc ? power supply pin 56 59 v ss ? power supply (gnd) pin
mb89800 series 9 external eprom pins (mb89pv800 only) pin no. pin name i/o function 102 v pp o h level output pin 103 104 105 106 107 108 109 110 111 a12 a7 a6 a5 a4 a3 a2 a1 a0 o address output pins 113 114 115 o1 o2 o3 i data input pins 116 v ss o power supply (gnd ) pin 118 119 120 121 122 o4 o5 o6 o7 o8 i data input pins 123 ce o rom chip enable pin outputs h during standby. 124 a10 o address output pin 125 oe o rom output enable pin outputs l at all times. 127 128 129 a11 a9 a8 o address output pins 130 a13 o 131 a14 o 132 v cc o eprom power supply pin 101 112 117 126 n.c. ? internally connected pins be sure to leave them open.
mb89800 series 10 n i/o circuit type (continued) type circuit remarks a ? crystal oscillator circuit ? at an oscillation feedback resistor of approximately 1 m w /5.0 v b ? cmos input c ? at an output pull-up resistor (p-ch) of approximately 50 k w /5.0 v ? hysteresis input d ? n-ch open-drain output ? cmos input ? segment output optional e ?cmos output ? cmos input ? hysteresis input (peripheral input) ? pull-up resistor optional x1 x0 standby control signal r pch nch pch nch pch nch nch port pch nch r pch port peripheral
mb89800 series 11 (continued) type circuit remarks f ? nch open-drain output ? cmos input ? pull-up resistor optional g ? lcdc output h ? cmos input ? pull-up resistor optional i ? cmos input (port) , hysterisis input (interrupt) ? pull-up resistor optional nch r pch pch nch pch nch r r port external interrupt
mb89800 series 12 n n n n handling devices 1. preventing latchup latchup may occur on cmos ics if voltage higher than v cc or lower than v ss is applied to input and output pins other than medium- to high-voltage pins or if higher than the voltage which shows on 1. absolute maximum ratings in n electrical characteristics is applied between v cc and v ss . when latchup occurs, power supply current increases rapidly and might thermally damage elements. when using, take great care not to exceed the absolute maximum ratings. 2. treatment of unused input pins leaving unused input pins open could cause malfunctions. they should be connected to a pull-up or pull-down resistor. 3. treatment of n.c. pins be sure to leave (internally connected) n.c. pins open. 4. power supply voltage fluctuations although v cc power supply voltage is assured to operate within the rated range, a rapid fluctuation of the voltage could cause malfunctions, even if it occurs within the rated range. stabilizing voltage supplied to the ic is therefore important. as stabilization guidelines, it is recommended to control power so that v cc ripple fluctuations (p-p value) will be less than 10% of the standard v cc value at the commercial frequency (50 hz to 60 hz) and the transient fluctuation rate will be less than 0.1 v/ms at the time of a momentary fluctuation such as when power is switched. 5. precautions when using an external clock even when an external clock is used, oscillation stabilization time is required for power-on reset (optional) and wake-up from stop mode.
mb89800 series 13 n n n n programming to the eprom on the mb89p808 the mb89p808 is an otprom (one-time prom) version for the mb89800 series. 1. features ? 48-kbyte prom on chip ? options can be set using the eprom programmer. ? equivalency to the mbm27c1001a in eprom mode (when programmed with the eprom programmer) 2. memory space memory space in eprom mode is diagrammed below. 0000 h 0080 h 0100 h ffff h i/o rom ram 4000 h 0480 h 0200 h 4000 h ffff h 0000 h 1ffff h normal operation mode eprom mode (corresponding addresses on eprom programmer) vacancy (read value indefinite) not available programming area (eprom) vacancy (read value indefinite) register
mb89800 series 14 3. programming to the eprom in eprom mode, the mb89p808 functions equivalent to the mbm27c1001a. this allows the prom to be programmed with a general-purpose eprom programmer (the electronic signature mode cannot be used) by using the dedicated socket adapter. ? programming procedure (1) set the eprom programmer to the mbm27c1001a. (2) load option data into addresses 4000h to ffffh of the eprom programmer. (3) program with the eprom programmer. 4. recommended screening conditions high-temperature aging is recommended as the pre-assembly screening procedure for a product for a product with a blanked otprom microcomputer program. 5. programming yield all bits cannot be programmed at fujitsu shipping test to a blanked otprom microcomputer, due to its nature. for this reason, a programming yield of 100% cannot be assured at all times. 6. eprom programmer socket adapter inquiry: sunhayato co., ltd.: tel + 81-3-3984-7791 note : with some eprom programmers, stability of programming performance is enhanced by placing an 0.1 m f capacitor between the v pp and v ss pins or the v cc and v ss pins. package compatible socket adapter fpt-100p-m05 rom-100sqf-32dp-8la3 fpt-100p-m06 rom-100qf-32dp-8la2 program, verify aging + 150 c, 48 h read assembly
mb89800 series 15 n n n n programming to the eprom with piggy-back/evaluation chips 1. eprom for use mbm27c512-20tv 2. programming socket adapter to program to the prom using an eprom programmer, use the socket adapter (manufacturer: sun hayato co., ltd.) listed below. inquiry: sunhayato co., ltd.: tel + 81-3-3984-7791 3. memory space memory space in each mode, such as 48 kbyte prom is diagrammed below. 4. programming to the eprom (1) set the eprom programmer to the mbm27c512. (2) load program data into the eprom programmer at 4000 h to ffff h . (3) program to 4000 h to ffff h with the eprom programmer. package adapter socket part number lcc-32 (rectangle) rom-32lc-28dp-yg 0000 h 0080 h 0880 h 4000 h ffff h i/o ram prom 48 kb eprom 48 kb 0000 h ffff h 4000 h address normal operating mode corresponding addresses in rom programmer address not available not available
mb89800 series 16 n n n n block diagram 6 8 uart 3 p40 8 34 4 3 16 p41/pwm p42/pwc/int1 p45/sck p44/so p43/si p00/seg54 to p07/seg61 p10/seg62 to p17/seg69 seg0 to seg53 com0 to com3 v1 to v3 p20 to p25 rst x0 x1 p30/int0 p31 to p33 mod0, mod1 v cc , v ss rom ram f mc-8l cpu clock controller main clock oscillator reset circuit (wdt) time-base timer 8-bit pwm timer port 2 n-ch open-drain i/o port 8-bit pulse width timer /counter 8-bit serial external interrupt cmos i/o port input port lcd controller/driver other pins n-ch open-drain i/o port noise cancel- lation internal bus port 4 port 3 port 0/1 external interrupt 2
mb89800 series 17 n n n n cpu core 1. memory space the microcontrollers of the mb89800 series offer a memory space of 64 kbytes for storing all of i/o, data, and program areas. the i/o area is located at the lowest address. the data area is provided immediately above the i/o area. the data area can be divided into register, stack, and direct areas according to the application. the program area is located at exactly the opposite end, that is, near the highest address. provide the tables of interrupt reset vectors and vector call instructions toward the highest address within the program area. the memory space of the mb89800 series is structured as illustrated below. rom ram ffff h i o MB89803 mb89805 mb89p808 mb89pv800 rom ram ffff h 0080 h 0000 h i o e000 h 0100 h 0200 h ram ffff h 0080 h 0000 h i o c000 h 0100 h 0200 h ram ffff h 0080 h 0000 h i o 0100 h 0200 h 0880 h 4000 h 0080 h 0000 h 0100 h 4000 h 0280 h 0880 h 0180 h register register register register unused unused unused unused program- ming rom program- ming rom memory space
mb89800 series 18 2. registers the f 2 mc-8l family has two types of registers; dedicated registers in the cpu and general-purpose registers in the memory. the following dedicated registers are provided : program counter (pc) : a 16-bit register for indicating instruction storage positions accumulator (a) : a 16-bit temporary register for storing arithmetic operations, etc. when the instruction is an 8-bit data processing instruction, the lower byte is used. temporary accumulator (t) : a 16-bit register which performs arithmetic operations with the accumulator. when the instruction is an 8-bit data processing instruction, the lower byte is used. index register (ix) : a 16-bit register for index modification extra pointer (ep) : a 16-bit pointer for indicating a memory address stack pointer (sp) : a 16-bit register for indicating a stack area program status (ps) : a 16-bit register for storing a register pointer and a condition code the ps can further be divided into higher 8 bits for use as a register bank pointer (rp) and the lower 8 bits for use as a condition code register (ccr). (see the diagram below.) 16 bits program counter accumulator temporary accumulator index register extra pointer stack pointer program status initial value fffd h undefined undefined undefined undefined undefined i-flag = 0, il1, il0 = 11 other bits are undefined. ps rp h i il1, il0 n z v c 3210 7654 11 10 9 8 15 14 13 12 rp ccr va- cancy va- cancy va- cancy structure of the program status register
mb89800 series 19 the rp indicates the address of the register bank currently in use. the relationship between the pointer contents and the actual address is based on the conversion rule illustrated below. the ccr consists of bits indicating the results of arithmetic operations and the contents of transfer data and bits for control of cpu operations at the time of an interrupt. h-flag : set to 1 when a carry or a borrow from bit 3 to bit 4 occurs as a result of an arithmetic operation. cleared otherwise. this flag is for decimal adjustment instructions. i-flag : interrupt is allowed when this flag is set to 1. interrupt is prohibited when the flag is set to 0. set to 0 when reset. il1, 0 : indicates the level of the interrupt currently allowed. processes an interrupt only if its request level is higher than the value indicated by this bit. n-flag : set to 1 if the highest bit is set to 1 as the result of an arithmetic operation. cleared to 0 when the bit is set to 0. z-flag : set to 1 when an arithmetic operation results in 0. cleared to 0 otherwise. v-flag : set to 1 if the complement on 2 overflows as a result of an arithmetic operation. cleared to 0 if the overflow does not occur. c-flag : set to 1 when a carry or a borrow from bit 7 occurs as a result of an arithmetic operation. cleared to 0 otherwise. set to the shift-out value in the case of a shift instruction. il1 il0 interrupt level high-low 00 1 high low = no interrupt 01 10 2 11 3 0 0 0 1 0 0 0 0 r0 b2 b1 b0 r4 r3 r2 r1 a11 a10 a9 a8 a15 a14 a13 a12 a3 a2 a1 a7 a6 a5 a4 a0 rp rule for conversion of actual addresses of the general-purpose register area lower op codes generated addresses
mb89800 series 20 the following general-purpose registers are provided: general-purpose registers: an 8-bit register for storing data the general-purpose registers are 8 bits and located in the register banks of the memory. one bank contains eight registers and up to a total of 16 banks can be used on the MB89803 (ram 256 8 bits). the bank currently in use is indicated by the register bank pointer (rp). note : the number of register banks that can be used varies with the ram size. MB89803 0100h to 017fh 16 banks mb89805 0100h to 01ffh 32 banks mb89p808 0100h to 01ffh 32 banks mb89pv800 0100h to 01ffh 32 banks r 0 r 1 r 2 r 3 r 4 r 5 r 6 r 7 this address = 0100 h + 8 (rp) 16 banks (MB89803) 32 banks (mb89805/p808/pv800) memory area register bank configuration
mb89800 series 21 n n n n i/o map (continued) address read/write register name register description 00 h ( r/w ) pdr0 port 0 data register 01 h vacancy 02 h ( r/w ) pdr1 port 1 data register 03 h vacancy 04 h ( r/w ) pdr2 port 2 data register 05 h vacancy 06 h vacancy 07 h vacancy 08 h ( r/w ) stbc standby control register 09 h ( r/w ) wdtc watchdog timer control register 0a h ( r/w ) tbcr time-base timer control register 0b h vacancy 0c h ( r ) pdr3 port 3 data register 0d h vacancy 0e h ( r/w ) pdr4 port 4 data register 0f h ( w ) ddr4 port 4 data direction register 10 h vacancy 11 h vacancy 12 h ( r/w ) cntr pwm timer control register 13 h ( w ) comr pwm timer compare register 14 h ( r/w ) pcr1 pwc pulse width control register 1 15 h ( r/w ) pcr2 pwc pulse width control register 2 16 h ( r/w ) rlbr pwc reload buffer register 17 h ( r/w ) nccr pwc noise cancellation control register 1 18 h vacancy 19 h vacancy 1a h vacancy 1b h vacancy 1c h ( r/w ) smr serial mode register 1d h ( r/w ) sdr serial data register 1e h vacancy 1f h vacancy
mb89800 series 22 (continued) r/w = available read and write r = read only w = write only note : do not use vacancies. address read/write register name register description 20 h ( r/w ) smc1 uart serial mode control register 1 21 h ( r/w ) src uart serial rate control register 22 h ( r/w ) ssd uart serial status/data register 23 h ( r/w ) sidr/sodr uart serial data register 24 h ( r/w ) smc2 uart serial mode control register 2 25 h vacancy 26 h vacancy 27 h vacancy 28 h vacancy 29 h vacancy 2a h vacancy 2b h vacancy 2c h vacancy 2d h vacancy 2e h vacancy 2f h vacancy 30 h ( r/w ) eic1 external interrupt 1 control register 1 31 h to 4f h vacancy 50 h to 72 h ( r/w ) vram display data ram 79 h ( r/w ) lcr1 lcd controller/driver control register 7a h ( r/w ) segr segment output selection register 7b h vacancy 7c h ( w ) ilr1 interrupt level setting register 1 7d h ( w ) ilr2 interrupt level setting register 2 7e h ( w ) ilr3 interrupt level setting register 3 7f h vacancy
mb89800 series 23 n n n n electrical characteristics 1. absolute maximum ratings (v ss = 0.0 v) warning: semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. do not exceed these ratings. parameter symbol rating unit remarks min max power supply voltage v cc v ss C 0.3 v ss + 7.0 v lcd power supply voltage v 3 v ss C 0.3 v ss + 7.0 v v3 to v1 pin input voltage v i1 v ss C 0.3 v cc + 0.3 v with pull-up resistor of p20 to p25 in se- lecting. must not exceed v ss + 7.0 v. v i2 v ss C 0.3 v ss + 7.0 v without pull-up resistor of p20 to p25 in se- lecting. v i3 v ss C 0.3 v 3 + 0.3 v adapt to p00 to p07 and p10 to p17 in mb89p808 and mb89pv800. must not exceed v ss + 7.0 v. v i4 v ss C 0.3 v cc + 0.3 v other pins. must not exceed v ss + 7.0 v. output voltage v o1 v ss C 0.3 v cc + 0.3 v with pull-up resistor of p20 to p25 in se- lecting. must not exceed v ss + 7.0 v. v o2 v ss C 0.3 v ss + 7.0 v without pull-up resistor of p20 to p25 in se- lecting. v o3 v ss C 0.3 v 3 + 0.3 v adapt to p00 to p07 and p10 to p17 in mb89p808 and mb89pv800. must not exceed v ss + 7.0 v. v o4 v ss C 0.3 v cc + 0.3 v other pins. must not exceed v ss + 7.0 v. l level output current i ol ? + 10 ma except power supply pins l level average output current i olav ? + 4ma average value (operating current operat- ing duty) , adapt to all pins except for power supply. total l level output current s i ol ? + 40 ma h level output current i oh ? C 5ma except power supply pins h level average output current i ohav ? C 2ma average value (operating current operat- ing duty) , adapt to all pins except for power supply. total hlevel output current s i oh ? C 10 ma power consumption pd ? + 300 mw operating temperature t a C 40 + 85 c storage temperature tstg C 55 + 150 c
mb89800 series 24 2. recommended operating conditions (v ss = 0.0 v) * : the minimum operating power supply voltage varies with the operating frequency. warning: the recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. all of the devices electrical characteristics are warranted when the device is operated within these ranges. always use semiconductor devices within their recommended operating condition ranges. operation outside these ranges may adversely affect reliability and could result in device failure. no warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. users considering application outside the listed conditions are advised to contact their fujitsu representatives beforehand. parameter symbol value unit remarks min max power supply voltage v cc 2.2* 6.0* v normal operation assurance range 1.5 6.0 v retains the ram state in stop mode lcd power supply voltage v 3 v ss 6.0 v v3 pin the optimum value is dependent on the element in use. operating temperature t a C 40 + 85 c 1 2 3 4 5 6 1 234 0 0 5678910 operation voltage - operating frequency * : the shaded area is assured only for the MB89803/805. operation assurance range operating voltage (v) operating frequency (mhz) *
mb89800 series 25 3. dc characteristics (v cc = v 3 = +5.0 v, v ss = 0.0 v, t a = - 40 c to +85 c) (continued) parameter sym bol pin name condition value unit remarks min typ max h level input voltage v ih p00 to p07, p10 to p17, p20 to p25, p30 to p33, p40 to p45 ? 0.7 v cc *1 ? v cc + 0.3 v cmos input v ihs rst , mod0 to mod1, int0, sck, si, pwc/ int1 ? 0.8 v cc ? v cc + 0.3 v cmos hysterisis input l level input voltage v il p00 to p07, p10 to p17, p20 to p25, p30 to p33, p40 to p45 ? v cc C 0.3 ? 0.3 v cc *1 v cmos input v ils rst , mod0 to mod1, int0, sck, si, pwc/ int1 ? v ss C 0.3 ? 0.2 v cc v cmos hysterisis input open-drain output pin application voltage v d1 p20 to p25 without pull-up resistor v ss C 0.3 ? v ss + 6.0 v v d2 p00 to p07, p10 to p17 ? v ss C 0.3 ? v ss + 6.0 v adapt to MB89803/805 v ss C 0.3 ? v 3 * 1 v adapt to mb89pv800/ p808 hlevel output voltage v oh p40 to p45 i oh = C 2 ma 2.4 ?? v llevel output voltage v ol1 p00 to p07, p10 to p17, p20 to p25, p40 to p45 i ol = 1.8 ma ?? 0.4 v v ol2 rst i ol = 4.0 ma ?? 0.4 v
mb89800 series 26 (v cc = v 3 = +5.0 v, v ss = 0.0 v, t a = - 40 c to +85 c) (continued) parameter sym- bol pin name condition value unit remarks min typ max input leakage current (hi-z output leakage current) i li1 mod0, mod1, p30 to p33, p40 to p45 0.45 v < v i < v cc without pull-up resistor ?? 5 m a p00 to p07, p10 to p17 0.45 v < v i < v cc ?? 5 m a adapt to mb89pv800/ p808 i li2 p20 to p25 0.45 v < v i < 6 v without pull-up resistor ?? 1 m a p00 to p07, p10 to p17 0.45 < v i < 6 v ?? 1 m a adapt to MB89803/805 pull-up resistance r pull p20 to p25, p30 to p33, p40 to p45, rst v i = 0 v with pull-up resistor 25 50 100 k w common output impedance r vcom com0 to com3 v1 to v 3 = + 5.0 v ?? 2.5 k w segment output impedance r vseg seg0 to seg49 v1 to v 3 = + 5.0 v ?? 15 k w lcd divided resistance r lcd ? v3 to v ss 30 60 120 k w lcd leakage current i lcdl v1 to v 3, com0 to com3, seg0 to seg69 ??? 1 m a power supply current* 2 i cc1 v cc run mode fc = 5 mhz t inst = 0.8 m s ? 4.5 6 ma adapt to MB89803/805/ pv800 ? 915ma adapt to mb89p808 run mode fc = 10 mhz t inst = 0.4 m s ? 912ma adapt to MB89803/805/ pv800 ? 13 20 ma adapt to mb89p808
mb89800 series 27 (continued) (v cc = v 3 = +5.0 v, v ss = 0.0 v, t a = - 40 c to +85 c) *1 : the input voltage to p00 to p07 and p10 to p17 for the mb89p800/pv808 must not exceed the lcd power supply voltage (v3 pin voltage). *2 : the measurement condition of power supply current is as follows: the external clock, open output pins and the external lcd dividing resistor. in the case of the mb89pv800, the current consumed by the connected eprom and ice is not included. parameter sym- bol pin name condition value unit remarks min typ max power supply current* 2 i cc2 v cc run mode fc = 5 mhz t inst = 12.8 m s ? 0.6 0.9 ma adapt to MB89803/805/ pv800 ? 3.5 7 ma adapt to mb89p808 run mode fc = 10 mhz t inst = 6.4 m s ? 1.2 1.8 ma adapt to MB89803/805/ pv800 ? 48ma adapt to mb89p808 i ccs1 v cc sleep mode fc = 5 mhz t inst = 0.8 m s ? 1.5 2 ma sleep mode fc = 10 mhz t inst = 0.4 m s ? 34ma i ccs2 v cc sleep mode fc = 5 mhz t inst = 12.8 m s ? 0.4 0.8 ma sleep mode fc = 10 mhz tinst = 6.4 m s ? 0.8 1.6 ma i cch v cc stop mpde t a = + 25 c ? 0.1 1 m a adapt to MB89803/805 ? 0.1 10 m a adapt to mb89p808/ pv800 input capaci- tance c in except v cc and v ss ?? 10 ? pf
mb89800 series 28 4. ac characteristics (1) reset timing (v cc = +5.0 v10%, v ss = 0.0 v, t a = - 40 c to +85 c) ( 2 ) power-on reset (v ss = 0.0 v, t a = - 40 c to +85 c) note : make sure that power supply rises within the selected oscillation stabilization time. if power supply voltage needs to be varied in the course of operation, a smooth voltage rise is recommended. parameter symbol condi- tion value unit remarks min max rst l pulse width t zlzh ? 48 t xcyl ? ns parameter symbol condi- tion value unit remarks min max power supply rising time t r ? ? 50 ms power-on reset function only power supply cut-off time t off 1 ? ms due to repeated operation 0.2 v cc 0.2 v cc rst t zlzh 2.0 v 0.2 v 0.2 v v cc t r t off 0.2 v
mb89800 series 29 ( 3 ) clock timing (v ss = 0.0 v, t a = - 40 c to +85 c) * : duty = p wh /t hcyl parameter sym bol pin name con- dition value unit remarks min typ max clock frequency f c x0, x1 ? 1 ? 10 mhz clock cycle time t xcyl 100 ? 1000 ns crystal or ceramic resonator input clock duty ratio* duty x0 30 ? 70 % external clock input clock rising/falling time t cr t cf ?? 10 ns external clock 0.2 v cc 0.8 v cc x0 0.2 v cc t cr t cf 0.8 v cc 0.2 v cc x0 x1 x0 x1 t xcyl f c f c c 0 c 1 when a crystal or ceramic resonator is used when an external clock in use open clock conditions x0 and x1 timing and conditions
mb89800 series 30 ( 4 ) instruction cycle (v ss = 0.0 v, t a = - 40 c to +85 c) ( 5 ) serial i / o timing (v cc = +5.0 v10%, v ss = 0.0 v, t a = - 40 c to +85 c) * : for information on t inst , see (4) instruction cycle. ( 6 ) uart timing (v cc = +5.0 v10%, v ss = 0.0 v, t a = - 40 c to +85 c) * : for information on t inst , see (4) instruction cycle. parameter sym- bol value unit remarks min max minimum execution time (instruction cycle) t inst 4/f c 64/f c m s64/f c , 16/f c , 8/f c , 4/f c parameter sym- bol pin name condition vlue unit remarks min max serial clock cycle time t scyc sck internal shift clock mode 2 t inst * ? m s sck ? so time t slov sck, so C 200 + 200 ns valid si ? sck - t ivsh si, sck 0.5 t inst * ? m s sck -? valid si hold time t shix sck, si 0.5 t inst * ? m s serial clock h pulse width t shsl sck external shift clock mode t inst * ? m s serial clock l pulse width t slsh t inst * ? m s sck ? so time t slov sck, so 0 200 ns valid si ? sck - t ivsh si, sck 0.5 t inst * ? m s sck -? valid si hold time t shix sck, si 0.5 t inst * ? m s parameter sym- bol pin name condition vlue unit remarks min max serial clock cycle time t scyc sck internal shift clock mode 2 t inst * ? m s sck ? so time t slov sck, so C 200 + 200 ns valid si ? sck - t ivsh si, sck 0.5 t inst * ? m s sck -? valid si hold time t shix sck, si 0.5 t inst * ? m s serial clock h pulse width t shsl sck external shift clock mode t inst * ? m s serial clock l pulse width t slsh t inst * ? m s sck ? so time t slov sck, so 0 200 ns valid si ? sck - t ivsh si, sck 0.5 t inst * ? m s sck -? valid si hold time t shix sck, si 0.5 t inst * ? m s
mb89800 series 31 0.8 v 2.4 v 2.4 v t slov 0.2 v cc t shix 0.8 v t ivsh 0.8 v cc 0.2 v cc 0.8 v cc sck so si 0.8 v t scyc 0.2 v cc 0.8 v cc t slsh 2.4 v t slov 0.2 v cc t shix 0.8 v cc 0.8 v t ivsh 0.8 v cc 0.2 v cc 0.8 v cc sck so si 0.2 v cc t shsl internal shift clock mode external shift clock mode
mb89800 series 32 ( 7 ) peripheral input timing (v cc = +5.0 v10%, v ss = 0.0 v, t a = - 40 c to +85 c) * : for information on t inst , see (4) instruction cycle. parameter sym- bol pin name condi- tion vlue unit remarks min max peripheral input h level pulse width t ilih pwc/int1 int0 ? 2 t inst * ?m s peripheral input l level pulse width t ihil 2 t inst * ?m s 0.2 v cc 0.8 v cc t ilih pwc/int1 int0 0.2 v cc t ihil 0.8 v cc
mb89800 series 33 n n n n example characteristics 0 0.6 0.5 0.4 0.3 0.2 0.1 0 v ol1 (v) i ol (ma) 246810 v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v v cc = 2.0 v v cc = 2.5 v v cc = 3.0 v 13579 t a = +25 c v ol - i ol 0 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 v cc - v oh (v) i oh (ma) -1 -2 -3 -4 -5 v cc = 4.0 v v cc = 5.0 v v cc = 6.0 v v cc = 2.0 v v cc = 2.5 v v cc = 3.0 v t a = +25 c v cc - v oh - i oh 1234567 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 v in (v) v cc (v) v ihs v ils t a = +25 c v in - v cc 1234567 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 v in (v) v cc (v) t a = +25 c v in - v cc v ihs : threshold when input voltage in hysteresis characteristics is set to h level. v i l s : threshold when input voltage in hysteresis characteristics is set to l level. (1) l level output voltage (2) h level output voltage ((3) h level input voltage/ l level input votage (cmos input) (4) h level input voltage / l level input voltage (cmos hysterisis input)
mb89800 series 34 (5) power supply current (external clock) (6) pull-up resistor value 123456 0 123456 0 123456 0 123456 0 9 8 7 6 5 4 3 2 1 0 3 2.5 2 1.5 1 0.5 0 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 1 0.9 0.4 0.2 0.5 0.6 0 0.1 0.3 0.7 0.8 f c = 4 mhz f c = 8 mhz f c = 1 mhz f c = 10 mhz f c = 4 mhz f c = 8 mhz f c = 1 mhz f c = 10 mhz f c = 4 mhz f c = 8 mhz f c = 1 mhz f c = 10 mhz f c = 4 mhz f c = 8 mhz f c = 1 mhz f c = 10 mhz mb89805 iccs1 example caracteristics t a = + 25 c mb89805 icc1 example caracteristics t a = + 25 c mb89805 icc2 example caracteristics t a = + 25 c mb89805 iccs2 example caracteristics t a = + 25 c supply voltage [v] supply voltage [v] supply voltage [v] supply voltage [v] supply current [ma] supply current [ma] supply current [ma] supply current [ma] 1234567 1,000 r pull (k w ) v cc (v) 500 100 50 10 t a = +25 c r pull - v cc
mb89800 series 35 n n n n mask options *1 : the oscillation settling time is generated by dividing the oscillation clock frequency. since the oscillation period is not stable immediately after oscillation has been started, therefore, the oscillation settling time in the above list should be regarded as a reference. *2 : port selection must be same setting of the segment output selection register of lcd controller. *3 : note that, when ports are set, the input voltage value for the port pins are different from those for mask rom products. ports are set by the register setting of the segment output selection register of lcd controller. n n n n ordering information no part number MB89803/805 mb89p808, mb89pv800 method of specification mask option fixed 1 pull-up resistors p20 to p25, p30 to p33, p40 to p45 selectable by pin no 2 power-on reset with power-on reset without power-on reset selectable with power-on reset 3 oscillation stabilization time* 1 approx. 2 17 /f c ( approx. 13.1 ms ) approx. 2 13 /f c ( approx. 0.81 ms ) selectable 2 17 /f c 4 reset pin output with reset output without reset output selectable with reset output 5 segment output switching 70 segments : no port selection 69 segments : selection of p17 68 segments : selection of p17 to p16 66 segments : selection of p17 to p14 62 segments : selection of p17 to p10 54 segments : selection of p17 to p10, p07 to p00 selectable* 2 selectable* 3 part number package remarks MB89803pf mb89805pf mb89p808pf 100-pin plastic qfp ( fpt-100p-m06 ) MB89803pfv mb89805pfv mb89p808pfv 100-pin plastic lqfp ( fpt-100p-m05 ) mb89pv800cf 100-pin ceramic mqfp ( mqp-100c-p01 )
mb89800 series 36 n n n n package dimensions (continued) 100-pin plastic lqfp (fpt-100p-m05) note : pins width and pins thickness include plating thickness. dimensions in mm (inches) c 2000 fujitsu limited f100007s-3c-5 14.00?.10(.551?004)sq 16.00?.20(.630?008)sq 125 26 51 76 50 75 100 0.50(.020) 0.20?.05 (.008?002) m 0.08(.003) 0.145?.055 (.0057?0022) 0.08(.003) "a" index .059 ?004 +.008 ?.10 +0.20 1.50 (mounting height) 0?8 0.50?.20 (.020?008) 0.60?.15 (.024?006) 0.25(.010) 0.10?.10 (.004?004) details of "a" part (stand off)
mb89800 series 37 (continued) 100-pin plastic qfp (fpt-100p-m06) note : pins width and pins thickness include plating thickness. dimensions in mm (inches) c 2000 fujitsu limited f100008-3c-3 "a" "b" 0.53(.021)max 0.18(.007)max details of "a" part 0 10 details of "b" part 12.35(.486) ref 16.30?.40 (.642?016) 0.05(.002)min (stand off) 0.15?.05(.006?002) index 23.90?.40(.941?016) 20.00?.20(.787?008) 17.90?.40 14.00?.20 (.551?008) (.705?016) 0.13(.005) m 18.85(.742)ref 22.30?.40(.878?016) 1 30 31 50 51 80 81 100 0.25(.010) 0.30(.012) 0.65(.0256)typ 0.30?.10 (.012?004) lead no. 0.80?.20 (.031?008) 3.35(.132)max (mounting height) 0.10(.004)
mb89800 series 38 (continued) 100-pin ceramic mqfp (mqp-100c-p01) dimensions in mm (inches) c 1994 fujitsu limited m100001sc-1-2 15.58?.20 (.613?008) 16.30?.33 (.642?013) 18.70(.736)typ index area 0.30(.012) typ 1.27?.13 (.050?005) 22.30?.33 (.878?013) 24.70(.972) typ 10.16(.400) typ 12.02(.473) typ 14.22(.560) typ 18.12?.20 (.713?008) 1.27?.13 (.050?005) 0.30(.012)typ 7.62(.300)typ 9.48(.373)typ 11.68(.460)typ 0.15?.05 (.006?002) 10.82(.426) max 0.30?.08 (.012?003) .047 ?008 +.016 ?.20 +0.40 1.20 0.30?.08 (.012?003) 0.65?.15 (.0256?0060) 18.85(.742) typ 0.65?.15 (.0256?0060) 12.35(.486)typ .047 ?008 +.016 ?.20 +0.40 1.20
mb89800 series fujitsu limited all rights reserved. the contents of this document are subject to change without notice. customers are advised to consult with fujitsu sales representatives before ordering. the information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. also, fujitsu is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. the products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). please note that fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. any semiconductor devices have an inherent chance of failure. you must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. if any products described in this document represent goods or technologies subject to certain restrictions on export under the foreign exchange and foreign trade law of japan, the prior authorization by japanese government will be required for export of those products from japan. f 0112 ? fujitsu limited printed in japan


▲Up To Search▲   

 
Price & Availability of MB89803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X