Part Number Hot Search : 
A5800 SXX18 04597 B30NN 15N10 CVA1405T 5225F LC3301CW
Product Description
Full Text Search
 

To Download IE0505S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 dc-dc specification 1 watt single output sip package dip package 1000 vdc isolation optional 3000 vdc isolation short circuit protection -40 ? to +85 ? operation ie series input input voltage range nominal ?0% input current (no load) see table input reflected ripple 200 mv pk-pk input reverse voltage none protection output output voltage see table minimum load none line regulation 1.2%/1% ? vin load regulation ?% 20-100% load setpoint accuracy ?% ripple & noise 100 mv pk-pk temperature coefficient 0.02%/? short circuit protection 1 s max maximum capacitive 200 ? load general efficiency see table isolation voltage 1000 vdc minimum (3000 vdc -h option) isolation capacitance 60 pf typical switching frequency 80 khz typical environmental operating temperature -40 to +85 ? storage temperature -40 to +125 ? case temperature 100 ? max cooling free-air convection notes 1. for dip package, replace ??in model number with ?? 2. add suffix ??to model number for 3000vdc isolation. 3. for 48vdc in, specify model number as ie48xxs. 4. all dimensions in inches (mm). xppower.com 0.10 (2.54) 0.01 (0.25) gnd 0v +v vcc 0.05 (1.27) 0.46 (11.68) 0.02 (0.5) 0.15 (3.80) max gnd 0v +v vcc 0.12 (3.05) max sip package dip package 0.50 (12.70) 0.40 (10.14) max 0.24 (6.10) max 0.27 (6.86) max 0.38 (9.65) max 0.02 (0.5) 0.02 (0.5) 0.2 (5.1) 0.30 (7.62) 0.01 (0.25) 0.30 (7.62) 0.30 (7.62) max dc-dc input voltage (3) no load input current output voltage output current efficiency model number (1,2) 3.3 vdc 25 ma 3.3 v 300 ma 75% ie0303s 25 ma 5.0 v 200 ma 78% ie0305s 30 ma 9.0 v 111 ma 78% ie0309s 45 ma 12.0 v 84 ma 78% ie0312s 40 ma 15.0 v 66 ma 78% ie0315s 40 ma 24.0 v 42 ma 78% ie0324s 5 vdc 16 ma 3.3 v 300 ma 75% ie0503s 25 ma 5.0 v 200 ma 77% IE0505S ? 26 ma 9.0 v 111 ma 80% ie0509s 25 ma 12.0 v 84 ma 77% ie0512s ? 25 ma 15.0 v 66 ma 77% ie0515s ? 35 ma 24.0 v 42 ma 77% ie0524s 12 vdc 12 ma 3.3 v 300 ma 70% ie1203s 16 ma 5.0 v 200 ma 78% ie1205s ? 10 ma 9.0 v 111 ma 78% ie1209s 18 ma 12.0 v 84 ma 78% ie1212s ? 17 ma 15.0 v 66 ma 78% ie1215s ? 25 ma 24.0 v 42 ma 78% ie1224s 24 vdc 5 ma 3.3 v 300 ma 74% ie2403s 8 ma 5.0 v 200 ma 78% ie2405s ? 8 ma 9.0 v 111 ma 78% ie2409s 8 ma 12.0 v 84 ma 78% ie2412s ? 8 ma 15.0 v 66 ma 78% ie2415s ? 9 ma 24.0 v 42 ma 78% ie2424s mechanical details ? available from farnell inone. 14-jun-05


▲Up To Search▲   

 
Price & Availability of IE0505S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X