Part Number Hot Search : 
MP4504 AD8027AR M41T008 16220 51R2436 SF165A 2SC3775 48TFD
Product Description
Full Text Search
 

To Download GSX-75108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0 to +50  c -10 to +60  c -20 to +70  c -30 to +80  c -40 to +85  c tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com sm crystal - metal lid gsx-751 28 mar 2008 
                                        !!  ! "#$%& '"()*+,&-+ "#$%& '"()*+,&-+      features  metal lid can be grounded to minimise emi  seam seal for excellent long-term stability  frequencies up to 130mhz  tight specifications available standard frequencies product name + option codes + frequency eg: gsx-751/111df 14.31818mhz 10/10/10/16-f gsx-751/lp2s 36.0mhz 05/15/20/sr-3 option code x (eg gsx-751/x) denotes a custom specification. ordering information fundamental in mhz 3rd overtone gsx-751 option codes product parameters  standard.  optional - please specify required code(s) when ordering scale 2:1 10.000000 11.059200 12.000000 14.318180 14.745600 15.000000 16.000000 16.000312 16.588800 18.432000 19.660800 20.000000 24.000000 24.000140 24.576000 25.000000 29.491200 30.000000 32.000000 33.868800 35.251200 36.000000 40.000000 36.000000 40.000000 40.320000 50.000000 64.000000 66.666000 specifications  available on t&r - 1k pcs per reel.  refer to our website for t&r and soldering details. temperature stability the table shows available combinations of stability (in ppm) and temperature range. 20      15     - 10    - - 7.5    - - 5   - - - frequency range: 8.0 ~ 130mhz  calibration tolerance: 5ppm  l 7.5ppm  m 10ppm  1 20ppm  2 other values  specify temperature stability: 5ppm  l 7.5ppm  m 10ppm  1 15ppm  p 20ppm  2 other values  specify operating temperature range: 0 to +50  c  0 -10 to +60  c  1 -20 to +70  c  2 -30 to +80  c  3 -40 to +85  c  4 other values  specify circuit condition: 12pf  b 16pf  d 18pf  e 20pf  f 30pf  j series resonant  s other values  specify oscillation mode: fundamental (8.0 ~ 40.0mhz)  f 3rd overtone (30.0 ~ 100mhz)  3 static capacitance (c 0 ): 5pf max  equivalent series resistance (max): 60  (8.0 ~ 9.9mhz)  40  (10.0 ~ 14.9mhz)  30  (15.0 ~ 40.0mhz, fund)  80  (30.0 ~ 130.0mhz, 3rd ot)  ageing: 3ppm max first year  1ppm max first year  specify test drive level: 100w  soldering condition: 260  c, 10 sec x2 max 


▲Up To Search▲   

 
Price & Availability of GSX-75108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X