Part Number Hot Search : 
0N03L SQ173N31 VT9N2 SDT100 74HC244A 1N6273A MA4EX AP3041M
Product Description
Full Text Search
 

To Download GD52R130NT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gas discharge tube gd5 series 2-electrode 5.5*t6 mm type thinking electronic industrial co., ltd. 1 www.thinking.com.tw 2010.09 all specification are subject to change without not ice.  features 1. rohs compliant 2. rugged ceramic-metal construction 3. available with or without leads 4. dc spark-over voltage: 70~3600v 5. low capacitance 6. agency recognition: ul/cul  recommended applications 1. data transmission lines 2. communication lines 3. catv system 4. power distribution system 5. power supplier 6. test equipment 7. instrumentation circuits  part number code g d 5 2 r 0 7 0 n b 1 2 3 4 5 6 7 8 9 10 11 12 13 product code g thinking gas discharge tube type series (size) d5 5.5*t6 electrode number 2r 2 electrodes dc spark-over voltage 070 70v 230 230v 600 600v 14b 1400v 25b 2500v lead wire style n no lead a axial lead packaging b bulk t ammo taping r reel taping internal control code
gas discharge tube gd5 series 2-electrode 5.5*t6 mm type thinking electronic industrial co., ltd. 2 www.thinking.com.tw 2010.09 all specification are subject to change without not ice.  characteristics dc breakdown voltage max. impulse breakdown voltage impulse discharge current (8/20 s) impulse life (10/1000 s) normal alternating discharge current dc holdover voltage 100v/s 100v/ s 1kv/ s 1 time 10 times 100a 50hz, 1sec single 9 cycles <150ms minimum insulation resistance maximum capacitance (1mhz) safety approvals type (v) (v) (v) (ka) times (a) (v) (g ) (pf) ul 1449/ cul ul 497b gd52r070 7020% 700 800 52 gd52r075 7520% 700 800 52 gd52r090 9020% 600 700 52 gd52r120 12015% 600 700 52 gd52r130 13015% 600 700 52 gd52r145 14515% 600 700 52 gd52r150 15015% 600 700 52 gd52r180 18015% 600 700 80 gd52r230 23015% 600 700 80 gd52r250 25015% 600 700 80 gd52r300 30015% 700 900 150 gd52r350 35015% 700 900 150 gd52r400 40015% 800 1000 150 gd52r470 47015% 800 1100 150 gd52r600 60020% 1300 1500 10 5 300 5 15 150 gd52r800 80020% 1500 1700 5 2.5 300 2.5 5 150 gd52r10b 100020% 1600 1800 150 gd52r12b 120020% 1800 2000 150 gd52r14b 140020% 2200 2400 150 gd52r16b 160020% 2400 2600 150 gd52r20b 200020% 2800 3000 150 gd52r25b 250020% 3300 3500 150 gd52r30b 300020% 3800 4000 150 gd52r35b 350020% 4300 4500 150 gd52r36b 360020% 4400 4600 3 1.5 300 2 4 150 1 1 note1: the first is the style of lead wire, and the second is packaging. note2: ul / 497b file no. e245070, ul / 1449 3rd file no.e314979 note 3: insulation resistance test conditions: dc breakdown voltage dc measuring voltage 70-90v 50v 120-400v 100v 470-800v 250v 1000-2000v 500v 2500-4000v 1000v
gas discharge tube gd5 series 2-electrode 5.5*t6 mm type thinking electronic industrial co., ltd. 3 www.thinking.com.tw 2010.09 all specification are subject to change without not ice. dimensions item spec. tolerance d 5.5 +0.3/-0.5 t 6.0 +0.3/-0.5  dimensions = a (axial lead type) = n (no lead type)  marking d d t l d t unit: mm unit: mm dimensions item spec. tolerance d 5.5 +0.3/-0.5 t 6.0 +0.3/-0.5 l 20 min. d 0.8 0.05 gd52r300
gas discharge tube gd5 series 2-electrode 5.5*t6 mm type thinking electronic industrial co., ltd. 4 www.thinking.com.tw 2010.09 all specification are subject to change without not ice.  packaging  bulk plastic tray (2631446mm) inner box (27014550mm) outside box (320305280mm)  taping for 2-electrode axial lead gdt 100 pcs/plastic tray 500 pcs/ box 5000 pcs/carton d f l l1 1.2max. dimension item spec. tolerance l1 52 2 l 64 3 d 10 0.5 f t of gas tube + 1.4 max. unit: mm 68 typ. 1.5 typ. 100 typ. 330 4.0
gas discharge tube gd5 series 2-electrode 5.5*t6 mm type thinking electronic industrial co., ltd. 5 www.thinking.com.tw 2010.09 all specification are subject to change without not ice.  storage conditions of gdt (i) storage conditions: 1. storage temperature: -10 ~ +40 . 2. relative humidity: 75%rh. Q 3. gas discharge tube must be kept away from sunlig ht and stored in a non-corrosive atmosphere. (ii) shelf life: 1 year


▲Up To Search▲   

 
Price & Availability of GD52R130NT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X