Part Number Hot Search : 
2545CT TB0252A MC30A FTSO5833 7IMN13 BL8095 2SC3858 3502M
Product Description
Full Text Search
 

To Download G2R-13-SN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 general-purpose relay g2rs the new-generation general-purpose relay reliable and unique test button models now available. high switching capacity (1-pole: 10 a) highly functional socket also available. space-saving (29 (h) x 13 (w) x 29 (d)) conforms to ul508, csa22.2, vde0435 (c250 insulation grade). 8-mm creepage distance / 8-mm air distance r c+ew ordering information classification degree of tti coil ratings contact form c ass ca o eg ee o protection co a gs spst-no spdt dpst-no dpdt plug-in til general-purpose unsealed ac/dc --- g2r-1-s --- g2r-2-s ug terminal led indicator u sea ed c/ c --- g2r-1-sn --- g2r-2-sn led indicator with test button --- g2r-1-sni --- g2r-2-sni diode dc --- g2r-1-sd --- g2r-2-sd led indicator and diode c --- g2r-1-snd --- g2r-2-snd led indicator and diode with test button --- g2r-2-sndi --- g2r-2-sndi plug-in til general-purpose ac/dc g2r-1a3-s g2r-13-s --- --- ug terminal (twin led indicator c/ c g2r-1a3-sn G2R-13-SN --- --- (t w i n crossbar contact) led indicator and diode dc g2r-1a3-snd G2R-13-SNd --- --- rated coil voltage note: when ordering, add the rated coil voltage to the model number . example: g2r-1a 12 vdc model number legend: g2r - - - 12 34 56 7 1. relay function none:general-purpose 2. number of poles 1: 1 pole 2: 2 poles 3. contact form none:spdt a: spst-no 4. contact t ype none:single 3: bifurcated crossbar 5. terminals s: plug-in 6. classification none:general-purpose n: led indicator d: diode nd: led indicator and diode i: t est button 7. rated coil v oltage
g2rs g2rs 3 accessories (order separately) connecting sockets number of poles applicable relay model track/surface back mounting socket mounting socket terminals model 1 pole g2r-1-s(n)(d)(nd)(ni)(ndi) p2rf-05-e pcb terminals p2r-05p , p2r-057p g2r-13-s (g2r-1a3-s) p2rf-05 solder terminals p2r-05a 2 poles g2r-2-s(n)(d)(nd)(ni)(ndi) p2rf-08-e pcb terminals p2r-08p , p2r-087p p2rf-08 solder terminals p2r-08a note: see dimensions for details on socket size. mounting tracks applicable socket description model track connecting socket mounting track 50 cm ( ) x 7.3 mm (t): pfp-50n 1 m ( ) x 7.3 mm (t): pfp-100n 1 m ( ) x 16 mm (t): pfp-100n2 end plate pfp-m spacer pfp-s back connecting socket mounting plate p2r-p* *used to mount several p2r-05a and p2r-08a connecting sockets side by side. specifications coil ratings rated voltage 12 v ac 24 v ac 100/ (1 10) v ac 120 v ac 200/ (220) v ac 220 v ac 230 v ac 240 v ac rated current* 50 hz 93 ma 46.5 ma 1 1 ma 9.3 ma 5.5 (4.0) ma 5.1 ma 4.7 (3.7) ma 4.7 ma 60 hz 75 ma 37.5 ma 9/ (10.6) ma 7.5 ma 4.5 (5.3) ma 4.1 ma 3.8 (3.1) ma 3.8 ma coil resistance* 65 w 260 w 4,600 w 6,500 w 20,200 (25,000) w 25,000 w 26,850 (30,000) w 30,000 w coil inductance armature off 0.19 0.81 13.34 21 51.3 57.5 62 65.5 (h) (ref. value) armature on 0.39 1.55 26.84 42 102 117 124 131 must operate voltage 80% max. of rated voltage must release voltage 30% max. of rated voltage max. voltage 1 10% of rated voltage power consumption approx. 0.9 va at 60 hz (approx. 0.7 v a at 60 hz) note: 1. rated voltage of bifurcated crossbar contact type: 100/(1 10) vac, 200/(220) v ac, 230 v ac (approx. 0.7 v a at 60 hz) 2. depending on the type of relay , some relays do not have coil specifications. contact your omron representative for more de - tails. rated voltage 5 vdc 6 vdc 12 vdc 24 vdc 48 vdc 100 vdc rated current* (50/60 hz) 106 ma 88.2 ma 43.6 ma 21.8 ma 1 1.5 ma 5.3 ma coil resistance* 47 w 68 w 275 w 1,100 w 4,170 w 18,860 w coil inductance armature off 0.20 0.28 1.15 4.27 13.86 67.2 (h) (ref. value) armature on 0.39 0.55 2.29 8.55 27.71 93.2 must operate voltage 70% max. of rated voltage must release voltage 15% min. of rated voltage max. voltage 1 10% of rated voltage power consumption approx. 0.53 w note: rated voltage of bifurcated crossbar contact type: 12 vdc, 24 vdc
g2rs g2rs 4 contact ratings plug-in terminal relays number of poles 1 pole 2 poles load resistive load (cos f = 1) inductive load (cos f = 0.4; l/r = 7 ms) resistive load (cos f = 1) inductive load (cos f = 0.4; l/r = 7 ms) rated load 10 (1) a at 250 v ac; 10 (1) a at 30 vdc 7.5 a at 250 v ac; 5 a at 30 vdc 5 a at 250 v ac; 5 a at 30 vdc 2 a at 250 v ac; 3 a at 30 vdc rated carry current 10 (1) a 5 a max. operating voltage 380 v ac, 125 vdc 380 v ac, 125 vdc max. operating current 10 (1) a 5 a max. switching capacity 2,500 (250) v a, 300 (30) w 1,875 v a, 150 w 1,250 v a, 150 w 500 v a, 90 w min. permissible load 100 ma at 5 vdc (1 ma at 5 vdc) 10 ma at 5 vdc note: 1. p level: l 60 = 0.1 x 10 -6 /operation 2. ( ): t win crossbar contact type. characteristics standard relays item 1 pole 2 poles contact resistance 30 m w max. 50 m w max. operate (set) time 15 ms max. release (reset) time ac: 10 ms max.; dc: 5 ms max. (w/built-in diode: 20 ms max.) max. operating frequency mechanical: 18,000 operations/hr electrical: 1,800 operations/hr (under rated load) insulation resistance 1,000 m w min. (at 500 vdc) dielectric strength 5,000 v ac, 50/60 hz for 1 min between coil and contacts*; 1,000 v ac, 50/60 hz for 1 min between contacts of same polarity 5,000 v ac, 50/60 hz for 1 min between coil and contacts*; 3,000 v ac, 50/60 hz for 1 min between contacts of dif ferent polarity 1,000 v ac, 50/60 hz for 1 min between contacts of same polarity v ibration resistance destruction: 10 to 55 hz, 1.5-mm double amplitude malfunction: 10 to 55 hz, 1.5-mm double amplitude shock resistance destruction: 1,000 m/s 2 (approx. 100g) malfunction: 200 m/s 2 when energized (approx. 20g); 100 m/s 2 when no energized (approx. 10g) life expectancy mechanical: ac coil: 10,000,000 operations min.; dc coil: 20,000,000 operations min. (at 18,000 operations/hr) electrical: 100,000 operations min. (at 1,800 operations/hr under rated load) ambient temperature operating: 40 c to 70 c (with no icing) storage: 40 c to 70 c (with no icing) ambient humidity operating: 35% to 85% storage: 35% to 85% weight approx. 17 g (plug-in terminal: approx. 20 g) note: v alues in the above table are the initial values. *2,000 v ac, 50/60 hz for 1 minute when the p2r-05a or p2r-08a socket is mounted.
g2rs g2rs 5 approved standards ul 508 (file no. e41643) model contact form coil ratings contact ratings g2r-1-s spdt 5 to 1 10 vdc 5 to 240 v ac 10 a, 30 vdc (resistive) 10 a, 250 v ac (general use) tv 3 (no t t l ) g2r-1a-s spst-no , (g ) tv-3 (no contact only) g2r-2-s dpdt 5 a, 30 vdc (resistive) 5 a, 250 v ac (general use) tv-3 (no contact only) csa 22.2 no.0, no.14 (file no. lr31928) model contact form coil ratings contact ratings g2r-1-s spdt 5 to 1 10 vdc 5 to 240 v ac 10 a, 30 vdc (resistive) 10 a, 250 v ac (general use) tv 3 (no t t l ) g2r-1a-s spst-no , (g ) tv-3 (no contact only) g2r-2-s dpdt 5 a, 30 vdc (resistive) 5 a, 250 v ac (general use) tv-3 (no contact only) sev (sev 1025-1, iec 158-1) contact form coil ratings contact ratings 1 poles 5 to 1 10 vdc 5 to 240 v ac 10 a, 250 v ac1 5 a, 250 v ac3 10 a, 30 vdc1 2 poles 5 to 240 v ac 5 a, 250 v ac1 2 a, 380 v ac1 5 a, 30 vdc1 tv (iec 255, vde 0435) contact form coil ratings contact ratings 1 pole 3 to 1 10 vdc, 6 v ac to 240 v ac (for standards coil) 10 a, 250 v ac (cos f = 1.0) 10 a, 30 vdc (0 ms) 2 poles () 5 a, 250 v ac (cos f =1.0) 5 a, 30 vdc (0 ms) 2.5 a, 250 v ac (cos f = 0.4) vde (iec 255, vde 0435) contact form coil ratings contact ratings 1 pole 5, 6, 9, 12, 18, 24, 48, 60, 100, 1 10 vdc 12, 18, 24, 48, 50, 100/(1 10), 1 10, 120, 200/(220), 220, 230, 240 v ac 10 a, 250 v ac (cos f = 1.0) 10 a, 30 vdc (0 ms) 2 poles 5, 6, 9, 12, 18, 24, 48, 60, 100, 1 10 vdc 12, 18, 24, 48, 50, 100/(1 10), 1 10, 120, 200/(220), 220, 230, 240 v ac 5 a, 250 v ac (cos f =1.0) 5 a, 30 vdc (0 ms)
g2rs g2rs 6 engineering data plug-in relays g2r-1-s switching current (a) switching voltage (v) g2r-2-s switching voltage (v) max. switching capacity switching current (a) ac resistive load dc resistive load ac inductive load (cos f = 0.4) dc inductive load (l/r = 7 ms) ac resistive load dc resistive load dc inductive load (l/r = 7 ms) ac inductive load (cos f = 0.4) switching voltage (v) switching current (a) g2r-13-s, g2r-1a3-s ac inductive load (cos f = 0.4) dc inductive load (l/r = 7 ms) ac resistive load dc resistive load plug-in relays g2r-1-s life expectancy (x10 operations) 3 switching current (a) g2r-2-s switching current (a) life expectancy 250-vac/30-vdc resistive load 250-vac inductive load (cos f = 0.4) 30-vdc inductive load (l/r = 7ms) 30-vdc inductive load (l/r = 7ms) 250-vac/30-vdc resistive load 250-vac inductive load (cos f = 0.4) 5,000 1,000 500 100 50 life expectancy (x10 operations) 3 5,000 1,000 500 100 50 switching current (a) life expectancy (x10 operations) 3 g2r-13-s, g2r-1a3-s 250-vac/30-vdc resistive load 250-vac (cos f = 0.4)/30-vdc (l/r = 7 ms) inductive load 10,000 7,000 5,000 3,000 1,000 700 500 300 100 70 50 30 ambient temperature ( c) note: the maximum voltage refers to the maximum value in a varying range of operating power voltage, not a continuous voltage. maximum voltage (%) ambient temperature vs maximum voltage dc coil ac coil
g2rs g2rs 7 dimensions note: 1. all units are in millimeters unless otherwise indicated. 2. orientation marks are indicated as follows: spdt relays g2r-1-s, g2r-1-sd, g2r-1-sn, g2r-1-snd, g2r-1-sni, g2r-1-sndi g2r-13-s, g2r-13-sd, G2R-13-SN, G2R-13-SNd t erminal arrangement/internal connections (bottom view) dpdt relays g2r-2-s, g2r-2-sd, g2r-2-sn, g2r-2-sni, g2r-2-sndi g2r-2-snd relays with plug-in terminals g2r-1-s, g2r-13-s g2r-1-sn, g2r-1-sni, G2R-13-SN (ac) g2r-1-sn, g2r-1-sni, G2R-13-SN (dc) g2r-1-sd, g2r-13-sd (dc) g2r-1-snd, g2r-1-sndi, G2R-13-SNd (dc) t erminal arrangement/internal connections (bottom view) g2r-2-s g2r-2-sn g2r-2-sni (ac) g2r-2-sn g2r-2-sni (dc) g2r-2-sd (dc) g2r-2-snd g2r-2-sndi (dc) 29 max. 2.5 2 29 max. 5 20 0.5 4.75 13 max. 10 4 three 0.9 x 3 el - liptic holes 7.5 5.2 5.2 17.5 29 max. 2.5 28 max. 6 2 20 0.5 2.6 13 max. 10 4 7.5 55 19.4 8.9 1 5 4 3 2 1 5 4 3 2 1 5 4 3 2 + 1 5 4 3 2 + 1 5 4 3 2 + 1 8 6 5 7 3 4 2 1 8 6 5 7 3 4 2 + + + 1 8 6 5 7 3 4 2 1 8 6 5 7 3 4 2 1 8 6 5 7 3 4 2 * *this terminal is spdt only. *average value *average value (28.6)* (28.5)* (12.7)* (28.2)* (27.0)* (12.5)* (after confirming coil polarity, wire correctly .) (except g2r-1-s, g2r-13-s) (after confirming coil polarity, wire correctly.) 29 max. 4.1 max. 13 max. 7.3 max. 29 max. 29 max. 4.1 max. 13 max. 7.3 max. 29 max.
g2rs g2rs 8 p2rf-05 mounting holes (for surface mounting) t erminal arrangement p2rf-08 7 five m3.5 x 8 71.5 max. 4 19.5 max. 2 4-dia. holes 35.5 19.5 30 max. 54 max. 4.2-dia. hole 30 0.05 m3 or 3.2-dia. hole 7 71.5 max. 4 19.5 max. eight m3.5 x 8 2 4-dia. holes 35.5 19.5 30 max. 54 max. 4.2-dia. hole 30 0.05 m3 or 3.2-dia. hole mounting holes (for surface mounting) t erminal arrangement track/surface mounting sockets p2rf-05-e mounting holes (for surface mounting) t erminal arrangement (t op v iew) 3.2-dia. hole m3 or 3.5-dia. hole m3.5 screw 85.5 max. 3.5-dia. hole 16.0 max. 59 max. 48 max. 39.5 35.5 11.5 note: pin numbers in parentheses apply to din standard. 61 max. (11) (12) (14) (a1) (a2) 1 2 3 4 5 39.5 0.1 p2rf-08-e terminal arrangement (t op v iew) 85.5 max. 2 1.5 m3 screw 3.5-dia. hole 16.0 max. 5 63.0 max. 48.0 max. 2 3 39.5 35.5 11.5 61.0 max. mounting holes (for surface mounting) 3.2-dia. hole m3 or 3.5-dia. hole 39.5 0.1 8 1 63 72 54 (a1) (a2) (21) (22) (24) (11) (12) (14)
g2rs g2rs 9 back connecting sockets p2r-05p (1-pole) 1 47 6 4.5 15 4 3.5 1.2 1.5 74 36 max. 14.5 max. 35.5 max. tolerance: 0.1 4 6 4.5 five 1.6-dia. holes 15 4 7 (5) mounting holes t erminal arrangement p2r-08p (2-pole) 4 7 0.3 5 5 20 1 2.8 1.5 7.5 36 max. terminal plate thickness: 0.3 14.5 max. 35.5 max. 7.5 eight 1.3-dia. holes 5 5 20 (4.3) mounting holes t erminal arrangement p2r-05a (1-pole) panel cutout t erminal arrangement p2r-08a (2-pole) 7 5 1.2 0.3 6.7 3.8 16.7 5 five 3 x 1.8-dia. holes 6 36 max. terminal plate thickness: 0.3 14.5 max. 35.5 max. 7 1.2 0.3 5 36 max. terminal plate thickness: 0.3 14.5 max. 35.5 max. 7 5 20 2.8 2.8 2.6 eight 3 x 1.2-dia. holes 7.5 13.6 0.1 30.5 0.2 recommended thickness of the panel is 1.6 to 2.0 mm
g2rs g2rs 10 mounting height of relay with socket 36 g2r relay p2r-_p socket 30 g2r relay p2r-_a socket mounting tracks pfp-100n, pfp-50n pfp-100n2 it is recommended to use a panel 1.6 to 2.0 mm thick. l: length 1 m pfp-100n 50 cm pfp-50n 1 m pfp-100n2 end plates pfp-m spacers pfp-s 4.5 15 25 25 25 25 * 10 10 l 7.3 0.15 35 0.3 27 0.15 1 4.5 15 25 25 25 25 15 10 10 l 35 0.3 27 24 16 29.2 1 1.5 50 11.5 10m4 x 8 pan head screw 10 6.2 1.8 1 35.5 35.3 1.8 1.3 4.8 5 16 12 44.3 34.8 16.5 mounting plates p2r-p 90 r2.25 10 elliptic holes 4.5 13.6 3.4 30.5 49 42 0.1 square hole 9 0.1 18 0.15 18 0.15 18 0.15 18 0.15 9 0.1 72 0.2 t = 1.6 mm
g2rs g2rs 11
g2rs g2rs 12 omron corporation c&c components division h.q. relay division 28th fl., crystal t ower bldg., 1-2-27, shiromi, chuo-ku, osaka 540-6028 japan phone: (81)6-949-6125 fax: (81)6-949-6134 all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. t o convert grams into ounces, multiply by 0.03527. cat. no. j114-e1-1a in the interest of product improvement, specifications are subject to change without notice. printed in japan 1098-4m (0898) a


▲Up To Search▲   

 
Price & Availability of G2R-13-SN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X