Part Number Hot Search : 
AN3317 TDA725 21M10 D1803DFH JANTXV1 SA2002 P6KE200A BC12429A
Product Description
Full Text Search
 

To Download D6F-05N2-000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d6f mems flow sensor d6f high accuracy mass flow sensing small size fast response applicable to air, non-corrosive gas, lng application examples ? medical equipment ? analysis apparatus ? combustion control ordering information model case gsa flow range notes d6f-01a1-110 pps air* 0-1l/min integral orifice d6f-02a1-110 0-2l/min D6F-05N2-000 aluminum lng* (13a) 0-5l/min ratings item symbol rating unit power supply v cc 26.4 vdc output voltage v out 6 vdc absolute maximum rating item symbol condition min. typ. max. unit power supply v cc C 10.8 C 26.4 vdc operating temperature t orr C -10 C 60 c output voltage (max.) v oh v cc = 12 to 24vdc i oh = 5ma 5 C 5.7 vdc output voltage (min.) v ol v cc = 12 to 24vdc i oh =-5ma 0 C 1 vdc recommendation condition
d6f d6f (all dimensions in mm) dimensions characteristics model d6f-01a1-110 d6f-02a1-110 D6F-05N2-000 rateed quality range 0-1l/min 0-5l/min joint type bamboo type (bamboo min. external diameter: 7.4mm, rc 1/4 screw bamboo max. external diameter: 8.6mm) (passage diameter: 4mm) case material pps aluminum applicable fluid air* lng* withstand pressure 200kpa repeat accuracy 3% f.s. max operating temperature -10 to 60 degrees (with no icing or condensation) operating humidity under 85% rh (with no icing or condensation) storage temperature -40 to 80 degrees (with no icing or condensation) storage humidity under 85% rh (with no ice or no dew) output signal analog output 1-5 vdc current consumption no-load v cc = 12 to 24vdc, v ss = 0v 25 deg. c, max. 15ma insulation resistance more than 20m ohm (500vdc, between lead terminal and case) dielectric strength 500vac, 50/60hz, for 1 minute. (leakage current typ < 1ma.) between the lead terminals and the base orifice integral integral not applicable * dry gas, must not contain large particles, eg dust, oil mist. d6f-01a-110 d6f-02a-110
d6f d6f omron electronic components europe bv wegalaan 57 2132 jd hoofddorp the netherlands tel: +31 23 568 1200 fax: +31 23 568 1212 cat. no. d6f-01-eu in the interest of product improvement, specifications are subject to change without notice. (all dimensions in mm) dimensions D6F-05N2-000


▲Up To Search▲   

 
Price & Availability of D6F-05N2-000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X