c 2004 cosmo electronics corporation http://www .cosmo-ic.com 44 coil ratings (at 20 ) parameter rating coil resistance 140 ( 10%) nominal coil voltage 5 vdc maximun continuous voltage 10 vdc must operate 3.75 vdc must release 1.0 vdc rated current 35.7 ma electrical characteristics parameter rating contact resistance 100 m (max) operate time 0.5 ms(max) bounce time 0.5 ms(max) release time 0.2 ms(max) insulation resistance (100vdc ) 10 11 (min) power 10 va(max) switching voltage 200 vdc(max) switching current 0.5 a(max) carry current 1.0 a(max) breakdown voltage ( across open contact ) 250 vdc(min) ( between coil & contact ) 500 vdc(min) life expectancy (signal level) 10 8 operating temp -40 to 85 storage temp -50 to125 resonant frequency 3.5 khz v ibration ( 10-2000hz ) 20 g (max) minimum permissible load 100 mvdc 10 g a D2A051000 reed relay outside dimension:unit (mm) schematic:top view features 1. molded epoxy body. 2. dip type construction with the same terminal pitch as ics or ttls simplifies pc board designing. in addition, the high sensitivity allows direct driving by ttl, etc. 3. automatic insertion compatible. 4. sealed construction permits automatic flow soldering and cleaning. 5. diode & magnetic shield are available. v v unit unit r v ul 60950 (file no.e108430)
|