Part Number Hot Search : 
07K010 DR06CRZ2 10010 2SA1784 Z2PK202H B105M SI2141 BU4525DX
Product Description
Full Text Search
 

To Download CMUDM7001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CMUDM7001 surface mount n-channel enhancement-mode silicon mosfet description: the central semiconductor CMUDM7001 is an enhancement-mode n-channel field effect transistor, manufactured by the n-channel dmos process, designed for high speed pulsed amplifier and driver applications. this mosfet offers low r ds(on) and low theshold voltage. marking code: c7a features: ? power dissipation 250mw ? low r ds(on) ? low threshold voltage ? logic level compatible ? small, sot-523 surface mount package ? complementary device: cmudm8001 applications: ? load/power switches ? power supply converter circuits ? battery powered portable equipment maximum ratings: (t a =25c) symbol units drain-source voltage v ds 20 v gate-source voltage v gs 10 v continuous drain current (steady state) i d 100 ma continuous drain current i d 200 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i gssf , i gssr v gs =10v, v ds =0 1.0 a i dss v ds =20v, v gs =0 1.0 a bv dss v gs =0, i d =100a 20 v v gs(th) v ds =v gs , i d =250a 0.6 0.9 v r ds(on) v gs =4.0v, i d =10ma 3.0 r ds(on) v gs =2.5v, i d =10ma 4.0 r ds(on) v gs =1.5v, i d =1.0ma 15 g fs v ds =10v, i d =100ma 100 ms c rss v ds =3.0v, v gs =0, f=1.0mhz 4.0 pf c iss v ds =3.0v, v gs =0, f=1.0mhz 9.0 pf c oss v ds =3.0v, v gs =0, f=1.0mhz 9.5 pf t on v dd =3.0v, v gs =2.5v, i d =10ma 50 ns t off v dd =3.0v, v gs =2.5v, i d =10ma 75 ns sot-523 case r1 (9-february 2010) www.centralsemi.com
CMUDM7001 surface mount n-channel enhancement-mode silicon mosfet sot-523 case - mechanical outline lead code: 1) gate 2) source 3) drain marking code: c7a (bottom view) www.centralsemi.com r1 (9-february 2010)


▲Up To Search▲   

 
Price & Availability of CMUDM7001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X