Part Number Hot Search : 
HCT573DB 6681Z VO1263AB MR752 KIA4559 MR500 ISL29004 UPC4572
Product Description
Full Text Search
 

To Download BAS40-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas 40-07 oct-07-1999 1 silicon schottky diode ? general-purpose diode for high-speed switching ? circuit protection ? voltage clamping ? high-level detecting and mixing vps05178 2 1 3 4 bas 40-07 32 eha07008 1 4 type marking pin configuration package bas 40-07 47s 1=c1 2=c2 3=a2 4=a1 sot-143 maximum ratings parameter symbol value unit diode reverse voltage 40 v v r forward current i f ma 120 200 i fsm surge forward current, t 10ms total power dissipation , t s 81c 250 p tot mw junction temperature t j 150 c -55 ... 150 t op operating temperature range storage temperature t st g -55 ... 150 maximum ratings junction - ambient 1) 345 k/w r thja junction - soldering point r thjs 275 1) package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 6cm 2 cu
bas 40-07 oct-07-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter values symbol unit max. typ. min. dc characteristics v (br) 40 - v - breakdown voltage i (br) = 10 a i r - - - - reverse current v r = 30 v v r = 40 v a 1 10 v f - - - 310 450 720 380 500 1000 mv forward voltage i f = 1 ma i f = 10 ma i f = 40 ma ac characteristics diode capacitance v r = 0 v, f = 1 mhz c t - 4 5 pf charge carrier life time i f = 25 ma - - 100 ps differential forward resistance i f = 10 ma, f = 10 khz r f - 10 - ?
bas 40-07 oct-07-1999 3 forward current i f = f ( v f ) t a = 25c 0.0 ehb00038 bas 40... v f f 0.5 1.0 v 1.5 t a = -40 ?c 25 ?c 85 ?c 150 ?c -2 10 -1 10 ma 0 10 10 1 2 10 reverse current i r = f ( v r ) t a = parameter 0 ehb00039 bas 40... v r r 10 0 -2 10 1 10 2 10 3 10 a 10 -1 10 20 30 v 40 t a = 150 c 85 c 25 c diode capacitance c t = f ( v r ) f = 1mhz 0 0 ehb00040 bas 40... c v r t 1 2 3 4 pf 5 10 20 v 30 differential forward resistance r f = f ( i f ) f = 10 khz 0.1 ehb00041 bas 40... r f 1 10 ma 100 f ? 2 10 1 10 10 3 10 3
bas 40-07 oct-07-1999 4 forward current i f = f ( t a *; t s) * package mounted on alumina 0? c 0 ehd07068 bar 14-1...16-1 f a t ; t s 50 100 150 20 40 60 80 100 120 140 160 ma 200 t a s t


▲Up To Search▲   

 
Price & Availability of BAS40-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X