Part Number Hot Search : 
H400TBXX LC5738 MM1414A 57715R MAX410 DMD1009 MAX16 HT9170B
Product Description
Full Text Search
 

To Download 377HS040XM25AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  composite backshells a-42 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2009 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com a b c d e f g 377-040 composite fiber-optic strain-relief backshell with cable alignment grommet and self-locking rotatable coupling u.s. patent no. 6358077 wrench flats adapter h j 1.440 (36.6) max 2.000 (50.8) .440 (11.2) shrink boot or sleeve groove accommodates 600-052-1 band anti-decoupling device o-ring f e g 1.000 (25.4) r h nut wrench flats strain-relief grommet grommet keys .12 (3.0) dia., k places, accommodates 16 gage contacts with .07 (1.8) to .11 (2.8) diameter fiber cable connector designator h and u 377 h s 040 xm 19 a t connector shell size ( see table ii) shrink boot option (omit for none) strain relief style a - banding adapter n - nut product series 377 - fiber optic strain relief basic part number angle and profle s - straight w - 90 elbow finish symbol ( see table iii) connector designator: h mil-dtl-38999 series iii and iv u dg123 and dg123a self-locking rotatable coupling standard profile
composite backshells a-43 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2009 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com a b c d e f g 377-040 composite fiber-optic strain-relief backshell with cable alignment grommet and self-locking rotatable coupling code u --- 2 4 5 8 11 16 21 29 code h 2 4 5 8 11 16 21 29 --- u --- 11 13 15 17 19 21 23 25 h 11 13 15 17 19 21 23 25 --- * use glenair 687-142 seal plug in vacant holes j ref. .27 (6.9) .33 (8.4) .39 (9.9) .51 (13.0) .64 (16.3) .77 (19.6) .84 (21.3) .84 (21.3) .89 (22.6) h (max) 1.41 (35.8) 1.41 (35.8) 1.41 (35.8) 1.64 (41.7) 1.64 (41.7) 1.89 (48.0) 1.89 (48.0) 2.16 (54.9) 2.16 (54.9) shell size for conn. desig. table ii: connector shell size order number e .06 (1.5) 1.70 (43.2) 1.78 (45.2) 1.82 (46.2) 1.89 (48.0) 1.93 (49.0) 2.00 (50.8) 2.08 (52.8) 2.14 (54.4) 2.22 (56.4) f .09 (2.3) 2.39 (60.7) 2.47 (62.7) 2.51 (63.8) 2.70 (68.6) 2.74 (69.6) 2.94 (74.7) 3.02 (76.7) 3.20 (81.3) 3.28 (83.3) g .06 (1.5) 1.90 (48.3) 1.96 (49.8) 2.02 (51.3) 2.09 (53.1) 2.13 (54.1) 2.19 (55.6) 2.25 (57.2) 2.32 (58.9) 2.39 (60.7) k (# of holes)* table iii: finish symbol finish description xb no plating - black color (non-conductive finish) xo no plating - brown color (non-conductive finish) notes see table i in intro for front-end dimensional details. 1. metric dimensions (mm) are in parentheses and are for reference only 2.


▲Up To Search▲   

 
Price & Availability of 377HS040XM25AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X