Part Number Hot Search : 
LSM770 STA323W 2SD14 TA8563FN 20N50C1 TMG16C60 ANSR2N7 STM446
Product Description
Full Text Search
 

To Download 2SC3935 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors 1 publication date: february 2003 sjc00145bed 2SC3935 silicon npn epitaxial planar type for high-frequency amplification/oscillation/mixing features ? high transition frequency f t ? small collector output capacitance (common base, input open cir- cuited) c ob and reverse transfer capacitance (common base) c rb ? s-mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing absolute maximum ratings t a = 25 c parameter symbol rating unit collector-base voltage (emitter open) v cbo 15 v collector-emitter voltage (base open) v ceo 10 v emitter-base voltage (collector open) v ebo 3v collector current i c 50 ma collector power dissipation p c 150 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c parameter symbol conditions min typ max unit collector-emitter voltage (base open) v ceo i c = 2 ma, i b = 010v emitter-base voltage (collector open) v ebo i e = 10 a, i c = 03v collector-base cutoff current (emitter open) i cbo v cb = 10 v, i e = 01 a collector-emitter cutoff current (base open) i ceo v ce = 10 v, i b = 010 a forward current transfer ratio h fe1 * 1 v ce = 2.4 v, i c = 7.2 ma 75 220 ? h fe2 v ce = 2.4 v, i c = 100 a75 h fe ratio ? h fe * 2 h fe2 : v ce = 2.4 v, i c = 100 a 0.75 1.60 ? h fe1 : v ce = 2.4 v, i c = 7.2 ma collector-emitter saturation voltage v ce(sat) i c = 20 ma, i b = 4 ma 0.5 v transition frequency f t v ce = 2.4 v, i c = 7.2 ma, f = 200 mhz 1.4 1.9 2.5 ghz collector output capacitance c ob v cb = 4 v, i e = 0, f = 1 mhz 0.9 1.1 pf (common base, input open circuited) reverse transfer capacitance c rb v cb = 4 v, i e = 0, f = 1 mhz 0.25 0.35 pf (common base) collector-base parameter r bb ' ? c c v cb = 4 v, i e = ? 5 ma, f = 31.9 mhz 11.8 13.5 ps electrical characteristics t a = 25 c 3 c note) 1. measuring methods are based on japanese industrial standard jis c 7030 measuring methods for transistors. 2. * 1: rank classification rank p q h fe 75 to 130 110 to 220 2.1 0.1 1.3 0.1 0.3 +0.1 ?0.0 2.0 0.2 1.25 0.10 (0.425) 1 3 2 (0.65) (0.65) 0.2 0.1 0.9 0.1 0 to 0.1 0.9 +0.2 ?0.1 0.15 +0.10 ?0.05 5? 10? 1: base 2: emitter 3: collector eiaj: sc-70 smini3-g1 package marking symbol: 1s * 2: ? h fe = h fe2 / h fe1
2SC3935 2 sjc00145bed v ce(sat) ? i c h fe ? i c f t ? i e p c ? t a i c ? v ce i c ? v be c ob ? v cb 0 160 40 120 80 0 200 160 120 80 40 collector power dissipation p c ( mw ) ambient temperature t a ( c ) 012 10 8 26 4 0 80 60 20 40 t a = 25 c 400 a 300 a 200 a 100 a i b = 500 a collector current i c ( ma ) collector-emitter voltage v ce ( v ) 0 2.0 1.6 0.4 1.2 0.8 0 60 50 40 30 20 10 v ce = 4 v t a = 75 c ? 25 c 25 c base-emitter voltage v be ( v ) collector current i c ( ma ) 0.1 1 10 100 0.01 0.1 1 10 100 i c / i b = 10 t a = 75 c 25 c ? 25 c collector-emitter saturation voltage v ce(sat) ( v ) collector current i c ( ma ) 0.1 1 10 100 0 360 300 240 180 120 60 v ce = 4 v t a = 75 c 25 c ? 25 c forward current transfer ratio h fe collector current i c ( ma ) ? 0.1 ? 1 ? 10 ? 100 0 4 3 1 2 v cb = 4 v t a = 25 c transition frequency f t ( ghz ) emitter current i e ( ma ) 1 10 100 0 1.6 1.2 0.4 0.8 i e = 0 f = 1 mhz t a = 25 c collector-base voltage v cb ( v ) collector output capacitance (common base, input open circuited) c ob (pf)
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technologies described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteris- tics and applied circuits examples of the products. it neither warrants non-infringement of intellec- tual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) the products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instru- ments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maxi- mum rating, the range of operating power supply voltage, and heat radiation characteristics. other- wise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2002 jul


▲Up To Search▲   

 
Price & Availability of 2SC3935

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X