Part Number Hot Search : 
1N459 BR005 9LV16 9LV16 K4H56 10401 NJM2041L 0512S
Product Description
Full Text Search
 

To Download STB3NK60Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/15 october 2002 stp3nk60z - stp3nk60zfp STB3NK60Z-std3nk60z-std3nk60z-1 n-channel 600v - 3.3 w - 2.4a to-220/fp/d2pak/dpak/ipak zener-protected supermesh?power mosfet n typical r ds (on) = 3.3 w n extremely high dv/dt capability n 100% avalanche tested n gate charge minimized n very low intrinsic capacitances n very good manufacturing repeatibility description the supermesh? series is obtained through an extreme optimization of sts well established strip- based powermesh? layout. in addition to pushing on-resistance significantly down, special care is tak- en to ensure a very good dv/dt capability for the most demanding applications. such series comple- ments st full range of high voltage mosfets in- cluding revolutionary mdmesh? products. applications n high current, high speed switching n ideal for off-line power supplies, adaptors and pfc n lighting ordering information type v dss r ds(on) i d pw stp3nk60z stp3nk60zfp STB3NK60Z std3nk60z std3nk60z-1 600 v 600 v 600 v 600 v 600 v < 3.6 w < 3.6 w < 3.6 w < 3.6 w < 3.6 w 2.4 a 2.4 a 2.4 a 2.4 a 2.4 a 45 w 20 w 45 w 45 w 45 w sales type marking package packaging stp3nk60z p3nk60z to-220 tube stp3nk60zfp p3nk60zfp to-220fp tube STB3NK60Zt4 b3nk60z d 2 pa k tape & reel std3nk60z-1 d3nk60z ipak tube std3nk60zt4 d3nk60z dpak tape & reel to-220 to-220fp 1 2 3 1 3 dpak 3 2 1 ipak 1 3 d 2 pak internal schematic diagram
stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 2/15 absolute maximum ratings ( l ) pulse width limited by safe operating area (1) i sd 2.4 a, di/dt 200a/s, v dd v (br)dss , t j t jmax. (*) limited only by maximum temperature allowed thermal data avalanche characteristics gate-source zener diode protection features of gate-to-source zener diodes the built-in back-to-back zener diodes have specifically been designed to enhance not only the devices esd capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. in this respect the zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the devices integrity. these integrated zener diodes thus avoid the usage of external components. symbol parameter value unit stp3nk60z STB3NK60Z stp3nk60zfp std3nk60z std3nk60z-1 v ds drain-source voltage (v gs = 0) 600 v v dgr drain-gate voltage (r gs = 20 k w ) 600 v v gs gate- source voltage 30 v i d drain current (continuous) at t c = 25c 2.4 2.4 (*) 2.4 (*) a i d drain current (continuous) at t c = 100c 1.51 1.51 (*) 1.51 (*) a i dm ( l ) drain current (pulsed) 9.6 9.6 (*) 9.6 (*) a p tot total dissipation at t c = 25c 45 20 45 w derating factor 0.36 0.16 0.36 w/c v esd(g-s) gate source esd(hbm-c=100pf, r=1.5k w) 4000 v dv/dt (1) peak diode recovery voltage slope 4.5 v/ns v iso insulation withstand voltage (dc) - 2500 - v t j t stg operating junction temperature storage temperature -55 to 150 c to-220 d 2 pak to-220fp dpak ipak rthj-case thermal resistance junction-case max 2.78 6.25 2.78 c/w rthj-amb thermal resistance junction-ambient max 62.5 100 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 2.4 a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 150 mj symbol parameter test conditions min. typ. max. unit bv gso gate-source breakdown voltage igs= 1ma (open drain) 30 v
3/15 stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 electrical characteristics (t case =25c unless otherwise specified) on/off dynamic switching on switching off source drain diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by safe operating area. 3. c oss eq. is defined as a constant equivalent capacitance giving the same charging time as c oss when v ds increases from 0 to 80% v dss . symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 600 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating, t c = 125 c 1 50 a a i gss gate-body leakage current (v ds = 0) v gs = 20 v 10 a v gs(th) gate threshold voltage v ds = v gs , i d = 50 a 3 3.75 4.5 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 1.2 a 3.3 3.6 w symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds = 20 v , i d = 1.2 a 1.8 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v, f = 1 mhz, v gs = 0 311 43 8 pf pf pf c oss eq. (3) equivalent output capacitance v gs = 0, v ds = 0 to 400 v 26 pf symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd = 300 v, i d = 1.5 a r g = 4.7 w v gs = 10 v (resistive load see, figure 3) 9 14 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 400 v, i d = 2.4 a, v gs = 10 v 11 .8 2.6 6.4 nc nc nc symbol parameter test conditions min. typ. max. unit t d(off) t f turn-off delay time fall time v dd = 480 v, i d = 3 a r g =4.7 w v gs = 10 v (resistive load see, figure 3) 19 14 ns ns t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 480 v, i d = 3 a, r g =4.7 w, v gs = 10 v (inductive load see, figure 5) 11 14 24 ns ns ns symbol parameter test conditions min. typ. max. unit i sd i sdm (2) source-drain current source-drain current (pulsed) 2.4 9.6 a a v sd (1) forward on voltage i sd = 2.4 a, v gs = 0 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 3 a, di/dt = 100a/s v dd = 35v, t j = 150c (see test circuit, figure 5) 306 948 6.2 ns nc a
stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 4/15 output characteristics safe operating area safe operating area for to-220fp thermal impedance for to-220fp thermal impedance transfer characteristics
5/15 stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 transconductance normalized gate threshold voltage vs temp. static drain-source on resistance transconductance normalized on resistance vs temperature capacitance variations gate charge vs gate-source voltage
stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 6/15 maximum avalanche energy vs temperature normalized bvdss vs temperature source-drain diode forward characteristics
7/15 stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 fig. 5: test circuit for inductive load switching and diode recovery times fig. 4: gate charge test circuit fig. 2: unclamped inductive waveform fig. 1: unclamped inductive load test circuit fig. 3: switching times test circuit for resistive load
stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 8/15 dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c
9/15 stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data
stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 10/15 dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.21 1.36 0.047 0.053 d 8.95 9.35 0.352 0.368 e 10 10.4 0.393 0.409 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.624 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 l2 l3 l b2 b g e a c2 d c a1 det ail "a" det ail "a" a2 p011p6/e to-263 (d 2 pak) mechanical data
11/15 stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 dim. mm inch min. typ. max. min. typ. max. a 2.20 2.40 0.087 0.094 a1 0.90 1.10 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.213 c 0.45 0.60 0.018 0.024 c2 0.48 0.60 0.019 0.024 d 6.00 6.20 0.236 0.244 e 6.40 6.60 0.252 0.260 g 4.40 4.60 0.173 0.181 h 9.35 10.10 0.368 0.398 l2 0.8 0.031 l4 0.60 1.00 0.024 0.039 v2 0 o 8 o 0 o 0 o p032p_b to-252 (dpak) mechanical data
stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 12/15 dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a3 0.7 1.3 0.027 0.051 b 0.64 0.9 0.025 0.031 b2 5.2 5.4 0.204 0.212 b3 0.85 0.033 b5 0.3 0.012 b6 0.95 0.037 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 15.9 16.3 0.626 0.641 l 9 9.4 0.354 0.370 l1 0.8 1.2 0.031 0.047 l2 0.8 1 0.031 0.039 a c2 c a3 h a1 d l l2 l1 1 3 = = b3 b b6 b2 e g = = = = b5 2 to-251 (ipak) mechanical data 0068771-e
13/15 stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 tape and reel shipment (suffix t4)* tube shipment (no suffix)* dpak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters all dimensions are in millimeters
stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 14/15 tape and reel shipment (suffix t4)* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
15/15 stp3nk60z /fp - STB3NK60Z - std3nk60z - std3nk60z-1 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no res ponsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devi ces or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2002 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of STB3NK60Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X